Part Number Hot Search : 
PN7362 B8279 D96L6L 85C12 LVG32643 20800SAE 7808V AD50621
Product Description
Full Text Search
 

To Download MAX6410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2041; Rev 1; 8/01
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
General Description
The MAX6406-MAX6411 is a family of ultra-low power circuits used for monitoring battery, power-supply, and regulated system voltages. Each detector contains a precision bandgap reference comparator and is trimmed to specified trip threshold voltages. These devices provide excellent circuit reliability and low cost by eliminating external components and adjustments when monitoring system voltages from 2.5V to 5.0V. A manual reset input is also included. The MAX6406-MAX6411 assert a signal whenever the V CC supply voltage falls below a preset threshold. These devices are differentiated by their output logic configurations and preset threshold voltages. The MAX6406/MAX6409 (push-pull) and the MAX6408/ MAX6411 (open-drain) have an active-low output (OUT is logic low when VCC is below VTH). The MAX6407/ MAX6410 have an active-high push-pull output (OUT is logic high when VCC is below VTH). All parts are guaranteed to be in the correct output logic state for VCC down to 1V. The detector is designed to ignore fast transients on V CC . The MAX6406/MAX6407/ MAX6408 have voltage thresholds between 2.20V and 3.08V in approximately 100mV increments. The MAX6409/MAX6410/MAX6411 have voltage thresholds between 3.30V and 4.63V in approximately 100mV increments. Ultra-low supply current of 500nA (MAX6406/MAX6407/ MAX6408) makes these parts ideal for use in portable equipment. These devices are available in 4-bump chip-scale packages (UCSP).
Features
o Tiny 4-Bump (2 X 2) Chip-Scale Package, (Package Pending Full Qualification--Expected Completion Date 6/30/01. See UCSP Reliability Section for More Details.) o 70% Smaller Than SC70 Packages o Ultra-Low 500nA Supply Current (MAX6406/MAX6407/MAX6408) o Factory-Trimmed Reset Thresholds from 2.20V to 4.63V in Approximately 100mV Increments o 2.5% Threshold Accuracy (-40C to +85C) o Manual Reset Input o Guaranteed OUT Valid to VCC = 1.0V o Three Reset Output Logic Options: Active-Low Push-Pull, Active-High Push-Pull, and Active-Low Open-Drain o Immune to Short VCC Transients o No External Components
MAX6406-MAX6411
Ordering Information
PART MAX6406BS_ _-T MAX6407BS_ _-T MAX6408BS_ _-T MAX6409BS_ _-T MAX6410BS_ _-T MAX6411BS_ _-T TEMP. RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE UCSP-4 UCSP-4 UCSP-4 UCSP-4 UCSP-4 UCSP-4
Applications
Portable/Battery-Powered Equipment Cell Phones PDAs MP3 Players Pagers
Selector Guide
PART MAX6406 MAX6407 MAX6408 MAX6409 MAX6410 MAX6411 NOMINAL VTH (V) 2.20 to 3.08 2.20 to 3.08 2.20 to 3.08 3.30 to 4.63 3.30 to 4.63 3.30 to 4.63 OUT/OUT Output Type Push-Pull, Active-Low Push-Pull, Active-High Open-Drain, Active-Low Push-Pull, Active-Low Push-Pull, Active-High Open-Drain, Active-Low
The MAX6406-MAX6411 are available in factory-set VCC detector thresholds from 2.20V to 4.63V, in approximately 0.1V increments. Choose the desired threshold suffix from Table 1 and insert it in the blank space following "S". There are 21 standard versions with a required order increment of 2500 pieces. Sample stock is generally held on the standard versions only (Table1). Required order increment is 10,000 pieces for nonstandard versions (Table 2). Contact factory for availability. All devices available in tape-and-reel only. UCSP reliability is integrally linked to the user's assembly methods, circuit board material, and environment. Refer to the UCSP Reliability Notice in the UCSP Reliability section of this data sheet for more information. Pin Configuration appears at end of data sheet. UCSP is a trademark of Maxim Integrated Products, Inc.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package MAX6406-MAX6411
ABSOLUTE MAXIMUM RATINGS
All voltages measured to GND unless otherwise noted. VCC ..........................................................................-0.3V to +6V OUT/OUT ...................................................-0.3V to (VCC + 0.3V) OUT (open-drain) .....................................................-0.3V to +6V MR ..............................................................-0.3V to (VCC + 0.3V) Input/Output Current into Any Pin .......................................20mA Continuous Power Dissipation (TA = +70C) 4-Pin/Bump UCSP (derate 3.8mW/C above +70C)....303mW Operating Temperature Range ..........................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range ............................-65C to +160C Bump Reflow Temperature .............................................+235C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = 1.0V to 5.5V, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = 3V and TA = +25C.) (Note1)
PARAMETER Supply Voltage Range SYMBOL VCC CONDITIONS TA = 0C to +70C TA = -40C to +85C MAX6406/MAX6407/MAX6408 VCC = 3.0V for VTH 2.93V, VCC = 3.2V for VTH > 2.93V, no load VCC = 5.5V, no load Detector Threshold Voltage Threshold Hysteresis Detector Threshold Tempco VTH/C VIL MR Input VIH VIL VIH MR Minimum Input Pulse Width MR Glitch Rejection MR to OUT/OUT Delay MR Pullup Resistance Propagation Delay Startup Time OUT Output Voltage Low (MAX6406/MAX6408/MAX6409/ MAX6411) VOL VCC = (VTH + 100mV) to (VTH - 100mV) VCC = (VTH - 100mV) to (VTH + 100mV) VCC = 0 to VTH (min) ISINK = 1.6mA, VCC 2.1V, OUT asserted ISINK = 100A, VCC 1.2V, OUT asserted ISOURCE = 500A, VCC = 3.2V, MAX6406, OUT not asserted OUT Output Voltage High (MAX6406/MAX6409) VOH ISOURCE = 800A, VCC = 4.5V, VTH 4.38V, OUT not asserted ISOURCE = 800A, VCC = VTH (max), VTH 4.5V, OUT not asserted 0.8 x VCC 0.8 x VCC 0.8 x VCC V 25 tMD VTH > 4.0V VTH 4.0V 2.0 0.2 x VCC 0.7 x VCC 1 100 200 50 20 42 88 0.3 V 0.4 75 s ns ns k s s VTH Table 1 TA = +25C TA = -40C to +85C MIN 1.0 1.2 0.5 1.0 TYP MAX 5.5 5.5 1.0 1.75 V mV ppm/C 0.8 V UNITS V
Supply Current
ICC
A
VTH - 1.5% VTH VTH + 1.5% VTH - 2.5% VTH VTH + 2.5% 6.3 9.5 40
MAX6406/MAX6407/MAX6408 MAX6409/MAX6410/MAX6411
2
_______________________________________________________________________________________
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.0V to 5.5V, TA = -40C to +85C, unless otherwise noted. Typical values are at VCC = 3V and TA = +25C.) (Note1)
PARAMETER SYMBOL CONDITIONS ISOURCE = 500A, VCC 2.1V, OUT asserted VOH ISOURCE = 50A, VCC 1.2V, OUT asserted ISINK = 1.2mA, VCC 3.2V, OUT not asserted, MAX6407 only VOL ISINK = 3.2mA, VCC 4.5V, OUT not asserted, VTH 4.38V ISINK = 3.2mA, VCC = VTH (max), VTH 4.5V, OUT not asserted Open-Drain OUT Output Leakage Current (Note 2) OUT not asserted MIN 0.8 x VCC 0.8 x VCC 0.3 0.4 0.4 0.1 A V TYP MAX UNITS
MAX6406-MAX6411
OUT Output Voltage (MAX6407/MAX6410)
Note 1: Production testing done at +25C only. Overtemperature limits are guaranteed by design and not production tested. Note 2: Guaranteed by design.
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
MAX6406-11 toc01
PROPAGATION DELAY (VCC FALLING) vs. TEMPERATURE
VOD = OVERDRIVE VOLTAGE PROPAGATION DELAY (s) 200
MAX6406-11 toc02
1.0 0.9 0.8 SUPPLY CURRENT (A) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40 -20 0 20 40 60 80 TEMPERATURE (C) VCC = 1.2V VCC = 3.3V VCC = 5V
250
150 VOD = 10mV 100 VOD = 20mV VOD = 200mV 50 VOD = 100mV
0 -40 -20 0 20 40 60 80 TEMPERATURE (C)
_______________________________________________________________________________________
3
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package MAX6406-MAX6411
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
PROPAGATION DELAY (VCC RISING) vs. TEMPERATURE
MAX6406-11 toc03
MAXIMUM TRANSIENT DURATION vs. THRESHOLD OVERDRIVE
OUT/OUT IS ASSERTED ABOVE LINE MAXIMUM TRANSIENT DURATION (s) 400
MAX6406-11 toc04
140 VOD = OVERDRIVE VOLTAGE 120 PROPAGATION DELAY (s) 100 80 60 VOD = 100mV 40 20 0 -40 -20 0 20 40 60 80 TEMPERATURE (C) VOD = 200mV VOD = 20mV VOD = 10mV
500
300
200
100
0 1 10 100 1000 THRESHOLD OVERDRIVE VTH - VCC (mV)
Pin Description
PIN MAX6406/MAX6408 MAX6409/MAX6411 A1 NAME MAX6407/MAX6410 A1 GND OUT Ground Active-Low Output. OUT remains low while VCC is below the threshold. OUT is open-drain on the MAX6408/MAX6411 and push-pull on the MAX6406/MAX6409. Active-High Output. OUT remains high while VCC is below the threshold. Active-Low Manual Reset. Internal 50k pullup to VCC. Pull low to assert the output. OUT remains asserted as long as MR is low. Leave unconnected or connect to VCC if unused. Supply Voltage and Input for the Voltage Detector. FUNCTION
B1
--
--
B1
OUT
B2 A2
B2 A2
MR VCC
4
_______________________________________________________________________________________
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Table 1. Factory-Trimmed Thresholds
Threshold Voltage, VTH (V) PART SUFFIX MIN 22* 23* 24 25 MAX6406BS MAX6407BS MAX6408BS 26* 27 28 29* 30 31* 33 34 35 36 37 38 MAX6409BS MAX6410BS MAX6411BS 39 40 41 42 43 44* 45 46* 2.167 2.285 2.364 2.462 2.591 2.660 2.758 2.886 2.955 3.034 3.250 3.349 3.447 3.546 3.644 3.743 3.841 3.940 4.038 4.137 4.235 4.314 4.432 4.560 TA = +25C TYP 2.200 2.320 2.400 2.500 2.630 2.700 2.800 2.930 3.000 3.080 3.300 3.400 3.500 3.600 3.700 3.800 3.900 4.000 4.100 4.200 4.300 4.380 4.500 4.630 MAX 2.233 2.355 2.436 2.537 2.669 2.741 2.842 2.974 3.045 3.126 3.350 3.451 3.552 3.654 3.755 3.857 3.958 4.060 4.161 4.263 4.364 4.446 4.567 4.699 TA = -40C to +85C MIN 2.145 2.262 2.340 2.437 2.564 2.633 2.730 2.857 2.925 3.003 3.217 3.315 3.412 3.510 3.607 3.705 3.802 3.900 3.997 4.095 4.192 4.270 4.387 4.514 MAX 2.250 2.375 2.460 2.562 2.692 2.768 2.870 3.000 3.075 3.150 3.383 3.485 3.587 3.690 3.792 3.895 3.997 4.100 4.202 4.305 4.407 4.489 4.612 4.746
MAX6406-MAX6411
Factory-trimmed voltage thresholds are available in approximately 100mV increments with a 1.5% room temperature variance. Note: Parts marked with an asterisk (*) are standard versions.
_______________________________________________________________________________________
5
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package MAX6406-MAX6411
Table 2. Device Marking Codes
PART MAX6406BS31-T MAX6406BS30-T MAX6406BS29-T MAX6406BS28-T MAX6406BS27-T MAX6406BS26-T MAX6406BS25-T MAX6406BS24-T MAX6406BS23-T MAX6406BS22-T TOP MARK AEF AEE AED AEC AEB AEA ADZ ADY ADX ADW PART MAX6407BS31-T MAX6407BS30-T MAX6407BS29-T MAX6407BS28-T MAX6407BS27-T MAX6407BS26-T MAX6407BS25-T MAX6407BS24-T MAX6407BS23-T MAX6407BS22-T TOP MARK AEP AEO AEN AEM AEL AEK AEJ AEI AEH AEG PART MAX6408BS31-T MAX6408BS30-T MAX6408BS29-T MAX6408BS28-T MAX6408BS27-T MAX6408BS26-T MAX6408BS25-T MAX6408BS24-T MAX6408BS23-T MAX6408BS22-T TOP MARK AEZ AEY AEX AEW AEV AEU AET AES AER AEQ
PART MAX6409BS46-T MAX6409BS45-T MAX6409BS44-T MAX6409BS43-T MAX6409BS42-T MAX6409BS41-T MAX6409BS40-T MAX6409BS39-T MAX6409BS38-T MAX6409BS37-T MAX6409BS36-T MAX6409BS35-T MAX6409BS34-T MAX6409BS33-T
TOP MARK AFN AFM AFL AFK AFJ AFI AFH AFG AFF AFE AFD AFC AFB AFA
PART MAX6410BS46-T MAX6410BS45-T MAX6410BS44-T MAX6410BS43-T MAX6410BS42-T MAX6410BS41-T MAX6410BS40-T MAX6410BS39-T MAX6410BS38-T MAX6410BS37-T MAX6410BS36-T MAX6410BS35-T MAX6410BS34-T MAX6410BS33-T
TOP MARK AAX AAW AAV AAU AAT AAS AAR AAQ AAP AAO AAN AAM AAL AAK
PART MAX6411BS46-T MAX6411BS45-T MAX6411BS44-T MAX6411BS43-T MAX6411BS42-T MAX6411BS41-T MAX6411BS40-T MAX6411BS39-T MAX6411BS38-T MAX6411BS37-T MAX6411BS36-T MAX6411BS35-T MAX6411BS34-T MAX6411BS33-T
TOP MARK ABL ABK ABJ ABI ABH ABG ABF ABE ABD ABC ABB ABA AAZ AAY
Detailed Description
Manual Reset Input
Many P-based products require manual reset capability, allowing the operator, a test technician, or external logic circuit to initiate a reset. A logic low on MR asserts OUT/OUT. OUT/OUT remains asserted while MR is low. This input has an internal 50k pullup resistor, so it can be left open if it is not used. MR can be driven with TTL or CMOS logic levels, or with open-drain/collector outputs. Connect a normally open momentary switch from MR to GND to create a manual reset function. If MR is driven from long cables or if the device is used in a noisy environment, connect a 0.1F capacitor from MR to ground to provide additional noise immunity.
6
Applications Information
Interfacing to Different Logic Voltage Components
The MAX6408/MAX6411 have an active-low, opendrain output. This output structure will sink current when OUT is asserted. Connect a pullup resistor from OUT to any supply voltage up to 5.5V (Figure 1). Select a resistor value large enough to allow a valid logic low (see Electrical Characteristics), and small enough to register a logic high while supplying all input currents and leakage paths connected to the OUT line.
_______________________________________________________________________________________
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package MAX6406-MAX6411
VIN
DC/DC CONVERTER
VOUT
REGULATED 3.0V
VCC
3.6V Li+ VCC
P
MAX6408/ MAX6411
MR (OPEN-DRAIN)
GND
OUT
SUSPEND
Figure 1. Interfacing to Different Logic Voltage Components
Negative-Going VCC Transients
These devices are relatively immune to short-duration, negative-going VCC transients (glitches). The Typical Operating Characteristics show the Maximum Transient Duration vs. Threshold Overdrive graph, for which output pulses are not generated. The graph shows the maximum pulse width that a negativegoing V CC transient may typically have before the devices issue output signals. As the amplitude of the transient increases, the maximum allowable pulse width decreases. TRANSISTOR COUNT: 512 PROCESS: BiCMOS
Chip Information
UCSP Reliability
The chip-scale package (UCSP) represents a unique packaging form factor that may not perform equally to a packaged product through traditional mechanical reliability tests. CSP reliability is integrally linked to the user's assembly methods, circuit board material, and usage environment. The user should closely review these areas when considering use of a CSP package. Performance through Operating Life Test and Moisture Resistance remains uncompromised as it is primarily determined by the wafer-fabrication process. Mechanical stress performance is a greater consideration for a CSP package. CSPs are attached through direct solder contact to the user's PC board, foregoing the inherent stress relief of a packaged product lead frame. Solder joint contact integrity must be considered. Information on Maxim's qualification plan, test data, and usage recommendations are detailed in the UCSP application note, which can be found on Maxim's website at www.maxim-ic.com.
Pin Configuration
TOP VIEW AFTER ASSEMBLED ON PC BOARD (BUMPS AT THE BOTTOM) GND A1 45 MIL OUT (OUT) B1 45 MIL MR B2 VCC A2
MAX6406MAX6411
UCSP
( ) ARE FOR MAX6407/MAX6410
_______________________________________________________________________________________
7
Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package MAX6406-MAX6411
Package Information
4L, UCSP 2x2.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2001 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX6410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X