Part Number Hot Search : 
TLP261J 2SA1600 200BZXC 58010 SF1200B 030D06E2 DS1220Y 124ML
Product Description
Full Text Search
 

To Download MAX2206EVKIT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-2468; Rev 1; 5/02
MAX2205-MAX2208 Evaluation Kits
General Description
The MAX2205-MAX2208 evaluation kits (EV kits) simplify the evaluation of the MAX2205-MAX2208 RF power detectors. They enable testing of all functions, with no additional support circuitry. The RF input utilizes a 50 SMA connector for convenient connection to test equipment. o 50 SMA Connector on RF Input o Fully Assembled and Tested
Features
o +2.7V to +5V Single-Supply Operation
Evaluate: MAX2205-MAX2208
Ordering Information
PART MAX2205EVKIT MAX2206EVKIT MAX2207EVKIT MAX2208EVKIT TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C IC PACKAGE 2 x 2 UCSP 2 x 2 UCSP 2 x 2 UCSP 2 x 2 UCSP
MAX2205 Component List
DESIGNATION C1 QTY 1 DESCRIPTION 47pF 5% ceramic capacitor (0402) Murata GRP1555CIH470J 27pF 5% ceramic capacitor (0402) Murata GRP1555CIH270J 22F electrolytic capacitor, B case size AVX TAJB226K010 Not installed SMA connector, edge mount, 0.031in EFJohnson 142-0701-881 2-pin headers, 0.1in centers 1-pin header 3-pin header, 0.1in center 10k 5% resistor (0402) 680 5% resistor (0402) 200 5% resistors (0402) MAX2205EBS
MAX2206/MAX2207/MAX2208 Component List
DESIGNATION C1 QTY 1 DESCRIPTION 47pF 5% ceramic capacitor (0402) Murata GRP1555CIH470J 27pF 5% ceramic capacitor (0402) Murata GRP1555CIH270J 22F capacitor, electrolytic, B case size AVX TAJB226K010 Not installed SMA connector, edge mount, 0.031in EFJohnson 142-0701-881 12-pin headers, 0.1in centers 1-pin header 3-pin header, 0.1in center 240 5% resistor (0402) 0 5% resistor (0402) (MAX2207/MAX2208), 10 5% resistor (MAX2206) MAX2206EBS (MAX2206EVKIT) MAX2207EBS (MAX2207EVKIT) MAX2208EBS (MAX2208EVKIT)
C2
1
C2
1
C3 C4 SMA J1, J2 J3 JU1 R1 R2 R3-R6 U1
1 1 1 2 1 1 1 1 4 1
C3 C4 SMA J1, J2 J3 JU1 R1 R2
1 1 1 2 1 1 1 1
U1
1
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
MAX2205-MAX2208 Evaluation Kits Evaluate: MAX2205-MAX2208
Quick Start
The MAX2205-MAX2208 EV kits are fully assembled and factory tested. Follow the instructions in the Connections and Setup section for proper device setup.
Test Equipment Required
EQUIPMENT Signal Generator with Digital Modulation Capabilities Power Meter Power Supply Digital Multimeters (DMMs) DESCRIPTION Capable of delivering continuous wave (CW), CDMA, and TDMA signals with +15dBm output power To accurately measure the power into the RF input Capable of up to 10mA at +2.7V to +6V To measure output voltage and supply and output current
Connections and Setup
This section provides a step-by-step guide to operating the EV kits and testing the devices' functions. Do not turn on DC power or RF signal generators until all connections are made: 1) Set the SHDN jumper (JU1) on the EV kit to ON. This enables the device. 2) Connect a DC supply set to +2.85V (through a DMM, if desired) to the VCC and GND terminals on the EV kit. If available, set the current limit to 10mA. Do not turn on the supply. 3) Connect the output (J3) to a DMM to measure output voltage. 4) Set the signal generator output to +15dBm, f = 800MHz. For the MAX2206, use a CW input from the signal generator to the RF input. For the MAX2207, use a TDMA input. For the MAX2205/MAX2208, use a CDMA input. Using the power meter, determine the actual power output of the signal generator. Use this value to determine proper operation of the part. 5) Connect the signal generator to the SMA connector. Do not turn on the signal generator. 6) Turn on the DC supply; the supply current should read approximately 3.5mA (MAX2206) or 2mA (MAX2205/MAX2207/MAX2208), depending on the part being tested. 7) Activate the signal generator. The output voltage should read approximately +1.8V for the MAX2206/ MAX2207/MAX2208, or +0.25V for the MAX2205.
2
_______________________________________________________________________________________
MAX2205-MAX2208 Evaluation Kits Evaluate: MAX2205-MAX2208
VCC
JU1
SMA
C1 47pF R2 680
R1 10k 5% A1 B1 RFIN/SHDN GND U1 VCC OUT A2 B2
VCC
R3 200
R4 200
R5 200
R6 200
MAX2205
C2 27pF
C4 N/I VCC J1 C3 22F J3
J2
Figure 1. MAX2205 EV Kit Schematic
VCC 1 2 3 R2 10 (MAX2206) 0 (MAX2207/MAX2208) SMA C1 47pF
JU1 R1 240 A1 RFIN/SHDN VCC A2 C2 27pF C3 22F J1 J2
B1
GND
MAX2206 MAX2207 MAX2208
OUT
B2
C4 N/I
J3
Figure 2. MAX2206/MAX2207/MAX2208 EV Kit Schematic
_______________________________________________________________________________________
3
MAX2205-MAX2208 Evaluation Kits Evaluate: MAX2205-MAX2208
1.0"
Figure 3. MAX2205 EV Kit Component Placement Guide-- Secondary/Bottom Component Side
1.0"
Figure 4. MAX2205 EV Kit Component Placement Guide-- Bottom Silkscreen
1.0"
Figure 5. MAX2205 EV Kit Component Placement Guide--Top Silkscreen
1.0"
Figure 6. MAX2205 EV Kit Component Placement Guide-- Component Side
4
_______________________________________________________________________________________
MAX2205-MAX2208 Evaluation Kits Evaluate: MAX2205-MAX2208
1.0"
Figure 7. MAX2206/MAX2207/MAX2208 EV Kit Component Placement Guide--Top Silkscreen
1.0"
Figure 8. MAX2206/MAX2207/MAX2208 EV Kit Component Placement Guide--Component Side
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ______________________5 (c) 2002 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX2206EVKIT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X