Part Number Hot Search : 
SSF1JG CX2024 N5672 C1510 X9C103 TPS2409 1N5231B 4ALVT
Product Description
Full Text Search
 

To Download MAX2107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADVANCEthis data sheet is preliminary INFORMATION All information in
and subject to change.
6/98
Direct-Conversion Tuner IC for Digital DBS Applications
General Description
The MAX2107 is a low-cost, direct-conversion tuner IC designed for use in digital, direct-broadcast-satellite (DBS) television set-top box units. Its direct-conversion architecture reduces system cost compared to devices with IF-based architectures. The MAX2107 directly tunes L-band signals to baseband using a broadband I/Q downconverter. Operating frequency range spans from at least 950MHz to 1450MHz. The IC includes an LNA with AGC, two downconverter mixers, an oscillator with 90 quadrature generator and prescaler, and baseband amplifiers.
____________________________Features
o Low-Cost Bipolar Design, Lowest Cost Architecture o Operates from Single +5V Supply o 950MHz to 1450MHz Input Frequency Range o On-Chip Oscillator o On-Chip Quadrature Generator, Dual-Modulus Prescaler (/64, /65) o Input Levels: -19dBm to -61dBm per Carrier o Over 40dB AGC Control Range o Noise Figure = 13.2dB; IIP3 = 6.5dBm (at 1450MHz) o Automatic Baseband Offset Correction o Easy Interface to MAX1002/MAX1003 Dual ADC and Popular Baseband ICs o Evaluation Kit Available, Tuner Reference Design Assistance Available
MAX2107
Applications
DirecTV, PrimeStar, EchoStar DBS Tuners DVB-Compliant DBS Tuners Cellular Base Stations Wireless Local Loop Broadband Systems LMDS
Ordering Information
PART MAX2107CWI TEMP. RANGE 0C to +70C PIN-PACKAGE 28 Wide SO
Functional Diagram
VCC 14 QOUT 13 GND 12 GND 11 AGC 10 GND 9 RFIN 8 RFIN 7 VCC 6 GND 5 VCC 4 GND 3 IOUT 2 VCC 1
Q
I
MAX2107
OFFSET CORRECTION 15 QDC 16 QDC 17 IDC 18 IDC 19 GND 20
0 90
164, 165
21 TANK
22 TANK
23 VCC
24 GND
25 PSGND
26 PSOUT
27 MOD
28 VCC
VCC
Patents pending
________________________________________________________________ Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 408-737-7600 ext. 3468.


▲Up To Search▲   

 
Price & Availability of MAX2107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X