Part Number Hot Search : 
0200CT D74LVC NSVS1106 ISL28474 MP3306 GA251 HI3026JC MC68HC05
Product Description
Full Text Search
 

To Download MAN6410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.560-INCH SEVEN SEGMENT DISPLAYS HIGH EFFICIENCY GREEN MAN6400 SERIES
PACKAGE DIMENSIONS
.985" (25.02 mm) .010" .500" (12.70 mm) A .750" (19.05 mm) +.010" F .560" (14.22 mm) E .066" DIA (1.68 mm) LIGHT INTENSITY CAT. .160" (4.06 mm) +.015" G D B C DP F E A G D B C DP
Description
The MAN6400 Series is a family of large digits which includes double and single digits. The series features the sculptured font which minimizes "gappiness" at the segment intersections. All models have right hand decimal points and are available in common anode or common cathode configuration. This device has a Grey face and clear segments to enhance ON and OFF contrast.
DIGIT = 1 PART IDENTIFICATION
.320" (8.13 mm) PART NO.
8 DATE CODE XYY Z
Features
* High Efficiency Green nitrogen-doped GaAsP on GaP * Large, easy to read, digits * Common anode or common cathode models * Fast switching -- excellent for multiplexing * Low power consumption * Bold solid segments that are highly legible * Solid state reliability -- long operation life * Rugged plastic construction * Directly compatible with integrated circuits * High brightness with high contrast * Categorized for Luminous Intensity (See Note 5) * Wide angle viewing...150 * Low forward voltage * Two-digit package simplifies alignment and assembly
.315" (8.00 mm) .010" .050" +.004" -.000" (1.27 mm)
PIN #1 (NOTE SQUARE .100" (2.54 mm) BASE ON LEAD)
.020" (0.51 mm) +.004" -.000"
.600" (15.24 mm) +.015"
.010" (0.25 mm) +.007" -.000"
.480" (12.20 mm) .010" A .750" (19.05 mm) +.010" .560" +0.010" (14.22 mm) F E G D B C DP .320" (8.13 mm) PART IDENTIFICATION .066" DIA 8 LIGHT INTENSITY CAT. DATE CODE PART NO. XYY Z .315" (8.00 mm) .010" .050" (1.27 mm) .020" (0.51 mm) +.004" -.000" .160" (4.06 mm) +.015"
Applications
For industrial and consumer applications such as: * * * * * Digital readout displays Instrument panels Point of sale equipment Digital clocks TV and radios
PIN #1 .100" TYP (2.54 mm)
PIN #5 .600" (15.24 mm) +.015" .010" (0.25 mm) +.007" -.000"
MODEL NUMBERS
Part Number MAN6410 MAN6440 MAN6460 MAN6980 Color High Eff. Green High Eff. Green High Eff. Green High Eff. Green Description 2 Digit; Common Anode; Rt. Hand Decimal 2 Digit; Common Cathode; Rt. Hand Decimal Single Digit; Common Anode; Rt. Hand Decimal Single Digit; Common Cathode; Rt. Hand Decimal Package Drawing A A B B Pin Out Specification A B C D
(c) 2003 Fairchild Semiconductor Corporation
Page 1 of 6
7/16/03
0.560-INCH SEVEN SEGMENT DISPLAYS HIGH EFFICIENCY GREEN MAN6400 SERIES
RECOMMENDED OPTICAL FILTERS
For optimum ON and OFF contrast, one of the following filters or equivalents should be used over the display: Device Type Filter Panelgraphic Green 48 Homalite 100-1440 Green Panelgraphic Grey 10 Homalite 100-1266 Grey
MAN6400 Series
ELECTRO-OPTICAL CHARACTERISTICS
(Per Diode 25C Free Air Temperature Unless Otherwise Specified)
Min. Luminous Intensity, digit average (See Note 1) Peak emission wavelength Spectral line half width Forward voltage Segment Decimal point Dynamic resistance Segment Decimal point Capacitance Segment Decimal point Reverse current Segment Decimal point Ratio IL 510 Typ. 2200 565 30 2.1 2.1 26 26 35 35 100 100 2:1 2.8 2.8 Max. Units cd nm nm V V pF pF A A -- Test Conditions IF = 10 mA
IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA V=0 V=0 VR = 3.0V VR = 3.0V IF = 10 mA
ABSOLUTE MAXIMUM RATINGS
MAN64X0 Power dissipation at 25C ambient Derate linearly from 50C Storage and operating temperature Continuous forward current Total Per segment Decimal point Reverse voltage Per segment Decimal point Soldering time at 260C (See Notes 3 and 4) 600mW -40C to +85C
30 mA 30 mA 6.0 V 6.0 V 5 sec.
(c) 2003 Fairchild Semiconductor Corporation
Page 2 of 6
7/16/03
0.560-INCH SEVEN SEGMENT DISPLAYS HIGH EFFICIENCY GREEN MAN6400 SERIES
TYPICAL THERMAL CHARACTERISTICS
Thermal resistance junction to free air JA Wavelength temperature coefficient (case temperature) Forward voltage temperature coefficient 160C/W 1.0A/C -2.0 mV/C
Notes: 1. The digit average Luminous Intensity is obtained by summing the Luminous Intensity of each segment and dividing by the total number of segments. Intensity will not vary more than 33.3% between all segments within a digit. 2. The curve in Figure 3 is normalized to the brightness at 25C to indicate the relative efficiency over the operating temperature range. 3. Leads of the device immersed to 1/16 inch from the body. Maximum device surface temperature is 140C. 4. For flux removal, Freon TF, Freon TE, Isoproponal or water may be used up to their boiling points. 5. All displays are categorized for Luminous Intensity. The Intensity category is marked on each part as a suffix letter to the part number.
ELECTRICAL CONNECTIONS
ELECTRICAL CONNECTIONS Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 A MAN6410 Cathode E 1 Cathode D 1 Cathode C 1 Cathode D.P. 1 Cathode E 2 Cathode D 2 Cathode G 2 Cathode C 2 Cathode D.P. 2 Cathode B 2 Cathode A 2 Cathode F 2 Anode Digit 2 Anode Digit 1 Cathode B 1 Cathode A 1 Cathode G 1 Cathode F 1 B MAN6440 Anode E 1 Anode D 1 Anode C 1 Anode D.P. 1 Anode E 2 Anode D 2 Anode G 2 Anode C 2 Anode D.P. 2 Anode B 2 Anode A 2 Anode F 2 Cathode Digit 2 Cathode Digit 1 Anode B 1 Anode A 1 Anode G 1 Anode F 1 C MAN6460 Cathode E Cathode D Common Anode Cathode C Cathode D.P. Cathode B Cathode A Common Anode Cathode F Cathode G D MAN6480 Anode E Anode D Common Cathode Anode C Anode D.P. Anode B Anode A Common Cathode Anode F Anode G
(c) 2003 Fairchild Semiconductor Corporation
Page 3 of 6
7/16/03
0.560-INCH SEVEN SEGMENT DISPLAYS HIGH EFFICIENCY GREEN MAN6400 SERIES
TYPICAL CHARACTERISTIC CURVES
100 90 80 70 60 50 40 30 20 10 0 1.0 4.0 Normalized at IF = 10 mA 3.0 2.0 1.0
(Dotted Line Indicates Pulsed Operation See Figs. 3, 5)
Relative Luminous Intensity
Forward Current IF = mA
0 4.0 0 5 10 15 20 25 DC Forward Current - IF mA 30
2.0 3.0 Forward Voltage (VF) - Volts
Fig. 1 Forward Current vs. Forward Voltage
Fig. 2. Relative Luminous Intensity vs. DC Forward Current
Maximum Peak Current mA
Relative Intensity %
1000 800 600 400 200 100 80 60 40 20 0 10 100 1000 Pulse Duration s 10000
10 KH 3.0 z KH 1.0 z KH 30 z 0H 10 z 0H z
130 120 110 100 90 80 70 -55 -25 0 25 50 75 Temperature - TA C 100
Normalized at 25C
Fig. 3 Maximum Peak Current vs. Pulse Duration
Fig. 4 Relative Luminous Intensity vs. Temperature
Relative Efficiency (IL at drive/IL at 10mA DC)
4.0 3.0 2.0 1.0
IF (AVG) = 20 mA 10 mA 5 mA 2.5 mA
0
2.0
5.0 19 20 % Duty Cycle
50
DC
Fig. 5 Relative Efficiency vs. Duty Cycle
(c) 2003 Fairchild Semiconductor Corporation
Page 4 of 6
7/16/03
0.560-INCH SEVEN SEGMENT DISPLAYS HIGH EFFICIENCY GREEN MAN6400 SERIES
INTERNAL CONNECTIONS
14 FIRST DIGIT
13 SECOND DIGIT FIRST
14 DIGIT
13 SECOND DIGIT
E 1
D 2
C 3
B A G F DP E 15 16 17 18 4 5 MAN6410 3 8
D 6
G 7
C 8
B A F DP 10 11 12 9
E 1
D 2
C 3
B A G F DP E 15 16 17 18 4 5 MAN6640 3
D 6
G 7
C 8
B A F DP 10 11 12 9
8
E 1
D 2
C 4
B 6
A 7
F 9
G DP 10 5
E 1
D 2
C 4
B 6
A 7
F 9
G DP 10 5
MAN6460
MAN6480
(c) 2003 Fairchild Semiconductor Corporation
Page 5 of 6
7/16/03
0.560-INCH SEVEN SEGMENT DISPLAYS HIGH EFFICIENCY GREEN MAN6400 SERIES
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2003 Fairchild Semiconductor Corporation
Page 6 of 6
7/16/03


▲Up To Search▲   

 
Price & Availability of MAN6410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X