Part Number Hot Search : 
5400J T240128 SK106 1N4744B 1N5408 NTE5631 4118NH4 00152
Product Description
Full Text Search
 

To Download M74HC4078 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC4078 M74HC4078
8 INPUT NOR/OR GATE
.HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI
DESCRIPTION
GH SPEED tPD = 13 ns (TYP.) AT VCC = 5 V SSIPATION ICC = 1 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 10 LSTTL LOADS CAL OUTPUT IMPEDANCE |IOH| = IOL = 4 mA (MIN.) ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 4078B
B1R (Plastic Package)
F1R (Ceramic Package)
M1R (Micro Package)
C1R (Chip Carrier)
ORDER CODES : M54HC4078F1R M74HC4078M1R M74HC4078B1R M74HC4078C1R
The M54/74HC4078 is a high speed CMOS 8 INPUT NOR/OR GATE fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTIONS (top view)
INPUT AND OUTPUT EQUIVALENT CIRCUIT
NC = No Internal Connection
October 1992
1/9
M54/M74HC4078
TRUTH TABLE
INPUTS ALL INPUTS "L" OTHER POSSIBILITIES OUTPUTS X H L Y L H
IEC LOGIC SYMBOL
PIN DESCRIPTION
PIN No 2, 3, 4, 5, 9, 10, 11, 12 1, 13 7 14 SYMBOL A to H Y, X GND VCC NAME AND FUNCTION Data Inputs Data Outputs Ground (0V) Positive Supply Voltage
SCHEMATIC CIRCUIT
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK ICC IO or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW
o o
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC
2/9
M54/ M74HC4078
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C C ns
o o
VCC = 2 V VCC = 4.5 V VCC = 6 V
DC SPECIFICATIONS
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 1 TA = 25 oC 54HC and 74HC Min. 1.5 3.15 4.2 0.5 1.35 1.8 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = VCC or GND VI = VCC or GND 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 10 Typ. Max. Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 20 A A V V Max. Min. 1.5 3.15 4.2 0.5 1.35 1.8 V Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
V IL
V OH
3/9
M54/M74HC4078
AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns)
Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 CIN CPD (*) Input Capacitance Power Dissipation Capacitance TA = 25 C 54HC and 74HC Min. Typ. Max. 30 8 7 48 12 10 5 37 75 15 13 95 19 16 10
o
Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 95 19 16 120 24 20 10 110 22 19 145 29 25 10 pF pF ns ns Unit
tTLH tTHL tPLH tPHL
Output Transition Time Propagation Delay Time
(*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC
SWITCHING CHARACTERISTICS TEST CIRCUIT
TEST CIRCUIT ICC (Opr.)
INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF SWITCHING CHARACTERISTICS TEST.
4/9
M54/ M74HC4078
Plastic DIP14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
5/9
M54/M74HC4078
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
6/9
M54/ M74HC4078
SO14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
7/9
M54/M74HC4078
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
8/9
M54/ M74HC4078
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
9/9


▲Up To Search▲   

 
Price & Availability of M74HC4078

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X