Part Number Hot Search : 
TD101F LM7818 DS1670 MAXIM GS301 LM339A TDA1556Q SN6A060
Product Description
Full Text Search
 

To Download M54HC154K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC154
RAD-HARD 4 TO 16 LINE DECODER/DEMULTIPLEXER
s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: tPD = 16ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 154 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9205-023
DILC-24
FPC-24
ORDER CODES
PACKAGE DILC FPC FM M54HC154D M54HC154K EM M54HC154D1 M54HC154K1
DESCRIPTION The M54HC154 is an high speed CMOS 4 TO 16 LINE DECODER/DEMULTIPLEXER fabricated with silicon gate C2MOS technology.
A binary code applied to the four inputs (A to D) provides a low level at the selected one of sixteen outputs excluding the other fifteen outputs, when both the strobe inputs, G1 and G2, are held low. When either strobe input is held high, the decoding function is inhibited to keep all outputs high. The strobe function makes it easy to expand the decoding lines through cascading, and simplifies the design of address decoding circuits in memory control systems. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION
March 2004
1/9
M54HC154
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN N 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 13, 14, 15, 16, 17 18, 19 23, 22, 21, 20 12 24 SYMBOL NAME AND FUNCTION
Y0 to Y15 Outputs (Active Low)
G1, G2 A to D GND VCC
Enable Inputs (Active Low) Address Inputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS SELECTED OUTPUT (L) G1 L L L L L L L L L L L L L L L L X H
X : Don't Care
G2 L L L L L L L L L L L L L L L L H X
D L L L L L L L L H H H H H H H H X X
C L L L L H H H H L L L L H H H H X X
B L L H H L L H H L L H H L L H H X X
A L H L H L H L H L H L H L H L H X X Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 Y15 NONE NONE
2/9
M54HC154
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 300 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
3/9
M54HC154
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 4 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 40 80 A A V V Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. -55 to 125C Min. Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
4/9
M54HC154
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 65 19 16 55 17 15 Max. 75 15 13 125 25 21 160 32 27 Value -40 to 85C Min. Max. 95 19 16 155 31 26 200 40 34 -55 to 125C Min. Max. 110 22 19 300 60 51 265 53 45 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time (A, B, C, D - Y) tPLH tPHL Propagation Delay Time (G1, G2 - Y)
ns
ns
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 57 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
5/9
M54HC154
WAVEFORM 1: PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
6/9
M54HC154
DILC-24 (0.3") MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D e e1 e2 e3 F I K L 14.22 1.22 1.27 27.81 7.62 7.24 7.87 2.1 2.7 1.016 1.93 0.40 0.20 30.17 7.36 3.0 1.27 2.16 0.45 0.254 30.48 7.62 2.54 28.07 8.12 7.75 4.24 14.48 1.32 0.560 0.048 0.050 1.095 0.300 0.285 0.310 TYP MAX. 2.72 3.3 1.524 2.39 0.50 0.30 30.78 7.87 MIN. 0.083 0.106 0.40 0.076 0.016 0.008 1.188 0.290 0.118 0.50 0.85 0.018 0.010 1.200 0.300 0.100 1.105 0.320 0.305 0.167 0.570 0.052 TYP. MAX. 0.107 0.130 0.60 0.094 0.020 0.012 1.212 0.310 inch
0016179I
7/9
M54HC154
FPC-24 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N 10.70 15.3 1.45 0.23 13.84 1.22 0.45 7.25 25.0 0.45 0.508 7.01 0.254 13.97 1.27 0.508 TYP 11.0 15.49 MAX. 11.30 15.70 1.9 0.3 14.10 1.32 0.55 8.25 28.0 0.55 MIN. 0.421 0.602 0.057 0.009 0.545 0.048 0.018 0.285 0.984 0.018 0.020 0.276 0.010 0.550 0.050 0.020 TYP. 0.433 0.610 MAX. 0.445 0.618 0.075 0.012 0.555 0.052 0.022 0.325 1.102 0.022 inch
E F G D
H
24
13
A
N
L
1
12
H
B
M C
016031E
8/9
M54HC154
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of M54HC154K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X