|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LS43__43 Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK Single SCR Isolated Module 430 Amperes / 1800-2200 Volts TM OUTLINE DRAWING D G A K H E B J Description: Powerex Single SCR Modules are designed for use in applications requiring rectification and isolated packaging. The modules are isolated for easy mounting with other components on a common heatsink. TM POW-R-BLOK has been tested and recognized by the Underwriters Laboratories. LS43__43 Single SCR TM POW-R-BLOK Module 430 Amperes / 1800-2200 Volts "Q" M N "P" "S" K A Features: T T T T T Electrically Isolated Heatsinking Aluminum Nitride Insulator Compression Bonded Elements Metal Baseplate Low Thermal Impedance for Improved Current Capability T Quick Connect Gate Terminal with Provision for Keyed Mating Plug T UL Recognized L C F R LS43 Outline Dimensions Dimension A B Inches 3.15 1.50 2.05 3.62 1.97 0.39 0.24 0.79 0.99 0.48 0.12 1.45 1.76 M10 Metric 0.22 Dia. 0.99 0.110 x .032 Millimeters 80.0 38.0 52.1 92.0 50.0 9.9 6.1 20.1 25.1 12.2 3.1 36.8 44.7 M10 5.6 Dia. 25.1 2.5 x 0.8 K K G A C D E F G H Benefits: T No Additional Insulation Components Required T Easy Installation T No Clamping Components Required T Reduce Engineering Time CONNECTION DIAGRAM Ordering Information: J K L M N P Q R Select the complete eight-digit module part number from the table below. Example: LS432243 is a 2200 Volt, 430 Ampere Single SCR Isolated TM POW-R-BLOK Module Applications: T T T T T Bridge Circuits AC & DC Motor Drives Battery Supplies Power Supplies Large IGBT Circuit Front Ends Type LS43 Voltage Volts (x100) 18 20 22 Current Amperes (x10) 43 S Note: Dimensions are for reference only. Revision Date: 4/19/2002 LS43__43 Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK Single SCR Isolated Module 430 Amperes / 1800-2200 Volts TM Absolute Maximum Ratings Characteristics Repetitive Peak Forward and Reverse Blocking Voltage Non-Repetitive Peak Blocking Voltage (t < 5 msec) RMS Forward Current Average Forward Current Peak One Cycle Surge Current, Non-Repetitive 180 Conduction, TC=80C 180 Conduction, TC=70C 60 Hz, 100% VRRM reapplied, Tj=25C 60 Hz, No VRRM reapplied, Tj=25C 60 Hz, 100% VRRM reapplied, Tj=125C 60 Hz, No VRRM reapplied, Tj=125C 50 Hz, 100% VRRM reapplied, Tj=25C 50 Hz, No VRRM reapplied, Tj=25C 50 Hz, 100% VRRM reapplied, Tj=125C 50 Hz, No VRRM reapplied, Tj=125C 60 Hz, 100%VRRM reapplied 60 Hz, 100% VRRM reapplied 8.3 milliseconds, Tj=25C 8.3 milliseconds, Tj=125C 10 milliseconds, Tj=25C 10 milliseconds, Tj=125C Maximum Rate-of-Rise of On-State Current, (Repetitive) Operating Temperature Storage Temperature Max. Mounting Torque, M6 Mounting Screw Max. Mounting Torque, M10 Terminal Screw Module Weight, Typical V Isolation @ 25C Vrms Per JEDEC Standard 397 5.2.2.6 Conditions Symbol VDRM & VRRM VRSM IT(RMS) IT(AV) IT(AV) ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM ITSM It It It It di/dt TJ Tstg 2 2 2 2 Units up to 2200 VRRM + 100 800 430 510 14,000 16,000 12,000 14,000 12,000 14,000 10,000 12,000 8,600 7,500 1.07 x 10 0.82 x 10 0.98 x 10 0.72 x 10 200 6 6 6 6 2 2 2 2 V V A A A A A A A A A A A A A A sec A sec A sec A sec A/s C C in. - Lb. Nm in. - Lb. Nm g lb V Peak Three Cycle Surge Current, Non-Repetitive Peak Ten Cycle Surge Current, Non-Repetitive I t for Fusing for One Cycle 2 -40 to +130 -40 to +150 55 6 110 12 816 1.80 3000 Revision Date: 4/19/2002 LS43__43 Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK Single SCR Isolated Module 430 Amperes / 1800-2200 Volts TM Electrical Characteristics, TJ=25C unless otherwise specified Characteristics Repetitive Peak Forward Leakage Current Repetitive Peak Reverse Leakage Current Peak On-State Voltage Threshold Voltage, Low-level Slope Resistance, Low-level Threshold Voltage, High-level Slope Resistance, High-level VTM Coefficients, Full Range Symbol IDRM IRRM VFM V(TO)1 rT1 V(TO)2 rT2 Test Conditions Up to 2200V, TJ=125C Up to 2200V, TJ=125C ITM=1500A TJ = 130C, I = 15%IT(AV) to IT(AV) TJ = 130C, I = IT(AV) to ITSM TJ = 130C, I = 10A to 6kA VTM = A+ B Ln I +C I + D Sqrt I Minimum dV/dt Gate Trigger Current Gate Trigger Voltage Non-Triggering Gate Voltage Peak Forward Gate Current Peak Reverse Gate Voltage dV/dt IGT VGT VGDM IGTM VGRM Exponential to VDRM Tj=130C, Gate Open Tj=25C, VD=12V Tj=25C, VD=12V Tj=130C, VD= 1/2 VDRM A= B= C= D= 1000 Typ. 200 3.0 0.25 4.0 5 Min. Max. 80 80 1.77 0.88 0.66 1.34 0.32 0.766 -1.046 E-02 1.805 E-05 2.00 E-02 V/s mA Volts Volts Amp Volts Units mA mA V V m V m Thermal Characteristics Characteristics Thermal Resistance, Junction to Case Thermal Impedance Coefficients Symbol RJ-C ZJ-C Per Module/Junction ZJ-C= K1 (1-exp(-t/ 1)) + K2 (1-exp(-t/ 2)) + K3 (1-exp(-t/ 3)) Thermal Resistance, Case to Sink Lubricated RC-S + K4 (1-exp(-t/ 4)) Per Module K1 = 8.03E-04 K2 = 1.03E-02 K3 = 1.64E-02 K4 = 3.75E-02 Max. 0.0650 1 = 3.39E-04 2 = 3.15E-03 3 = 0.106 4 = 2.066 0.02 C/W Units C/W Revision Date: 4/19/2002 LS43__43 Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272 POW-R-BLOK Single SCR Isolated Module 430 Amperes / 1800-2200 Volts TM Maximum On-State Forward Voltage Drop ( Tj = 125 C ) Maximum Transient Thermal Impedance (Junction to Case) 0.070 0.060 5 On-State Voltage - Vtm - Volts 4 Thermal Impedance - Rjc - C/W 0.050 0.040 0.030 0.020 0.010 3 2 1 0 10 100 1000 10000 0.000 0.0001 0.001 0.01 0.1 1 10 100 Instantaneous On-State Current - Itm - Amperes Time - t - Seconds Maximum On-State Power Dissipation (Sinusoidal Waveform) 800 700 120 90 60 500 400 300 200 100 0 0 100 200 300 400 500 Average On-State Current - Itm(av) - Amperes 15 30 180 Maximum Allowable Case Temperature (Sinusoidal Waveform) 130 Max. Power Dissipation Per SCR - Watts_ 600 Max. Case Temperature - Tcase -C_ 120 110 0 100 180 360 CONDUCTION ANGLE 90 15 30 60 90 400 120 500 180 0 180 360 CONDUCTION ANGLE 80 70 0 100 200 300 Average On-State Current - It(av) - Amperes Maximum On-State Power Dissipation (Rectangular Waveform) 1200 360 130 120 Maximum Allowable Case Temperature (Rectangular Waveform) Max. Power Dissipation Per SCR - Watts_ Max. Case Temperature - Tcase -C_ 1000 180 800 90 600 30 400 15 60 120 270 110 0 100 90 80 15 70 60 50 30 60 90 120 CONDUCTION ANGLE 180 360 200 0 0 0 100 200 300 400 500 CONDUCTION ANGLE 600 700 800 180 360 180 270 360 0 100 200 300 400 500 600 700 800 Average On-State Current - It(av) - Amperes Average On-State Current - It(av) - Amperes Revision Date: 4/19/2002 |
Price & Availability of LS431843 |