Part Number Hot Search : 
D1256 19TG4 UGS3133U 19TG4 MPW2146 TN600A SAB80535 01LFT
Product Description
Full Text Search
 

To Download IXFK27N80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Not for New Designs VDSS ID25 27 A 25 A 27 A 25 A RDS(on) 0.30 0.35 0.30 0.35
HiPerFETTM Power MOSFETs
N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low trr
IXFK IXFK IXFN IXFN
27N80 25N80 27N80 25N80
800 800 800 800
V V V V
TO-264 AA (IXFK) Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR dv/dt PD TJ TJM Tstg TL VISOL Md Weight Symbol Test Conditions 1.6 mm (0.063 in) from case for 10 s 50/60 Hz, RMS IISOL 1 mA t = 1 min t=1s 300 0.9/6 10 TC= 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 2 TC = 25C Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M Continuous Transient TC = 25C, Chip capability TC = 25C, pulse width limited by TJM TC = 25C Maximum Ratings IXFK IXFN 800 800 20 30 27N80 27 25N80 25 27N80 108 25N80 100 27N80 14 25N80 13 30 5 500 800 800 20 30 27 25 108 100 14 13 30 5 520 150 -55 ... +150 2500 3000 V V V V A A A A A A mJ V/ns W C C C C V~ V~ Features
* * * * * *
G D S
(TAB)
miniBLOC, SOT-227 B (IXFN) E153432
D G
S
G S S S D
G = Gate S = Source
D = Drain TAB = Drain
Either Source terminal at miniBLOC can be used as Main or Kelvin Source
-55 ... +150
Mounting torque Terminal connection torque
1.5/13 Nm/lb.in. 1.5/13 Nm/lb.in. 30 g
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 800 0.096 2 -0.214 200 TJ = 25C TJ = 125C 25N80 27N80 500 2 0.35 0.30 4.5 V %/K V %/K nA A mA
* *
International standard packages JEDEC TO-264 AA, epoxy meet UL 94 V-0, flammability classification miniBLOC, with Aluminium nitride isolation Low RDS (on) HDMOSTM process Rugged polysilicon gate cell structure Unclamped Inductive Switching (UIS) rated Low package inductance Fast intrinsic Rectifier
VDSS VGH(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 3 mA VDSS temperature coefficient VDS = VGS, ID = 8 mA VGS(th) temperature coefficient VGS = 20 VDC, VDS = 0 VDS = 0.8 * VDSS VGS = 0 V VGS = 10 V, ID = 0.5 * ID25 Pulse test, t 300 s, duty cycle d 2 %
Applications
* * * * *
DC-DC converters Battery chargers Switched-mode and resonant-mode power supplies DC choppers Temperature and lighting controls
Advantages
* * *
Easy to mount Space savings High power density
(c) 2002 IXYS All rights reserved
95561D(6/02)
IXFK 25N80 IXFN 25N80
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 16 28 S pF pF pF ns ns ns ns nC nC nC K/W K/W 0.24 0.05 K/W K/W
Dim. A A1 A2 b b1 b2 c D E e J K L L1 P Q Q1 R R1 S T
IXFK 27N80 IXFN 27N80
TO-264 AA Outline
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK RthJC RthCK
VDS = 10 V; ID = 0.5 * ID25, pulse test
7930 8400 9740 VGS = 0 V, VDS = 25 V, f = 1 MHz 630 146 712 790 192 240 30 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 80 75 40 320 VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 38 120 TO-264 AA TO-264 AA miniBLOC, SOT-227 B miniBLOC, SOT-227 B 0.15 350 400 46 56 130 142 0.25 RG = 1 (External),
Millimeter Min. Max. 4.82 5.13 2.54 2.89 2.00 2.10 1.12 1.42 2.39 2.69 2.90 3.09 0.53 0.83 25.91 26.16 19.81 19.96 5.46 BSC 0.00 0.25 0.00 0.25 20.32 20.83 2.29 2.59 3.17 3.66 6.07 6.27 8.38 8.69 3.81 4.32 1.78 2.29 6.04 6.30 1.57 1.83
Min.
Inches Max.
.190 .202 .100 .114 .079 .083 .044 .056 .094 .106 .114 .122 .021 .033 1.020 1.030 .780 .786 .215 BSC .000 .010 .000 .010 .800 .820 .090 .102 .125 .144 .239 .247 .330 .342 .150 .170 .070 .090 .238 .248 .062 .072
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V Repetitive; pulse width limited by TJM
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 27N80 25N80 27N80 25N80 27 25 108 100 1.5 250 400 2 17 A A A A V ns ns C A
miniBLOC, SOT-227 B
IF = 100 A, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = IS, -di/dt = 100 A/s, VR = 100 V T J =25C TJ =125C T J =25C
M4 screws (4x) supplied
Dim. A B C D E F G H J K L M N O P Q R S T U Millimeter Min. Max. 31.50 7.80 4.09 4.09 4.09 14.91 30.12 38.00 11.68 8.92 0.76 12.60 25.15 1.98 4.95 26.54 3.94 4.72 24.59 -0.05 31.88 8.20 4.29 4.29 4.29 15.11 30.30 38.23 12.22 9.60 0.84 12.85 25.42 2.13 5.97 26.90 4.42 4.85 25.07 0.1 Inches Min. 1.240 0.307 0.161 0.161 0.161 0.587 1.186 1.496 0.460 0.351 0.030 0.496 0.990 0.078 0.195 1.045 0.155 0.186 0.968 -0.002 Max. 1.255 0.323 0.169 0.169 0.169 0.595 1.193 1.505 0.481 0.378 0.033 0.506 1.001 0.084 0.235 1.059 0.174 0.191 0.987 0.004
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1
IXFK 25N80 IXFN 25N80
40
TJ = 25 C
O
IXFK 27N80 IXFN 27N80
40
VGS = 9V 8V 7V 6V TJ = 125OC VGS = 9V 8V 7V 6V
30
30
ID - Amperes
ID - Amperes
5V
5V
20
20
10
4V
10
4V
0
0 0 2 4 6 8 10
0
4
8
12
16
20
VDS - Volts
VDS - Volts
Figure 1. Output Characteristics at 25OC
2.6 2.4
VGS = 10V
Figure 2. Output Characteristics at 125OC
2.6
RDS(ON) - Normalized
RDS(ON) - Normalized
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0 10
TJ = 125OC
2.4 2.2 2.0 1.8 1.6 1.4 1.2
VGS = 10V
ID = 27A
TJ = 25OC
ID = 13.5A
20
30
40
50
1.0 25
50
75
100
125
150
ID - Amperes
TJ - Degrees C
Figure 3. RDS(on) normalized to 0.5 ID25 value vs. ID
30 25
IXF_25N80 IXFN27N80
Figure 4. RDS(on) normalized to 0.5 ID25 value vs. TJ
30 25
ID - Amperes
IXFK27N80
15 10 5 0 -50
ID - Amperes
20
20 15 10 5
TJ = 125oC TJ = 25oC
-25
0
25
50
75
100 125 150
0
2
3
4
5
6
7
TC - Degrees C
VGS - Volts
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
(c) 2002 IXYS All rights reserved
IXFK 25N80 IXFN 25N80
12 10
VDS = 400V Vds=300V ID=30A = 27A = 1mA IG=10mA
IXFK 27N80 IXFN 27N80
10000
Ciss
VGS - Volts
8 6 4 2 0
Capacitance - pF
f = 1MHz
Coss
1000
Crss
0
100
200
300
400
500
100
0
5
10
15
20
25
30
35
40
Gate Charge - nC
VDS - Volts
Figure 7. Gate Charge
100
Figure 8. Capacitance Curves
80
ID - Amperes
60
TJ = 125OC
40
20
TJ = 25OC
0 0.2
0.4
0.6
0.8
1.0
1.2
1.4
Figure 9. Forward Voltage Drop of the Intrinsic Diode
VSD - Volts
1
D=0.5
R(th)JC - K/W
0.1
D=0.2 D=0.1 D=0.05
0.01 D=0.02
D=0.01 Single pulse
D = Duty Cycle
0.001 0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Figure 10. Transient Thermal Resistance
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,486,715 5,381,025 6,306,728B1


▲Up To Search▲   

 
Price & Availability of IXFK27N80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X