Part Number Hot Search : 
4AUP1G 743SURD 2SK3948G ADP130 IRF84 E330M HP2601 15T60
Product Description
Full Text Search
 

To Download IRFBL3703 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 93841
SMPS MOSFET
IRFBL3703
HEXFET(R) Power MOSFET
Applications l Synchronous Rectification in High Power High Frequency DC/DC Converters
VDSS
30V
RDS(on) max
0.0025
ID
260A
Benefits >1mm lower profile than D2Pak Same footprint as D2Pak Low Gate Impedance to Reduce Switching Losses l Ultra Low On-Resistance l Fully Avalanche Rated
l l l
Super-D2PakTM
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C PD @TA = 25C VGS dv/dt TJ, TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max. 260 180
1000 300 3.8 2.0 20 5.0 -55 to + 175
Units
A W W/C V V/ns C
Typical SMPS Topologies
l
Forward and Bridge Converters with Synchronous Rectification for Telecom and Industrial Applications
Notes through are on page 8
www.irf.com
1
4/5/00
IRFBL3703
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) IDSS IGSS Min. 30 --- --- Static Drain-to-Source On-Resistance --- Gate Threshold Voltage 2.0 --- Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- Gate-to-Source Reverse Leakage --- Typ. --- 0.028 2.0 2.5 --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 2.5 VGS = 10V, ID = 76A m 3.6 VGS = 7.0V, ID = 76A 4.0 V VDS = VGS, ID = 250A 20 VDS = 24V, VGS = 0V A 250 VDS = 24V, VGS = 0V, TJ = 150C 200 VGS = 20V nA -200 VGS = -20V Max. Units Conditions --- S VDS = 24V, ID = 76A --- ID = 76A --- nC VDS = 24V --- VGS = 10V, --- VDD = 15V, VGS = 10V --- ID = 76A ns --- RG = 1.8 --- VGS = 10V --- VGS = 0V --- VDS = 25V --- pF = 1.0MHz --- VGS = 0V, VDS = 1.0V, = 1.0MHz --- VGS = 0V, VDS = 24V, = 1.0MHz --- VGS = 0V, VDS = 0V to 24V
Dynamic @ TJ = 25C (unless otherwise specified)
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss Coss Coss eff. Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Output Capacitance Output Capacitance Effective Output Capacitance Min. 150 --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 209 62 42 18 123 53 24 8250 3000 290 10360 3060 2590
Avalanche Characteristics
Parameter
EAS IAR EAR Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy
Typ.
--- --- ---
Max.
1700 76 30
Units
mJ A mJ
Thermal Resistance
Parameter
RJC RJA Junction-to-Case Junction-to-Ambient Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge
Typ.
--- --- Min. Typ. Max. Units --- --- --- --- --- --- 260 A --- 1000 0.8 80 185 1.3 120 275 V ns nC
Max.
0.5 40
Units
C/W
Diode Characteristics
IS
I SM
VSD t rr Q rr
Conditions D MOSFET symbol showing the G integral reverse S p-n junction diode. TJ = 25C, IS = 76A, VGS = 0V TJ = 25C, IF = 76A, V DS = 16V di/dt = 100A/s
2
www.irf.com
IRFBL3703
10000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
1000
100
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
10
4.5V
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
10 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
10000
2.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 260A
I D , Drain-to-Source Current (A)
1.5
1000
TJ = 25 C TJ = 175 C
1.0
100
0.5
10 4.0
V DS = 15V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0 10.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFBL3703
14000 12000 20
VGS, Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
ID = 76A VDS = 24V
16
C, Capacitance (pF)
10000
Ciss
8000 6000
12
8
Coss
4000 2000
4
Crss
0 1 10 100 0 0 40 80 120 160
FOR TEST CIRCUIT SEE FIGURE 13
200 240 280 320
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
10000
OPERATION IN THIS AREA LIMITED BY RDS(on)
ISD , Reverse Drain Current (A)
TJ = 175 C
I D , Drain Current (A)
100
1000
10us
10
100us
TJ = 25 C
1
100 1ms
0.1 0.0
V GS = 0 V
0.4 0.8 1.2 1.6 2.0 2.4
10 1
TC = 25 C TJ = 175 C Single Pulse
10
10ms
100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFBL3703
300
VDS
LIMITED BY PACKAGE
RD
250
VGS RG
D.U.T.
+
I D , Drain Current (A)
200
-VDD
10V
Pulse Width 1 s Duty Factor 0.1 %
150
100
Fig 10a. Switching Time Test Circuit
VDS 90%
50
0 25 50 75 100 125 150 175
TC , Case Temperature
( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50 0.20 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.1
0.01
0.001 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRFBL3703
1 5V
6000
EAS , Single Pulse Avalanche Energy (mJ)
TOP BOTTOM
VDS
L
D R IV E R
5000
ID 31A 54A 76A
4000
RG
20V tp
D .U .T
IA S
+ V - DD
A
3000
0 .0 1
2000
Fig 12a. Unclamped Inductive Test Circuit
1000
0 25 50 75 100 125 150 175
V (B R )D SS tp
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
QG
50K 12V .2F .3F
10 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Current Sampling Resistors
Charge
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRFBL3703
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFET
www.irf.com
7
IRFBL3703
Super-D2PakTM Package Outline
Dimensions are shown in millimeters (inches)
10.9 [.429] 9.9 [.390] 3
4.0 [.157] 3.0 [.119]
MINIMUM RECOMMENDED FOOTPRINT
0.9 [.035] 0.7 [.028]
9.02 [.355] 8.65 [.341]
9.05 [.356]
13.0 [.511] 12.0 [.473]
15.2 [.598] 14.2 [.560] 1 2 1 2X 1.2 [.047] 0.8 [.032] BA 2X 0.9 [.035] 0.7 [.028]
3
9.2 [.362] 9.0 [.355]
9.68 [.381] 15.70 [.618]
2
2.37 [.093] 2X 1.61 [.063]
2.54 [.100]
0.25 [.010]
1.8 [.070] 1.0 [.040]
4
2X 2.55 [.100]
0.15 [.006] 3 S URFACES
NOT ES: 1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994. 2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 3. CONT ROLLING DIMENS ION: MILLIMETER. 4 DIMENSION IS MEASURED AT FULL LEAD WIDT H.
LEAD AS SIGNMENTS MOSFET 1 = GAT E 2 = S OURCE 3 = DRAIN SCHOTT KY / FRED 1 = ANODE 1 2 = ANODE 2 3 = COMMON CATHODE
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Starting TJ = 25C, L = 0.6mH
RG = 25, I AS = 76A.
ISD 76A, di/dt 100A/s, VDD V(BR)DSS,
TJ 175C
Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 95A
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 4/00
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFBL3703

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X