Part Number Hot Search : 
S974T ST22F 1N4060A MMBFJ113 AM252 MM74C92 SMP11 100N02AE
Product Description
Full Text Search
 

To Download IDTQS34X2245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS34X2245 HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTHTM BUS SWITCHES
.EATURES:
* * * * * * * * Enhanced N channel FET with no inherent diode to Vcc Bidirectional switches connect inputs to outputs Zero propagation delay, zero ground bounce Internal 25 resistors for low noise Flow-through pinout for easy layout Undershoot clamp diodes on all switch and control inputs TTL-compatible control inputs Available in 80-pin MilliPaQTM package
IDTQS34X2245
DESCRIPTION:
The QS34X2245 is a member of the MultiWidthTM family of QuickSwitch devices and provides a set of 32 high-speed CMOS compatible bus switches in a flow-through pinout. This device is available in the MillipaQ package, the worlds first small outline 32-bit solution. The low ON-resistance of the QS34X2245 allows inputs to be connected to outputs without adding propagation delay and without generating additional ground bounce noise. Internal 25 resistors reduce reflection noise in high-speed applications. When Output Enable (OEn) is low, the switches are turned on, connecting bus A to bus B. When OEn is high, the switches are turned off. This device is ideally suited for 32/64 bit applications where board space is at a premium. QuickSwitch devices provide speeds an order of magnitude faster than conventional logic devices. The QS34X2245 is characterized for operation at -40C to +85C.
APPLICATIONS:
* * * * * * * Hot-swapping, hot-docking Voltage translation (5V to 3.3V) Bus switching and isolation Power conservation Logic replacement (data processing) Capacitance isolation Clock gating
.UNCTIONAL BLOCK DIAGRAM
A0 A1 A2 A3 A4 A5 A6
A7
A16 A17 A18 A19
A20 A21 A22 A 23
OE1
OE3
B0
B1
B2
B3
B4
B5
B6
B7
B16 B17 B18 B19
B20 B21 B22 B23
A8
A9
A10 A11
A12
A13 A 14 A15
A 24 A 25 A 26 A 27
A 28 A 29 A 30 A 31
OE2
OE4
B8
B9
B10 B11
B12 B13 B14 B15
B24 B25 B26 B27
B28 B29 B30 B31
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2002 Integrated Device Technology, Inc.
MARCH 2002
DSC-5556/2
IDTQS34X2245 HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
INDUSTRIAL TEMPERATURE RANGE
PIN CON.IGURATION
NC A0 A1 A2 A3 A4 A5 A6 A7 GND NC A8 A9 A10 A11 A12 A13 A14 A15 GND NC A16 A17 A18 A19 A20 A21 A22 A23 GND NC A24 A25 A26 A27 A28 A29 A30 A31 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 VCC OE1 B0 B1 B2 B3 B4 B5 B6 B7 VCC OE2 B8 B9 B10 B11 B12 B13 B14 B15 VCC OE3 B16 B17 B18 B19 B20 B21 B22 B23 VCC OE4 B24 B25 B26 B27 B28 B29 B30 B31
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) VTERM(3) VAC IOUT PMAX TSTG Description Supply Voltage to Ground DC Switch Voltage Vs DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation (TA =70C) Storage Temperature Max -0.5 to +7 -0.5 to +7 -0.5 to +7 -3 120 1.4 -65 to +150 Unit V V V V mA W C
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc terminals. 3. All terminals except Vcc.
CAPACITANCE
(TA = +25C, f = 1.0MHZ, VIN = 0V, VOUT = 0V)
Pins Control Pins Quickswitch Channels (Switch OFF) Typ. 3 7 Max.(1) 4 8 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names OEn An Bn Output Enable Data I/Os Data I/Os Description
.UNCTION TABLE(1)
OEn H L
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level
Outputs Disconnected An = Bn
MILLIPAQ TOP VIEW
2
IDTQS34X2245 HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 5%
Symbol VIH VIL IIN IOZ RON(3) VP Parameter Input HIGH Level Input LOW Level Off-State Output Current (Hi-Z) Switch ON Resistance Pass Voltage(2) Test Conditions Guaranteed Logic HIGH for Control Pins Guaranteed Logic LOW for Control Pins 0V VOUT VCC, Switches OFF VCC = Min., VIN = 0V, ION = 30mA VCC = Min., VIN = 2.4V, ION =15mA VIN = VCC = 5V, IOUT = -5A Min. 2 -- -- -- 18 18 3.7 Typ.(1) -- -- -- -- 23 25 4 Max. -- 0.8 1 1 35 40 4.2 Unit V V A A V
Input LeakageCurrent (Control Inputs)(2) 0V VIN VCC
NOTES: 1. Typical values are at VCC = 5.0V, TA = 25C. 2. Pass Voltage is guaranteed but not production tested. 3. ROUT changed on March 8, 2002. See rear page for more information.
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
80
RON
(ohms)
70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
VIN
(Volts)
3
IDTQS34X2245 HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Control Input HIGH (2) Dynamic Power Supply Current per MHz(3) Test Conditions(1) VCC = Max., VIN = GND or Vcc, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., A and B pins open Control Inputs Toggling at 50% Duty Cycle
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TLL driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
Max. 12 1.5 0.25
Unit A mA mA/MHz
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C, VCC = 5.0V 5%; CLOAD = 50pF, RLOAD = 500 unless otherwise noted.
Symbol tPLH tPHL tPZL tPZH tPLZ tPHZ Data Propagation Delay (1,2) An to/from Bn Switch Turn-on Delay OE to An/Bn Switch Turn-off Delay (1) OE to An/Bn 0.5 -- 5.2
ns
Parameter
Min. (1) -- 0.5
Typ. -- --
Max. 1.25 6.6
Unit
ns
ns
NOTES: 1. Minimums are guaranteed but not production tested. 2. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 1.25ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4
IDTQS34X2245 HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
INDUSTRIAL TEMPERATURE RANGE
ORDERING IN.ORMATION
IDTQS XXXXXX Device Type XX Package X Process
Blank
Industrial (-40C to +85C)
Q3
80-pin Millipaq
34X2245
High-Speed CMOS Quickswitch 32-Bit Multiwidth Bus Switches
As per PCN L0201-02, the Output Resistance (RON) specifications have changed as of March 8, 2002. The original specifications were:
Parameter RON Description VCC = Min, VIN = 0V, ION = 30mA VCC = Min, VIN = 2.4V, ION = 15mA Min. 20 20 Typ. 28 35 Max. 40 48 Unit
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDTQS34X2245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X