Part Number Hot Search : 
65110 2DL32 R48H05 BUV50 0603C IRFZ2 SP490EC SLA608L
Product Description
Full Text Search
 

To Download HSK122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADE-208-172B(Z)
HSK122 Silicon Epitaxial Planar Diode for High Voltage Switching
Rev. 2 Aug. 1995 Features
* High reverse voltage. (VR = 400V) * LLD package is suitable for high density surface mounting and high speed assembly.
Outline
Cathode band 1 2
Cathode band
Ordering Information
Type No. HSK122 Cathode band Orange Package code LLD 1 2 1. Cathode 2. Anode
Absolute Maximum Ratings (Ta = 25C)
Item Peak reverse voltage Reverse voltage Peak forward current
Non-Repetitive peak forward surge current
Symbol VRM VR IFM IFSM * Io Tj Tstg
Value 410 400 625 1 150 175 -65 to +175
Unit V V mA A mA C C
Average forward current Junction temperature Storage temperature * Within 1s forward surge current.
Electrical Characteristics (Ta = 25C)
Item Forward voltage Reverse current Capacitance Reverse recovery time Symbol Min VF IR C trr -- -- -- -- Typ -- -- -- -- Max 1.2 1.0 10 10 Unit V A pF s Test Condition IF = 100 mA VR = 400 V VR = 0 V, f = 1 MHz IF=30mA,VR=10V,RL=2k
HSK122
1.0
10
-6
Ta=125C 10 (A) 10
-1 -7
Reverse current I R (A)
Ta=75C 10
-8
Forward current I F
5C Ta=7 5C Ta=25 C Ta=-25 C
Ta=25C 10
-9
10
-2
Ta=1 2
10
-10
Ta=-25C 10
-3
0
0.2
0.8 0.4 0.6 1.0 Forward voltage VF (V)
1.2
10
-11
0
300 100 400 200 Reverse voltage VR (V) Fig.2 Reverse current Vs. Reverse voltage
500
Fig.1 Forward current Vs. Forward voltage
f=1MHz
10 Capacitance C (pF)
1.0
10
-1
1.0
10 Reverse voltage VR (V) Fig.3 Capacitance Vs. Reverse voltage
102
HSK122
Package Dimensions
Unit: mm
3.5 1.4 0.1
+0.1 -0.2
3.5 1.4 0.1
+0.1 -0.2
1
2
1
2
(0.4typ) Cathode band (Orange)
(0.4typ) 1 Cathode 2 Anode Cathode band (Orange) HITACHI Code JEDEC Code EIAJ Code Weight (g) LLD -- -- 0.027
( ) : Reference only


▲Up To Search▲   

 
Price & Availability of HSK122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X