![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HS-81C55RH, HS-81C56RH March 1996 Radiation Hardened 256 x 8 CMOS RAM Description The HS-81C55/56RH are radiation hardened RAM and I/O chips fabricated using the Intersil radiation hardened SelfAligned Junction Isolated (SAJI) silicon gate technology. Latch-up free operation is achieved by the use of epitaxial starting material to eliminate the parasitic SCR effect seen in conventional bulk CMOS devices. The HS-81C55/56RH is intended for use with the HS-80C85RH radiation hardened microprocessor system. The RAM portion is designed as 2048 static cells organized as 256 x 8. A maximum post irradiation access time of 500ns allows the HS-81C55/56RH to be used with the HS-80C85RH CPU without any wait states. The HS-81C55RH requires an active low chip enable while the HS-81C56RH requires an active high chip enable. These chips are designed for operation utilizing a single 5V power supply. Features * Devices QML Qualified in Accordance with MIL-PRF-38535 * Detailed Electrical and Screening Requirements are Contained in SMD# 5962-95818 and Intersil' QM Plan * Radiation Hardened EPI-CMOS - Parametrics Guaranteed 1 x 105 RAD(Si) - Transient Upset > 1 x 108 RAD(Si)/s - Latch-Up Free > 1 x 1012 RAD(Si)/s * Electrically Equivalent to Sandia SA 3001 * Pin Compatible with Intel 8155/56 * Bus Compatible with HS-80C85RH * Single 5V Power Supply * Low Standby Current 200A Max * Low Operating Current 2mA/MHz * Completely Static Design * Internal Address Latches * Two Programmable 8-Bit I/O Ports * One Programmable 6-Bit I/O Port * Programmable 14-Bit Binary Counter/Timer * Multiplexed Address and Data Bus * Self Aligned Junction Isolated (SAJI) Process * Military Temperature Range -55oC to +125oC Functional Diagram IO/M AD0 - AD7 CE OR CE ALE RD WR RESET TIMER CLK TIMER OUT 81C55RH = CE 81C56RH = CE TIMER C PORT C 8 PC0 - PC5 VDD (10V) GND 256 x 8 STATIC RAM A PORT A 8 PA0 - PA7 PORT B B 8 PB0 - PB7 Ordering Information PART NUMBER 5962R9XXXX01QRC 5962R9XXXX01VRC 5962R9XXXX01QXC 5962R9XXXX01VXC 5962R9XXXX02QRC 5962R9XXXX02VRC 5962R9XXXX02QXC 5962R9XXXX02VXC HS1-81C55RH/Sample HS9-81C55RH/Sample HS1-81C56RH/Sample HS9-81C56RH/Sample TEMPERATURE RANGE -55oC to +125oC SCREENING LEVEL MIL-PRF-38535 Level Q MIL-PRF-38535 Level V MIL-PRF-38535 Level Q MIL-PRF-38535 Level V MIL-PRF-38535 Level Q MIL-PRF-38535 Level V MIL-PRF-38535 Level Q MIL-PRF-38535 Level V Sample Sample Sample Sample PACKAGE 40 Lead SBDIP 40 Lead SBDIP 42 Lead Ceramic Flatpack 42 Lead Ceramic Flatpack 40 Lead SBDIP 40 Lead SBDIP 42 Lead Ceramic Flatpack 42 Lead Ceramic Flatpack 40 Lead SBDIP 42 Lead Ceramic Flatpack 40 Lead SBDIP 42 Lead Ceramic Flatpack -55oC to +125oC -55oC -55oC -55oC to to to +125oC +125oC +125oC -55oC to +125oC -55oC -55oC to to +125oC +125oC +25oC +25oC +25oC +25oC CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999 Spec Number File Number 1 518056 3039.1 HS-81C55RH, HS-81C56RH Pinouts 40 LEAD DUAL-IN-LINE METAL SEAL PACKAGE (SBDIP) MIL-STD-1835 CDIP2-T40 TOP VIEW PC3 PC4 TIMER IN RESET PC5 TIMER OUT IO / M CE or CE* 1 2 3 4 5 6 7 8 40 VDD 39 PC2 38 PC1 37 PC0 36 PB7 35 PB6 34 PB5 33 PB4 32 PB3 31 PB2 30 PB1 29 PB0 28 PA7 27 PA6 26 PA5 25 PA4 24 PA3 23 PA2 22 PA1 21 PA0 RD 9 WR 10 *81C55RH = CE 81C56RH = CE ALE 11 AD0 12 AD1 13 AD2 14 AD3 15 AD4 16 AD5 17 AD6 18 AD7 19 GND 20 42 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE INTERSIL OUTLINE K42.A TOP VIEW PC3 PC4 TIMER IN RESET PC5 TIMER OUT IO/M CE OR CE RD WR ALE AD0 AD1 AD2 AD3 NC AD4 AD5 AD6 AD7 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 VDD PC2 PC1 PC0 PB7 PB6 PB5 PB4 PB3 PB2 PB1 PB0 PA7 PA6 PA5 NC PA4 PA3 PA2 PA1 PA0 Spec Number 2 518056 HS-81C55RH, HS-81C56RH Pin Description SYMBOL RESET TYPE I NAME AND FUNCTION Reset: Pulse provided by the HS-80C85RH to initialize the system (connect to HS-80C85RH RESET OUT). Input high on this line resets the chip and initializes the three I/O ports to input mode. The width of RESET pulse should typically be two HS-80C85RH clock cycle times. Address/Data: Tri-state Address/Data lines that interface with the CPU lower 8-bit Address/Data Bus. The 8-bit address is latched into the address latch inside the HS-81C55 and HS-81C56RH on the falling edge of ALE. The address can be either for the memory section or the I/O section depending on the IO/ M input. The 8-bit data is either written into the chip or read from the chip, depending on the WR or RD input signal. Chip Enable: On the HS-81C55RH, this pin is CE and is ACTIVE LOW. On the HS-81C56RH, this pin is CE and is ACTIVE HIGH. Read Control: Input low on this line with the Chip Enable active enables and AD0 - AD7 buffers. If IO/ M pin is low, the RAM content will be read out to the AD bus. Otherwise the content of the selected I/O port or command/status registers will be read to the AD bus. Write Control: Input low on this line with the Chip Enable active causes the data on the Address/Data bus to be written to the RAM or I/O ports and command/status register, depending on IO/M. Address Latch Enable: This control signal latches both the address on the AD0 - AD7 lines and the state of the Chip Enable and IO/M into the chip at the falling edge of ALE. I/O Memory: Selects memory if low and I/O and command/status registers if high. Port A: These 8 pins are general purpose I/O pins. The in/out direction is selected by programming the command register. Port B: These 8 pins are general purpose I/O pins. The in/out direction is selected by programming the command register. Port C: These 6 pins can function as either input port, output port, or as control signals for PA and PB. Programming is done through the command register. When PC0 - PC5 are used as control signals, they will provide the following: PC0 - A INTR (Port A Interrupt) PC1 - ABF (Port A Buffer Full) PC2 - A STB (Port A Strobe) PC3 - B INTR (Port B Interrupt) PC4 - B BF (Port B Buffer Full) PC5 - B STB (Port B Strobe) Timer Input: Input to the counter-timer. Timer Output: This output can be either a square wave or a pulse, depending on the timer mode. Voltage: +5V. Ground: Ground reference. AD0 - AD7 I/O CE or CE RD I I WR ALE IO/M PA0 - PA7 (8) PB0 - PB7 (8) PC0 - PC7 (8) I I I I/O I/O I/O TIMER IN TIMER OUT VDD GND I O I I Spec Number 3 518056 Specifications HS-81C55RH, HS-81C56RH Absolute Maximum Ratings Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.3V to VDD+0.3V Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC Typical Derating Factor . . . . . . . . . . . . 2mA/MHz Increase in IDDOP ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 Reliability Information Thermal Resistance JA JC SBDIP Package . . . . . . . . . . . . . . . . . . . . 40.0oC/W 5.0oC/W Ceramic Flatpack Package . . . . . . . . . . . 45.0oC/W 5.0oC/W Maximum Package Power Dissipation at +125oC SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.25W Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 1.11W If device power exceeds package dissipation capability, provide heat sinking or derate linearly at the following rate: SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25.0mW/oC Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . 22.2mW/oC CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Operating Conditions Operating Voltage Range . . . . . . . . . . . . . . . . . . . +4.75V to +5.25V Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to +0.8V Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . VDD -0.5V to VDD TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 7, 8A, 8B LIMITS TEMPERATURE -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC MIN -1 4.25 MAX 1 0.5 200 2 UNITS A A V V A mA - PARAMETERS High Input Leakage Current Low Input Leakage Current Low Output Voltage High Output Voltage Static Current Dynamic Current Functional Tests SYMBOL IIH IIL VOL VOH IDDSB IDDOP FT CONDITIONS VDD = 5.25V, VIN = 0V, Pin under test = VDD VDD = 5.25V, VIN = 5.25V, Pin under test = 0V VDD = 5.25V, IOL = 2mA VDD = 4.75V, IOH = 2mA VDD = 5.25V VDD = 5.25V, f = 1MHz VDD = 4.75V and 5.25V, VIH = VDD-0.5V, VIL = 0.8V NOTE: All devices are guaranteed at worst case limits and over radiation. Dynamic current is proportional to operating frequency (2mA/MHz). TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 LIMITS TEMPERATURE -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC -55oC TA TA +125oC +125oC MIN 60 60 200 200 20 250 200 25 MAX 250 500 UNITS ns ns ns ns ns ns ns ns ns ns PARAMETERS Address Latch Setup Time Address Hold Time After Latch Latch to READ/WRITE Control Valid Data Out From Read Control Address Stable to Data Out Valid Latch Enable Width READ/WRITE Control to Latch Enable READ/WRITE Control Width Data In to WRITE Setup Time Data In Hold Time After WRITE SYMBOL TAL TLA TLC TRD TAD TLL TCL TCC TDW TWD CONDITIONS Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4,7 Notes 1, 4 Notes 1, 4 Notes 1, 4 Spec Number 4 518056 Specifications HS-81C55RH, HS-81C56RH TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) GROUP A SUBGROUPS 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 9, 10, 11 LIMITS TEMPERATURE -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC -55oC TA +125oC 100 100 120 40 115 MIN 50 15 150 MAX 300 300 300 300 360 300 300 340 300 300 UNITS ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns PARAMETERS WRITE to Port Output Port Input Setup Time Port Input Hold Time Strobe to Buffer Full Strobe Width READ to Buffer Empty Strobe to INTR Off READ to INTR Off Port Setup Time to Strobe Post Hold Time After Strobe Strobe to Buffer Empty WRITE to Buffer full WRITE to INTR Off TIMER-IN to TIMER OUT Low TIMER-IN to TIMER-OUT High Data Bus Enable from READ Control TIMER-IN Low Time TIMER-IN High Time NOTES: SYMBOL TWP TPR TRP TSBF TSS TRBE TSI TRDI TPSS TPHS TSBE TWBF TWI TTL TTH TRDE T1 T2 CONDITIONS Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4, 5 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4 Notes 1, 4, 6 Notes 1, 4 1. All devices guaranteed at worst case limits and over radiation. 2. Operating supply current (IDDOP) is proportional to operating frequency. 3. Output timings are measured with purely capacitive load. 4. For design purposes the limits are given as shown. For compatibility with the 80C85RH microprocessor, the AC parameters are tested as maximums. 5. Parameter tested as part of the functional test. No read and record data available. 6. At low temperature, T1 is measured down to 10ns. If the reading is less than 10ns, the parameter will read 10ns. 7. Read and Record data available on failing data only. TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETERS Input Capacitance I/O Capacitance Output Capacitance Data Bus Float After READ Recovery Time Between Controls SYMBOL CIN CI/O COUT TRDF TRV CONDITIONS VDD = Open, f = 1MHz, All measurements referenced to device ground VDD = Open, f = 1MHz, All measurements referenced to device ground VDD = Open, f = 1MHz, All measurements referenced to device ground VDD = 4.75V VDD = 4.75V TEMPERATURE TA = +25oC MIN 10 MAX 10 12 10 100 220 UNITS pF pF pF ns ns TA = +25oC TA = +25oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC NOTE: The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are characterized upon initial design release and upon design changes which would affect these characteristics. Spec Number 5 518056 Specifications HS-81C55RH, HS-81C56RH Waveforms READ CE (81C55RH) OR CE (81C56RH) IO/M tAD AD0-7 tAL ALE tLL RD tLC tCC tRV tRIDE tRD tCL tRDF ADDRESS tLA DATA VALID WRITE CE (81C55RH) OR CE (81C56RH) IO/M AD0-7 tAL ALE tLL WR ADDRESS tLA tDW DATA VALID tCL tLC tCL tCC tWD tRV Spec Number 6 518056 HS-81C55RH, HS-81C56RH Waveforms (Continued) STROBED INPUT BF tSBF STROBED tSS INTR tRDI tSI tRBE RD tPSS INPUT DATA FROM PORT tPHS STROBED OUTPUT BF tSBE STROBE tWBF INTR tWI WR tWP OUTPUT DATA TO PORT tSI Spec Number 7 518056 HS-81C55RH, HS-81C56RH Waveforms (Continued) BASIC INPUT tRP RD tPR INPUT BASIC INPUT RD tWP INPUT DATA BUS DATA BUS TIMER OUTPUT COUNTDOWN FROM 5 TO 1 LOAD COUNTER CLR 2 1 tF 5 4 t2 3 RELOAD COUNTER CLR 2 1 5 TIMER IN tR TIMER OUT (PULSE) (NOTE 1) tTL TIMER OUT (SQUARE WAVE) (NOTE 1) tTL NOTE: THE TIMER OUTPUT IS PERIODIC IF IN AN AUTOMATIC RELOAD MODE (M, MODE BIT = 1) tTH tTH t1 tCYC Spec Number 8 518056 HS-81C55RH, HS-81C56RH Metallization Topology DIE DIMENSIONS: 222 x 202 x 14 1mil (Die Thickness) METALLIZATION: Type: AlSi Thickness: 11kA 2kA GLASSIVATION: Type: SiO2 Thickness: 8kA 1kA Metallization Mask Layout HS-81C55RH, HS-81C56RH (3) TIMER IN (4) RESET (40) VDD (39) PC2 (38) PC1 (37) PC0 (36) PB7 TIMER OUT (6) IO/M (7) (34) PB5 CE OR CE (8) RD (9) WR (10) ALE (11) (35)PB6 (33) PB4 (32) PB3 (31) PB2 (30) PB1 (29) PB0 (28) PA7 (27) PA6 PA5 (26) (5) PC5 (2) PC4 AD0 (12) AD1 (13) AD2 (14) AD3 (15) AD4 (16) AD5 (17) AD6 (18) AD7 (19) (1) PC3 PA0 (21) PA1 (22) PA2 (23) PA3 (24) GND (20) PA4 (25) Spec Number 9 518056 HS-81C55RH, HS-81C56RH Functional Description The HS-81C55RH and 81C56RH contains the following: * 2K Bit Static RAM Organized as 256 x 8 * Two 8-Bit I/O Ports (PA and PB) and One 6-Bit I/O Port (PC) * 14-Bit Timer-Counter The IO/M (IO/Memory Select) pin selects either the five register (Command, Status, PA0 - PA7, PB0 - PB7, PC0 - PC5) or the memory (RAM) portion. The 8-bit address on the Address/Data lines, Chip Enable input CE or CE and IO/M are all latched on-chip at the falling edge of ALE. DEFINES PC0 - PC5 ENABLE PORT A INTERRUPT ENABLE PORT B INTERRUPT 7 6 5 4 3 2 1 0 PA TM2 TM1 IEB IEA PC2 PC1 PB DEFINES PA0 - PA7 DEFINES PB0 - PB7 0 = INPUT 1 = OUTPUT 00 = ALT1 11 = ALT2 01 = ALT3 10 = ALT4 0 = INPUT 1 = OUTPUT 00 = NOP - DO NOT AFFECT COUNTER OPERATION 01 = STOP - NOP IF TIMER HAS NOT STARTED; STOP COUNTING IF THE TIMER IS RUNNING 10 = STOP AFTER TC - STOP IMMEDIATELY AFTER PRESENT TC IS REACHED (NOP IF TIMER HAS NOT STARTED) 11 = START - LOAD MODE AND CNT LENGTH AND START IMMEDIATELY AFTER LOADING (IF TIMER IS NOT PRESENTLY RUNNING). IF TIMER IS RUNNING, START THE NEW MODE AND CNT LENGTH IMMEDIATELY AFTER PRESENT TC IS REACHED. 8-BIT INTERNAL DATA BUS TIMER COMMAND COMMAND STATUS 6 8 8 TIMER MODE PC PB PA TIMER MSB TIMER LSB FIGURE 3. COMMAND REGISTER BIT ASSIGNMENT FIGURE 1. INTERNAL REGISTERS Reading the Status Register The status register consists of seven latches, one for each bit six (0-5) for the status of the ports and one (6) for the status of the timer. The status of the timer and the I/O section can be polled by reading the Status Register (Address XXXXX000). Status word format is shown in Figure 4. Note that you may never write to the status register since the command register shares the same I/O address and the command register is selected when a write to that address is issued. DATA VALID CE (81C55RH) OR CE (81C56RH) IO/M AD0 - AD7 ALE ADDRESS AD7 AD6 AD5 AD4 B BF AD3 AD2 AD1 A BF AD0 INTR A INTE TIMER B RD OR WR INTR INTE B A FIGURE 2. ON-BOARD MEMORY READ/WRITE CYCLE Programming of the Command Register The command register consists of eight latches. Four bits (03) define the mode of the ports, two bit (4-5) enable or disable the interrupt from port C when it acts as control port, and the last two bits (6-7) are for the timer. The command register contents can be altered at anytime by using the I/O address XXXXX000 during a WRITE operation with the Chip Enable active and IO/M = 1. The meaning of each bit of the command byte is defined in Figure 3. The contents of the command register may never be read. PORT A INTERRUPT REQUEST PORT A BUFFER FULL/EMPTY (INPUT/OUTPUT) PORT A INTERRUPT ENABLE PORT B INTERRUPT REQUEST PORT B BUFFER FULL/EMPTY (INPUT/OUTPUT) PORT B INTERRUPT ENABLE TIMER INTERRUPT (THIS BIT IS LATCHED HIGH WHEN TERMINAL COUNT IS REACHED, AND IS RESET TO LOW READING OF THE C/S REGISTER & BY HARDWARE RESET). FIGURE 4. STATUS REGISTER BIT ASSIGNMENT Spec Number 10 518056 HS-81C55RH, HS-81C56RH Input/Output Section The I/O section of the HS-81C55RH and HS-81C56RH consists of five registers: (See Figure 5) * Command/Status Register (C/S) - Both register are assigned the address XXXXX000. The C/S address serves the dual prupose. When the C/S registers are selected during WRITE operation, a command is written into the command register. The contents of this register are not accessible through the pins. When the C/S (XXXXX000) is selected during a READ operation, the status information of the I/O ports and the timer becomes available on the AD0 - AD7 lines. * PA Register - This register can be programmed to be either input or output ports depending on the status of the contents of the C/S Register. also depending on the command, this port can operate in either the basic mode or the strobed mode (See timing diagram). the I/O pins assigned in relation to this register are PA0 - PA7. The address of this register is XXXXX001. * PB Register - This register functions the same as PA Register. the I/O pins assigned are PB0 - PB7. The address of this register is XXXXX010 * PC Register - This register has the address XXXXX011 and contains only 6 bits. The 6 bits can be programmed to be either input ports, output ports or as control signals for PA and PB by properly programming the AD2 and AD3 bits of the C/S register. When PC0 - PC5 is used as a control port, 3 bits are assigned for Port A and 3 for Port B. The first bit is an Interrupt that the HS-81C55RH and HS-81C56RH sends out. The second is an output signal indicating whether the buffer is full or empty, and the third is an input pin to accept a strobe for the strobed input mode. (See Table 1). HS-81C55RH AND HS-81C56RH ONE BIT OF PORT A OR PORT B OUTPUT LATCH CLK INTERNAL DATA BUS CLR (1) (2) (3) (4) OUTPUT MODE MULTIPLEXER SIMPLE INPUT CONTROL STROBED INPUT = 1 FOR OUTPUT MODE = 0 FOR INPUT MODE When the `C' port is programmed to either ALT3 or ALT4, the control signals for PA and Pb are initialized as follows: : CONTROL BF INTR STB INPUT MODE Low Low Input Control OUTPUT MODE Low High Input Control I/O ADDRESS A7 A6 A5 A4 A3 A2 A1 A0 X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X 0 0 0 0 1 1 0 0 1 1 0 0 0 1 0 1 0 1 SELECTION Interval Command/ Status Register General Purpose I/O Port A General Purpose I/O Port B General Purpose I/O or Control Port C Low-Order 8 Bits of Timer Count High 6 Bits of Timer Count and 2 Bits of Timer Mode I/O Address must be qualified by CE = 1(81C56RH) or CE = 0(81C55RH) and IO/M = 1 in order to select the appropriate register. X = Don't Care FIGURE 5. I/O PORT AND TIMER ADDRESSING SCHEME Figure 6 shows how I/O Ports A and B are structured within the HS-81C55RH and HS-81C56RH. Note in the diagram that when the I/O ports are programmed to be output ports, the contents of the output ports can still be read by a READ operation when appropriately addressed. D Q PA/PB PIN WRITE PORT MUX (1) (2) (3) MODE (4) LATCH READ PORT Q CLK D NOTES: 1. READ Port = (IO/M = 1)(RD = 0)(CE Active) (Port Address Selected) 2. WRITE Port = (IO/M = 1)(wr = 0)(CE Active) (Port Address Selected) STB FIGURE 6. HS-81C55RH AND HS-81C56RH PORT FUNCTION Spec Number 11 518056 HS-81C55RH, HS-81C56RH The outputs of the HS-81C55/56RH are "glitch-free" meaning that you can write a "1" to a bit position that was previously "1" and the level at the output pin will not change. Note also that the output latch is cleared when the port enters the input mode. the output latch cannot be loaded by writing to the port if the port is in theinput mode. The result is that each time a port mode is changed from input to output, the output pins will go low. When the HS-81C55/56RH is RESET, the output latches are all cleared and all 3 ports enter the input mode. When in the ALT1 or ALT2 modes, the bits of Port C are structured like the diagram above in the simple input or output mode, respectively. Reading from an input port with nothing connected to the pins will provide unpredictable results. Figure 7 shows how the HS-81C55/56RH I/O ports might be configured in a typical system. PORT B TO HS-80C85RH RST INPUT PORT A OUTPUT PORT A A INTR (SIGNAL DATA RECEIVED) A BF (SIGNALS DATA READY) A STB (ACKNOWL. DATA RCV'D) PORT C B STB (LOAD PORT B LATCH) B BF (SIGNALS BUFFER IS FULL) B INTR (SIGNALS BUFFER READY FOR READING) INPUT TO INPUT PORT (OPTIONAL) TO HS-80C85RH RST INPUT TO/FROM PERIPHERAL INTERFACE FIGURE 7. EXAMPLE: COMMAND REGISTER = 00111001 Timer Section The timer is a 14 bit down counter that counts the TIMER IN pulses and provides either a square wave or pulse when terminal count (TC) is reached. The timer has the I/O address XXXXX100 for the low order byte of the register and the I/O address XXXXX101 for the high order byte of the register. (See Figure 5). To program the timer, the COUNT LENGTH REG is loaded first, one byte at a time, by selecting the timer addresses. Bits 0-13 of the high order count register will specify the length of the next count and bits 14-15 of the high order register will specify the timer output mode (see Figure 8). The value loaded into the count length register can have any value from 2H through 3FFH in Bits 0-13. 7 M2 6 M1 5 T13 4 T12 3 T11 2 T10 1 T9 0 T8 TIMER MODE 7 T7 6 T6 5 T5 4 T4 MSB OF CNT LENGTH 3 T3 2 T2 1 T1 0 T0 LSB OF CNT LENGTH FIGURE 8. TIMER FORMAT TABLE 1. PORT CONTROL ASSIGNMENT PIN PC0 PC1 PC2 PC3 PC4 PC5 ALT1 Input Port Input Port Input Port Input Port Input Port Input Port ALT2 Output Port Output Port Output Port Output Port Output Port Output Port ALT3 A INTR (Port A Interrupt) A BF (Port A Buffer Full) A STB (Port A Strobe) Output Port Output Port Output Port ALT4 A INTR (Port A Interrupt) A BF (Port A Buffer Full) A STB (Port A Strobe) B INTR (Port B Interrupt) B BF (Port B Buffer Full) B STB (Port B Strobe) Spec Number 12 518056 HS-81C55RH, HS-81C56RH There are four modes to choose from: M2 and M1 define the timer mode, as shown in Figure 9. TIMER OUT WAVEFORMS: MODE BITS M2 M1 0 0 1. SINGLE SQ. WAVE 2. CONTINUOUS SQ. WAVE 3. SINGLE PULSE ON TERM. COUNT 4. CONTINUOUS PULSES START TERMINAL COUNT COUNT (TERMINAL COUNT) 5 4 FIGURE 10. ASYMMETRICAL SQUARE-WAVE OUTPUT RESULTING FROM COUNT OF 9 0 1 1 0 The counter in the HS-81C55/56RH is not initialized to any particular mode or count when hardware RESET occurs, but RESET does stop the counting. Therefore, counting cannot begin following RESET until a START command is issued via the C/S register. Please note that the timer circuit on the HS-81C55/56RH chip is designed to be a square-wave timer, not an event counter. To achieve this, it counts down by twos twice in completing one cycle. Thus, its registers do not contain values directly representing the number of TIMER IN pulses received. You cannot load an initial value of 1 into the count register and cause the timer to operate, as its terminal count value is 10 (binary) or 2 (decimal). (For the detection of single pulses, it is suggested that one of the hardware interrupt pins on the HS-80C85RH be used.) After the timer has started counting down, the values residing in the count registers can be used to calculate the actual number of TIMER IN pulses required to complete the timer cycle if desired. To obtain the remaining count, perform the following operations in order: 1. Stop the count 2. Read in the 16 bit value from the count length registers 3. Reset the upper two mode bits 4. Reset the carry and rotate right one position all 16 bits through carry 5. If carry is set, add 1/2 of the full original count (1/2 full count - 1 if full count is odd). NOTE: If you started with an odd count and you read the count length register before the third count pulse occurs, you will not be able to discern whether one or two counts has occurred. Regardless of this, the HS-81C55/56RH always counts out the right number of pulses in generating the TIMER OUT waveforms. 1 1 FIGURE 9. TIMER MODES Bits 6-7 (TM2 and TM1) of command register contents are used to start and stop the counter. there are four commands to choose from: TM2 0 0 1 TM1 0 1 0 NOP - Do not affect counter operation STOP-NOP - If timer has not started; stop counting if the timer is running STOP AFTER TC - Stop immediately after present TC is reached (NOP if timer has not started) START - Load mode and CNT length and start immediately after loading (if timer is not presently running). If timer is running, start the new mode and CNT length immediately after present TC is reached. 1 1 Note that while the counter is counting, you may load a new count and mode into the count length registers. Before the new count and mode will be used by the counter, you must issue a START command to the counter. This applies even thought you may only want to change the count and use the previous mode. In case of an odd-numbered count, the first half-cycle of the squarewave output, which is high, is one count longer than the second (low) half-cycle, as shown in Figure 10. Spec Number 13 518056 HS-81C55RH, HS-81C56RH Ceramic Metal Seal Flatpack Packages (Flatpack) 1 E N A A D b E1 L C Q E2 A S1 K42.A TOP BRAZED 42 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE INCHES SYMBOL A b b1 c c1 D E MIN 0.017 0.017 0.007 0. 007 1.045 0.630 0.530 MAX 0.100 0.025 0.023 0.013 0.010 1.075 0.650 0.680 0.550 MILLIMETERS MIN 0.43 0.43 0.18 0.18 26.54 16.00 13.46 MAX 2.54 0.64 0.58 0.33 0.25 27.31 16.51 17.27 13.97 NOTES 3 3 11 8.89 1.65 0.04 42 8 6 Rev. 0 6/17/94 7. For bottom-brazed lead packages, no organic or polymeric materials shall be molded to the bottom of the package to cover the leads. 8. Dimension Q shall be measured at the point of exit (beyond the meniscus) of the lead from the body. Dimension Q minimum shall be reduced by 0.0015 inch (0.038mm) maximum when solder dip lead finish is applied. 9. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 10. Controlling dimension: INCH. 11. The basic lead spacing is 0.050 inch (1.27mm) between center lines. Each lead centerline shall be located within 0.005 inch (0.13mm) of its exact longitudinal position relative to lead 1 and the highest numbered (N) lead. e c1 LEAD FINISH E1 E2 (c) BASE METAL b1 M M (b) SECTION A-A e k L Q S1 0.050 BSC 0.320 0.045 0.000 42 0.350 0.065 0.0015 - 1.27 BSC 8.13 1.14 0.00 - NOTES: 1. Index area: A notch or a pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. The manufacturer's identification shall not be used as a pin one identification mark. Alternately, a tab (dimension k) may be used to identify pin one. 2. If a pin one identification mark is used in addition to a tab, the limits of dimension k do not apply. 3. This dimension allows for off-center lid, meniscus, and glass overrun. 4. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. The maximum limits of lead dimensions b and c or M shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 5. N is the maximum number of terminal positions. 6. Measure dimension S1 at all four corners. M N All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification. Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com Sales Office Headquarters NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029 Spec Number 14 518056 |
Price & Availability of HS-81C55RH
![]() |