Part Number Hot Search : 
44100 2SD1506 PRECI 200BG V2461P7L 2LB35 SMLJ64C D15AA
Product Description
Full Text Search
 

To Download HFBR1414 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HFBR-0400, HFBR-14xx and HFBR-24xx Series Low Cost, Miniature Fiber Optic Components with ST(R), SMA, SC and FC Ports
Data Sheet
Features * Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards * Meets TIA/EIA-785 100Base-SX standard * Low Cost Transmitters and Receivers * Choice of ST(R), SMA, SC or FC Ports * 820 nm Wavelength Technology * Signal Rates up to 160 MBd * Link Distances up to 2.7 km * Specified with 50/125 m, 62.5/ 125 m, 100/140 m, and 200 m HCS(R) Fiber * Repeatable ST Connections within 0.2 dB Typical * Unique Optical Port Design for Efficient Coupling * Auto-Insertable and Wave Solderable * No Board Mounting Hardware Required * Wide Operating Temperature Range -40 C to +85 C * AlGaAs Emitters 100% Burn-In Ensures High Reliability * Conductive Port Option
Description The HFBR-0400 Series of components is designed to provide cost effective, high performance fiber optic communication links for information systems and industrial applications with link distances of up to 2.7 kilometers. With the HFBR-24x6, the 125 MHz analog receiver, data rates of up to 160 megabaud are attainable. Transmitters and receivers are directly compatible with popular "industry-standard" connectors: ST(R), SMA, SC and FC. They are completely specified with multiple fiber sizes; including 50/125 m, 62.5/125 m, 100/ 140 m, and 200 m. The HFBR-14x4 high power transmitter and HFBR-24x6 125 MHz receiver pair up to provide a duplex solution optimized for 100 Base-SX. 100Base-SX is a Fast Ethernet Standard (100 Mbps) at 850 nm on multimode fiber. Complete evaluation kits are available for ST product offerings; including transmitter, receiver, connectored cable, and technical literature. In addition, ST connectored cables are available for evaluation. Applications * 100Base-SX Fast Ethernet on 850 nm * Media/fiber conversion, switches, routers, hubs and NICs on 100Base-SX * Local Area Networks * Computer to Peripheral Links * Computer Monitor Links * Digital Cross Connect Links * Central Office Switch/PBX Links * Video Links * Modems and Multiplexers * Suitable for Tempest Systems * Industrial Control Links
ST(R) is a registered trademark of AT&T. HCS(R) is a registered trademark of the SpecTran Corporation.
HFBR-0400 Series Part Number Guide
1 2 Transmitter Receiver
HFBR-x4xxaa
T C M
Threaded port option Conductive port receiver option Metal port option
TX, stadnard power TX, high power RX, 5 MBd, TTL output TX, high light output power RX, 125 MHz, Analog Output
4
820 nm Transmitter and Receiver products
2 4
0 1 2 E
SMA, housed
2
ST, housed
5
FC, housed
6
SC, housed
Available Options
HFBR-1402 HFBR-1404 HFBR-1412 HFBR-1412T HFBR-1414 HFBR-1414M HFBR-1414T HFBR-1424 HFBR-1412TM HFBR-14E4 HFBR-2402 HFBR-2406 HFBR-2412TC HFBR-2416 HFBR-2416M HFBR-2412 HFBR-2412T HFBR-2422 HFBR-24E6 HFBR-2416T HFBR-2416TC
Link Selection Guide
Data rate (MBd)
5 5 20 32 55 125 155 160
Distance (m)
1500 2000 2700 2200 1400 700 600 500
Transmitter
HFBR-14x2 HFBR-14x4 HFBR-14x4 HFBR-14x4 HFBR-14x4 HFBR-14x4 HFBR-14x4 HFBR-14x4
Receiver
HFBR-24x2 HFBR-24x2 HFBR-24x6 HFBR-24x6 HFBR-24x6 HFBR-24x6 HFBR-24x6 HFBR-24x6
Fiber Size (m)
200 HCS 62.5/125 62.5/125 62.5/125 62.5/125 62.5/125 62.5/125 62.5/125
Evaluation Kit
N/A HFBR-0410 HFBR-0414 HFBR-0414 HFBR-0414 HFBR-0416 HFBR-0416 HFBR-0416
For additional information on specific links see the following individual link descriptions. Distances measured over temperature range from 0 to +70 C.
2
Applications Support Guide This section gives the designer information necessary to use the HFBR-0400 series components to make a functional fiber optic transceiver.
Agilent offers a wide selection of evaluation kits for hands-on experience with fiber optic products as well as a wide range of application notes complete with circuit diagrams and board layouts.
Furthermore, Agilent's application support group is always ready to assist with any design consideration.
Application Literature
Title
HFBR-0400 Series Reliability Data Application Bulletin 78 Application Note 1038 Application Note 1065 Application Note 1073 Application Note 1086 Application Note 1121 Application Note 1122 Application Note 1123 Application Note 1137 Application Note 1383
Description
Transmitter & Receiver Reliability Data Low Cost Fiber Optic Links for Digital Applications up to 155 MBd Complete Fiber Solutions for IEEE 802.3 FOIRL, 10Base-FB and 10Base-FL Complete Solutions for IEEE 802.5J Fiberoptic Token Ring HFBR-0219 Test Fixture for 1x9 Fiber Optic Transceivers Optical Fiber Interconnections in Telecommunication Products DC to 32 MBd Fiberoptic Solutions 2 to 70 MBd Fiberoptic Solutions 20 to 160 MBd Fiberoptic Solutions Generic Printed Circuit Layout Rules Cost Effective Fiber and Media Conversion for 100Base-SX
3
HFBR-0400 Series Evaluation Kits HFBR-0410 ST Evaluation Kit Contains the following:
Package and Handling Information Package Information All HFBR-0400 Series transmitters and receivers are housed in a low-cost, dual-inline package that is made of high strength, heat resistant, chemically resistant, and UL 94V-O flame retardant ULTEM(R) plastic (UL File #E121562). The transmitters are easily identified by the light grey color connector port. The receivers are easily identified by the dark grey color connector port. (Black color for conductive port). The package is designed for auto-insertion and wave soldering so it is ideal for high volume production applications. Handling and Design Information Each part comes with a protective port cap or plug covering the optics. These caps/ plugs will vary by port style. When soldering, it is advisable to leave the protective cap on the unit to keep the optics clean. Good system performance requires clean port optics and cable ferrules to avoid obstructing the optical path. Clean compressed air often is sufficient to remove particles of dirt; methanol on a cotton swab also works well.
* One HFBR-1412 transmitter * One HFBR-2412 five
megabaud TTL receiver
Recommended Chemicals for Cleaning/Degreasing HFBR-0400 Products Alcohols: methyl, isopropyl, isobutyl. Aliphatics: hexane, heptane, Other: soap solution, naphtha. Do not use partially halogenated hydrocarbons such as 1,1.1 trichloroethane, ketones such as MEK, acetone, chloroform, ethyl acetate, methylene dichloride, phenol, methylene chloride, or N-methylpyrolldone. Also, Agilent does not recommend the use of cleaners that use halogenated hydrocarbons because of their potential environmental harm.
* Three meters of ST
connectored 62.5/125 m fiber optic cable with low cost plastic ferrules. Related literature
*
HFBR-0414 ST Evaluation Kit Includes additional components to interface to the transmitter and receiver as well as the PCB to reduce design time. Contains the following:
* One HFBR-1414T transmitter * One HFBR-2416T receiver * Three meters of ST * * * * * *
connectored 62.5/125 m fiber optic cable Printed circuit board ML-4622 CP Data Quantizer 74ACTllOOON LED Driver LT1016CN8 Comparator 4.7 H Inductor Related literature
HFBR-0400 SMA Evaluation Kit Contains the following:
* One HFBR-1402 transmitter * One HFBR-2402 five
megabaud TTL receiver
* Two meters of SMA *
connectored 1000 m plastic optical fiber Related literature
HFBR-0416 Evaluation Kit Contains the following:
* One fully assembled 1x9
transceiver board for 155 MBd evaluation including: - HFBR-1414 transmitter - HFBR-2416 receiver - circuitry Related literature
*
Ultem(R) is a registered Trademark of the GE corporation.
4
Mechanical Dimensions SMA Port HFBR-x40x
1/4 - 36 UNS 2A THREAD
12.7 (0.50)
Rx/Tx COUNTRY OF ORIGIN A YYWW HFBR-X40X
22.2 (0.87) 12.7 (0.50) 6.35 (0.25)
6.4 (0.25) DIA.
3.6 (0.14)
5.1 (0.20)
10.2 (0.40)
3.81 (0.15) PINS 1,4,5,8 0.51 X 0.38 (0.020 X 0.015)
2.54 (0.10)
1.27 (0.05)
2.54 (0.10)
4 3 1
PINS 2,3,6,7 0.46 DIA. (0.018)
8
PIN NO. 1 INDICATOR
Mechanical Dimensions ST Port HFBR-x41x
12.7 (0.50)
Rx/Tx COUNTRY OF ORIGIN A YYWW HFBR-X41X
2 7
6
5
27.2 (1.07) 12.7 (0.50)
8.2 (0.32) 6.35 (0.25)
7.0 DIA. (0.28)
3.6 (0.14)
5.1 (0.20)
10.2 (0.40)
3.81 (0.15)
2.54 (0.10)
1.27 (0.05)
PINS 1,4,5,8 0.51 X 0.38 (0.020 X 0.015)
2.54 (0.10)
4 3 1
PINS 2,3,6,7 0.46 DIA. (0.018)
8
PIN NO. 1 INDICATOR
5
2 7
6
5
Mechanical Dimensions Threaded ST Port HFBR-x41xT
5.1 (0.20)
12.7 (0.50)
Rx/Tx COUNTRY OF ORIGIN A YYWW HFBR-X41XT
8.4 (0.33) 27.2 (1.07) 7.6 (0.30) 6.35 (0.25)
12.7 (0.50)
7.1 DIA. (0.28)
3.6 (0.14)
5.1 (0.20)
10.2 (0.40)
3.81 (0.15)
3/8 - 32 UNEF - 2A 2.54 DIA. (0.10) 1.27 (0.05)
PINS 1,4,5,8 0.51 X 0.38 (0.020 X 0.015)
2.54 (0.10)
4 3 1
PINS 2,3,6,7 0.46 DIA. (0.018)
8
2 7
6
5
PIN NO. 1 INDICATOR
Mechanical Dimensions FC Port HFBR-x42x
M8 x 0.75 6G THREAD (METRIC)
12.7 (0.50)
Rx/Tx COUNTRY OF ORIGIN A YYWW HFBR-X42X
19.6 (0.77) 12.7 (0.50)
7.9 (0.31)
3.6 (0.14)
5.1 (0.20)
10.2 (0.40)
3.81 (0.15) 2.5 (0.10)
4 3 1
2.5 (0.10)
8
PIN NO. 1 INDICATOR
6
2 7
6
5
Mechanical Dimensions SC Port HFBR-x4Ex
Rx/Tx COUNTRY OF ORIGIN A YYWW HFBR-X4EX
28.65 (1.128)
12.7 (0.50)
6.35 (0.25)
10.0 (0.394)
3.60 (0.140)
10.38 (0.409)
3.81 (0.15) 2.54 (0.10)
15.95 (0.628) 1.27 (0.050) 2.54 (0.100)
5.1 (0.200)
12.7 (0.500)
7
LED OR DETECTOR IC LENS-SPHERE (ON TRANSMITTERS ONLY) HOUSING LENS-WINDOW
CONNECTOR PORT HEADER EPOXY BACKFILL PORT GROUNDING PATH INSERT
Figure 1. HFBR-0400 ST Series Cross-Sectional View.
Panel Mount Hardware
HFBR-4401: for SMA Ports HFBR-4411: for ST Ports
3/8 - 32 UNEF 2B THREAD
1/4 - 36 UNEF 2B THREAD
PART NUMBER DATE CODE
0.2 IN.
7.87 DIA. (0.310) 1.65 (0.065)
HEX-NUT
12.70 DIA. (0.50) 1.65 (0.065)
Rx/Tx COUNTRY OF ORIGIN A YYWW HFBR-X40X
HEX-NUT
3/8 - 32 UNEF 2A THREADING 1 THREAD AVAILABLE
7.87 TYP. (0.310) DIA.
14.27 TYP. (0.563) DIA.
WALL
NUT
6.61 DIA. (0.260) WASHER
0.14 (0.005)
10.41 MAX. (0.410) DIA. WASHER
0.46 (0.018)
WASHER
(Each HFBR-4401 and HFBR-4411 kit consists of 100 nuts and 100 washers).
Port Cap Hardware HFBR-4402: 500 SMA Port Caps HFBR-4120: 500 ST Port Plugs (120 psi)
8
Options In addition to the various port styles available for the HFBR0400 series products, there are also several extra options that can be ordered. To order an option, simply place the corresponding option number at the end of the part number. See page 2 for available options. Option T (Threaded Port Option)
* Allows ST style port * * *
components to be panel mounted. Compatible with all current makes of ST(R) multimode connectors Mechanical dimensions are compliant with MIL-STD83522/13 Maximum wall thickness when using nuts and washers from the HFBR-4411 hardware kit is 2.8 mm (0.11 inch) Available on all ST ports
Option M (Metal Port Option) * Nickel plated aluminum connector receptacle * Designed to withstand electrostatic discharge (ESD) of 15 kV to the port * Significantly reduces effect of electromagnetic interference (EMI) on receiver sensitivity * Allows designer to separate the signal and metal port grounds * Recommended for use in very noisy environments * Available on SMA, ST, and threaded ST ports
*
Option C (Conductive Port Receiver Option) * Designed to withstand electrostatic discharge (ESD) of 25 kV to the port * Significantly reduces effect of electromagnetic interference (EMI) on receiver sensitivity * Allows designer to separate the signal and conductive port grounds * Recommended for use in noisy environments * Available on SMA and threaded ST port style receivers only
9
Typical Link Data HFBR-0400 Series Description The following technical data is taken from 4 popular links using the HFBR-0400 series: the 5 MBd link, Ethernet 20 MBd link, Token Ring 32 MBd link, and the corresponds to transceiver solutions combining the HFBR0400 series components and various recommended transceiver design circuits using off-the-shelf electrical components. This data is meant to be regarded as an example of typical link performance for a given design and does not call out any link limitations. Please refer to the appropriate application note given for each link to obtain more information. 5 MBd Link (HFBR-14xx/24x2) Link Performance -40 C to +85 C unless otherwise specified
Parameter
Optical Power Budget with 50/125 m fiber Optical Power Budget with 62.5/125 m fiber Optical Power Budget with 100/140 m fiber Optical Power Budget with 200 m fiber Date Rate Synchronous Asynchronous
Symbol
OPB50 OPB62.5 OPB100 OPB200
Min.
4.2
Typ.
9.6
Max.
Units
dB
Conditions
HFBR-14x4/24x2 NA = 0.2 HFBR-14x4/24x2 NA = 0.27 HFBR-14x2/24x2 NA = 0.30 HFBR-14x2/24x2 NA = 0.37
Reference
Note 1
8.0
15
dB
Note 1
8.0
15
dB
Note 1
12
20
dB
Note 1
dc dc
5 2.5
MBd MBd
Note 2 Note 3, Fig 7 TA = +25 C PR = -21 dBm peak Figs 6, 7, 8
Propagation Delay LOW to HIGH Propagation Delay HIGH to LOW System Pulse Width Distortion Bit Error Rate
tPLH tPHL tPLH - tPHL BER
72
ns
46
ns
26 10-9
ns
Fiber cable length = 1 m Data rate <5 Bd PR > -24 dBm peak
Notes: 1. OPB at TA = -40 to +85 C, V CC = 5.0 V dc, IF ON = 60 mA. PR = -24 dBm peak. 2. Synchronous data rate limit is based on these assumptions: a) 50% duty factor modulation, e.g., Manchester I or BiPhase Manchester II; b) continuous data; c) PLL Phase Lock Loop demodulation; d) TTL threshold. 3. Asynchronous data rate limit is based on these assumptions: a) NRZ data; b) arbitrary timing-no duty factor restriction; c) TTL threshold.
10
5 MBd Logic Link Design If resistor R1 in Figure 2 is 70.4 W, a forward current IF of 48 mA is applied to the HFBR-14x4 LED transmitter. With IF = 48 mA the HFBR-14x4/24x2 logic link is guaranteed to work with 62.5/125 m fiber optic cable over the entire range of 0 to 1750 meters at a data rate of dc to 5 MBd, with arbitrary data format and pulse width distortion typically less than 25%. By setting R1 = 115 W, the transmitter can be driven with IF = 30 mA, if it is desired to economize on power or achieve lower pulse distortion.
The following example will illustrate the technique for selecting the appropriate value of IF and R1. Maximum distance required = 400 meters. From Figure 3 the drive current should be 15 mA. From the transmitter data VF = 1.5 V (max.) at IF = 15 mA as shown in Figure 9.
R1 = VCC - VF = 5V - 1.5V IF 15 mA R1 = 233
The curves in Figures 3, 4, and 5 are constructed assuming no inline splice or any additional system loss. Should the link consists of any in-line splices, these curves can still be used to calculate link limits provided they are shifted by the additional system loss expressed in dB. For example, Figure 3 indicates that with 48 mA of transmitter drive current, a 1.75 km link distance is achievable with 62.5/125 m fiber which has a maximum attenuation of 4 dB/km. With 2 dB of additional system loss, a 1.25 km link distance is still achievable.
TTL DATA OUT +5 V SELECT R1 TO SET IF IF R
1
HFBR-14xx TRANSMITTER 2 6 7 3
HFBR-24x2 RECEIVER 2 VCC 0.1 F
1 K
T
R
6 7&3
RL
DATA IN 1/2 75451 TRANSMISSION DISTANCE = NOTE: IT IS ESSENTIAL THAT A BYPASS CAPACITOR (0.01 F TO 0.1 F CERAMIC) BE CONNECTED FROM PIN 2 TO PIN 7 OF THE RECEIVER. TOTAL LEAD LENGTH BETWEEN BOTH ENDS OF THE CAPACITOR AND THE PINS SHOULD NOT EXCEED 20 MM.
Figure 2. Typical Circuit Configuration.
11
10LOG(I/Io) NORMALIZED TRANSMITTER CURRENT (dB)
10LOG(I/Io) NORMALIZED TRANSMITTER CURRENT (dB)
0
0 -1 -2 -3 -4 -5 -6 -7 -8 -9 CABLE ATTENUATION MAX (-40 C, +85 C) MIN (-40 C, +85 C) TYP (+25 C) 0 1 2 3 dB/km 5.5 1.0 3.3 4 10 TYPICAL +25 C UNDERDRIVE OVERDRIVE WORST CASE -40 C, +85 C UNDERDRIVE 60 50 40 30 20
60
IF TRANSMITTER FORWARD CURRENT (mA)
0 -1 -2 -3 -4 -5 -6 -7 -8 -9 CABLE ATTENUATION MAX (-40 C, +85 C) MIN (-40 C, +85 C) TYP (+25 C) 0 2 dB/km 4 1.5 2.8 4 TYPICAL +25 C UNDERDRIVE OVERDRIVE WORST CASE -40 C, +85 C UNDERDRIVE
-1
40 30 20
-2
WORST CASE -40C, +85C UNDERDRIVE
50
TYPICAL 26C UNDERDRIVE
40
-3
30
-4 CABLE ATTENUATION MAX (-40C, +85C) MIN (-40C, +85C) TYP (-40C, +85C) 0 0.4 0.8 1.2 1.6 dB/km 4 1 2.8 2
10
-5
20
-10 -11
6
-10 -11
6
-6 LINK LENGTH (km)
LINK LENGTH (km)
LINK LENGTH (km)
Figure 3. HFBR-1414/HFBR-2412 Link Design Limits with 62.5/125 m Cable.
Figure 4. HFBR-14x2/HFBR-24x2 Link Design Limits with 100/140 m Cable.
Figure 5. HFBR-14x4/HFBR-24x2 Link Design Limits with 50/125 m Cable.
75 70
t PLH OR t PHL PROPOGATION DELAY -ns
55
65 60 55 50 45 40 35 30 25
t PLH (TYP) @ 25C
tD - NRZ DISTORTION - ns
50 45 40 35 30 25 20 -22 -21 -20 -19 -18 -17 -16 -15 -14 -13 -12 P R - RECEIVER POWER - dBm
t PHL (TYP) @ 25C
20 -22 -21 -20 -19 -18 -17 -16 -15 -14 -13 -12 P R - RECEIVER POWER - dBm
Figure 6. Propagation Delay through System with One Meter of Cable.
Figure 7. Typical Distortion of Pseudo Random Data at 5 Mb/s.
PULSE GEN 1/2 75451
+15 V RS 1N4150 2, 6, 7 3 10 W IF 10 W
RESISTOR VALUE AS NEEDED FOR SETTING OPTICAL POWER OUTPUT FROM RECEIVER END OF TEST CABLE INPUT IF 50% tPHLT tPHLT tPHL MIN 100 ns PULSE REPETITION FREQ = 1 MHz 100 ns
TRANSMITTER +5 V 2 RL 560
INPUT (IF)
TIMING ANALYSIS EQUIPMENT eg. SCOPE
PT 50% tPHL MAX VO 5V 1.5 V 0 tPHL MIN tPHL MAX
PT - FROM 1-METER TEST CABLE
6 0.1 F 7&3 HFBR-2412 RECEIVER
OUTPUT + VO 15 pF
Figure 8. System Propagation Delay Test Circuit and Waveform Timing Definitions.
12
I F - TRANSMITTER FORWARD CURRENT - (mA)
60 50
IF TRANSMITTER FORWARD CURRENT (mA)
10 LOG (t/to) NORMALIZED TRANSMITTER CURRENT (dB)
Ethernet 20 MBd Link (HFBR-14x4/24x6) (refer to Application Note 1038 for details) Typical Link Performance
Parameter
Receiver Sensitivity
Symbol
Typ [1, 2]
-34.4
Units
dBm average
Conditions
20 MBd D2D2 hexadecimal data 2 km 62.5/125 m fiber ECL Out Receiver TTL Out Receiver 20 MBd D2D2 hexadecimal data 20 MBd D2D2 hexadecimal data Peak IF,ON = 60 mA 1 MHz square wave input
Link Jitter
7.56 7.03 0.763 PT tr tf |tr - tf| BER -15.2
ns pk-pk ns pk-pk ns pk-pk dBm average
Transmitter Jitter Optical Power
LED Rise Time LED Fall Time Mean Difference Bit Error Rate Output Eye Opening Data Format 50% Duty Factor
1.30 3.08 1.77 10
-10
ns ns ns
36.7 20
ns MBd
At AUI receiver output
Notes: 1. Typical data at TA = +25 C, VCC = 5.0 V dc. 2. Typical performance of circuits shown in Figure 1 and Figure 3 of AN-1038 (see applications support section).
Token Ring 32 MBd Link (HFBR-14x4/24x6) (refer to Application Note 1065 for details) Typical Link Performance
Parameter
Receiver Sensitivity
Symbol
Typ [1, 2]
-34.1
Units
dBm average
Conditions
32 MBd D2D2 hexadecimal data 2 km 62.5/125 m fiber ECL Out Receiver TTL Out Receiver 32 MBd D2D2 hexadecimal data Transmitter TTL in IF ON = 60 mA, IF OFF = 1 mA 1 MHz square wave input
Link Jitter
6.91 5.52 0.823 PT ON PT OFF tr tf |tr - tf| BER -12.2 -82.2 1.3 3.08 1.77 10-10 32
ns pk-pk ns pk-pk ns pk-pk dBm peak
Transmitter Jitter Optical Power Logic Level "0" Optical Power Logic Level "1" LED Rise Time LED Fall Time Mean Difference Bit Error Rate Data Format 50% Duty Factor
ns ns ns
MBd
Notes: 1. Typical data at TA = +25 C, V CC = 5.0 V dc. 2. Typical performance of circuits shown in Figure 1 and Figure 3 of AN-1065 (see applications support section)
13
155 MBd Link (HFBR-14x4/24x6) (refer to Application Bulletin 78 for details) Typical Link Performance
Parameter
Optical Power Budget with 50/125 m fiber Optical Power Budget with 62.5/125 m fiber Optical Power Budget with 100/140 m fiber Optical Power Budget with 200 m HCS fiber Data Format 20% to 80% Duty Factor System Pulse Width Distortion
Symbol
OPB50 OPB62 OPB100 OPB200
Min
7.9
Typ [1, 2]
13.9
Max
Units
dB
Conditions
NA = 0.2
Ref
Note 2
11.7
17.7
dB
NA = 0.27
11.7
17.7
dB
NA = 0.30
16.0
22.0
dB
NA = 0.35
1
175
MBd
|tPLH - tPHL| BER
1 10-9
ns
PR = -7 dBm peak 1 m 62.5/125 m fiber Data rate < 100 MBaud PR > -31 dBm peak Note 2
Bit Error Rate
Notes: 1. Typical data at T A = +25 C, V CC = 5.0 V dc, PECL serial interface. 2. Typical OPB was determined at a probability of error (BER) of 10-9. Lower probabilities of error can be achieved with short fibers that have less optical loss.
14
HFBR-14x2/14x4 Low-Cost HighSpeed Transmitters Description The HFBR-14xx fiber optic transmitter contains an 820 nm AlGaAs emitter capable of efficiently launching optical power into four different optical fiber sizes: 50/125 m, 62.5/125 m, 100/140 m, and 200 m HCS(R). This allows the designer flexibility in choosing the fiber size. The HFBR-14xx is designed to operate with the Agilent HFBR-24xx fiber optic receivers. The HFBR-14xx transmitter's high coupling efficiency allows the emitter to be driven at low current levels resulting in low power consumption and increased reliability of the transmitter. The HFBR-14x4 high power transmitter is optimized for small size fiber and typically can launch -15.8 dBm optical power at 60 mA
into 50/125 m fiber and -12 dBm into 62.5/125 m fiber. The HFBR-14x2 standard transmitter typically can launch -12 dBm of optical power at 60 mA into 100/140 m fiber cable. It is ideal for large size fiber such as 100/140 m. The high launched optical power level is useful for systems where star couplers, taps, or inline connectors create large fixed losses. Consistent coupling efficiency is assured by the double-lens optical system (Figure 1). Power coupled into any of the three fiber types varies less than 5 dB from part to part at a given drive current and temperature. Consistent coupling efficiency reduces receiver dynamic range requirements which allows for longer link lengths.
Housed Product
ANODE CATHODE 2, 6, 7 3
PIN 11 2 32 41 51 6 72 81 FUNCTION NC ANODE CATHODE NC NC ANODE ANODE NC
4 3 2 1 BOTTOM VIEW
5 6 7 8
NOTES: 1. PINS 1, 4, 5 AND 8 ARE ELECTICALLY CONNECTED. PIN 1 INDICATOR 2. PINS 2, 6 AND 7 ARE ELECTRICALLY CONNECTED TO THE HEADER.
Unhoused Product
1 4 2 3
PIN 1 2 3 4 FUNCTION ANODE CATHODE ANODE ANODE
BOTTOM VIEW
Absolute Maximum Ratings
Parameter
Storage Temperature Operating Temperature Lead Soldering Cycle Temp Time Forward Input Current Peak dc Reverse Input Voltage
Symbol
TS TA
Min
-55 -40
Max
+85 +85
Units
C C
Reference
+260 10
C sec
IFPK IFdc VBR
200 100 1.8
mA V V
Note 1
15
Electrical/Optical Specifications -40 C to +85 C unless otherwise specified.
Parameter
Forward Voltage
Symbol
VF DVF/DT
Min
1.48
Typ2
1.70 1.84 -0.22 -0.18
Max
2.09
Units
V
Conditions
IF = 60 mA dc IF = 100 mA dc IF = 60 mA dc IF = 100 mA dc IF = 100 A dc
Reference
Figure 9
Forward Voltage Temperature Coefficient
mV/C
Figure 9
Reverse Input Voltage Peak Emission Wavelength Diode Capacitance Optical Power Temperature Coefficient
VBR lP CT DPT/DT
1.8 792
3.8 820 55 -0.006 -0.010 260 0.49 0.31 290 150 865
V nm pF dB/C
V = 0, f = 1 MHz I = 60 mA dc I = 100 mA dc Notes 3, 8
Thermal Resistance 14x2 Numerical Aperture 14x4 Numerical Aperture 14x2 Optical Port Diameter 14x4 Optical Port Diameter
qJA NA NA D D
C/W
m m
Note 4 Note 4
HFBR-14x2 Output Power Measured Out of 1 Meter of Cable
Parameter
50/125 m Fiber Cable NA = 0.2
Symbol
PT50
Min
-21.8 -22.8 -20.3 -21.9 -19.0 -20.0 -17.5 -19.1 -15.0 16.0 -13.5 -15.1 -10.7 -11.7 -9.2 -10.8
Typ2
-18.8 -16.8
Max
-16.8 -15.8 -14.4 -13.8 -14.0 -13.0 -11.6 -11.0 -10.0 -9.0 -7.6 -7.0 -4.7 -3.7 -2.3 -1.7
Units
dBm peak
Conditions
TA = +25 C, IF = 60mA dc TA = +25 C, IF = 100 mA dc
Reference
Notes 5, 6, 9
62.5/125 m Fiber Cable NA = 0.275
PT62
-16.0 -14.0
dBm peak
TA = +25 C, IF = 60mA dc TA = +25 C, IF = 100 mA dc
100/140 m Fiber Cable NA = 0.3
PT100
-12.0 -10.0
dBm peak
TA = +25 C, IF = 60mA dc TA = +25 C, IF = 100 mA dc
200 m HCS Fiber Cable NA - 0.37
PT200
-7.1 -5.2
dBm peak
TA = +25 C, IF = 60mA dc TA = +25 C, IF = 100 mA dc
CAUTION: The small junction sizes inherent to the design of these components increase the components' susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in handling and assembly of these components to prevent damage and/or degradation which may be induced by ESD.
16
HFBR-14x4 Output Power Measured out of 1 Meter of Cable
Parameter
50/125 m Fiber Cable NA = 0.2
Symbol
PT50
Min
-18.8 -19.8 -17.3 -18.9 -15.0 -16.0 -13.5 -15.1 -9.5 -10.5 -8.0 -9.6 -5.2 -6.2 -3.7 -5.3
Typ2
-15.8 -13.8
Max
-13.8 -12.8 -11.4 -10.8 -10.0 -9.0 -7.6 -7.0 -4.5 -3.5 -2.1 -1.5 +0.8 +1.8 +3.2 +3.8
Units
dBm peak
Conditions
TA = +25 C, IF = 60mA dc TA = +25 C, IF = 100 mA dc
Reference
Notes 5, 6, 9
62.5/125 m Fiber Cable NA = 0.275
PT62
-12.0 -10.0
dBm peak
TA = +25 C, IF = 60mA dc TA = +25 C, IF = 100 mA dc
100/140 m Fiber Cable NA = 0.3
PT100
-6.5 -4.5
dBm peak
TA = +25 C, IF = 60mA dc TA = +25 C, IF = 100 mA dc
200 m HCS Fiber Cable NA - 0.37
PT200
-3.7 -1.7
dBm peak
TA = +25 C, IF = 60mA dc TA = +25 C, IF = 100 mA dc
HFBR-14x5 Output Power Measured out of 1 Meter of Cable
Parameter
62.5/125 m Fiber Cable NA = 0.275
Symbol
PT62
Min
-11.0 -12.0
Typ2
-10.0 -10.0
Max
-8.0 -7.0
Units
dBm peak
Conditions
TA = +25 C, IF = 60mA
Reference
14x2/14x4 Dynamic Characteristics
Parameter
Rise Time, Fall Time (10% to 90%)
Symbol
tr, tf
Min
Typ2
4.0
Max
6.5
Units
nsec No prebias nsec
Conditions
IF = 60 mA Figure 12
Reference
Note 7
Rise Time, Fall Time (10% to 90%) Pulse Width Distortion
tr, tf PWD
3.0
IF = 10 to 100 mA
Note 7, Figure 11 Figure 11
0.5
nsec
Notes: 1. For I FPK > 100 mA, the time duration should not exceed 2 ns. 2. Typical data at TA = +25 C. 3. Thermal resistance is measured with the transmitter coupled to a connector assembly and mounted on a printed circuit board. 4. D is measured at the plane of the fiber face and defines a diameter where the optical power density is within 10 dB of the maximum. 5. PT is measured with a large area detector at the end of 1 meter of mode stripped cable, with an ST(R) precision ceramic ferrule (MILSTD- 83522/13) for HFBR-1412/1414, and with an SMA 905 precision ceramic ferrule for HFBR-1402/1404. 6. When changing mW to dBm, the optical power is referenced to 1 mW (1000 mW). Optical Power P (dBm) = 10 log P (mW)/1000 mW. 7. Pre-bias is recommended if signal rate >10 MBd, see recommended drive circuit in Figure 11. 8. Pins 2, 6 and 7 are welded to the anode header connection to minimize the thermal resistance from junction to ambient. To further reduce the thermal resistance, the anode trace should be made as large as is consistent with good RF circuit design. 9. Fiber NA is measured at the end of 2 meters of mode stripped fiber, using the far-field pattern. NA is defined as the sine of the half angle, determined at 5% of the peak intensity point. When using other manufacturer's fiber cable, results will vary due to differing NA values and specification methods.
All HFBR-14XX LED transmitters are classified as IEC 825-1 Accessible Emission Limit (AEL) Class 1 based upon the current proposed draft scheduled to go in to effect on January 1, 1997. AEL Class 1 LED devices are considered eye safe. Contact your Agilent sales representative for more information. CAUTION: The small junction sizes inherent to the design of these components increase the components' susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in handling and assembly of these components to prevent damage and/or degradation which may be induced by ESD.
17
Recommended Drive Circuits The circuit used to supply current to the LED transmitter can significantly influence the optical switching characteristics of the LED. The optical rise/fall times and propagation delays can be improved by using the appropriate circuit techniques. The LED drive circuit shown in
Figure 11 uses frequency compensation to reduce the typical rise/fall times of the LED and a small pre-bias voltage to minimize propagation delay differences that cause pulsewidth distortion. The circuit will typically produce rise/fall times of 3 ns, and a total jitter including pulse-width distortion of less than 1 ns. This circuit is recommended for applications requiring low edge jitter or high-
speed data transmission at signal rates of up to 155 MBd. Component values for this circuit can be calculated for different LED drive currents using the equations shown below. For additional details about LED drive circuits, the reader is encouraged to read Agilent Application Bulletin 78 and Application Note 1038.
RY
(VCC - VF) + 3.97(VCC - VF - 1.6V) IF ON (A) 1 RY 2 3.97
RY = RY =
(5 - 1.84) + 3.97(5 - 1.84 - 1.6) 0.100 3.16 + 6.19 = 93.5 0.100
RX1 =
REQ2 ( ) = RX1 - 1 RX2 = RX3 = RX4 = 3(REQ2) 2000 ps C(pF) = RX1( ) Example for IF ON = 100mA : VF can be obtained from Figure 9 ( = 1.84 V).
1 93.5 RX1 = = 11.8 2 3.97 REQ2 = 11.8 - 1 = 10.8 RX2 = RX3 = RX4 = 3 (10.8) = 32.4 C= 2000 ps = 169 pF 11.8
18
100 IF - FORWARD CURRENT - mA 80 +85 C +25 C 60 -40 C
P(I F ) - P(60 mA) - RELATIVE POWER RATIO
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50 60 70 80 90 100 IF - FORWARD CURRENT - mA
3.0
P(I F ) - P(60 mA) - RELATIVE POWER RATIO - dB
2.0 1.4 1.0 0.8 0 -1.0 -2.0 -3.0 -4.0 -5.0 -7.0
40 20 10 1.2
1.4
1.6
1.8
2.0
2.2
VI - FORWARD VOLTAGE - V
Figure 9. Forward Voltage and Current Characteristics.
Figure 10. Normalized Transmitter Output vs. Forward Current.
+5 V + 1/4 74F3037 3 4, 5 0.1 F 4.7 F 12, 13 15 14 1/4 74F3037 10 11 1/4 74F3037 8 7 1/4 74F3037
Figure 11. Recommended Drive Circuit.
Ry RX2 RX1
2 1
16
9
RX3
C
HFBR-14x2/x4 5 RX4
HP8082A PULSE GENERATOR
SILICON AVALANCHE PHOTODIODE
50 TEST HEAD
HIGH SPEED OSCILLOSCOPE
50 LOAD RESISTOR
Figure 12. Test Circuit for Measuring tr, tf.
19
HFBR-24x2 Low-Cost 5 MBd Receiver Description The HFBR-24x2 fiber optic receiver is designed to operate with the Agilent HFBR-14xx fiber optic transmitter and 50/ 125 m, 62.5/125 m, 100/ 140 m, and 200 m HCS(R) fiber optic cable. Consistent coupling into the receiver is assured by the lensed optical system (Figure 1). Response does not vary with fiber size 0.100 m. The HFBR-24x2 receiver incorporates an integrated photo IC containing a photodetector and dc amplifier driving an opencollector Schottky output transistor. The HFBR-24x2 is
designed for direct interfacing to popular logic families. The absence of an internal pull-up resistor allows the opencollector output to be used with logic families such as CMOS requiring voltage excursions much higher than VCC. Both the open-collector "Data" output Pin 6 and VCC Pin 2 are referenced to "Com" Pin 3, 7. The "Data" output allows busing, strobing and wired "OR" circuit configurations. The transmitter is designed to operate from a single +5 V supply. It is essential that a bypass capacitor (0.1 mF ceramic) be connected from Pin 2 (VCC) to Pin 3 (circuit common) of the receiver.
Housed Product
2 6 7&3 Vcc DATA COMMON
4 3 2 1 BOTTOM VIEW
5 6 7 8 PIN 1 INDICATOR
PIN 11 2 32 41 51 6 72 81
FUNCTION NC V CC (5 V) COMMON NC NC DATA COMMON NC
NOTES: 1. PINS 1, 4, 5 AND 8 ARE ELECTRICALLY CONNECTED 2. PINS 3 AND 7 ARE ELECTRICALLY CONNECTED TO HEADER
Unhoused Product
PIN 1 2 3 4 FUNCTION VCC (5 V) COMMON DATA COMMON
1 4
2 3
BOTTOM VIEW
Absolute Maximum Ratings
Parameter
Storage Temperature Operating Temperature Lead Soldering Cycle Temp Time Supply Voltage Output Current Output Voltage Output Collector Power Dissipation Fan Out (TTL)
Symbol
TS TA
Min
-55 -40
Max
+85 +85
Units
C C
Reference
Note 1 +260 10 VCC IO VO PO AV N -0.5 -0.5 7.0 25 18.0 40 C sec V mA V mW
5
Note 2
20
Electrical/Optical Characteristics -40 C to + 85 C unless otherwise specified Fiber sizes with core diameter 100 m and NA 0.35, 4.75 V VCC 5.25 V
Parameter
High Level Output Current
Symbol
IOH VOL ICCH ICCL NA D
Min
Typ3
5
Max
250
Units
A
Conditions
VO = 18 PR < -40 dBm IO = 8 mA PR > -24 dBm VCC = 5.25 V PR < -40 dBm VCC = 5.25 V PR > -24 dBm
Reference
Low Level Output Voltage
0.4
0.5
V
High Level Supply Current
3.5
6.3
mA
Low Level Supply Current
6.2
10
mA
Equivalent NA Optical Port Diameter
0.50 400 m Note 4
Dynamic Characteristics -40 C to +85 C unless otherwise specified; 4.75 V VCC 5.25 V; BER 10-9
Parameter
Peak Optical Input Power Logic Level HIGH
Symbol
PRH
Min
Typ3
Max
-40 0.1
Units
dBm pk W pk dBm pk W pk dBm pk W pk ns ns
Conditions
lP = 820 nm
Reference
Note 5
Peak Optical Input Power Logic Level LOW
PRL
-25.4 2.9 -24.0 4.0
-9.2 120 -10.0 100 65 49
TA = +25 C, IOL = 8mA IOL = 8mA TA = +25 C, PR = -21 dBm, Data Rate = 5 MBd
Note 5
Propagation Delay LOW to HIGH Propagation Delay HIGH to LOW
tPLHR tPHLR
Note 6
Notes: 1. 2.0 mm from where leads enter case. 2. 8 mA load (5 x 1.6 mA), RL = 560 W. 3. Typical data at TA = +25 C, V CC = 5.0 Vdc. 4. D is the effective diameter of the detector image on the plane of the fiber face. The numerical value is the product of the actual detector diameter and the lens magnification. 5. Measured at the end of 100/140 mm fiber optic cable with large area detector. 6. Propagation delay through the system is the result of several sequentially-occurring phenomena. Consequently it is a combination of data-ratelimiting effects and of transmission-time effects. Because of this, the data-rate limit of the system must be described in terms of time differentials between delays imposed on falling and rising edges. 7. As the cable length is increased, the propagation delays increase at 5 ns per meter of length. Data rate, as limited by pulse width distortion, is not affected by increasing cable length if the optical power level at the receiver is maintained.
CAUTION: The small junction sizes inherent to the design of these components increase the components' susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in handling and assembly of these components to prevent damage and/or degradation which may be induced by ESD.
21
HFBR-24x6 Low-Cost 125 MHz Receiver Description The HFBR-24x6 fiber optic receiver is designed to operate with the Agilent HFBR-14xx fiber optic transmitters and 50/ 125 m, 62.5/125 m, 100/140 m and 200 m HCS(R) fiber optic cable. Consistent coupling into the receiver is assured by the lensed optical system (Figure 1). Response does not vary with fiber size for core diameters of 100 mm or less. The receiver output is an analog signal which allows follow-on circuitry to be optimized for a variety of distance/data rate requirements. Low-cost external components can be used to convert the analog output to logic compatible signal levels for various data formats and data rates up to 175 MBd. This distance/data rate trade-off results in increased optical power budget at lower data rates which can be used for additional distance or splices. The HFBR-24x6 receiver contains a PIN photodiode and low noise transimpedance
preamplifier integrated circuit. The HFBR-24x6 receives an optical signal and converts it to an analog voltage. The output is a buffered emitter follower. Because the signal amplitude from the HFBR-24x6 receiver is much larger than from a simple PIN photodiode, it is less susceptible to EMI, especially at high signaling rates. For very noisy environments, the conductive or metal port option is recommended. A receiver dynamic range of 23 dB over temperature is achievable (assuming 10-9 BER). The frequency response is typically dc to 125 MHz. Although the HFBR-24x6 is an analog receiver, it is compatible with digital systems. Please refer to Application Bulletin 78 for simple and inexpensive circuits that operate at 155 MBd or higher. The recommended ac coupled receiver circuit is shown in Figure 14. It is essential that a 10 ohm resistor be connected between pin 6 and the power supply, and a 0.1 mF ceramic bypass capacitor be connected between the power supply and ground. In addition, pin 6 should be filtered to protect the
6 VCC POSITIVE SUPPLY
receiver from noisy host systems. Refer to AN 1038, 1065, or AB 78 for details. Housed Product
6 2 Vcc
ANALOG SIGNAL 3&7V
EE
4 3 2 1 BOTTOM VIEW
5 6 7 8 PIN 1 INDICATOR
PIN 11 2 32 41 51 6 72 81
FUNCTION NC SIGNAL VEE NC NC VCC VEE NC
NOTES: 1. PINS 1, 4, 5 AND 8 ARE ISOLATED FROM THE INTERNAL CIRCUITRY, BUT ARE ELECTRICALLY CONNECTED TO EACH OTHER. 2. PINS 3 AND 7 ARE ELECTRICALLY CONNECTED TO HEADER
Unhoused Product
PIN 1 2 3 4 FUNCTION SIGNAL VEE VCC VEE
1 4
2 3
BOTTOM VIEW
BIAS & FILTER CIRCUITS
300 pF
2 ANALOG VOUT SIGNAL
5.0 mA 3, 7 VEE NEGATIVE SUPPLY
Figure 13. Simplified Schematic Diagram.
CAUTION: The small junction sizes inherent to the design of these components increase the components' susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in handling and assembly of these components to prevent damage and/or degradation which may be induced by ESD.
22
Absolute Maximum Ratings
Parameter
Storage Temperature Operating Temperature Lead Soldering Cycle Temp Time Supply Voltage Output Current Signal Pin Voltage VCC IO VSIG -0.5 -0.5
Symbol
TS TA
Min
-55 -40
Max
+85 +85
Units
C C
Reference
Note 1 +260 10 6.0 25 VCC C sec V mA V
Electrical/Optical Characteristics -40 C to +85 C; 4.75 V Supply Voltage 5.25 V, RLOAD = 511 W, Fiber sizes with core diameter 100 mm, and N.A. -0.35 unless otherwise specified.
Parameter
Responsivity
Symbol
RP
Min
5.3 4.5
Typ2
7
Max
9.6 11.5
Units
mV/W mV/W mV
Conditions
TA = +25 C @ 820 nm, 50 MHz @ 820 nm, 50 MHz Bandwidth filtered @ 75 MHz PR = 0 W Unfiltered bandwidth PR = 0 W Bandwidth Filtered @ 75MHz TA = +25 C
Reference
Note 3, 4 Figure 18
RMS Output Noise Voltage
VNO
0.40
0.59
Note 5
0.70
mV
Figure 15
Equivalent Input Optical Noise Power (RMS) Optical Input Power (Overdrive)
PN
-43.0 0.050
-41.4 0.065 -7.6 175 -8.2 150
dBm W dBm pk W pk dBm pk W pk W
PR
Note 6 Figure 16
Output Impedance
ZO VO dc IEE NA D -4.2
30
Test Frequency = 50 MHz PR = 0 W RLOAD = 510 W
dc Output Voltage Power Supply Current Equivalent NA Equivalent Diameter
-3.1 9 0.35 324
-2.4 15
V mA
m
Note 7
CAUTION: The small junction sizes inherent to the design of these components increase the components' susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in handling and assembly of these components to prevent damage and/or degradation which may be induced by ESD.
23
Dynamic Characteristics -40 C to +85 C; 4.75 V Supply Voltage 5.25 V; RLOAD = 511 W, CLOAD = 5 pF unless otherwise specified
Parameter
Rise/Fall Time 10% to 90% Pulse Width Distortion
Symbol
tr , t f PWD
Min
Typ2
3.3 0.4
Max
6.3 2.5
Units
ns ns
Conditions
PR = 100 W peak PR = 150 W peak PR = 5 W peak, tr = 1.5 ns -3 dB Electrical Note 10
Reference
Figure 17 Note 8, Figure 16 Note 9
Overshoot
2
%
Bandwidth (Electrical) Bandwidth - Rise Time Product
BW
125 0.41
MHz Hz * s
Notes: 1. 2.0 mm from where leads enter case. 2. Typical specifications are for operation at TA = +25 C and VCC = +5 V dc. 3. For 200 m HCS fibers, typical responsivity will be 6 mV/mW. Other parameters will change as well. 4. Pin #2 should be ac coupled to a load 510 ohm. Load capacitance must be less than 5 pF. 5. Measured with a 3 pole Bessel filter with a 75 MHz, -3 dB bandwidth. Recommended receiver filters for various bandwidths are provided in Application Bulletin 78. 6. Overdrive is defined at PWD = 2.5 ns. 7. D is the effective diameter of the detector image on the plane of the fiber face. The numerical value is the product of the actual detector diameter and the lens magnification. 8. Measured with a 10 ns pulse width, 50% duty cycle, at the 50% amplitude point of the waveform. 9. Percent overshoot is defined as:
VPK - V100% x 100% V100%
10. The conversion factor for the rise time to bandwidth is 0.41 since the HFBR-24x6 has a second order bandwidth limiting characteristic.
0.1 F +5 V 10 6 30 pF 2
POST AMP
LOGIC OUTPUT
3&7
R LOADS 500 MIN.
Figure 14. Recommended ac Coupled Receiver Circuit. (See AB 78 and AN 1038 for more information.)
CAUTION: The small junction sizes inherent to the design of these components increase the components' susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken in handling and assembly of these components to prevent damage and/or degradation which may be induced by ESD.
24
150
3.0
6.0
SPECTRAL NOISE DENSITY - nV/ H Z
125 100
PWD - PULSE WIDTH DISTORTION - ns
2.5
5.0
2.0
t r, t f - RESPONSE TIME - ns
4.0 tf 3.0 tr
75 50 25 0 0 50 100 150 200 250 300 FREQUENCY - MH Z
1.5 1.0 0.5 0 0 10 20 30 40 50 60 70 80 P R - INPUT OPTICAL POWER - W
2.0
1.0 -60 -40 -20 0 20 40 60 80 100 TEMPERATURE - C
Figure 15. Typical Spectral Noise Density vs. Frequency.
Figure 16. Typical Pulse Width Distortion vs. Peak Input Power.
Figure 17. Typical Rise and Fall Times vs. Temperature.
1.25
1.00
NORMALIZED RESPONSE
0.75
0.50
0.25
0 400
480
560
640
720
800
880
960
1040
- WAVELENGTH - nm
Figure 18. Receiver Spectral Response Normalized to 820 nm.
www.agilent.com/ semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes: 5980-1065E August 11, 2003 5988-3624EN


▲Up To Search▲   

 
Price & Availability of HFBR1414

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X