Part Number Hot Search : 
78L07 R1020 LF2805A T200A BSCD32H C2SS001A APT30D4 IRF823
Product Description
Full Text Search
 

To Download HEF4041B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC * The IC04 LOCMOS HE4000B Logic Package Outlines/Information HEF, HEC
HEF4041B buffers Quadruple true/complement buffer
Product specification File under Integrated Circuits, IC04 January 1995
Philips Semiconductors
Product specification
Quadruple true/complement buffer
DESCRIPTION The HEF4041B is a quadruple true/complement buffer which provides both an inverted active LOW output (O) and a non-inverted active HIGH output (O) for each input (I). The buffers exhibit high current output capability suitable for driving TTL or high capacitive loads.
HEF4041B buffers
Fig.2 Pinning diagram.
HEF4041BP(N): HEF4041BD(F): HEF4041BT(D):
14-lead DIL; plastic (SOT27-1) 14-lead DIL; ceramic (cerdip) (SOT73) 14-lead SO; plastic (SOT108-1)
( ): Package Designator North America
Fig.3 Logic diagram (one buffer).
APPLICATION INFORMATION Some examples of applications for the HEF4041B are: * LOCMOS to DTL/TTL converter * High current sink and source driver Fig.1 Functional diagram. FAMILY DATA, IDD LIMITS category BUFFERS See Family Specifications
January 1995
2
Philips Semiconductors
Product specification
Quadruple true/complement buffer
DC CHARACTERISTICS VSS = 0 V; VI = VSS or VDD Tamb (C) VDD V Output (source) current HIGH HIGH Output (sink) current LOW 5 10 15 5 4,75 10 15 VOH V 4,6 9,5 13,5 2,5 0,4 0,5 1,5 IOL -IOH -IOH VOL V SYMBOL -40 +25
HEF4041B buffers
+85 MIN. 1,0 2,7 10,0 3,0 1,35 4,5 15,0 MAX. mA mA mA mA mA mA mA
MIN. MAX. MIN. TYP. 1,6 4,5 16,0 5,0 2,0 7,5 23,0 1,3 3,6 14,0 4,0 1,7 6,0 20,0 2,6 7,0 30,0 8,0 4,0 12,0 35,0
AC CHARACTERISTICS VSS = 0 V; Tamb = 25 C; CL = 50 pF; input transition times 20 ns VDD V Propagation delays In On HIGH to LOW 5 10 15 5 LOW to HIGH In On HIGH to LOW 10 15 5 10 15 5 LOW to HIGH Output transition times On On HIGH to LOW LOW to HIGH 10 15 5 10 15 5 10 15 tTLH tTHL tPLH tPHL tPLH tPHL 30 20 15 30 15 10 35 20 15 35 20 15 25 12 8 25 12 8 65 40 30 55 30 20 75 40 30 75 40 30 50 25 20 45 25 20 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 17 ns + (0,27 ns/pF) CL 14 ns + (0,11 ns/pF) CL 12 ns + (0,08 ns/pF) CL 17 ns + (0,27 ns/pF) CL 9 ns + (0,11 ns/pF) CL 7 ns + (0,08 ns/pF) CL 22 ns + (0,27 ns/pF) CL 14 ns + (0,11 ns/pF) CL 12 ns + (0,08 ns/pF) CL 22 ns + (0,27 ns/pF) CL 14 ns + (0,11 ns/pF) CL 12 ns + (0,08 ns/pF) CL 5 ns + (0,40 ns/pF) CL 2 ns + (0,21 ns/pF) CL 1 ns + (0,14 ns/pF) CL 5 ns + (0,40 ns/pF) CL 2 ns + (0,21 ns/pF) CL 1 ns + (0,14 ns/pF) CL SYMBOL MIN. TYP. MAX. TYPICAL EXTRAPOLATION FORMULA
January 1995
3
Philips Semiconductors
Product specification
Quadruple true/complement buffer
HEF4041B buffers
VDD V Dynamic power dissipation per package (P) 5 10 15
TYPICAL FORMULA FOR P (W) 3100 fi + (foCL) x VDD2 12 700 fi + (foCL) x 33 800 fi + (foCL) x VDD2 VDD2 where fi = input freq. (MHz) fo = output freq. (MHz) CL = load capacitance (pF) (foCL) = sum of outputs VDD = supply voltage (V)
January 1995
4


▲Up To Search▲   

 
Price & Availability of HEF4041B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X