Part Number Hot Search : 
MTZJ10 AK4372 S93C66 NTE5066A C3149 1H100 ATTINY4 C3149
Product Description
Full Text Search
 

To Download HCF4055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCF4055B
BCD TO 7 SEGMENT LIQUID CRYSTAL DISPLAY DECODER/DRIVER WITH DISPLAY FREQUENCY OUTPUT
s s
s
s
s
s
s
s
s s
QUIESCENT CURRENT SPECIF. UP TO 20V OPERATION OF LIQUID CRYSTALS WITH CMOS CIRCUITS PROVIDES ULTRA LOW POWER DISPLAYS EQUIVALENT AC OUTPUT DRIVE FOR LIQUID CRYSTAL DISPLAYS - NO EXTERNAL CAPACITOR REQUIRED VOLTAGE DOUBLING ACROSS DISPLAY [(VDD - VEE) = 18V] RESULTS IN EFFECTIVE 36V (p-p) DRIVE ACROSS SELECTED DISPLAY SEGMENTS LOW OR HIGH OUTPUT LEVEL DC DRIVE FOR OTHER TYPES OF DISPLAYS ONE CHIP LOGIC LEVEL CONVERSION FOR DIFFERENT INPUT AND OUTPUT LEVEL SWINGS FULL DECODING OF ALL INPUT COMBINATIONS : "0 - 9, L, H, P, A" AND BLANK POSITIONS INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25C 100% TESTED FOR QUIESCENT CURRENT MEETS ALL REQUIREMENTS OF JEDEC JESD13B "STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"
DIP
SOP
ORDER CODES
PACKAGE DIP SOP TUBE HCF4055BEY HCF4055BM1 T&R HCF4055M013TR
DESCRIPTION HCF4055B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. PIN CONNECTION
HCF4055B is a single digit BCD to 7 segment decoder driver circuit that provides a level shifting function on the chip. This feature permits the BCD input-signals swings (VDD to VSS) to be the same as or different from the 7-segment output signal swings (VDD to VEE). For example, the BCD input-signal swings (VDD to VSS) may be as low as 0 to -3V, whereas the output-display drive signal swing (VDD to VEE) may be from 0 to -5V. If VDD to VEE exceeds 15V, VDD to VSS should be at least 4V. The 7 segment outputs are controlled by the DISPLAY-FREQUENCY (DF) input, which causes the selected segment outputs to be low, high, or a square wave output (for liquid crystal displays).
September 2002
1/11
HCF4055B
When the DF input is low, the output segments will be high when selected by the BCD inputs. When the DF input is high, the output segments will be low when selected by the BCD inputs. When a square wave is present at the DF input, the selected segments will have a square wave output that is 180 out of phase with the DF input. Those segments which are not selected will have a square wave output that is in phase with the input. DF square wave repetition rates for liquid crystal displays usually range from 30Hz (well above flicker rate) to 200Hz (well below the upper limit of the liquid crystal frequency response). HCF4055B provides a level-shifted high amplitude DF output, which is required for driving the common electrode INPUT EQUIVALENT CIRCUIT in liquid crystal displays. The decoding of all input combinations in this device provides displays of 0 to 9 as well as L, P, H, A, -, and a blank position. The level shifted function permits the use of different input and output signal swings. The input swings from a low level of VSS to a high level of VDD while the outputs swing from a low level of VEE to the same high level of VDD. Thus, the input and output swings can be selected independently of each other over a 3 to 18V range. VSS may be connected to VEE when no level-shift function is required. Whenever the level-shifting function is required HCF4055B can be used by itself to drive a liquid crystal display (see Figure 3 and 4). PIN DESCRIPTION
PIN No 5, 3, 2, 4 9, 10, 11, 12, 13, 15, 14 6 1 7 8 16 SYMBOL 2 ,2 ,2 ,2 a to g
0 1 2 3
NAME AND FUNCTION BCD Inputs 7 - Segments Outputs
DISPLAY Display Frequency Input FREQ. IN DISPLAY Display Frequency Output FREQ. OUT VEE Negative Supply Voltage VSS VDD Negative Supply Voltage Positive Supply Voltage
FUNCTIONAL DIAGRAM
2/11
HCF4055B
TRUTH TABLE
INPUT CODE 2
3
OUTPUT STATE 2
0
2
2
2
1
a H L H H L H H H H H L L H H L L
b H H H H H L L H H H L H H H L L
c H H L H H H H H H H L H L H L L
d H L H H L H H L H H H L L L L L
e H L H L L L H L H L H H H H L L
f H L L L H H H L H H H H H H L L
g L L H H H H H L H H L H H H H L
DISPLAY CHARACTER 0 1 2 3 4 5 6 7 8 9 L H P A BLANK
L L L L L L L L H H H H H H H H
L L L L H H H H L L L L H H H H
L L H H L L H H L L H H L L H H
L H L H L H L H L H L H L H L H
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VI II PD Top Tstg Supply Voltage DC Input Voltage DC Input Current Power Dissipation per Package Power Dissipation per Output Transistor Operating Temperature Storage Temperature Parameter Value -0.5 to +22 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -65 to +150 Unit V V mA mW mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Supply Voltage Input Voltage Operating Temperature Parameter Value 3 to 20 0 to VDD -55 to 125 Unit V V C
3/11
HCF4055B
DC SPECIFICATIONS
Test Condition Symbol Parameter VEE (V) -5 0 0 0 0 0 0 0 0 0 -5 0 0 5 0 0 -5 0 0 -5 0 0 0 VI (V) 0/5 0/10 0/15 0/20 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/18.5 0.5/4.5 9/1 1.5/18.5 4.5 9.5 13.5 0.4 0.5 1.5 VO (V) VSS VDD (V) (V) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 TA = 25C Min. Typ. Max. 5 10 20 100 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -0.28 -0.28 -0.95 0.82 0.82 2.17 1.5 3 4 -0.28 -0.28 -0.95 0.82 0.82 2.17 3.5 7 11 1.5 3 4 Value -40 to 85C -55 to 125C Unit Min. Max. 150 300 600 3000 4.95 9.95 14.95 0.05 0.05 0.05 Min. Max. 150 300 600 3000
IL
Quiescent Current
VOH
High Level Output Voltage Low Level Output Voltage High Level Input Voltage Low Level Input Voltage Output Drive Current Output Sink Current Input Leakage Current (any input) Input Capacitance (any input)
VOL
VIH
VIL
IOH
IOL
0/5 0/10 0/15 0/5 0/10 0/15 0/18
5 0.04 10 0.04 15 0.04 20 0.08 5 4.95 10 9.95 15 14.95 5 0.05 10 0.05 15 0.05 5 3.5 10 7 15 11 5 10 15 5 -0.38 -0.9 10 -0.38 -0.9 15 -1.27 -3 5 1.1 2.6 10 1.1 2.6 15 2.9 6.8 18
A
V
V
V
V
mA
mA
II
10-5 0.1 5 7.5
1
1
A
pF
CI
The Noise Margin for both "1" and "0" level is: 1V min. with VDD =5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25C, CL = 50pF, RL = 200K, tr = tf = 20 ns)
Test Condition Symbol Parameter VEE (V) -5 0 0 -5 0 0 VSS (V) 0 0 0 0 0 0 VDD (V) 5 10 15 5 10 15 Min. Value (*) Typ. 650 575 375 100 100 75 Max. 1300 1150 750 200 200 150 Unit
tPHL tPLH Propagation Delay Time (any Input to any Output) tTHL tTLH Transition Time (any Output)
ns
ns
(*) Typical temperature coefficient for all VDD value is 0.3 %/C.
4/11
HCF4055B
TYPICAL APPLICATIONS FIGURE 1 : Display Driver Circuits.
FIGURE 2 : Display Driver Waveforms.
5/11
HCF4055B
FIGURE 3 : Clock Display.
FIGURE 4 : Single-digit Liquid Crystal Display BCD IN FROM DTL, TTL, OR CMOS LOGIC
OPTION 1 VDD 0V VSS -5V VEE -15V OPTION 2 VDD +5V VSS 0V VEE -10V
6/11
HCF4055B
FIGURE 5 : Conversion Of "H" Display To "F" Display
Example of a circuit that converts an "H" display (code 1011) to an "F" display.
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RL = 200K RT = ZOUT of pulse generator (typically 50)
7/11
HCF4055B
WAVEFORM : DATA SETUP TIME AND STROBE PULSE DURATION (f=1MHz; 50% duty cycle )
8/11
HCF4055B
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
9/11
HCF4055B
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13H
10/11
HCF4055B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of HCF4055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X