Part Number Hot Search : 
LA70100M SY89853U CSC1507Y CSC2073 S6B0725X SMCJ7 66413 SP8799
Product Description
Full Text Search
 

To Download GBU10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU10005 - GBU1010
10A GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * * * Glass Passivated Die Construction High Case Dielectric Strength of 1500VRMS Low Reverse Leakage Current Surge Overload Rating to 220A Peak Ideal for Printed Circuit Board Applications Plastic Material: UL Flammability Classification Rating 94V-0 UL Listed Under Recognized Component Index, File Number E94661
GBU Dim
A B
Min 21.8 3.5 7.4 1.65 2.25 1.02 4.83 17.5 18.3 3.30 0.46 0.76
Max 22.3 4.1 7.9 2.16 2.75 1.27 5.33 18.0 18.8 3.56 0.56 1.0
A
K C M
B C D E G
L
Mechanical Data
* * * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Marked on Body Mounting: Through Hole for #6 Screw Mounting Torque: 5.0 Inch-pounds Maximum Marking: Date Code and Type Number Weight: 6.6 grams (approx.)
J
-
~~+
D E F G P N
H J K L M N P
3.2 X 45
H
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 100C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) @ IF = 5.0A Peak Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (Note 2) Typical Junction Capacitance per Element (Note 3) Typical Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range @ TC = 25C @ TC = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2t CJ RqJC Tj, TSTG GBU 10005 50 35
@ TA = 25C unless otherwise specified
GBU 1001 100 70
GBU 1002 200 140
GBU 1004 400 280 10 220 1.0 5.0 500 200 60 2.2 -55 to +150
GBU 1006 600 420
GBU 1008 800 560
GBU 1010 1000 700
Unit V V A A V mA A2s pF C/W C
Notes:
1. United mounted on 100 x 100 x 1.6mm copper plate heatsink. 2. Non-repetitive, for t > 1.0ms and < 8.3ms. 3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
DS30052 Rev. D-2
1 of 2
GBU10005 - GBU1010
10
I(AV), AVG FWD OUTPUT CURRENT (A)
8
IF, INSTANTANEOUS FWD CURRENT (A)
Resistive or Inductive Load
100
6
10
Tj = 25C
4
1.0
2
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1
Pulse width = 300s
0
0.2
0.6
1.0
1.4
1.8
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
250
1000
IFSM, PEAK FWD SURGE CURRENT (A)
Tj = 25C f = 1.0MHz
200
Single Half-Sine Wave (JEDEC Method)
150
Cj, JUNCTION CAPACITANCE (pF)
100
100
50
Tj = 25C
0 1
10
100
10 0.1
1.0
10
100
NUMBER OF CYCLES AT 60Hz Fig. 3 Maximum Non-Repetitive Surge Current
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
DS30052 Rev. D-2
2 of 2
GBU10005 - GBU1010


▲Up To Search▲   

 
Price & Availability of GBU10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X