Part Number Hot Search : 
MN103 BZX84C33 26300 ATA6612 20100CT PC2504 24BL7 IDT74FC
Product Description
Full Text Search
 

To Download FS0202MA00BU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FS02...A/B
SENSITIVE GATE SCR
TO92 (Plastic) RD26 (Plastic)
On-State Current 1.25 Amp Off-State Voltage 200 V / 800 V
K G A A G K
Gate Trigger Current < 200 A
FS02...A
FS02...B
These series of Silicon Controlled R ectifier use a high performance PNPN technology. These parts are intended for general purpose applications where high gate sensitivity is required.
Absolute Maximum Ratings, according to IEC publication No. 134
SYMBOL PARAMETER On-state Current Average On-state Current Non-repetitive On-State Current Non-repetitive On-State Current Fusing Current Peak Reverse Gate Voltage Peak Gate Current Peak Gate Dissipation Gate Dissipation Operating Temperature Storage Temperature Soldering Temperature CONDITIONS All Conduction Angle, TL = 60 C Half Cycle, = 180 , TL = 60 C Half Cycle, 60 Hz, Tj = 25 C Half Cycle, 50 Hz, Tj = 25 C tp = 10ms, Half Cycle IGR = 10 A, Tj = 25 C 20 s max. 20 s max. 20ms max. Min. 1.25 0.8 25 22.5 2.5 8 1.2 3 0.2 +125 +150 260 Max. Unit A A A A A2s V A W W C C C
IT(RMS) IT(AV) ITSM ITSM I2t VGRM IGM PGM PG(AV) Tj Tstg Tsld
-40 -40 1.6 mm from case, 10s max.
SYMBOL
PARAMETER Repetitive Peak Off State Voltage
CONDITIONS RGK = 1 K B 200
VOLTAGE D 400 M 600 N 800
Unit V
VDRM VRRM
Jun - 02
FS02...A/B
SENSITIVE GATE SCR
Electrical Characteristics
SYMBOL PARAMETER Gate Trigger Current Off-State Leakage Current On-state Voltage On-state Threshold Voltage Dinamic Resistance Gate Trigger Voltage Gate Non Trigger Voltage Holding Current Latching Current Critical Rate of Voltage Rise CONDITIONS MIN MAX VD = VDRM , RGK = 1K, Tj = 125 C MAX VR = VRRM , Tj = 25 C MAX at IT = 1.6 Amp, tp = 380 s, Tj = 25 C MAX Tj = 125 C MAX Tj = 125 C MAX VD = 12 VDC , RL = 140, Tj = 25 C MAX VD = VDRM , RL = 3.3K, RGK = 1K, MIN Tj = 125 C VD = 12 VDC , RL = 140, Tj = 25 C IT = 50 mA , RGK = 1K, Tj = 25 C IG = 1 mA , RGK = 1K, Tj = 25 C VD = 0.67 x VDRM , RGK = 1K, Tj = 125 C MAX MAX MIN MIN 01 1 20 SENSITIVITY 04 15 50 02 200 500 5 1.45 0.9 200 0.8 0.1 5 6 15 15 50 60 150 10 20 03 20 200 Unit A A V V m V V mA mA V/s A/s
IGT IDRM / IRRM VTM VT(O) rd VGT VGD IH IL dv / dt di / dt Rth(j-l) Rth(j-a)
Critical Rate of Current Rise IG = 2 x IGT Tr 100 ns, F = 60 Hz, Tj = 125 C Thermal Resistance Junction-Leads for DC Thermal Resistance Junction-Ambient
C/W C/W
PART NUMBER INFORMATION
F
FAGOR SCR CURRENT
S
02
01
B
A
00
BU
PACKAGING FORMING CASE VOLTAGE
SENSITIVITY
Jun - 02
FS02...A/B
SENSITIVE GATE SCR
Fig. 1: Maximum average power dissipation versus average on-state current P (W) 1.2
360
Fig. 2: Correlation between maximum average power dissipation and maximum allowable temperature (Tamb and Tlead). P (W) 1.2
Rth (j-l)
Tlead (C) -50
1.0 0.8
DC
1.0
Rth (j-a)
-70
0.8
= 180
0.6 0.4 0.2
= 30
= 120 = 90 = 60
0.6 0.4 0.2 IT(AV)(A) 0.0 0 20 40 60 80
-90
-110 Tamb (C) 100 120 140
0.0
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 Fig. 3: Average on-state current versus lead temperature I T(AV) (A) 1.4
DC
Fig. 4: Relative variation of thermal impedance junction to ambient versus pulse duration. Zth(j-a) / Rth(j-a) 1.00
1.2 1.0 0.8
= 180
0.10
0.6 0.4 0.2 0.0 0 10 20 30 40 50 60 70 80 90 100 110 120 130 Fig. 5: Relative variation of gate trigger current and holding current versus junction temperature. Igt (Tj) Igt (Tj = 25 C) 10.0 9.0 8.0 7.0 6.0
Igt
T lead (C)
0.01 1E-3
tp (s) 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2
Fig. 6: Non repetitive surge peak on-state current versus number of cycles. I TSM (A) 25
Tj initial = 25 C
Ih (Tj) Ih (Tj = 25 C)
20
15
5.0 4.0 3.0 2.0 1.0 0.0 -40 -20 0 20 40 60 80 100 120 140 Tj (C) 0 1 10 100 Number of cycles 1000
Ih
10
5
Jun - 02
FS02...A/B
SENSITIVE GATE SCR
Fig. 7: Non repetitive surge peak on-state current for a sinusoidal pulse with width: tp 10 ms, and corresponding value of I2t. ITSM(A). I2t (A2s) 100
Tj initial = 25 C Tj initial 25 C ITSM
Fig. 8: On-state characteristics (maximum values).
ITM(A) 100
10
Tj max
10
I2 t
1
Tj max Vto = 1.05 V Rt = 0.150
1 1 10
tp(ms)
0.1 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
VTM(V)
PACKAGE MECHANICAL DATA
TO92 (Plastic) DIMENSIONS Milimeters Typ. 1.5 4.6 2.54 1.27 4.6 14.1 3.6 1.5 0.43 0.38
REF.
A H
C
D b G
a B E F
A B C D E F G H a b
Min. 4.55 2.42 1.15 4.55 12.7 3.55 0.38 0.33
Max. 4.65 2.66 1.39 4.65 15.5 3.65 0.48 0.43
Marking: type number Weight: 0.2 g
PACKAGE MECHANICAL DATA
C D
RD26 (Plastic) DIMENSIONS Millimeters Typ. 1.5 4.6 2.54 1.27 4.6 14.1 3.6 0.43 0.38
REF. A B C D E F G a b Min. 4.55 2.42 1.15 4.55 12.7 3.55 0.38 0.33
G a B
A 45 E F
b
Max. 4.65 2.66 1.39 4.65 15.5 3.65 0.48 0.43
Marking: type number Weight: 0.2 g
Jun - 02


▲Up To Search▲   

 
Price & Availability of FS0202MA00BU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X