Part Number Hot Search : 
ZVG56W BA5104A CA3493 K4175 C330K VSMF4720 01800 SFH752V
Product Description
Full Text Search
 

To Download FM407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
FM401 - FM407
1A 1A GLASS PASSIVATED SMA DIODES
Marking VRRM(V) Package Dimensions
TYPE
IF (A)
V F (V)
IRMI(A)
IP8M(A)
Trr(ns)
FM401 FM402 FM403 FM404 FM405 FM406 FM407
M01 M02 M03 M04 M05 M06 M07
50 100 200 400 600 800 1000
1.0
1.10
5.0
30
-
DO - 214AC
G B A H A
.110(2.8) .086(2.2)
E F
D
C
B
.067(1.7) .051(1.3)
C
.008 MAX (.2)
D
.091(2.3) .067(1.7)
E
.051(1.3) .008(0.2)
F
.059(1.5) .035(0.9)
G
.209(5.3) .185(4.7)
H
.059(1.5) .035(0.9)
DO - 214AC
47A-1/2
LESHAN RADIO COMPANY, LTD.
FM401 - FM407 1A RATING & CHARACTERISTIC CURVES OF 1A SMA DIODES
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
1.0
AVERAGE FORWARD CURRENT,(A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10 TJ =25C
INSTANTANEOUS FORWARD CURRENT,(A)
0.8
0.6
1
0.4 Single Phase Half Wave 60Hz Resistive or Inductive Load 0 25 50 75 100 125 150 175
0.2
0
0.1
AMBIENT TEMPERATURE, (C)
Pulse Width=300s 1% Duty Cycle 0.01 0.6 0.8 1.0 1.2 1.4 1.5
FIG. 3 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT,(A)
INSTANTANEOUS FORWARD VOLTAGE,(V)
40
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
30 10
INSTANTANEOUS FORWARD CURRENT,(A)
20
TJ =100C
10
1.0
0 1 2 4 6 8 10 20 40 NUMBER OF CYCLES AT 60Hz 60 80100
0.1 TJ =25C
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200 100
JUNCTION CAPACITANCE,(pF)
0.01 TJ =25C 0 20 40 60 80 100 120 140
60 40 20 10 6 4
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
2 1 .1 .2 .4 1.0 2 4 10 20 40 100
REVERSE VOLTAGE,(V)
47A-2/2


▲Up To Search▲   

 
Price & Availability of FM407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X