|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CY62137V MoBLTM CY62137V18 MoBL2TM 128K x 16 Static RAM Features * Low voltage range: -- CY62137V18: 1.65V-1.95V -- CY62137V: 2.7V-3.6V * Ultra-low active, standby power * Easy memory expansion with CE and OE features * TTL-compatible inputs and outputs * Automatic power-down when deselected * CMOS for optimum speed/power are placed in a high-impedance state when: deselected (CE HIGH), outputs are disabled (OE HIGH), BHE and BLE are disabled (BHE, BLE HIGH), or during a write operation (CE LOW, and WE LOW). Writing to the device is accomplished by taking Chip Enable (CE) and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data from I/O pins (I/O 0 through I/O7), is written into the location specified on the address pins (A0 through A16). If Byte High Enable (BHE) is LOW, then data from I/O pins (I/O 8 through I/O15) is written into the location specified on the address pins (A0 through A16). Reading from the device is accomplished by taking Chip Enable (CE) and Output Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data from the memory location specified by the address pins will appear on I/O0 to I/O 7. If Byte High Enable (BHE) is LOW, then data from memory will appear on I/O 8 to I/O15. See the truth table at the back of this data sheet for a complete description of read and write modes. The CY62137V and CY62137V18 are available in 48-ball FBGA and standard 44-pin TSOP Type II (forward pinout) packaging. Functional Description The CY62137V and CY62137V18 are high-performance CMOS static RAMs organized as 131,072 words by 16 bits. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery LifeTM (MoBLTM) in portable applications such as cellular telephones. The device also has an automatic power-down feature that reduces power consumption by 99% when addresses are not toggling. The device can also be put into standby mode when deselected (CE HIGH) or when CE is LOW and both BLE and BHE are HIGH. The input/output pins (I/O0 through I/O 15) Logic Block Diagram Pin Configurations TSOP II (Forward) Top View DATA IN DRIVERS A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 128K x 16 RAM Array I/O0-I/O7 I/O8-I/O15 COLUMN DECODER BHE WE CE OE BLE CE BHE BLE A10 A11 A12 A13 A14 A15 A16 A4 A3 A2 A1 A0 CE I/O0 I/O1 I/O2 I/O3 VCC VSS I/O4 I/O5 I/O6 I/O7 WE A16 A15 A14 A13 A12 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A5 A6 A7 OE BHE BLE I/O15 I/O14 I/O13 I/O12 VSS VCC I/O11 I/O10 I/O9 I/O8 NC A8 A9 A10 A11 NC 62137V-2 ROW DECODER Power Down Circuit SENSE AMPS 62137V-1 MoBL and More Battery Life are trademarks of Cypress Semiconductor Corporation. Cypress Semiconductor Corporation * 3901 North First Street * San Jose * CA 95134 * 408-943-2600 January 20, 2000 CY62137V MoBLTM CY62137V18 MoBL2TM Pin Configuration 48-Ball FBGA 1 BLE I/O8 I/O9 VSS VCC I/O 14 I/O15 NC 2 OE BHE I/O10 I/O11 I/O 12 I/O13 NC A8 3 Top View 4 5 A0 A3 A5 NC NC A14 A12 A9 A1 A4 A6 A7 A16 A15 A13 A10 A2 CE I/O1 I/O3 I/O4 I/O5 WE A11 6 NC I/O0 I/O2 VCC VSS I/O6 I/O7 NC A B C D E F G H 62137V-3 Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied .................................................. -55C to +125C Supply Voltage to Ground Potential ............... -0.5V to +4.6V DC Voltage Applied to Outputs in High Z State[1] ................................... -0.5V to VCC + 0.5V DC Input Voltage[1] ................................ -0.5V to VCC + 0.5V Output Current into Outputs (LOW)............................. 20 mA Static Discharge Voltage .......................................... >2001V (per MIL-STD-883, Method 3015) Latch-Up Current .................................................... >200 mA Operating Range Device CY62137V18 CY62137V Industrial Industrial Range Ambient Temperature -40C to +85C -40C to +85C VCC 1.65V to 1.95V 2.7V to 3.6V Product Portfolio Power Dissipation (Industrial) VCC Range Product CY62137V CY62137V18 VCC(min) 2.7V 1.65V VCC(typ) 3.0V 1.80V [2] Operating (ICC) VCC(max) 3.6V 1.95V Speed 70 ns 70 ns Typ. [2] Max. 15 mA 7 mA Typ. [2] Standby (ISB2) Max 15 A 15 A 7 mA 3 mA 1 A Shaded areas contain preliminary information. Notes: 1. VIL (min) = -2.0V for pulse durations less than 20 ns. 2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC Typ., TA = 25C. 2 CY62137V MoBLTM CY62137V18 MoBL2TM Electrical Characteristics Over the Operating Range CY62137V Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current Output Leakage Current VCC Operating Supply Current GND < VI < VCC GND < VO < VCC, Output Disabled IOUT = 0 mA, f = fMAX = 1/tRC, CMOS Levels IOUT = 0 mA, f = 1 MHz, CMOS Levels ISB1 Automatic CE Power-Down Current-- CMOS Inputs Automatic CE Power-Down Current-- CMOS Inputs CE > VCC - 0.3V, VIN > VCC - 0.3V or VIN < 0.3V, f = fMAX CE > VCC - 0.3V VIN > VCC - 0.3V or VIN < 0.3V, f = 0 VCC = 3.6V VCC = 3.6V Test Conditions IOH = -1.0 mA IOL = 2.1 mA VCC = 2.7V VCC = 2.7V VCC = 3.6V VCC = 2.7V 2.2 -0.5 -1 -1 +1 +1 7 Min. 2.4 0.4 VCC + 0.5V 0.8 +1 +1 15 Typ.[2] Max. Unit V V V V A A mA 1 2 100 mA A ISB2 VCC = 3.6V LL 1 15 A 9 CY62137V18 Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current Output Leakage Current VCC Operating Supply Current GND < VI < VCC GND < VO < VCC, Output Disabled IOUT = 0 mA, f = fMAX = 1/tRC, CMOS Levels IOUT = 0 mA, f = 1 MHz, CMOS Levels ISB1 Automatic CE Power-Down Current-- CMOS Inputs Automatic CE Power-Down Current-- CMOS Inputs CE > VCC - 0.3V, VIN > VCC - 0.3V or VIN < 0.3V, f = fMAX CE > VCC - 0.3V VIN > VCC - 0.3V or VIN < 0.3V, f = 0 VCC = 1.95V VCC = 1.95V Test Conditions IOH = -0.1 mA IOL = 0.1 mA VCC = 1.65V VCC = 1.65V VCC = 1.95V VCC = 1.65V 1.4 -0.5 -1 -1 +1 +1 3 Min. 1.5 0.2 VCC + 0.3V 0.4 +1 +1 7 Typ.[2] Max. Unit V V V V A A mA 1 2 100 mA A ISB2 VCC = 1.95V LL 1 15 A Capacitance[3] Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = VCC(typ) Max. 6 8 Unit pF pF Note: 3. Tested initially and after any design or process changes that may affect these parameters. 3 CY62137V MoBLTM CY62137V18 MoBL2TM AC Test Loads and Waveforms R1 VCC OUTPUT 30 pF INCLUDING JIG AND SCOPE R2 VCC OUTPUT 5 pF INCLUDING JIG AND SCOPE R2 R1 VCC Typ 10% GND < 5 ns ALL INPUT PULSES 90% 90% 10% < 5 ns C62137V-5 (a) (b) C62137V-4 Equivalent to: THEVENIN EQUIVALENT RTH V OUTPUT Parameters R1 R2 RTH VTH Shaded areas contain preliminary information. 3.0V 1105 1550 645 1.75V 1.8V 15294 11300 6500 0.85V Unit Ohms Ohms Ohms Volts Data Retention Characteristics (Over the Operating Range) Parameter VDR VDR ICCDR Description VCC for Data Retention (CY62137V18) VCC for Data Retention (CY62137V) Data Retention Current VCC = 1.0V CE > VCC - 0.3V, VIN > VCC - 0.3V or VIN < 0.3V No input may exceed VCC+0.3V LL Conditions[4] Min. 1.0 1.0 0.1 Typ.[2] Max. 1.95 3.6 5 Unit V V A tCDR[3] tR Chip Deselect to Data Retention Time Operation Recovery Time 0 100 ns s Data Retention Waveform DATA RETENTION MODE VCC VCC(min.) tCDR VDR > 1.0 V VCC(min.) tR CE C62137V-6 Note: 4. Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input levels of 0 to VCC typ., and output loading of the specified IOL/IOH and 30-pF load capacitance. 4 CY62137V MoBLTM CY62137V18 MoBL2TM Switching Characteristics Over the Operating Range[4] 70 ns Parameter READ CYCLE tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE WRITE CYCLE tWC tSCE tAW tHA tSA tPWE tSD tHD tHZWE tLZWE tBW [7, 8] Description Read Cycle Time Address to Data Valid Data Hold from Address Change CE LOW to Data Valid OE LOW to Data Valid OE LOW to Low Z[5] OE HIGH to High Z CE LOW to Low Z CE HIGH to High Z [5, 6] [5] [5, 6] Min. 70 Max. Unit ns 70 10 70 35 5 25 10 25 0 70 70 10 25 70 60 60 0 0 50 30 0 50 10 60 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns CE LOW to Power-Up CE HIGH to Power-Down BHE / BLE LOW to Data Valid BHE / BLE LOW to Low Z BHE / BLE HIGH to High Z Write Cycle Time CE LOW to Write End Address Set-Up to Write End Address Hold from Write End Address Set-Up to Write Start WE Pulse Width Data Set-Up to Write End Data Hold from Write End WE LOW to High Z [5, 6] [5] WE HIGH to Low Z BHE / BLE LOW to End of Write Shaded areas contain preliminary information. Notes: 5. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 6. t HZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in part (b) of AC Test Loads. Transition is measured 500 mV from steady-state voltage. 7. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write. 8. The minimum write cycle time for write cycle #3 (WE controlled, OE LOW) is the sum of tHZWE and tSD. 5 CY62137V MoBLTM CY62137V18 MoBL2TM Switching Waveforms Read Cycle No. 1 [9, 10] tRC ADDRESS tOHA DATA OUT PREVIOUS DATA VALID tAA DATA VALID C62137V-7 Read Cycle No. 2 CE [10, 11] tRC tPD tHZCE tACE OE tDOE BHE/BLE tLZOE tHZOE tHZBE tDBE tLZBE DATA OUT HIGH IMPEDANCE tLZCE VCC SUPPLY CURRENT tPU 50% 50% ICC ISB C62137V-8 HIGH IMPEDANCE DATA VALID Notes: 9. Device is continuously selected. OE, CE=VIL. 10. WE is HIGH for read cycle. 11. Address valid prior to or coincident with CE transition LOW. 6 CY62137V MoBLTM CY62137V18 MoBL2TM Switching Waveforms (continued) Write Cycle No. 1 (WE Controlled) [7, 12, 13] tWC ADDRESS CE tAW WE tSA tPWE tHA BHE/BLE tBW OE tSD DATA I/O NOTE 14 tHZOE DATAIN VALID C62137V-9 tHD Write Cycle No. 2 (CE Controlled) [7, 12, 13] tWC ADDRESS CE tSA tAW tHA tSCE BHE/BLE tBW WE tPWE tSD tHD C62137V-10 DATA I/O DATA VALID IN Notes: 12. Data I/O is high-impedance if OE = VIH. 13. If CE goes HIGH simultaneously with WE HIGH, the output remains in a high-impedance state. 14. During this period, the I/Os are in output state and input signals should not be applied. 7 CY62137V MoBLTM CY62137V18 MoBL2TM Switching Waveforms (continued) [8, 13] Write Cycle No. 3 (WE Controlled, OE LOW) tWC ADDRESS CE tAW tBW tSA tHA BHE/BLE WE tSD DATA I/O NOTE 14 tHZWE DATAIN VALID tHD tLZWE C62137V-11 8 CY62137V MoBLTM CY62137V18 MoBL2TM Typical DC and AC Characteristics NORMALIZED SUPPLY CURRENT vs. SUPPLY VOLTAGE 1.4 1.2 NORMALIZED ICC , 1.0 0.8 0.6 0.4 0.2 0.0 1.7 2.2 2.7 3.2 3.7 VIN =VCC typ. TA =25C I CC 3.0 2.5 2.0 ISB2 mA 1.5 1.0 0.5 0.0 -0.5 SUPPLY VOLTAGE (V) VCC =VCC typ. VIN =VCC typ. ISB STANDBY CURRENT vs. AMBIENT TEMPERATURE -55 25 105 AMBIENT TEMPERATURE (C) NORMALIZED STANDBY CURRENT vs. SUPPLY VOLTAGE 1.4 NORMALIZED ICC 1.2 NORMALIZED ISB ISB2 1.0 0.8 0.6 0.4 0.2 0.0 1.0 VIN =VCC typ. TA =25C NORMALIZED I CC vs. CYCLE TIME 1.50 VCC =3.3V TA =25C 1.00 0.50 0.10 1.9 2.8 3.7 1 5 10 15 CYCLE FREQUENCY (MHz) SUPPLY VOLTAGE (V) Truth Table CE H L L L L L L L L L L WE X X H H H H H H L L L OE X X L L L H H H X X X BHE X H L H L L H L L H L BLE X H L L H L L H L L H Inputs/Outputs High Z High Z Data Out (I/OO-I/O15) Data Out (I/OO-I/O7); I/O8-I/O15 in High Z Data Out (I/O8-I/O 15); I/O0-I/O7 in High Z High Z High Z High Z Data In (I/OO-I/O15) Data In (I/OO-I/O7); I/O8-I/O15 in High Z Data In (I/O8-I/O15); I/O0 -I/O7 in High Z Mode Deselect/Power-Down Deselect/Power-Down Read Read Read Deselect/Output Disabled Deselect/Output Disabled Deselect/Output Disabled Write Write Write Power Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) 9 CY62137V MoBLTM CY62137V18 MoBL2TM Ordering Information Speed (ns) 70 Ordering Code CY62137VLL-70ZI CY62137VLL-70BAI CY62137V18LL-70BAI Shaded areas contain preliminary information. Package Name Z44 BA48 BA48 44-Pin TSOP II Package Type 48-Ball Fine Pitch BGA 48-Ball Fine Pitch BGA Operating Range Industrial Document #: 38-00738-*B Package Diagrams 48-Ball (7.00 mm x 7.00 mm) FBGA BA48 51-85096-A 10 CY62137V MoBLTM CY62137V18 MoBL2TM Package Diagrams (continued) 44-Pin TSOP II Z44 51-85087-A (c) Cypress Semiconductor Corporation, 2000. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. |
Price & Availability of CY62137V18 |