Part Number Hot Search : 
3DD4515 FP204 SLD114VS N4002 CL5822 HMS87 D4120 W588S015
Product Description
Full Text Search
 

To Download BUZ103S-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
BUZ 103S-4
SIPMOS (R) Power Transistor
* Quad-channel * Enhancement mode * Avalanche-rated * dv/dt rated
Type BUZ 103S-4
VDS
55 V
ID
5.3 A
RDS(on)
0.045
Package P-DSO-28
Ordering Code C67078-S. . . . -A..
Maximum Ratings Parameter Continuous drain current one channel active Symbol Values 5.3 Unit A
ID IDpuls
21.2
TA = 25 C
Pulsed drain current one channel active
TA = 25 C
Avalanche energy, single pulse
EAS
140 dv/dt 6
mJ
ID = 5.3 A, VDD = 25 V, RGS = 25 L = 9.97 mH, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 5.3 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Power dissipation ,one channel active
VGS Ptot
20 2.4
V W
TA = 25 C
Operating temperature Storage temperature IEC climatic category, DIN IEC 68-1
Tj Tstg
-55 ... + 175 -55 ... + 175 55 / 175 / 56
C
Semiconductor Group
1
06/Nov/1997
Preliminary data
BUZ 103S-4
Thermal Characteristics Parameter Symbol min. Thermal resistance, junction - soldering point 1) Thermal resistance, junction - ambient 2) Values typ. tbd 62.5 max. K/W Unit
RthJS RthJA
-
1) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer,70m thick) copper area for Drain connection. PCB is vertical without blown air.
2) one channel active
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
55 3 0.1 10 0.035 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 50 A
Zero gate voltage drain current
IDSS
0.1 1 100
A
VDS = 55 V, VGS = 0 V, Tj = -40 C VDS = 55 V, VGS = 0 V, Tj = 25 C VDS = 55 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS
100
nA 0.045
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 5.3 A
Semiconductor Group
2
06/Nov/1997
Preliminary data
BUZ 103S-4
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
4 720 230 125 -
S pF 900 300 160 ns 17 25
VDS 2 * ID * RDS(on)max, ID = 5.3 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 5.3 A RG = 13
Rise time
tr
17 25
VDD = 30 V, VGS = 10 V, ID = 5.3 A RG = 13
Turn-off delay time
td(off)
40 60
VDD = 30 V, VGS = 10 V, ID = 5.3 A RG = 13
Fall time
tf
25 1.3 20 25 5.03 40 nC 2 30 40 V -
VDD = 30 V, VGS = 10 V, ID = 5.3 A RG = 13
Gate charge at threshold
Qg(th) Qg(7)
-
VDD = 40 V, ID 0.1 A, VGS =0 to 1 V
Gate charge at 7.0 V
VDD = 40 V, ID = 5.3 A, VGS =0 to 7 V
Gate charge total
Qg(total)
-
VDD = 40 V, ID = 5.3 A, VGS =0 to 10 V
Gate plateau voltage
V(plateau)
VDD = 40 V, ID = 5.3 A
Semiconductor Group
3
06/Nov/1997
Preliminary data
BUZ 103S-4
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TA = 25 C Inverse diode direct current, pulsed A 0.95 60 90 5.3 21.2 V 1.6 ns 90 nC 140 Values typ. max. Unit
ISM VSD trr Qrr
TA = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 10.6 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
06/Nov/1997
Preliminary data
BUZ 103S-4
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
5.5 A
130 W 110
Ptot
100 90 80 70 60 50 40
ID
4.5 4.0 3.5 3.0 2.5 2.0 1.5
30 20 10 0 0 20 40 60 80 100 120 140 C 180 1.0 0.5 0.0 0 20 40 60 80 100 120 140 C 180
TC
TC
Semiconductor Group
5
06/Nov/1997
Preliminary data
BUZ 103S-4
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
12 A 10
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
0.14
Pk = 120W tot
l jihe g fd
VGS [V] a 4.0
b c 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
a
b
0.12
ID
RDS (on)0.11
0.10 0.09 0.08 0.07 0.06 0.05 0.04 0.03
k e f g hj i c d
9 8 7 6 5 4 3 2
a c
d e f g h i
bj
k l
0.02 VGS [V] = 0.01 0.00 0
a 4.5 4.0 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
1 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 V 5.0
1
2
3
4
5
6
7
A
9
VDS
ID
Typ. transfer characteristics ID = f (VGS)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
45 A
ID
35 30 25 20 15 10 5 0 0
1
2
3
4
5
6
7
8
V VGS
10
Semiconductor Group
6
06/Nov/1997
Preliminary data
BUZ 103S-4
Drain-source on-resistance RDS (on) = (Tj) parameter: ID = 5.3 A, VGS = 10 V
0.15
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 50 A
4.6 V 4.0
0.13
98%
RDS (on)0.12
0.11 0.10 0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.00 -60
VGS(th)
3.6 3.2 2.8 2.4
typ
2%
98% typ
2.0 1.6 1.2 0.8 0.4
-20
20
60
100
C
180
0.0 -60
-20
20
60
100
C
180
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj, tp = 80 s
10 3
A
C
pF
IF
10 2
10 3
Ciss
10 1
Tj = 25 C typ Tj = 175 C typ Coss Tj = 25 C (98%) Tj = 175 C (98%)
10 2 0
5
10
15
20
25
30
Crss V 40 VDS
10 0 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
06/Nov/1997
Preliminary data
BUZ 103S-4
Avalanche energy EAS = (Tj) parameter: ID = 5.3 A, VDD = 25 V RGS = 25 , L = 9.97 mH
150 mJ 130
Typ. gate charge VGS = (QGate) parameter: ID puls = 5 A
16
V
EAS 120
110 100 90 80 70 60 50 40 30 20 10 0 20
VGS
12
10 0,2 VDS max 0,8 VDS max
8
6
4
2 0 0
40
60
80
100
120
140
C
180
4
8
12
16
20
24
28 nC 34
Tj
QGate
Drain-source breakdown voltage V(BR)DSS = (Tj)
65
V
V(BR)DSS
61
59
57
55
53
51 49 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
06/Nov/1997


▲Up To Search▲   

 
Price & Availability of BUZ103S-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X