Part Number Hot Search : 
DG901 AN1620 L4448 KTC3620U AD743JN 1600B R1329L00 2SK11
Product Description
Full Text Search
 

To Download BUZ101S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary data
BUZ 101 S
SPP22N05
SIPMOS (R) Power Transistor * N channel * Enhancement mode * Avalanche-rated * dv/dt rated * 175C operating temperature
Pin 1 G Type BUZ 101 S
Pin 2 D
Pin 3 S
VDS
55 V
ID
22 A
RDS(on)
0.06
Package TO-220 AB
Ordering Code Q67040-S4013-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 22 16 Unit A
ID
TC = 25 C TC = 100 C
Pulsed drain current
IDpuls
88
TC = 25 C
Avalanche energy, single pulse
EAS
90
mJ
ID = 22 A, VDD = 25 V, RGS = 25 L = 372 H, Tj = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Reverse diode dv/dt
IAR EAR
dv/dt
22 5.5
A mJ kV/s
IS = 22 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Power dissipation 6
VGS Ptot
20 55
V W
TC = 25 C
Semiconductor Group
1
04/Nov/1997
Preliminary data
BUZ 101 S
SPP22N05
Maximum Ratings Parameter Operating temperature Storage temperature Thermal resistance, junction - case Thermal resistance, junction - ambient IEC climatic category, DIN IEC 68-1 Symbol Values -55 ... + 175 -55 ... + 175 2.7 62 55 / 175 / 56 K/W Unit C
Tj Tstg RthJC RthJA
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
55 3 0.1 10 0.04 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 40 A
Zero gate voltage drain current
IDSS
0.1 1 100
A
VDS = 50 V, VGS = 0 V, Tj = -40 C VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS
100
nA 0.06
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 16 A
Semiconductor Group
2
04/Nov/1997
Preliminary data
BUZ 101 S
SPP22N05
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
7 490 170 95 -
S pF 615 215 120 ns 10 15
VDS 2 * ID * RDS(on)max, ID = 16 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 22 A RG = 19.6
Rise time
tr
25 38
VDD = 30 V, VGS = 10 V, ID = 22 A RG = 19.6
Turn-off delay time
td(off)
20 30
VDD = 30 V, VGS = 10 V, ID = 22 A RG = 19.6
Fall time
tf
20 0.5 13 17 5.9 30 nC 0.75 20 26 V 3 04/Nov/1997
VDD = 30 V, VGS = 10 V, ID = 22 A RG = 19.6
Gate charge at threshold
Qg(th) Qg(7)
-
VDD = 40 V, ID = 0.1 A, VGS =0 to 1 V
Gate charge at 7.0 V
VDD = 40 V, ID = 22 A, VGS =0 to 7 V
Gate charge total
Qg(total)
-
VDD = 40 V, ID = 22 A, VGS =0 to 10 V
Gate plateau voltage
V(plateau)
VDD = 40 V, ID = 22 A
Semiconductor Group
Preliminary data
BUZ 101 S
SPP22N05
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A 1.2 55 0.12 22 88 V 1.8 ns 85 C 0.18 Values typ. max. Unit
TC = 25 C
Inverse diode direct current,pulsed
ISM
-
TC = 25 C
Inverse diode forward voltage
VSD trr Qrr
VGS = 0 V, IF = 44 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
04/Nov/1997
Preliminary data
BUZ 101 S
SPP22N05
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
24 A 20
60 W 50
Ptot
45 40 35 30 25 20 15 10 5 0 0 20 40 60 80 100 120 140 C 180
ID
18 16 14 12 10 8 6 4 2 0 0 20 40 60 80 100 120 140 C 180
TC
TC
Semiconductor Group
5
04/Nov/1997
Preliminary data
BUZ 101 S
SPP22N05
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
50 A
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
0.19
Ptot = 55W
l
k
j
VGS [V] a 4.0
0.16 RDS (on) 0.14 0.12 0.10 0.08 0.06 0.04 0.02
b
a
b
c
d
e
f
g
ID
40
i
b c
4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
35 30 25 20 15 10 5
c e g
hd
e f g h
fi
j k l
h i j
d
VGS [V] =
a 5.0 4.5 4.0 b 5.5 c 6.0 d 6.5 e f 7.0 7.5 g 8.0 h i j 9.0 10.0 20.0
0 a 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V
5.0
0.00 0
5
10
15
20
25
30
35
A
45
VDS
ID
Typ. transfer characteristics ID = f (VGS)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
60 A 50
ID
45 40 35 30 25 20 15 10 5 0 0 1 2 3 4 5 6 7 8 V VGS 10
Semiconductor Group
6
04/Nov/1997
Preliminary data
BUZ 101 S
SPP22N05
Drain-source on-resistance RDS (on) = (Tj) parameter: ID = 16 A, VGS = 10 V
0.20
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 40 A
4.6 V 4.0
RDS (on)0.16
0.14 0.12 0.10
98%
VGS(th)
3.6 3.2 2.8 2.4
typ
2%
98%
0.08 0.06 0.04 0.02 0.00 -60
2.0 1.6
typ
1.2 0.8 0.4 -20 20 60 100 C 180 0.0 -60 -20 20 60 100 C 180
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj, tp = 80 s
10 2
pF C 10 3 Ciss
A
IF
10 1
Coss 10 2 Crss 10 0
Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 1 0
5
10
15
20
25
30
V 40 VDS
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
04/Nov/1997
Preliminary data
BUZ 101 S
SPP22N05
Avalanche energy EAS = f (Tj) parameter:ID=22A,VDD =25 V
RGS =25 , L = 372H
100 mJ
Typ. gate charge VGS = (QGate) parameter: ID puls = 22 A
16
V
EAS
80 70 60 50 40 30
VGS
12
10 0,2 VDS max 8 0,8 VDS max
6
4 20 10 0 20 2 0 0
40
60
80
100
120
140
C Tj
180
4
8
12
16
nC
24
QGate
Drain-source breakdown voltage V(BR)DSS = (Tj)
65
V
V(BR)DSS
61
59
57
55
53
51 49 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
04/Nov/1997


▲Up To Search▲   

 
Price & Availability of BUZ101S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X