Part Number Hot Search : 
RC1210 XC9802 2SK531 G2002 LBN7053 2001834 C431PC 2SJ26
Product Description
Full Text Search
 

To Download BUZ101L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 101L
SIPMOS (R) Power Transistor * N channel * Enhancement mode * Avalanche-rated * Logic Level * dv/dt rated * Low on-resistance * 175 C operating temperature * also in TO-220 SMD available Pin 1 G Pin 2 D Pin 3 S
Type BUZ 101L
VDS
50 V
ID
29 A
RDS(on)
0.06
Package TO-220 AB
Ordering Code C67078-S1355-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 29 Unit A
ID IDpuls
116
TC = 31 C
Pulsed drain current
TC = 25 C
Avalanche energy, single pulse
EAS
70 dv/dt 6
mJ
ID = 29 A, VDD = 25 V, RGS = 25 L = 83 H, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 29 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Gate-source peak voltage,aperiodic Power dissipation
VGS Vgs Ptot
14 20
V W
TC = 25 C
100
Semiconductor Group
1
07/96
BUZ 101L
Maximum Ratings Parameter Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Symbol Values -55 ... + 175 -55 ... + 175 1.5 75 E 55 / 175 / 56 K/W Unit C
Tj Tstg RthJC RthJA
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
50 1.6 0.1 1 10 10 0.045 2 1 100 100 100
V
VGS = 0 V, ID = 0.25 mA, Tj = -40 C
Gate threshold voltage
VGS(th)
1.2
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
A nA A nA 0.06
VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = -40 C VDS = 50 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS RDS(on)
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
VGS = 5 V, ID = 14.5 A
Semiconductor Group
2
07/96
BUZ 101L
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
7 17 720 220 100 -
S pF 960 330 150 ns 25 40
VDS 2 * ID * RDS(on)max, ID = 14.5 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Rise time
tr
95 140
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
140 190
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Fall time
tf
85 115
VDD = 30 V, VGS = 5 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 101L
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.2 50 70 29 116 V 2 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 58 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 101L
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 5 V
30 A
110 W
26
Ptot
90 80 70 60 50 40 30 20 10 0 0 20 40 60 80 100 120 140 C 180
ID
24 22 20 18 16 14 12 10 8 6 4 2 0 0 20 40 60 80 100 120 140 C 180
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A
ID
t = 11.0s p
ZthJC
10 2
10 0
/ID =
) on S( RD
1 ms
V
D
S
100 s
10 -1 D = 0.50 0.20 0.10 10 -2
10 ms
10
1
0.05 0.02 single pulse 0.01
DC 10
0
10
0
10
1
V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 101L
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
65 A 55
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 14.5 A, VGS = 5 V
0.17
Ptot = 100W
k lj
i
V [V] h GS a 2.0
b 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 7.0 8.0 10.0
0.14 RDS (on) 0.12 0.10
ID
50 45 40 35 30
e g
c d e
ff
g h i j
0.08 0.06 0.04
98% typ
25 20 15 10 5 0 0.0
a c d
k l
0.02
b
1.0
2.0
3.0
4.0
V
6.0
VDS
0.00 -60
-20
20
60
100
C
180
Tj
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
40
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
20 S
A
ID
gfs
30
16 14 12 10 8
25
20
15 6 10 4 2 0 1 2 3 4 5 6 7 8 V 10 VGS 0 4 8 12 16 20 24 A ID 30
5 0 0
Semiconductor Group
6
07/96
BUZ 101L
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.19
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6
0.16 RDS (on) 0.14
a
b
c
d
e
f
V 4.0
VGS(th)
3.6 3.2
0.12 2.8 0.10 0.08 0.06 0.04 0.02 0.00 0 10 20 30 40 A 60
VGS [V] =
a 2.5 2.0 3.0 b 3.5 c 4.0 d 4.5 e f 5.0 5.5 g 6.0 h i j 7.0 8.0 10.0
2.4
98%
2.0
typ
g i jh
1.6
2%
1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 180
ID
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 3
pF
A
C
10 3
IF
10 2
Ciss
Coss
10 2
Crss
10 1
Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 1 0
5
10
15
20
25
30
V 40 VDS
10 0 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 101L
Avalanche energy EAS = (Tj ) parameter: ID = 29 A, VDD = 25 V RGS = 25 , L = 83 H
75 mJ 65
Typ. gate charge VGS = (QGate) parameter: ID puls = 44 A
16
V
EAS
60 55 50 45 40 35 30 25 20 15 10 5 0 20
VGS
12
10 0,2 VDS max 0,8 VDS max
8
6
4
2 0 40 60 80 100 120 140 C 180
Tj
0
5
10
15
20
25
30
35
nC
45
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
62 V 60
V(BR)DSS 59
58 57 56 55 54 53 52 51 50 49 48 47 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
07/96
BUZ 101L
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ101L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X