Part Number Hot Search : 
BF1100R F115F MXC150 29F2G 30AE3 IC18F 181NQ045 71101
Product Description
Full Text Search
 

To Download BUZ101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 101
SIPMOS (R) Power Transistor * N channel * Enhancement mode * Avalanche-rated * dv/dt rated * Low on-resistance * 175C operating temperature * also in TO-220 SMD available Pin 1 G Type BUZ 101 Pin 2 D Pin 3 S
VDS
50 V
ID
29 A
RDS(on)
0.06
Package TO-220 AB
Ordering Code C67078-S1350-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 29 Unit A
ID IDpuls
116
TC = 31 C
Pulsed drain current
TC = 25 C
Avalanche energy, single pulse
EAS
70 dv/dt 6
mJ
ID = 29 A, VDD = 25 V, RGS = 25 L = 83 H, Tj = 25 C
Reverse diode dv/dt kV/s
IS = 29 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
Gate source voltage Power dissipation
VGS Ptot
20 100
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 175 -55 ... + 175 1.5 75 E 55 / 175 / 56
C K/W
Semiconductor Group
1
07/96
BUZ 101
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
50 3 0.1 1 10 10 0.036 4 1 100 100 100
V
VGS = 0 V, ID = 0.25 mA, Tj = -40 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
A nA A nA 0.06
VDS = 50 V, VGS = 0 V, Tj = 25 C VDS = 50 V, VGS = 0 V, Tj = -40 C VDS = 50 V, VGS = 0 V, Tj = 150 C
Gate-source leakage current
IGSS RDS(on)
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
VGS = 10 V, ID = 21 A
Semiconductor Group
2
07/96
BUZ 101
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
7 13.5 680 240 90 -
S pF 900 360 135 ns 15 23
VDS 2 * ID * RDS(on)max, ID = 21 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Rise time
tr
55 85
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Turn-off delay time
td(off)
100 135
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Fall time
tf
70 95
VDD = 30 V, VGS = 10 V, ID = 3 A RGS = 50
Semiconductor Group
3
07/96
BUZ 101
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 1.2 60 0.12 29 116 V 2 ns C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 58 A
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 101
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
30 A
110 W
26
Ptot
90 80 70 60 50 40 30 20 10 0 0 20 40 60 80 100 120 140 C 180
ID
24 22 20 18 16 14 12 10 8 6 4 2 0 0 20 40 60 80 100 120 140 C 180
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A
ID
t = 11.0s p
ZthJC
10 2
10 0
/ID =
) on S( RD
1 ms
V
D
S
100 s
10 -1 D = 0.50 0.20 0.10 10 -2
10 ms
10
1
0.05 0.02 single pulse 0.01
DC 10
0
10
0
10
1
V 10
2
10 -3 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 101
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
65 A 55
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
0.19
Ptot = 100W
l
k
j
VGS [V]
i
a b 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0
a
b
c
d
e
f
g
h
ID
50 45 40 35 30 25 20
d e f g
0.16 RDS (on) 0.14 0.12 0.10 0.08 0.06
i
hc
d e f g h i j
k 10.0 l 20.0
15 10 5 0 0.0
a c b
0.04
k
j
0.02 0.00 0
VGS [V] =
a 4.0 4.5 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5 h i j k 8.0 9.0 10.0 20.0
1.0
2.0
3.0
4.0
V
5.5
10
20
30
40
A
60
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
60 A 50
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
15 S 13
ID
45 40 35 30 25 20 15 10
gfs
12 11 10 9 8 7 6 5 4 3 2
5 0 0 1 2 3 4 5 6 7 8 V 10 VGS
1 0 0 10 20 30 40 A 60
ID
Semiconductor Group
6
07/96
BUZ 101
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 21 A, VGS = 10 V
0.17
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
0.14 RDS (on) 0.12 0.10
98%
VGS(th)
3.6 3.2 2.8 2.4
typ
0.08 0.06
98%
2.0 1.6
2%
typ
1.2 0.04 0.8 0.02 0.00 -60 0.4 0.0 -60 -20 20 60 100 C 180
-20
20
60
100
C
180
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 3
pF
A
C
10 3
IF
10 2
Ciss
Coss
10 2 10 1
Crss
Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
10 1 0
5
10
15
20
25
30
V 40 VDS
10 0 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 101
Avalanche energy EAS = (Tj ) parameter: ID = 29 A, VDD = 25 V RGS = 25 , L = 83 H
75 mJ 65
Typ. gate charge VGS = (QGate) parameter: ID puls = 44 A
16
V
EAS
60 55 50 45 40 35 30 25 20 15 10 5 0 20
VGS
12
0,2 VDS max
0,8 VDS max
10
8
6
4
2 0 40 60 80 100 120 140 C 180 0 5 10 15 20 25 30 35 nC 45
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
62 V 60
V(BR)DSS 59
58 57 56 55 54 53 52 51 50 49 48 47 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
07/96
BUZ 101
Package Outlines TO-220 AB Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X