Part Number Hot Search : 
USD3045C IA70C40 UES701 CS8430 HRF502A NTE3116 DTL3A U8797JFT
Product Description
Full Text Search
 

To Download BUZ100SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 100 SL
SPP70N05L
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Logic Level * Avalanche-rated * dv/dt rated * 175C operating temperature * also in SMD available
Pin 1 Pin 2 Pin 3
G
D
S
Type
VDS 55 V
ID 70 A
RDS(on) 0.018
Package
Ordering Code
BUZ 100 SL
TO-220 AB
Q67040-S4000-A2
Maximum Ratings Parameter Symbol Values Unit
Continuous drain current
TC = 25 C TC = 100 C
ID
A 70 50
Pulsed drain current
TC = 25 C
IDpuls
280
E AS
Avalanche energy, single pulse
ID = 70 A, V DD = 25 V, RGS = 25 L = 155 H, Tj = 25 C
mJ
380
IAR E AR
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Reverse diode dv/dt
IS = 70 A, VDS = 40 V, diF/dt = 200 A/s Tjmax = 175 C
70 17
A mJ kV/s
dv/dt
6
V GS P tot
Gate source voltage Power dissipation
TC = 25 C
14
170
V W
Semiconductor Group
1
30/Jan/1998
BUZ 100 SL
SPP70N05L
Maximum Ratings Parameter Symbol Values Unit
Operating temperature Storage temperature Thermal resistance, junction - case Thermal resistance, junction - ambient IEC climatic category, DIN IEC 68-1
Tj Tstg RthJC RthJA
-55 ... + 175 -55 ... + 175
C
0.88 62
55 / 175 / 56
K/W
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Values typ. max. Unit
Drain- source breakdown voltage
V GS = 0 V, ID = 0.25 mA, Tj = 25 C
V (BR)DSS
V 55 -
Gate threshold voltage
V GS=V DS, ID = 130 A
V GS(th)
1.2
IDSS
1.6
2 A
Zero gate voltage drain current
V DS = 50 V, V GS = 0 V, Tj = -40 C V DS = 50 V, V GS = 0 V, Tj = 25 C V DS = 50 V, V GS = 0 V, Tj = 150 C
IGSS
0.1 -
0.1 1 100 nA
Gate-source leakage current
V GS = 20 V, VDS = 0 V
RDS(on)
10
100
Drain-Source on-resistance
V GS = 4.5 V, ID = 50 A V GS = 10 V, ID = 50 A
0.016 0.01 0.018 0.012
Semiconductor Group
2
30/Jan/1998
BUZ 100 SL
SPP70N05L
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Values typ. max. Unit
Dynamic Characteristics
Transconductance
V DS 2 * ID * RDS(on)max, ID = 50 A
gfs
S 25 pF 2130 2660
Input capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Ciss
Output capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
Coss
Crss
600
750
Reverse transfer capacitance
V GS = 0 V, V DS = 25 V, f = 1 MHz
td(on)
320
400 ns
Turn-on delay time
V DD = 30 V, VGS = 4.5 V, ID = 70 A RG = 2.2
tr
15
25
Rise time
V DD = 30 V, VGS = 4.5 V, ID = 70 A RG = 2.2
td(off)
70
105
Turn-off delay time
V DD = 30 V, VGS = 4.5 V, ID = 70 A RG = 2.2
tf
40
60
Fall time
V DD = 30 V, VGS = 4.5 V, ID = 70 A RG = 2.2
Qg(th)
25
40 nC
Gate charge at threshold
V DD = 40 V, ID = 0.1 A, V GS =0 to 1 V
Qg(5)
2.5
3.8
Gate charge at 5.0 V
V DD = 40 V, ID = 70 A, VGS =0 to 5 V
Qg(total)
50
75
Gate charge total
V DD = 40 V, ID = 70 A, VGS =0 to 10 V
V (plateau)
85
130 V
Gate plateau voltage
V DD = 40 V, ID = 70 A
-
4.1
-
Semiconductor Group
3
30/Jan/1998
BUZ 100 SL
SPP70N05L
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Values typ. max. Unit
Inverse diode continuous forward current
TC = 25 C
IS
A 70
Inverse diode direct current,pulsed
TC = 25 C
ISM
V SD
-
280 V
Inverse diode forward voltage
V GS = 0 V, IF = 140 A
trr
1.25
1.8 ns
Reverse recovery time
V R = 30 V, IF=lS, diF/dt = 100 A/s
Qrr
110
165 C
Reverse recovery charge
V R = 30 V, IF=lS, diF/dt = 100 A/s
-
0.23
0.35
Semiconductor Group
4
30/Jan/1998
BUZ 100 SL
SPP70N05L
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 4 V
75 A
180 W Ptot 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 140 C 180 ID
65 60 55 50 45 40 35 30 25 20 15 10 5 0 0 20 40 60 80 100 120 140 C 180
TC
TC
Safe operating area ID = (VDS) parameter: D = 0, TC = 25C
10 3
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0 K/W
A
DS
t = 34.0s p
ID
DS (o n)
/I
ZthJC
100 s
10 -1
10 2
=
V
D
10 -2
R
D = 0.50
1 ms
10
-3
0.20 0.10
10
1 10 ms
0.05 10 -4 single pulse 0.02 0.01
DC
10 0 0 10
10
1
V 10
2
10 -5 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
30/Jan/1998
BUZ 100 SL
SPP70N05L
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
160 Ptot = 170W
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
0.055
a b c d e
l
kj
ih
g
VGS [V]
A ID
fa
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 8.0 10.0
0.045 RDS (on) 0.040 0.035 0.030 0.025 0.020 0.015 0.010
f g hi j k VGS [V] =
120
b c
100
d
e
e f
80
g
dh
60
c
i j k
40
l
20 0
a
b
0.005 0.000 V 5.0 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
a 2.5 3.0
b 3.5
c 4.0
d 4.5
e f 5.0 5.5
g 6.0
h i 6.5 7.0
j 8.0
k 10.0
20
40
60
80
100
A
140
VDS
ID
Typ. transfer characteristics ID = f (V GS)
parameter: tp = 80 s
VDS2 x ID x RDS(on)max
300
A
I
D
200
150
100
50
0 0
1
2
3
4
5
6
7
8
V
VGS
10
Semiconductor Group
6
30/Jan/1998
BUZ 100 SL
SPP70N05L
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 50 A, VGS = 4.5 V
0.060
Gate threshold voltage
V GS(th)= f (Tj)
parameter:VGS=VDS,ID = 130A
3.0 V 2.6
VGS(th)
0.050 RDS (on) 0.045 0.040 0.035 0.030 0.025 0.020 0.015 0.010 0.005 0.000 -60 -20 20 60 100 C 180 98% typ
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -60 -20 20 60 100 140 V
Tj
max
typ
min
200
Tj
Typ. capacitances
C = f (VDS)
parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 3
A
C
pF
Ciss
IF 10 2
10 3
Coss
10 1 Tj = 25 C typ Tj = 175 C typ Tj = 25 C (98%) Tj = 175 C (98%)
Crss
10 2 0
5
10
15
20
25
30
V
VDS
40
10 0 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
30/Jan/1998
BUZ 100 SL
SPP70N05L
Avalanche energy EAS = (Tj) parameter: ID = 70 A, VDD = 25 V RGS = 25 , L = 155 H
400 mJ EAS 320 280 240 200 160 120
Typ. gate charge VGS = (QGate) parameter: ID puls = 70 A
16
V VGS
12
10
8 0,2 VDS max 6 0,8 VDS max
4 80 40 0 20 40 60 80 100 120 140 C 180 2 0 0 20 40 60 80 100 nC 130
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj)
65
V V(BR)DSS
61
59
57
55
53
51 49 -60
-20
20
60
100
C
180
Tj
Semiconductor Group
8
30/Jan/1998


▲Up To Search▲   

 
Price & Availability of BUZ100SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X