Part Number Hot Search : 
R4F242 DS21Q48N IRLB3034 LA7823 SDA006 MA250 LA7161NM DS21Q48N
Product Description
Full Text Search
 

To Download BP5302F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Communication ICs
Power supply unit for LCDs
BP5302 / BP5302F
The BP5302 and BP5302F are DC / DC converter units for supplying power to liquid crystal display (LCD) panels. The ICs supply a negative voltage from a positive power supply. They are available in a single in-line package as an upright (BP5302) or L-shaped lead (BP5302F) type.
FApplications LCD panels in personal computers, word processors, copiers and facsimiles
FFeatures 1) Wide input voltage range. ()5 to ) 14V) 2) Accurate output voltage. (*24 0.75V) 3) High conversion efficiency. (typically 80%) 4) Built-in protection circuit.
5) Built-in ON / OFF switch. 6) Compact and light. 7) Available as an upright or L-shaped lead type.
FAbsolute maximum ratings
579
Communication ICs
BP5302 / BP5302F
FElectrical characteristics (unless otherwise noted, Ta = 25_C and R1 and R2 resistors in the measurement circuit FElectrical characteristics of Fig. 1 are disconnected)
FPin descriptions
580
Communication ICs
FMeasurement circuit and application example
BP5302 / BP5302F
FOperation notes (1) Place I / O external capacitors as near as possible to the connection pins. In particular, make sure to minimize the impedance between the input-side capacitor (C1) and pin 9. (Reference valve: A length less than 50mm is recommended for a copper foil of 1.0mm wide and 35m thick.)
(2) Avoid frequent switching using the ON / OFF CTL pin (5 times per second at the maximum). (3) R1 and R2 resistors, which are used for changing the output voltage, are usually not required.
581
Communication ICs
FElectrical characteristic curves
BP5302 / BP5302F
FExternal dimensions (Units: mm)
582


▲Up To Search▲   

 
Price & Availability of BP5302F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X