Part Number Hot Search : 
001547 OM4206DT DUY14A2 BH7673 DTC144 PM73487 MPC564 84134081
Product Description
Full Text Search
 

To Download AT93C46CNBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Low-Voltage and Standard-Voltage Operation * * * * * * *
- 2.7 (VCC = 2.7V to 5.5V) - 2.5 (VCC = 2.5V to 5.5V) 3-Wire Serial Interface Schmitt Trigger, Filtered Inputs for Noise Suppression 2 MHz Clock Rate (5V) Self-Timed Write Cycle (10 ms max) High Reliability - Endurance: 1 Million Write Cycles - Data Retention: 100 Years Automotive Grade and Extended Temperature Devices Available 8-lead PDIP and 8-lead JEDEC SOIC Packages
3-Wire Serial EEPROM
1K (64 x 16)
Description
The AT93C46C provides 1024 bits of serial electrically-erasable programmable read only memory (EEPROM) organized as 64 words of 16 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT93C46C is available in space saving 8lead PDIP and 8-lead JEDEC SOIC packages. The AT93C46C is enabled through the Chip Select pin (CS), and accessed via a 3wire serial interface consisting of Data Input (DI), Data Output (DO), and Shift Clock (SK). Upon receiving a READ instruction at DI, the address is decoded and the data is clocked out serially on the data output pin DO. The WRITE cycle is completely selftimed and no separate ERASE cycle is required before WRITE. The WRITE cycle is only enabled when the part is in the ERASE/WRITE ENABLE state. When CS is brought "high" following the initiation of a WRITE cycle, the DO pin outputs the READY/BUSY status of the part. The AT93C46C is available in 2.7V to 5.5V and 2.5V to 5.5V versions.
AT93C46C
Pin Configurations
Pin Name CS SK DI DO GND VCC NC DC Function Chip Select Serial Data Clock Serial Data Input Serial Data Output Ground Power Supply No Connect Don't Connect
CS SK DI DO
8-lead PDIP
CS SK DI DO 1 2 3 4 8 7 6 5 VCC DC NC GND
8-lead SOIC
1 2 3 4 8 7 6 5 VCC DC NC GND
Rev. 1122D-SEEPR-08/02
1
Absolute Maximum Ratings*
Operating Temperature.................................. -55C to +125C Storage Temperature ..................................... -65C to +150C Voltage on Any Pin with Respect to Ground .....................................-1.0V to +7.0V Maximum Operating Voltage .......................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Block Diagram
2
AT93C46C
1122D-SEEPR-08/02
AT93C46C
Pin Capacitance(1)
Applicable over recommended operating range from TA = 25C, f = 1.0 MHz, VCC = +5.0V (unless otherwise noted).
Symbol COUT CIN Note: Test Conditions Output Capacitance (DO) Input Capacitance (CS, SK, DI) 1. This parameter is characterized and is not 100% tested. Max 5 5 Units pF pF Conditions VOUT = 0V VIN = 0V
DC Characteristics
Applicable over recommended operating range from: TAI = -40C to +85C, VCC = +2.5V to +5.5V, TAC = 0C to +70C, VCC = +2.5V to +5.5V (unless otherwise noted).
Symbol VCC1 VCC2 VCC3 ICC ISB1 ISB2 ISB3 IIL IOL VIL1(1) VIH1(1) VOL1 VOH1 VOL2 VOH2 Note: Parameter Supply Voltage Supply Voltage Supply Voltage READ at 1.0 MHz Supply Current Standby Current Standby Current Standby Current Input Leakage Output Leakage Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Output Low Voltage Output High Voltage VCC = 5.0V VCC = 2.5V VCC = 2.7V VCC = 5.0V VIN = 0V to VCC VIN = 0V to VCC 2.5V VCC 5.5V 4.5V VCC 5.5V 2.5V VCC 2.7V IOL = 2.1 mA IOH = -0.4 mA IOL = 0.15 mA IOH = -100 A VCC - 0.2 2.4 0.2 -0.6 VCC x 0.7 WRITE at 1.0 MHz CS = 0V CS = 0V CS = 0V Test Condition Min 2.5 2.7 4.5 0.5 0.5 14.0 14.0 35.0 0.1 0.1 Typ Max 5.5 5.5 5.5 2.0 2.0 20.0 20.0 50.0 1.0 1.0 VCC x 0.3 VCC + 1 0.4 Units V V V mA mA A A A A A V V V V V
1. VIL min and VIH max are reference only and are not tested.
3
1122D-SEEPR-08/02
AC Characteristics
Applicable over recommended operating range from TA = -40C to + 85C, VCC = +2.5V to + 5.5V, CL = 1 TTL Gate and 100 pF (unless otherwise noted).
Symbol fSK Parameter SK Clock Frequency Test Condition 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V Relative to SK tDIS DI Setup Time Relative to SK tCSH tDIH CS Hold Time DI Hold Time Relative to SK tPD1 Output Delay to `1' AC Test tPD0 Output Delay to `0' AC Test tSV CS to Status Valid AC Test tDF CS to DO in High Impedance Relative to SK 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V 4.5V VCC 5.5V Endurance(1) Note: 5.0V, 25C, Page Mode 1M 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V 4.5V VCC 5.5V 2.7V VCC 5.5V 2.5V VCC 5.5V Min 0 0 0 250 250 500 250 250 500 250 250 500 50 50 100 100 100 200 0 100 100 200 250 250 500 250 250 500 250 250 500 100 100 200 10 3 Typ Max 2 1 0.5 Units MHz
tSKH
SK High Time
ns
tSKL
SK Low Time
ns
tCS
Minimum CS Low Time
ns
tCSS
CS Setup Time
ns
ns ns ns
ns
ns
ns
AC Test CS = VIL
ns ms ms Write Cycle
tWP
Write Cycle Time
1. This parameter is characterized and is not 100% tested.
4
AT93C46C
1122D-SEEPR-08/02
AT93C46C
Instruction Set for the AT93C46C
Address Instruction READ EWEN ERASE WRITE ERAL WRAL EWDS SB 1 1 1 1 1 1 1 Op Code 10 00 11 01 00 00 00 x 16 A5 - A 0 11XXXX A5 - A0 A5 - A 0 10XXXX 01XXXX 00XXXX Comments Reads data stored in memory, at specified address. Write enable must precede all programming modes. Erase memory location An - A0. Writes memory location An - A0. Erases all memory locations. Valid only at VCC = 4.5V to 5.5V. Writes all memory locations. Valid only at VCC = 4.5V to 5.5V. Disables all programming instructions.
Functional Description
The AT93C46C is accessed via a simple and versatile three-wire serial communication interface. Device operation is controlled by seven instructions issued by the host processor. A valid instruction starts with a rising edge of CS and consists of a Start Bit (logic "1") followed by the appropriate Op Code and the desired memory Address location. READ (READ): The Read (READ) instruction contains the Address code for the memory location to be read. After the instruction and address are decoded, data from the selected memory location is available at the serial output pin DO. Output data changes are synchronized with the rising edges of serial clock SK. It should be noted that a dummy bit (logic "0") precedes the 16-bit data output string. ERASE/WRITE (EWEN): To assure data integrity, the part automatically goes into the Erase/Write Disable (EWDS) state when power is first applied. An Erase/Write Enable (EWEN) instruction must be executed first before any programming instructions can be carried out. Please note that once in the Erase/Write Enable state, programming remains enabled until an Erase/Write Disable (EWDS) instruction is executed or VCC power is removed from the part. ERASE (ERASE): The Erase (ERASE) instruction programs all bits in the specified memory location to the logical "1" state. The self-timed erase cycle starts once the ERASE instruction and address are decoded. The DO pin outputs the READY/BUSY status of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). A logic "1" at pin DO indicates that the selected memory location has been erased, and the part is ready for another instruction. WRITE (WRITE): The Write (WRITE) instruction contains the 16 bits of data to be written into the specified memory location. The self-timed programming cycle tWP starts after the last bit of data is received at serial data input pin DI. The DO pin outputs the READY/BUSY status of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). A logic "0" at DO indicates that programming is still in progress. A logic "1" indicates that the memory location at the specified address has been written with the data pattern contained in the instruction and the part is ready for further instructions. A Ready/Busy Status cannot be obtained if the CS is brought high after the end of the self-timed programming cycle, tWP.
5
1122D-SEEPR-08/02
ERASE ALL (ERAL): The Erase All (ERAL) instruction programs every bit in the memory array to the logic "1" state and is primarily used for testing purposes. The DO pin outputs the READY/BUSY status of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). The ERAL instruction is valid only at VCC = 5.0V 10%. WRITE ALL (WRAL): The Write All (WRAL) instruction programs all memory locations with the data patterns specified in the instruction. The DO pin outputs the READY/BUSY status of the part if CS is brought high after being kept low for a minimum of 250 ns (tCS). The WRAL instruction is valid only at VCC = 5.0V 10%. ERASE/WRITE DISABLE (EWDS): To protect against accidental data disturb, the Erase/Write Disable (EWDS) instruction disables all programming modes and should be executed after all programming operations. The operation of the READ instruction is independent of both the EWEN and EWDS instructions and can be executed at any time.
6
AT93C46C
1122D-SEEPR-08/02
AT93C46C
Timing Diagrams
Synchronous Data Timing
Note:
This is the minimum SK period.
7
1122D-SEEPR-08/02
Organization Key for Timing Diagrams
AT93C46C I/O AN DN x 16 A5 D15
READ Timing
tCS
High Impedance
EWEN Timing(1)
CS tCS
SK
DI
1
0
0
1
1
...
Note:
1. Requires a minimum of nine clock cycles.
EWDS Timing(1)
CS tCS
SK
DI
Note:
1
0
0
0
0
...
1. Requires a minimum of nine clock cycles.
8
AT93C46C
1122D-SEEPR-08/02
AT93C46C
WRITE Timing
CS tCS
SK
DI
1
0
1
AN
...
A0
DN
...
D0
DO
HIGH IMPEDANCE
BUSY
READY
tWP
WRAL Timing(1)(2)
CS tCS
SK
DI
1
0
0
0
1
...
DN
...
D0
DO
HIGH IMPEDANCE
BUSY READY
tWP
Notes:
1. Valid only at VCC = 4.5V to 5.5V. 2. Requires a minimum of nine clock cycles.
9
1122D-SEEPR-08/02
ERASE Timing
tCS CS
CHECK STATUS STANDBY
SK
DI
1
1
1
AN AN-1 AN-2
...
A0 tSV tDF
HIGH IMPEDANCE READY
DO
HIGH IMPEDANCE
BUSY
tWP
ERAL Timing(1)
tCS CS
CHECK STATUS STANDBY
SK
DI
1
0
0
1
0 tSV tDF
HIGH IMPEDANCE READY
DO
HIGH IMPEDANCE
BUSY
tWP
Note:
1. Valid only at VCC = 4.5V to 5.5V.
10
AT93C46C
1122D-SEEPR-08/02
AT93C46C
Ordering Information
Ordering Code AT93C46C-10PI-2.7 AT93C46C-10SI-2.7 AT93C46C-10PI-2.5 AT93C46C-10SI-2.5 Note: Package 8P3 8S1 8P3 8S1 Operation Range Industrial (-40C to 85C) Industrial (-40C to 85C)
For 2.7V and 2.5V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC characteristics table.
Package Type 8P3 8S1 8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC) Options -2.7 -2.5 Low Voltage (2.7V to 5.5V) Low Voltage (2.5V to 5.5V)
11
1122D-SEEPR-08/02
Packaging Information
8P3 - PDIP
E E1
1
N
Top View
c eA
End View
D e D1 A2 A
SYMBOL
COMMON DIMENSIONS (Unit of Measure = inches) MIN NOM MAX NOTE
A A2 b b2 b3 c D 0.115 0.014 0.045 0.030 0.008 0.355 0.005 0.300 0.240 0.310 0.250 0.100 BSC 0.300 BSC 0.115 0.130 0.130 0.018 0.060 0.039 0.010 0.365
0.210 0.195 0.022 0.070 0.045 0.014 0.400
2
5 6 6
3 3
b2 b3
4 PLCS
L
D1 E E1 e eA L
b
0.325 0.280
4 3
Side View
4 0.150 2
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA for additional information. 2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3. 3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed 0.010 inch. 4. E and eA measured with the leads constrained to be perpendicular to datum. 5. Pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010 (0.25 mm).
01/09/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 8P3, 8-lead, 0.300" Wide Body, Plastic Dual In-line Package (PDIP) DRAWING NO. 8P3 REV. B
R
12
AT93C46C
1122D-SEEPR-08/02
AT93C46C
8S1 - JEDEC SOIC
3
2
1
H
N
Top View
e B A
D
Side View
SYMBOL A
COMMON DIMENSIONS (Unit of Measure = mm) MIN - - - - - NOM - - - - - 1.27 BSC - - - - 6.20 1.27 MAX 1.75 0.51 0.25 5.00 4.00 NOTE
A2
C
B C D E
L E
e H L
End View
Note: This drawing is for general information only. Refer to JEDEC Drawing MS-012 for proper dimensions, tolerances, datums, etc.
10/10/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing Small Outline (JEDEC SOIC) DRAWING NO. 8S1 REV. A
R
13
1122D-SEEPR-08/02
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
(c) Atmel Corporation 2002. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. ATMEL (R) is the registered trademark of Atmel. Other terms and product names may be the trademarks of others. Printed on recycled paper.
1122D-SEEPR-08/02 xM


▲Up To Search▲   

 
Price & Availability of AT93C46CNBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X