Part Number Hot Search : 
2045C LBN7002 HC273 NTD106B KSV1402 CT300278 C2852 ZMM5228B
Product Description
Full Text Search
 

To Download ASI2302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASI2302
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI 2302 is Designed for General purpose Class C Power Amplifier Applications up to 3000 MHz.
PACKAGE STYLE .230 2L FLG
A OD C E
2
.060 x 45 CHAMFER
B
3 1
FEATURES:
* PG = 9.5 dB min. at 2 W / 2300 MHz * Hermetic Microstrip Package * OmnigoldTM Metalization System
G L
H J
F I K M NP
DIM A B
MINIMUM
inches / mm
MAXIMUM
inches / mm
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC 300 mA 26 V 6.0 W @ TC 50 C -65 C to +200 C -65 C to +200 C 25 C/W
C D E F G H I J K L M N P
.255 / 6.48 .132 / 3.35
.117 / 2.97
.570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
1 = Collector
2 = Emitter
3 = Base
ORDER CODE: ASI10534
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICBO hFE Cob PG C IC = 1 mA IC = 5 mA IE = 1 mA VCB = 22 V VCE = 5.0 V VCB = 22 V VCC = 22 V
TC = 25 C
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
44 44 3.5 0.5
UNITS
V V V mA --pF dB %
IC = 100 mA f = 1.0 MHz POUT = 2.0 W f = 2.3 GHz
30
300 3.5
9.5 33
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/2
NOT FOUND. ASIERROR! REFERENCE SOURCE ASI2302
IMPEDANCE DATA
TEST CIRCUIT
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
2/2


▲Up To Search▲   

 
Price & Availability of ASI2302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X