Part Number Hot Search : 
PN29388 NE5532 SW670 GD74HC76 2SK239 MJ10011 SDR936DZ 167BG
Product Description
Full Text Search
 

To Download AS183-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS183-92 Features
I P1 dB +30 dBm Typical @ +3 V I IP3 43 dBm Typical @ +3 V I Low Insertion Loss (0.3 dB @ 0.9 GHz) I Low DC Power Consumption I Miniature SC-70 6 Lead Plastic Package
SC-70 6 Lead
0.079 (2.00 mm) 0.008 (0.20 mm) 0.0256 (0.65 mm) BSC 0.049 (1.25 mm) 0.004 (0.10 mm)
0.087 (2.20 mm) 0.008 (0.20 mm)
PIN 1 INDICATOR 0.035 (0.90 mm) 0.004 (0.10 mm) 0.0055 (0.14 mm) 0.0015 (0.04 mm) 0.002 (0.005 mm) 0.002 (0.005 mm) 0.037 (0.95 mm) 0.006 (0.15 mm)
0.009 (0.23 mm) REF 0.010 (0.25 mm) 0.006 (0.15 mm)
Description
The AS183-92 is an IC FET SPDT switch in a very small SC-70 6 lead plastic package. The AS183-92 features low insertion loss and positive voltage operation with very low DC power consumption. This switch is suitable for handset applications.
0.008 (0.20 mm) 0.004 (0.10 mm)
Electrical Specifications at 25C (0, +3 V)
Parameter1 Insertion Loss3 Frequency2 DC-1.0 GHz DC-2.0 GHz DC-2.5 GHz DC-1.0 GHz DC-2.0 GHz DC-2.5 GHz DC-2.5 GHz 18 12 11 Min. Typ. 0.30 0.30 0.55 20 14 13 1.2:1 1.6:1 Max. 0.4 0.4 0.6 Unit dB dB dB dB dB dB
Isolation
VSWR4
Operating Characteristics at 25C (0, +3 V)
Parameter Switching Characteristics5 Condition Rise, Fall (10/90% or 90/10% RF) On, Off (50% CTL to 90/10% RF) Video Feedthru 0/+3 V 0/+5 V For Two-tone Input Power +15 dBm 0/+3 V 0/+5 V 0.5-2.5 GHz 0.5-2.5 GHz 0.5-2.5 GHz 0.5-2.5 GHz Frequency Min. Typ. 10 20 25 +30 +34 +43 +50 Max. Unit ns ns mV dBm dBm dBm dBm
Input Power for 1 dB Compression Intermodulation Intercept Point (IP3)
Control Voltages
VLow = 0 to 0.2 V @ 20 A Max. VHigh = +3 V @ 100 A Max. to +5 V @ 200 A Max.
1. All measurements made in a 50 system, unless otherwise specified. 2. DC = 300 kHz. 3. Insertion loss changes by 0.003 dB/C. 4. Insertion loss state. 5. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 11/99A
1
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS183-92
Typical Performance Data (0, +3 V)
1.0 40 35
Insertion Loss (dB)
0.8
Isolation (dB)
30 25 20 15 10 5
0.6 0.4 0.2 0.0 0.0
0 0.5 1.0 1.5 2.0 2.5
0.0
0.5
1.0
1.5
2.0
2.5
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
1.5 1.4 1.3 1.2 1.1 1.0 0.0 0.5 1.0 1.5 2.0 2.5
Isolation vs. Frequency
Absolute Maximum Ratings
Characteristic RF Input Power Value 6 W > 500 MHz 0/+7 V Control -0.2 V, +8 V -40C to +85C -65C to +150C 25C/W
VSWR
Control Voltage Operating Temperature Storage Temperature JC
Pin Out
J2 CBL V1 J1
Frequency (GHz)
VSWR vs. Frequency
1 2
GND
6 5
Truth Table
V1 0 VHigh
VHigh = +3 to +5 V.
CBL V2
3
V2 VHigh 0
J1-J2 Isolation Insertion Loss
J1-J3 Insertion Loss Isolation
J3
4
CBL
DC blocking capacitors (CBL) must be supplied externally for positive voltage operation. CBL = 100 pF for operation >500 MHz.
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 11/99A


▲Up To Search▲   

 
Price & Availability of AS183-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X