Part Number Hot Search : 
MC341 1232085 VQ36140 ULN2068B TY26MX 082CN LT0199 082CN
Product Description
Full Text Search
 

To Download AQY221N1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AQY221N1S
RF (Radio Frequency) C x R 20 Type
(by)
CSA
pending
PhotoMOS RELAYS
TYPICAL APPLICATIONS
Measuring and testing equipment 1. Testing equipment for semiconductor performance IC tester, Liquid crystal driver tester, semiconductor performance tester 2. Board tester Bear board tester, In-circuit tester, function tester 3. Medical equipment Ultrasonic wave diagnostic machine 4. Multi-point recorder (warping, thermo couple)
FEATURES
4.30.2 .169.008 4.40.2 .173.008 2.10.2 .083.008
mm inch
1. Low output capacitance between output terminals and low ON-resistance Output capacitance(C): 2.0pF (typ.) ON resistance(R): 9.8 (typ.) 2. High speed switching Turn on time: 40ms Turn off time: 60ms 3. SO package 4-pin type in super miniature design Size: (W)4.3 x (L)4.4 x (H)2.1 mm (W).169 x (L).173 x (H).083 inch 4. Low-level off state leakage current The SSR has an off state leakage current of several milliamperes, where as this PhotoMOS relay has only 10pA (typical) even with the rated load voltage 5. Controls low-level analog signals 6. Low thermal electromotive force (Approx. 1 mV)
TYPES
Type AC/DC type Output rating* Tape and reel packing style Load voltage Load current Picked from the 1/2-pin side Picked from the 3/4-pin side 40V 120mA AQY221N1SX AQY221N1SZ Packing quantity Tube Tape and reel 1,000 pcs 1,000 pcs
* Indicate the peak AC and DC values. Notes: (1) Tape package is the standard packing style. Also available in tube. (Part No. suffix "X" or "Z" is not needed when ordering; Tube: 100 pcs.; Case: 2,000 pcs.) (2) For space reasons, the initial letters of the product number "AQY and S", the package type indicator "X" and "Z" are omitted from the seal.
RATING
1. Absolute maximum ratings (Ambient temperature: 25C 77F)
Item LED forward current LED reverse voltage Input Peak forward current Power dissipation Load voltage (peak AC) Continuous load current Output Peak load current Power dissipation Total power dissipation I/O isolation voltage Operating Temperature limits Storage Symbol IF VR IFP Pin VL IL Ipeak Pout PT Viso Topr Tstg AQY221N1S 50mA 3V 1A 75mW 40V 0.12A 0.30A 300mW 350mW 1,500V AC -40C to +85C -40F to +185F -40C to +100C -40F to +212F Remarks
f=100 Hz, Duty factor=0.1%
Peak AC,DC 100 ms (1 shot), VL= DC
Non-condensing at low temperatures
548
AQY221N1S
2. Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage On resistance # Maximum Output Typical Output capacitance # Maximum Off state leakage current Turn on time* Turn off time* Typical Maximum Typical Ton Maximum Typical Toff Maximum Typical Maximum Ciso Riso 0.2ms 0.8pF 1.5pF 1,000M *Turn on/Turn off time 0.5ms 0.06ms ILeak Cout 2.5pF 0.01nA 10nA 0.04ms Typical Maximum Minimum Typical Typical Maximum Typical Ron Symbol IFon IFoff VF AQY221N1S 0.9mA 3.0mA 0.4mA 0.85mA 1.14 (1.25 V at IF=50mA) 1.5V 9.8 12.5 2.0pF Condition IL=100 mA IL=100 mA IF=5mA IF=5mA IL=100 mA Within 1 s on time IF=0 VB=0 V f=1 MHz IF=0 VL=Max. IF=5mA VL=10V RL=100 IF=5mA VL=10V RL=100 f=1MHz VB=0 500V DC
Switching speed Transfer characteristics
I/O capacitance
Initial I/O isolation resisMinimum tance
Input
90% Output Ton Toff 10%
# Other types of products than the Cout (typ. 2.0pF) and Ron (A connection typ. 9.8 ohm) combinations carried in this catalog are also available. (There is a trade-off between Ron and Cout both cannot be reduced at the same time.) For more information, please contact our sales office in your area.
s For Dimensions, see Page 441. s For Schematic and Wiring Diagrams, see Page 444. s For Cautions for Use, see Page 449.
REFERENCE DATA
1. Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F
140 120 Load current, mA On resistance, 100 80 60 40 5 20 0 -40 -20 0 -40 -20 0 20 40 60 80 85 Ambient temperature, C 0 -40 -20 0 20 40 60 80 85 0.02 Turn on time, ms 20 0.08
2. On resistance vs. ambient temperature characteristics
Measured portion: between terminals 3 and 4 LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
25
3. Turn on time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.1
15
0.06
10
0.04
0
20
40
60
8085 100
Ambient temperature, C
Ambient temperature, C
549
AQY221N1S
4. Turn off time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: Max. (DC); Continuous load current: Max. (DC)
0.1 LED operate current, mA
5. LED operate current vs. ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: Max. (DC)
2
6. LED turn off current vs. ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: Max. (DC)
2 LED turn off current, mA
Turn off time, ms
0.08
1.5
1.5
0.06
1
1
0.04
0.5 0.02
0.5
0
-40
-20
0
20
40
60
8085
0
-40
-20
0
20
40
60
8085
0
-40
-20
0
20
40
60
8085
Ambient temperature, C
Ambient temperature, C
Ambient temperature, C
7. LED dropout voltage vs. ambient temperature characteristics
LED current: 5 to 50 mA
1.5
8. Voltage vs. current characteristics of output at MOS portion
Measured portion: between terminals 3 and 4 Ambient temperature: 25C 77F
120 80 60 40 100 Current, mA
9. Off state leakage current
Measured portion: between terminals 3 and 4 Ambient temperature: 25C 77F
10-3
1.4 1.3 1.2 1.1 1.0 0 -40 -20 0 20 40 60 50mA 30mA 20mA 10mA 5mA
Off state leakage current, A
LED dropout voltage, V
10-6
20 -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.5 1 1.5 2.0 2.5 3.0 -20 Voltage, V -40 -60 -80 -100 80 85 100 -120
10-9
10-12 0 10 20 30 40 Load voltage, V 50
Ambient temperature, C
10. LED forward current vs. turn on time characteristics
Measured portion: between terminals 3 and 4 Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.2
11. LED forward current vs. turn off time characteristics
Measured portion: between terminals 3 and 4 Load voltage: Max. (DC); Continuous load current: Max. (DC); Ambient temperature: 25C 77F
0.1
12. Applied voltage vs. output capacitance characteristics
Measured portion: between terminals 3 and 4 Frequency: 1 MHz, 30m Vrms; Ambient temperature: 25C 77F
2.5 Output capacitance, pF
Turn on time, ms
0.15
Turn off time, ms
0.08
2
0.06
1.5
0.1
0.04
1
0.05
0.02 0 0 10 20 30 40 50 60 LED forward current, mA 0 10 20 30 40 50 60 LED forward current, mA
0.5
0
0
0
10
20 30 40 Applied voltage, V
50
13. Isolation characteristics (50 impedance)
Measured portion: between terminals 3 and 4 Ambient temperature: 25C 77F
100
14. Insertion loss characteristics (50 impedance)
Measured portion: between terminals 3 and 4 Ambient temperature: 25C 77F
2
15. On resistance distribution
30 25
80 Insertion loss, dB Quantity, n 1.5 Isolasion, dB
20 15 10
60
1
40
0.5 20 5 0 105 106 107 Frequency, Hz 108 0 104 105 106 Frequency, Hz 107
0 104
8.6
550
,,,,,,,,,,,, ,,,,,,,,,,,, ,,,,,
9 9.4 9.8 10.2 On resistance,
Measured portion: between terminals 3 and 4 Continuous load current: 120mA(DC) Quantity, n=50; Ambient temperature: 25C 77F
AQY221N1S
16. Turn on time distribution 17. Turn off time distribution 18. LED operate current distribution
Load voltage: 40V(DC) Continuous load current: 120mA(DC) Quantity, n=50; Ambient temperature: 25C 77F
30 25 Quantity, n 20 15 10 5 0
,,, ,,,,,,,,,,,, , ,,,,,,,,,,,, ,,, , , , ,
,,,,,,,,,,,, ,,,,,,,,,,,,
35 30 Quantity, n 25 20 15 10 5 0 0
50
40 Quantity, n
30
20
10
0 0.1
0.02
0.04
0.06
0.08
0
0.02
0.04
0.06
0.08
0.1
0
, ,,, ,,,,,,,,,,, , ,,,,,,,,,,, ,,,,,
0.4 0.8 1.2 1.6 LED operate current, mA
Load voltage: 40V(DC) Continuous load current: 120mA(DC) Quantity, n=50; Ambient temperature: 25C 77F
Load voltage: 40V(DC) Continuous load current: 120mA(DC) Quantity, n=50; Ambient temperature: 25C 77F
2
Turn on time, ms
Turn off time, ms
9/1/2000
All Rights Reserved, (c) Copyright Matsushita Electric Works, 551 Ltd.
Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of AQY221N1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X