Part Number Hot Search : 
RK73H2A M37733 VSC7129 IT2200K 8030B 7210D 00030 STA550
Product Description
Full Text Search
 

To Download 82PFR120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I20207 rev. C 03/04
80PF(R)...(W) SERIES
STANDARD RECOVERY DIODES GEN II DO5 Features
High surge current capability Designed for a wide range of applications Stud cathode and stud anode version Leaded version available/ wire version available Low thermal resistance UL approval pending
Stud Version
80 A
Typical Applications
Battery charges Converters Power supplies Machine tool controls Welding
80PF(R)...
Major Ratings and Characteristics
80PF (R)...(W) Parameters
IF(AV) @ TC IF(RMS) IFSM @ 50Hz @ 60Hz It
2
40 to 120
80 140 126 1500 1570 11250 10230 400 to 1200 - 55 to 180
Units
A C A A
case style DO-203AB (DO-5)
80PF(R)...W
@ 50Hz @ 60Hz
A2s
VRRM TJ
range range
V C
case style DO-203AB (DO-5)
www.irf.com
1
80PF(R)...(W) Series
Bulletin I20207 rev. C 03/04
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code VRRM, maximum repetitive peak reverse voltage V
400 800 1200
VRSM, maximum nonrepetitive peak reverse voltage V
500 960 1440
IRRM max.
@ TJ = 150C
mA
9
40 80PF (R)...(W) 80 120
Forward Conduction
Parameter
I F(AV) Max. average forward current @ Case temperature Max. peak, one-cycle forward, non-repetitive surge current
80PF(R)...(W) 40 to 120
80 140 126 1500 1570 1260 1320
Units Conditions
A C A t = 10ms A t = 8.3 ms t = 10ms t = 8.3 ms t = 10ms A2s t = 8.3ms t = 10ms t = 8.3ms A2s V No voltage reapplied 100% VRRM reapplied No voltage reapplied 100% VRRM reapplied Sinusoidal half wave, Initial TJ = 150C 180 conduction, half sine wave
I F(RMS) Max. RMS forward current I FSM
I 2t
Maximum I2t for fusing
11250 10230 7950 7200
I 2 t V F(TO) rf V FM
Maximum I2t for fusing Low level value of threshold voltage Low level value of forward slope resistance Max. forward voltage drop
112500 0.73
t = 0.1 to 10ms, no voltage reapplied (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. (16.7% x x IF(AV) < I < x IF(AV)), TJ = TJ max. Ipk= 220A, TJ = 25C, tp = 400s rectangular wave
3.0 1.40
m V
2
www.irf.com
80PF(R)...(W) Series
Bulletin I20207 rev. C 03/04
Thermal and Mechanical Specifications
Parameter
TJ Tstg RthJC RthCS T Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Max. allowed mounting torque 10%
80PF (R)...(W) 40 to 120
-55 to 180 -55 to 180 0.30 0.25 2.3 / 3.4 20 / 30 3.2 / 4.3 28 / 38
Units
C
Conditions
DC operation K/W Nm lbf * in Nm lbf * in g (oz) See Outline Table Tighting on Hexagon (2) Mounting surface, smooth, flat and greased Tighting on nut (1)
wt
Approximate weight Case style
15.8 (0.56) DO-203AB (DO5)
(1) As general recommendation we suggest to tight on Hexagon and not on nut (2) Torque must be appliable only to Hexagon and not to plastic structure
RthJC Conduction
(The following table shows the increment of thermal resistence RthJC when devices operate at different conduction angles than DC)
Conduction angle
180 120 90 60 30
Sinusoidal conduction
0.14 0.16 0.21 0.30 0.50
Rectangular conduction
0.10 0.17 0.22 0.31 0.50
Units
Conditions
TJ = TJ max.
K/W
Maximum Allowable Case Temperature (C)
Maximum Allowable Case Temperature (C)
180 170 160
80PF(R) Serie RthJC = 0.3 K/W
180 170 160 150
30
80PF(R) Series RthJC (DC) = 0.3 K/W
Conduction Angle
Conduction Period
150 140
180
130 120 110 0
30 60
120 90
140 130 120 0 20
60 90 120 180 DC
10 20 30 40 50 60 70 80 90
Average Forward Current (A)
40
60
80
100 120 140
Average Forward Current (A) Fig. 2 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
www.irf.com
3
80PF(R)...(W) Series
Bulletin I20207 rev. C 03/04
Maximum Allowable Forward Power Loss (W)
140 120 100 80 60 40 20 0 0
180
0.
0.5
0.3
120 90 60 30 RMS Limit
K/ W
7 K/ W
/W 1K
1.5
2K
K/W
K/W
/W
/W
3K
Conduction Angle 80PF(R) Series Tj = 180C
5 K/W
0 10 20 30 40 50 60 70 80
Average Forward Current (A)
30
60
90
120
150
180
Maximum Allowable Ambient Temperature (C)
Fig. 3 - Forward Power Loss Characteristics
Maximum Allowable Forward Power Loss (W)
140 120 100 80
DC 180 120 90 60
0.5 K/ W
0.3
0. 7
1K
1.5
2K
K/W
K/ W
/W
K/W
/W
/W
30 60 RMS Limit
3K
40 20 0 0 20 40 60
Conduction Period
5 K/W
80PF(R) Series Tj = 180C
80
0 100 120 140
30
60
90
120
150
180
Average Forward Current (A)
Maximum Allowable Ambient Temperature (C)
Fig. 4 - Forward Power Loss Characteristics
4
www.irf.com
80PF(R)...(W) Series
Bulletin I20207 rev. C 03/04
Peak Haf Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 150C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
Peak Haf Sine Wave Forward Current (A)
1400 1300 1200 1100 1000 900 800 700 600 500 400 1
1600
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. 1400 Initial Tj = 150C No Voltage Reapplied 1200 Rated Vrrm Reapplied
1000 800 600 400
80PF(R) Series
80PF(R) Series
10
100
200 0.01
0.1
Pulse Train Duration (s)
1
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Fig. 5 - Maximum Non -Repetitive Surge Current
Fig. 6 - Maximum Non -Repetitive Surge Current
Transient Thermal Impedance Z thJC (K/W)
1000
Instantaneous Forward Current (A)
1
Steady State Value RthJC = 0.3 K/W (DC Operation)
100
0.1
10
Tj = 25C Tj = 180C 80PF(R) Series
80PF(R) Series
1 0 1 2 3
Instantaneous Forward Voltage (V) Fig. 7 - Forward Voltage Drop Characteristics
0.01 0.0001 0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s) Fig. 8 - Thermal Impedance ZthJC Characteristics
www.irf.com
5
80PF(R)...(W) Series
Bulletin I20207 rev. C 03/04
Outline Table
Fig. A - 80PF (R)... Case Style DO-203AB (DO-5) Note: For Metric device please contact Factory
Fig. C - 82PF (R)... Case Style DO-203AB (DO-5) Note: For Metric device please contact Factory
Fig. B - 80PF (R)...(W) Case Style DO-203AB (DO-5) Note: For Metric device please contact Factory
6
www.irf.com
80PF(R)...(W) Series
Bulletin I20207 rev. C 03/04
Ordering Information Table
Device Code
80
1
PF
2
R
3
120
4
W
5
1
- 80 82
= Standard device = Isolated lead on standard terminal with silicone sleeve available for 1200V only (Red = Reverse Polarity) (Blue = Normal Polarity)
2 3 4 5
- PF = Plastic Package - None = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) - Voltage code: Code x 10 = VRRM (See Voltage Ratings table) - None = Standard terminal (see Fig. A) -W = Wire terminal (see Fig. B)
Data and specifications subject to change without notice. This product has been designed and qualified for Multiple Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/04
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 82PFR120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X