Part Number Hot Search : 
2SK4101 5000T TSL25 KSR1012 2MK35 020BC ACT8706 PC930
Product Description
Full Text Search
 

To Download 74LVT16373 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVT16373 * 74LVTH16373 Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
January 1999 Revised August 2001
74LVT16373 * 74LVTH16373 Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
General Description
The LVT16373 and LVTH16373 contain sixteen non-inverting latches with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. The flip-flops appear transparent to the data when the Latch Enable (LE) is HIGH. When LE is LOW, the data that meets the setup time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the outputs are in a high impedance state. The LVTH16373 data inputs include bushold, eliminating the need for external pull-up resistors to hold unused inputs. These latches are designed for low-voltage (3.3V) VCC applications, but with the capability to provide a TTL interface to a 5V environment. The LVT16373 and LVTH16373 are fabricated with an advanced BiCMOS technology to achieve high speed operation similar to 5V ABT while maintaining a low power dissipation.
Features
s Input and output interface capability to systems at 5V VCC s Bushold data inputs eliminate the need for external pull-up resistors to hold unused inputs (74LVTH16373), also available without bushold feature (74LVT16373) s Live insertion/extraction permitted s Power Up/Power Down high impedance provides glitch-free bus loading s Outputs source/sink -32 mA/+64 mA s Functionally compatible with the 74 series 16373 s Latch-up performance exceeds 500 mA s ESD performance: Human-body model > 2000V Machine model > 200V Charged-device model > 1000V s Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA) (Preliminary)
Ordering Code:
Order Number 74LVT16373GX (Note 1) 74LVT16373MEA (Note 2) 74LVT16373MTD (Note 2) 74LVTH16373GX (Note 1) 74LVTH16373MEA (Note 2) 74LVTH16373MTD (Note 2) Package Number BGA54A (Preliminary) MS48A MTD48 BGA54A (Preliminary) MS48A MTD48 Package Description 54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide [TAPE and REEL] 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide 54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide [TAPE and REEL] 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Note 1: BGA package available in Tape and Reel only. Note 2: Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbol
(c) 2001 Fairchild Semiconductor Corporation
DS012021
www.fairchildsemi.com
74LVT16373 * 74LVTH16373
Connection Diagrams
Pin Assignment for SSOP and TSSOP
Pin Descriptions
Pin Names OEn LEn I0-I15 O0-O15 NC Description Output Enable Input (Active LOW) Latch Enable Input Inputs 3-STATE Outputs No Connect
FBGA Pin Assignments
1 A B C D E F G H J O0 O2 O4 O6 O8 O10 O12 O14 O15 2 NC O1 O3 O5 O7 O9 O11 O13 NC 3 OE1 NC VCC GND GND GND VCC NC OE2 4 LE1 NC VCC GND GND GND VCC NC LE2 5 NC I1 I3 I5 I7 I9 I11 I13 NC 6 I0 I2 I4 I6 I8 I10 I12 I14 I15
Truth Tables
Inputs LE1 Pin Assignment for FBGA X H H L OE1 H L L L Inputs LE2 X H H (Top Thru View) L OE2 H L L L I8-I15 X L H X I0-I7 X L H X Outputs O0-O7 Z L H Oo Outputs O8-O15 Z L H Oo
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = HIGH Impedance Oo = Previous output prior to HIGH-to-LOW transition of LE
www.fairchildsemi.com
2
74LVT16373 * 74LVTH16373
Functional Description
The LVT16373 and LVTH16373 contain sixteen D-type latches with 3-STATE standard outputs. The device is byte controlled with each byte functioning identically, but independent of the other. Control pins can be shorted together to obtain full 16-bit operation. The following description applies to each byte. When the Latch Enable (LEn) input is HIGH, data on the Dn enters the latches. In this condition the latches are transparent, i.e, a latch output will change states each time its D input changes. When LEn is LOW, the latches store information that was present on the D inputs a setup time preceding the HIGH-to-LOW transition of LEn. The 3-STATE standard outputs are controlled by the Output Enable (OEn) input. When OEn is LOW, the standard outputs are in the 2-state mode. When OEn is HIGH, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the latches.
Logic Diagrams
Please note that these diagrams are provided only for the understanding of logic operations and should not be used to estimate propagation delays.
3
www.fairchildsemi.com
74LVT16373 * 74LVTH16373
Absolute Maximum Ratings(Note 3)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Value Conditions Units V V Output in 3-STATE Output in HIGH or LOW State (Note 4) VI < GND VO < GND VO > VCC VO > VCC Output at HIGH State Output at LOW State V mA mA mA mA mA
-0.5 to +4.6 -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -50 -50
64 128
64 128 -65 to +150
C
Recommended Operating Conditions
Symbol VCC VI IOH IOL TA Supply Voltage Input Voltage HIGH Level Output Current LOW Level Output Current Free-Air Operating Temperature Input Edge Rate, VIN = 0.8V-2.0V, VCC = 3.0V Parameter Min 2.7 0 Max 3.6 5.5 Units V V mA mA
-32
64
-40
0
85 10
C
ns/V
t/V
Note 3: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied. Note 4: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics
Symbol VIK VIH VIL VOH Parameter Input Clamp Diode Voltage Input HIGH Voltage Input LOW Voltage Output HIGH Voltage VCC (V) 2.7 2.7-3.6 2.7-3.6 2.7-3.6 2.7 3.0 VOL Output LOW Voltage 2.7 2.7 3.0 3.0 3.0 II(HOLD) (Note 5) II(OD) (Note 5) II Bushold Input Over-Drive Current to Change State Input Current Control Pins Data Pins IOFF IPU/PD IOZL IOZH IOZH+ Power Off Leakage Current Power Up/Down 3-STATE Output Current 3-STATE Output Leakage Current 3-STATE Output Leakage Current 3-STATE Output Leakage Current Bushold Input Minimum Drive 3.0 3.0 3.6 3.6 3.6 0 0-1.5V 3.6 3.6 3.6 75 -75 500 -500 10 1 -5 1 100 100 -5 5 10 A A A A A A VCC - 0.2 2.4 2.0 0.2 0.5 0.4 0.5 0.55 A A V V 2.0 0.8 T A = -40C to +85C Min Max -1.2 Units V V V Conditions II = -18 mA VO 0.1V or VO VCC - 0.1V IOH = -100 A IOH = -8 mA IOH = -32 mA IOL = 100 A IOL = 24 mA IOL = 16 mA IOL = 32 mA IOL = 64 mA VI = 0.8V VI = 2.0V (Note 6) (Note 7) VI = 5.5V VI = 0V or VCC VI = 0V VI = VCC 0V VI or VO 5.5V VO = 0.5V to 3.0V VI = GND or VCC VO = 0.5V VO = 3.0V VCC < VO 5.5V
www.fairchildsemi.com
4
74LVT16373 * 74LVTH16373
DC Electrical Characteristics
Symbol ICCH ICCL ICCZ ICCZ+ ICC Parameter Power Supply Current Power Supply Current Power Supply Current Power Supply Current Increase in Power Supply Current (Note 8)
Note 5: Applies to bushold versions only (74LVTH16373).
(Continued)
VCC (V) 3.6 3.6 3.6 3.6 3.6 T A = -40C to +85C Min Max 0.19 5 0.19 0.19 0.2 mA mA mA mA mA Outputs HIGH Outputs LOW Outputs Disabled VCC VO 5.5V, Outputs Disabled One Input at V CC - 0.6V Other Inputs at VCC or GND
Units
Conditions
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW. Note 8: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL VCC (V) 3.3 3.3
(Note 9)
TA = 25C Min Typ 0.8 -0.8 Max Units V V Conditions CL = 50 pF, RL = 500 (Note 10) (Note 10)
Note 9: Characterized in SSOP package. Guaranteed parameter, but not tested. Note 10: Max number of outputs defined as (n). n-1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
TA = -40C to +85C, CL= 50pF, RL= 500 Symbol Parameter VCC = 3.3V 0.3V Min tPHL tPLH tPHL tPLH tPZL tPZH tPLZ tPHZ tS tH tW tOSHL tOSLH Setup Time, Dn to LE Hold Time, Dn to LE LE Pulse Width Output to Output Skew (Note 11) Output Disable Time Propagation Delay Dn to On Propagation Delay LE to On Output Enable Time 1.5 1.5 1.9 1.6 1.3 1.0 1.5 2.0 1.0 1.0 3.0 1.0 1.0 Max 3.9 3.8 4.2 4.3 4.3 4.3 4.7 5.0 Min 1.5 1.5 1.9 1.6 1.3 1.0 1.5 2.0 0.8 1.1 3.0 1.0 1.0 VCC = 2.7V Max 4.3 4.2 4.4 4.8 4.9 5.1 4.8 5.4 ns ns ns ns ns ns ns ns Units
Note 11: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 12)
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions VCC = Open, VI = 0V or VCC VCC = 3.0V, VO = 0V or VCC Typical 4 8 Units pF pF
Note 12: Capacitance is measured at frequency f = 1 MHz, per MIL-STD-883, Method 3012.
5
www.fairchildsemi.com
74LVT16373 * 74LVTH16373
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide Package Number BGA54A Preliminary
www.fairchildsemi.com
6
74LVT16373 * 74LVTH16373
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide Package Number MS48A
7
www.fairchildsemi.com
74LVT16373 * 74LVTH16373 Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LVT16373

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X