Part Number Hot Search : 
D54N40 CZRB5932 2SC42 2SC42 2SC42 AR7646 SC162 B751S
Product Description
Full Text Search
 

To Download 50SQ100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.060 rev. F 03/03
50SQ... SERIES
SCHOTTKY RECTIFIER 5 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM range IFSM @ tp = 5 s sine VF TJ @ 5 Apk, TJ = 125C range
Description/ Features Units
A V A V C The 50SQ... axial leaded Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
50SQ...
5 60 to 100 1900 0.52 - 55 to 175
CASE STYLE AND DIMENSIONS
Conforms to JEDEC Outline DO - 204AR Dimensions in millimeters and inches
www.irf.com
1
50SQ... Series
Bulletin PD-2.060 rev. F 03/03
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
50SQ060
60
50SQ080
80
50SQ100
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repetitive Avalanche Energy Repetitive Avalanche Current
50SQ Units
5 1900 290 7.5 1.0 A
Conditions
50% duty cycle @ TC = 119 C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
A mJ A
TJ = 25 C, IAS = 1.0 Amps, L = 15 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
50SQ
0.66 0.77 0.52 0.62
Units
V V V V mA mA pF nH V/ s @ 5A @ 10A @ 5A @ 10A TJ = 25 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (1) * See Fig. 2 Max. Junction Capacitance Typical Series Inductance
0.55 7 500 10 10000
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25 C Measured lead to lead 5mm from body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle < 2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
50SQ
-55 to 175 -55 to 175 8.0 44
Units
C C
Conditions
RthJL Max. Thermal Resistance Junction to Lead RthJA Typical Thermal Resistance, Junction to Air wt Approximate Weight Case Style
C/W DC operation * See Fig. 4 1/8 inch lead leangth C/W
1.4(0.049) g (oz.) DO - 204AR JEDEC
2
www.irf.com
50SQ... Series
Bulletin PD-2.060 rev. F 03/03
100
100 TJ= 175C Revers Current - I R (mA) e 10 1 0.1 0.01 0.001
T = 175C J T = 125C J T = 25C J
150C 125C 100C 75C 50C 25C
Ins tantaneous Forward Current - I F(A)
10
0.0001 0 20 40 60 80 100 Reverse Voltage - V R(V)
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
1000 Junction Capacitance - C T (pF)
1
TJ= 25C
0.1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Forward Voltage Drop - V FM (V)
100 0 20 40 60 80 100 Revers Voltage - V R(V) e
Fig. 1 - Maximum Forward Voltage Drop Characteristics
10 T hermal Impedance Z thJL (C/ W) D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
= 1/8 inch
P DM
1
t1 0.1 Notes: S ingle Pulse (T hermal Resistance) 0.01 0.00001 1. Duty factor D = t 1/ t 2 2. Peak T = PDM x Z thJL + TC J 0.1 1 10 100 t2
0.0001
0.001
0.01
t 1 , Rectangular Pulse Duration (S econds)
Fig. 4 - Maximum Thermal Impedance ZthJL Characteristics
www.irf.com
3
50SQ... Series
Bulletin PD-2.060 rev. F 03/03
175 Allowable Case T emperature - (C) R thJL (DC) = 8.0C/ W
Average Power Loss - (Watts) 3.5 3 2.5 2 1.5 RMS Limit 1 0.5 0 D = 0.08 D = 0.17 D = 0.25 D = 0.33 D = 0.50 DC
170 165 160 DC 155 150 = 1/8 inch 145 0 2 4 6 8 Average Forward Current - I F(AV) (A)
0
1
2
3
4
5
6
7
8
Average Forward Current - I F(AV) (A)
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
10000 (A)
Fig. 6 - Forward Power Loss Characteristics
Non-Repetitive Surge Current - I
At Any Rated Load Condition And With Rated VRRM Applied Following Surge
FSM
1000
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02 Vd = 25 Volt
DUT
IR FP460 R = 25 ohm g
+
CURR ENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
50SQ... Series
Bulletin PD-2.060 rev. F 03/03
Ordering Information Table
Device Code
50
1
S
2
Q
3
100
4
TR
5
1 2 3 4 5
-
50 = current x 10 S = DO-204AR Q = Schottky Q Series Voltage Rating TR = Tape & Reel package (1500 pcs) = Box package (200 pcs) 060 = 60V 080 = 80V 100 = 100V
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 50SQ100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X