Part Number Hot Search : 
EL1501C 80N60 M3212 00022 BCP6925 ENA1025 M54HC WP13ID
Product Description
Full Text Search
 

To Download 2SC5051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC5051
Silicon NPN Epitaxial
Application
VHF / UHF wide band amplifier
Features
* High gain bandwidth product fT = 11 GHz Typ * High gain, low noise figure PG = 14.5 dB Typ, NF = 1.1 dB Typ at f = 900 MHz
Outline
2SC5051
Absolute Maximum Ratings (Ta = 25C)
Item Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Ratings 15 8 1.5 50 100 150 -55 to +150 Unit V V V mA mW C C
Electrical Characteristics (Ta = 25C)
Item Collector to base breakdown voltage Collector cutoff current Symbol V(BR)CBO I CBO I CEO Emitter cutoff current DC current transfer ratio Collector output capacitance Gain bandwidth product S21 Parameter Power gain Noise figure Note: Marking is "YZ-". I EBO hFE Cob fT |S21| PG NF Min 15 -- -- -- 50 -- 8.0 -- 11.5 -- Typ -- -- -- -- 120 0.65 11.0 14.0 14.5 1.1 Max -- 10 1 10 250 1.15 -- -- -- 2.0 pF GHz dB dB dB Unit V A mA A Test conditions I C = 10 A, IE = 0 VCB = 12 V, IE = 0 VCE = 8 V, RBE = VEB = 1.5 V, IC = 0 VCE = 5 V, IC = 20 mA VCB = 5 V, IE = 0, f = 1 MHz VCE = 5 V, IC = 20 mA VCE = 5 V, IC = 20 mA, f = 1000 MHz VCE = 5 V, IC = 20 mA, f = 900 MHz VCE = 5 V, IC = 5 mA, f = 900 MHz
Attention: This device is very sensitive to electro static discharge. It is recommended to adopt appropriate cautions when handling this transistor. See characteristic curves of 2SC4926.
2
2SC5051
3
2SC5051
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
4


▲Up To Search▲   

 
Price & Availability of 2SC5051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X