Part Number Hot Search : 
MAX3873A ESDA5 HCS00MS R5F21276 BGU8052 C3504 99318 11616
Product Description
Full Text Search
 

To Download 2SC5019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC5019
Silicon NPN epitaxial planer type
For UHF band low-noise amplification
Unit: mm
s Features
2.60.1
4.50.1 1.60.2
1.50.1
q q q q
Low noise figure NF. High gain. High transition frequency fT. Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
0.4max.
45
1.0-0.2
+0.1
0.40.08 0.50.08 1.50.1 3.00.15 3 2 1
4.0-0.20
0.40.04
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings 15 10 2 80 1 150 -55 ~ +150 Unit V V V mA W C C
1:Base 2:Collector 3:Emitter EIAJ:SC-62 Mini Power Type Package
marking
Symbol VCBO VCEO VEBO IC PC* Tj Tstg
Marking symbol : W
Printed circuit board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage Forward current transfer ratio Transition frequency Collector output capacitance Foward transfer gain Maximum unilateral power gain Noise figure
(Ta=25C)
Symbol ICBO IEBO VCBO VCEO hFE fT Cob | S21e |2 GUM NF Conditions VCB = 10V, IE = 0 VEB = 2V, IC = 0 IC = 10A, IE = 0 IC = 100A, IB = 0 VCE = 8V, IC = 20mA VCE = 8V, IC = 20mA, f = 800MHz VCB = 10V, IE = 0, f = 1MHz VCE = 8V, IC = 20mA, f = 800MHz VCE = 8V, IC = 20mA, f = 800MHz VCE = 8V, IC = 20mA, f = 800MHz 7.5 15 10 80 5 6 0.9 10 11.5 1.7 1.2 250 GHz pF dB dB dB min typ max 1 1 Unit A A V V
2.50.1
+0.25
1
Transistor
PC -- Ta
1.4
2SC5019
IC -- VCE
24 Ta=25C 20 IB=200A 100 120 VCE=8V
IC -- VBE
Collector power dissipation PC (W)
1.2
Collector current IC (mA)
Collector current IC (mA)
Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion.
180A 160A 16 140A 120A 12 100A 80A 60A 4 40A 20A
25C Ta=75C 80 -25C
1.0
0.8
60
0.6
8
40
0.4
0.2
20
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 0.3 0.1 0.03 0.01 0.1 IC/IB=10 600
hFE -- IC
12 VCE=8V
fT -- IC
VCE=8V f=800MHz Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (GHz)
10 30 100
10
400 Ta=75C 300 25C 200 -25C 100
8
Ta=75C 25C -25C
6
4
2
0.3
1
3
10
30
100
0 0.1
0.3
1
3
0 0.1
0.3
1
3
10
30
100
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
Cob -- VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz Ta=25C
GUM -- IC
Maximum unilateral power gain GUM (dB)
24 VCE=8V f=800MHz Ta=25C 12
NF -- IC
VCE=8V (Rg=50) f=800MHz Ta=25C
2.4
2.0
20
10
1.6
16
Noise figure NF (dB)
0.3 1 3 10 30 100
8
1.2
12
6
0.8
8
4
0.4
4
2
0 0.1
0.3
1
3
10
30
100
0 0.1
0 0.1
0.3
1
3
10
30
100
Collector to base voltage VCB (V)
Collector current IC (mA)
Collector current IC (mA)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SC5019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X