Part Number Hot Search : 
MUN5311 4925D 74VHC1 NTXV2N68 ICR18650 TFDS6401 6075BG 8026GAX
Product Description
Full Text Search
 

To Download 2SC1473A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC1473, 2SC1473A
Silicon NPN triple diffusion planer type
For general amplification 2SC1473 complementary to 2SA1018 2SC1473A complementary to 2SA1767
Unit: mm
5.00.2 4.00.2
s Features
q q
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SC1473 2SC1473A 2SC1473 VCEO VEBO ICP IC PC Tj Tstg Symbol VCBO
(Ta=25C)
Ratings 250 300 200 300 7 100 70 750 150 -55 ~ +150 Unit V
0.45 -0.1 1.27
+0.2
13.50.5
High collector to emitter voltage VCEO. High transition frequency fT.
5.10.2
0.45 -0.1
1.27
+0.2
emitter voltage 2SC1473A Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V V mA mA mW C C
2.30.2
123
2.540.15
1:Emitter 2:Collector 3:Base JEDEC:TO-92 EIAJ:SC-43A
s Electrical Characteristics
Parameter Collector cutoff current Collector to emitter voltage 2SC1473 2SC1473A 2SC1473 2SC1473A
(Ta=25C)
Symbol ICEO VCEO VEBO hFE* VCE(sat) fT Cob Conditions VCE = 120V, IB = 0 VCE = 120V, IB = 0 IC = 100A, IC = 0 IE = 1A, IC = 0 VCE = 10V, IC = 5mA IC = 50mA, IB = 5mA VCB = 10V, IE = -10mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz 50 80 10 200 300 7 30 220 1.2 V MHz pF min typ max 1 1 Unit A
V V
Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
*h
FE
Rank classification
P 30 ~ 100 Q 60 ~ 150 R 100 ~ 220 hFE
Rank
1
Transistor
PC -- Ta
1.0 120
2SC1473, 2SC1473A
IC -- VCE
1.8mA 1.6mA 1.4mA 1.2mA 1.0mA 80 0.8mA 0.6mA 0.4mA 40 0.2mA 20 120 Ta=25C IB=2mA 100 25C VCE=10V
IC -- VBE
Collector power dissipation PC (W)
0.9
Collector current IC (mA)
Collector current IC (mA)
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 20 40 60 80 100 120 140 160
100
Ta=75C 80
-25C
60
60
40
20
0 0 2 4 6 8 10
0 0 0.4 0.8 1.2 1.6 2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
IC -- IB
Collector to emitter saturation voltage VCE(sat) (V)
120 VCE=10V Ta=25C 100 100 30
VCE(sat) -- IC
IC/IB=10 3.0
IB -- VBE
VCE=10V Ta=25C 2.5
Collector current IC (mA)
80
Base current IB (mA)
100
10 3 1 0.3 0.1 0.03 0.01 0.1 25C Ta=75C
2.0
60
1.5
40
1.0
-25C
20
0.5
0 0 0.4 0.8 1.2 1.6 2.0
0 0.3 1 3 10 30 0 0.2 0.4 0.6 0.8 1.0
Base current IB (mA)
Collector current IC (mA)
Base to emitter voltage VBE (V)
hFE -- IC
360 VCE=10V 160
fT -- I E
10
Cob -- VCB
Collector output capacitance Cob (pF)
VCB=10V Ta=25C 9 8 7 6 5 4 3 2 1 0 IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
300
Transition frequency fT (MHz)
30 100
140 120 100 80 60 40 20
240
180
Ta=75C 25C
120 -25C 60
0 0.1
0.3
1
3
10
0 -1
-3
-10
-30
-100
1
3
10
30
100
Collector current IC (mA)
Emitter current IE (mA)
Collector to base voltage VCB (V)
2
Transistor
ICBO -- Ta
104 VCB=250V 104
2SC1473, 2SC1473A
IEBO -- Ta
VEB=5V
Area of safe operation (ASO)
1000 300 Single pulse Ta=25C
Collector current IC (mA)
103
103
100 30 10 3 1 0.3
ICP IC DC t=1ms t=10ms
ICBO (Ta) ICBO (Ta=25C)
102
IEBO (Ta) IEBO (Ta=25C)
102
1 0 40 80 120 160 200
1 0 40 80 120 160 200
0.1 1 3 10 30 100 300 1000
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
2SC1473A
10
10
2SC1473
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SC1473A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X