Part Number Hot Search : 
1R00G TPC18A PM6MMXX 00220 LLST300 1058193 SM100 UG2KB05
Product Description
Full Text Search
 

To Download 2000453 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMC-Sierra,Inc.
Preliminary
PM5381 S/UNI(R)-2488
* Supports line loopback from the line side receive stream to the transmit stream and diagnostic loopback from the line side transmit stream to the line side receive stream interface. * Provides support for automatic protection switching including a bidirectional 4-bit LVDS 777.76 MHz port. * Provides a standard five signal IEEE 1149.1 JTAG test port for boundary scan board test purposes. * Provides a generic 16-bit microprocessor bus interface for configuration, control, and status monitoring.
SATURN(R) User Network Interface for 2488 Mbit/s
FEATURES
* Single chip ATM and POS UserNetwork Interface operating at 2488.32 Mbit/s. * Implements the ATM Forum User Network Interface Specification and the ATM physical layer for Broadband ISDN according to CCITT Recommendation I.432. * Implements the Point-to-Point Protocol (PPP) over SONET/SDH specification according to RFC 2615(1619)/1662 of the PPP Working Group of the Internet Engineering Task Force (IETF). * Processes bit-serial 2488.32 Mbit/s STS-48 (STM-16-16c) data streams with on-chip clock and data recovery and clock synthesis. * Complies with Bellcore GR-253-CORE jitter tolerance, jitter transfer and intrinsic jitter criteria. * Provides termination for SONET Section, Line and Path overhead or SDH Regenerator Section, Multiplexer Section and High Order Path overhead. * Provides UTOPIA Level 3 32-bit wide System Interface (clocked up to 104 MHz) with parity support for ATM applications. * Provides SATURN(R) POS-PHY Level 3TM 32-bit System Interface (clocked up to 104 MHz) for Packet over SONET (POS), or ATM applications.
BLOCK DIAGRAM
ROHCLK ROHRP RTOH RPOH RPOHEN B3E
APSI+/-[4:1]
Rx APS Sync Extractor & Bit Error Monitor
Section Trace Processor
Rx LVDS Interface Path Trace Processor Rx APS UTOPIA Level 3 / POS Level 3 Receive Interface RENB RCA/RVAL RSOC/RSOP FIFO Rx Path O/H Processor Rx Telecom Aligner ATM/HDLC Processor RPRTY RDAT[31:0] RFCLK REOP RERR RSX RMOD[1:0] SONET/SDH Alarm Reporting Controller SALM RALM POSL3_UL3B TENB TCA/PTPA UTOPIA Level 3 / POS Level 3 Transmit Interface TSOC/TSOP TPRTY TDAT[31:0] TFCLK TEOP TERR TMOD[1:0] Tx APS Path Trace Processor Microprocessor Interface
PGMRCLK Rx Line Interface
RX Transport O/H Processor
SD RXD+/OOF RCLK
APSIFP
PRBS Generator/ Monitor
TCLK TXD+/REFCLK+/Tx Line Interface PGMTCLK Tx Transport O/H Processor Tx Path O/H Processor ATM/HDLC Processor FIFO
C0 C1 C2 C3 Analog RES_RESK ATP[3:0]
Section Trace Processor
JTAG
Tx LVDS Interface
TRSTB
CSB WRB
ALE
TPOHRDY
APSO+/-[4:1]
D[15:0] A [13:0]
RDB RSTB
TDO
TMS
TCK
TDI
TOHCLK TOHFP
TTOH TTOHEN
APSOFP
APSMODE
PMC-2000453 (p2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
TPOH TPOHEN
INTB
(c) Copyright PMC-Sierra, Inc. 2000
Preliminary PM5381 S/UNI(R)-2488
SATURN(R) User Network Interface for 2488 Mbit/s
* Low power 1.8 V CMOS core logic with 3.3 V CMOS/TTL compatible digital inputs and digital outputs. High speed inputs and outputs are 3.3 V PECL/CML compatible. * Industrial temperature range (-40 C to +85 C). * 416 pin UBGA package.
APPLICATIONS
* ATM and Multiservice Switches, Routers, and Switch/Routers. * SONET/SDH Add/Drop Multiplexers with data processing capabilities * Uplink Cards. * SONET/SDH ATM/POS Test Equipment.
TYPICAL APPLICATION
STS-48 (STM-16-16C) ATM (UTOPIA LEVEL 3) SWITCH PORT APPLICATION
PM 5381 S/U NI-2488
TFC L K TE N B TC A TS O C TP R TY TD A T[3 1 :0 ] R FC L K RENB RCA RSOC R P R TY R D A T[3 1 :0 ]
ATM Layer Device
TxC lk TxE n b TxC la v TxS O C TxP rty TxD a ta [3 1 :0 ] R xC lk R xE n b R xC la v R xS O C R xP rty R xD a ta [3 1 :0 ]
R X D + /SD TX D + /-
2488 Mbit/s PECL/CML
Optical Transceiver
2488 Mbit/s 2488 Mbit/s
PO SL3_UL3B
0
STS-48 (STM-16-16C) PACKET OVER SONET (POS-PHY LEVEL 3) ROUTER APPLICATION
Link Layer Device
TFC L K TE N B D TP A TS O P TP R TY TD A T[3 1 :0 ] TM O D [1 :0 ] TE O P TE R R
PM 5381 S/U NI-2488
TFC L K TE N B D TP A TS O P TP R TY TD A T[3 1 :0 ] TM O D [1 :0 ] TE O P TE R R 2488 Mbit/s PECL/CML 2488 Mbit/s 2488 Mbit/s
R FC L K RENB RSX RSOP R P R TY R D A T[3 1 :0 ] R M O D [1 :0 ] REOP RERR RVAL
R FC L K RENB RSX RSOP R P R TY R D A T[3 1 :0 ] R M O D [1 :0 ] REOP RERR RVAL
R X D + /SD TX D + /-
Optical Transceiver
PO SL3_UL3B
1
Head Office: PMC-Sierra, Inc. #105 - 8555 Baxter Place Burnaby, B.C. V5A 4V7 Canada Tel: 604.415.6000 Fax: 604.415.6200
To order documentation, send email to: document@pmc-sierra.com or contact the head office, Attn: Document Coordinator
All product documentation is available on our web site at: http://www.pmc-sierra.com For corporate information, send email to: info@pmc-sierra.com
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS' INTERNAL USE
PMC-2000453 (p2) (c) Copyright PMC-Sierra, Inc. 2000. All rights reserved. March 2000 SATURN and S/UNI are registered trademarks of PMC-Sierra, Inc. POS-PHY Level 3 is a trademark of PMC-Sierra, Inc.


▲Up To Search▲   

 
Price & Availability of 2000453

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X