Part Number Hot Search : 
2200B F4116 GBPC4006 CSNB361 LN513 B1020A 0ACPZ M66011FP
Product Description
Full Text Search
 

To Download 1N6110A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N6102A QPL 500 Watt Axial Leaded TVS
Thru
1N6137A
TEL:805-498-2111 FAX:805-498-3804 DESCRIPTION
The 1N61xx series of transient voltage suppressors are designed to protect military and commercial electronic equipment from overvoltages caused by lightning, ESD, EFT, inductive load switching, and EMP. These devices are constructed using two p-n junction TVS diodes in a back-toback configuration, hermetically sealed in a voidless glass package. The hermetically sealed package provides high reliability in harsh environmental conditions. TVS diodes are further characterized by their high surge capability, low operating and clamping voltages, and a theoretically instantaneous response time. This makes them ideal for use as board level protection for sensitive semiconductor components.
FEATURES:
* * * * * *
500 Watts Peak Pulse Power (tp = 10/1000s) Voidless hermetically sealed glass package Metallurgically bonded High surge capacity Military & Industrial applications Available in JAN, JTX, and JTXV versions per MIL-S-19500/516
MECHANICAL CHARACTERISTICS:
* * *
Hermetically sealed glass package Tinned copper leads Marking : P/N, date code, logo
MAXIMUM RATINGS
RATING Peak Pulse Power (tp = 10 x 1000s) Operating Temperature Storage Temperature Steady-State Power Dissipation @ TL = 75C (3/8") SYMBOL Ppk Tj Tstg PD VALUE 500 -65 to +175 -65 to +175 3 UNIT Watts C C Watts
ELECTRICAL CHARACTERISTICS @ 25C (unless otherwise specified)
DEVICE TYPE REVERSE STAND-OFF VOLTAGE VRWM 1N6102A 1N6103A 1N6104A 1N6105A 1N6106A 1N6107A 1N6108A 1N6109A 1N6110A 1N6111A 1N6112A 1N6113A 1N6114A 1N6115A 1N6116A 1N6117A 1N6118A 1N6119A 1N6120A 1N6121A 1N6122A 1N6123A 1N6124A 1N6125A 1N6126A 1N6127A 1N6128A 1N6129A 1N6130A 1N6131A 1N6132A 1N6133A 1N6134A 1N6135A 1N6136A 1N6137A (V) 5.2 5.7 6.2 6.9 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 REVERSE LEAKAGE CURRENT IR (A) 100 50 20 20 20 20 20 20 20 20 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MINIMUM BREAKDOWN VOLTAGE VBR @ IT (V) 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 104.5 114.0 123.5 142.5 152.0 171.0 190.0 TEST CURRENT IT (mA) 175 175 150 150 125 125 100 100 75 75 65 65 50 50 50 40 40 30 30 30 25 25 20 20 20 20 15 15 12 12 10 10 8 8 5 5 MAXIMUM CLAMPING VOLTAGE VC @ IPP (V) 10.5 11.2 12.1 13.4 14.5 15.6 16.9 18.2 21.0 22.3 25.1 27.7 30.5 33.3 37.4 41.6 45.7 49.9 53.6 59.1 64.6 70.1 77.0 85.3 97.1 103.1 112.8 125.1 137.6 151.3 165.1 178.8 206.3 218.4 245.7 273.0 PEAK PULSE CURRENT Ipp tp = 1ms (A) 47.6 44.6 41.3 37.3 34.5 32.0 29.6 27.5 23.8 22.4 19.9 18.0 16.4 15.0 13.4 12.0 10.9 10.0 9.3 8.5 7.7 7.1 6.5 5.9 5.1 4.8 4.4 4.0 3.6 3.3 3.0 2.8 2.4 2.3 2.0 1.8 TEMPERATURE COEFFICIENT OF VBR Vz % / C 0.05 0.06 0.06 0.06 0.07 0.07 0.07 0.08 0.08 0.08 0.085 0.085 0.085 0.09 0.09 0.09 0.095 0.095 0.095 0.095 0.095 0.095 0.095 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.100 0.105 0.105 0.105 0.110 0.110 MAXIMUM REVERSE LEAKAGE CURRENT (Ir2) TA=+150C (A) 4000 750 500 300 200 200 150 150 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100
1. Non-A Part has 5% higher clamping voltage, 5% lower minimum breakdown voltage, and 5% lower peak pulse current.
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
1N6102A QPL 500 Watt Axial Leaded TVS
Thru
1N6137A
TEL:805-498-2111 FAX:805-498-3804 PEAK PULSE POWER vs. PULSE TIME
100
10x1000s IMPULSE WAVEFORM
Ppp - Peak Pulse Power (kW)
10
1
0.1 0.1 1 10 100 1000 10000 Pulse Duration (us)
STEADY STATE DERATING CHARACTERISTICS FOR FREE AIR MOUNTING
2.5
PULSE DERATING CURVE
100 Pp or Ipp in % of max ratings Pulse conditions as defined by 10 X 1000us impulse waveform
2
1.5
MAX. POWER (W)
60
1 40
0.5 20 0 0 20 40 60 80 100 120 140 160 180 0 0 40 80 Tj (oC) 120 160 200
AMBIENT TEMPERATURE (TA) IN degC
MECHANICAL OUTLINE
SCHEMATIC
B A C
DIM
N
DIMENSIONS INCHES MM NOTE MIN MAX MIN MAX
0.085 1.00 0.140 0.026 0.140 1.300 0.245 0.033 2.1 25.4 3.5 0.66 3.6 33.0 6.3 0.84 2
D
B
A B C D
NOTES :
1. Controlling dimension is inches. 2. Includes uncontrolled area of device leads.
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320


▲Up To Search▲   

 
Price & Availability of 1N6110A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X