Part Number Hot Search : 
2SA1072 RLC9XX 2SC55 1990267 SPC564 N4937 9182D 431AC
Product Description
Full Text Search
 

To Download 1N5629 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5629 thru 1N5665A 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
DESCRIPTION This popular Transient Voltage Suppressor (TVS) series for 1N5629 thru 1N5665A are JEDEC registered selections for unidirectional devices. All have the same high Peak Pulse Power rating of 1500 W with extremely fast response times. They are also available in military qualified selections as described in the Features section herein. They are most often used for protecting against transients from inductive switching environments, induced RF effects, or induced secondary lightning effects as found in lower surge levels of IEC61000-4-5. They are also very successful in protecting airborne avionics and electrical systems. Since their response time is virtually instantaneous, they can also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE
WWW . Microsemi .C OM
DO-13 (DO-202AA)
FEATURES
* Unidirectional TVS series for thru-hole mounting * Suppresses transients up to 1500 watts @ 10/1000 s (see Figure 1) * Clamps transient in less than 100 pico seconds * Working voltage (VWM) range 5 V to 171 V * Hermetic sealed DO-13 metal package * JAN/TX/TXV military qualifications also available for the tighter tolerance "A" suffix devices per MIL-PRF19500/500 by adding the JAN, JANTX, or JANTXV prefix, e.g. JANTXV1N5629A, etc. * For bidirectional TVS in the same DO-13 package, see separate data sheet for the 1N6036 - 1N6072A series (also military qualified) * Surface mount equivalent packages also available as SMCJ5.0 - SMCJ170CA or SMCG5.0 - SMCG170CA in separate data sheet (consult factory for other surface mount options) * Plastic axial-leaded equivalents available in the 1N6267 - 1N6303A series in separate data sheet
APPLICATIONS / BENEFITS
* Protection from switching transients and induced RF * ESD & EFT protection per IEC 61000-4-2 and -4-4 * Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance: Class 1: 1N5629 to 1N5665A Class 2: 1N5629 to 1N5663A Class 3: 1N5629 to 1N5655A Class 4: 1N5629 to 1N5648A * Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance: Class 1 : 1N5629 to 1N5658A Class 2: 1N5629 to 1N5651A Class 3: 1N5629 to 1N5643A Class 4: 1N5629 to 1N5636A * Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance: Class 2: 1N5629 to 1N5642A Class 3: 1N5629 to 1N5635A * Inherently radiation hard per Microsemi MicroNote 050
MAXIMUM RATINGS
* 1500 Watts for 10/1000 s with repetition rate of 0.01% or o less* at lead temperature (TL) 25 C (See Figs. 1, 2, & 4) * Operating & Storage Temperatures: -65o to +175oC * THERMAL RESISTANCE: 50oC/W junction to lead at 0.375 inches (10 mm) from body or 110 oC/W junction to 2 ambient when mounted on FR4 PC board with 4 mm copper pads (1 oz) and track width 1 mm, length 25 mm * DC Power Dissipation*: 1 Watt at TL < +125oC 3/8" (10 mm) from body (see derating in Fig 3 and note below) * Forward surge current: 200 Amps for 8.3ms half-sine wave at TA = +25oC * Solder Temperatures: 260 o C for 10 s (maximum) * *
MECHANICAL AND PACKAGING
CASE: DO-13 (DO-202AA), welded, hermetically sealed metal and glass FINISH: All external metal surfaces are Tin-Lead plated and solderable per MIL-STD-750 method 2026 POLARITY: Cathode connected to case and polarity indicated by diode symbol MARKING: Part number and polarity diode symbol WEIGHT: 1.4 grams. (Approx) TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) See package dimension on last page
1N5629 thru 1N5665A 5629
* * * * *
*
TVS devices are not typically used for dc power dissipation and are instead operated at or less than their rated standoff voltage (VWM) except for transients that briefly drive the device into avalanche breakdown (VBR to VC region).
Copyright 2002 11-06-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N5629 thru 1N5665A 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS @ TA = 25oC
JEDEC Type No.*
1N5629 1N5629A 1N5630 1N5630A 1N5631 1N5631A 1N5632 1N5632A 1N5633 1N5633A 1N5634 1N5634A 1N5635 1N5635A 1N5636 1N5636A 1N5637 1N5637A 1N5638 1N5638A 1N5639 1N5639A 1N5640 1N5640A 1N5641 1N5641A 1N5642 1N5642A 1N5643 1N5643A 1N5644 1N5644A 1N5645 1N5645A 1N5646 1N5646A 1N5647 1N5647A 1N5648 1N5648A 1N5649 1N5649A 1N5650 1N5650A 1N5651 1N5651A 1N5652 1N5652A 1N5653 1N5653A 1N5654 1N5654A 1N5655 1N5655A 1N5656 1N5656A 1N5657 1N5657A 1N5658 1N5658A 1N5659 1N5659A 1N5660 1N5660A
WWW . Microsemi .C OM
Breakdown Voltage V(BR) @ I(BR) Min. V
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.5 9.9 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90 95 99 105 108 114 117 124
Breakdown Current I(BR)
Max. V
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.5 110 105 121 116 132 126 143 137
Rated Standoff Voltage VWM V
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111
Maximum Standby Current ID @ VWM A
1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Maximum Clamping Voltage VC @ IPP V
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179
mA
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Maximum Peak Pulse Current IPP A
139 143 128 132 120 124 109 112 100 103 93 96 87 90 79 82 68 71 64 67 56.5 59.5 51.5 54 47 49 43 45 38.5 40 34.5 36 31.5 33 29 30 26.5 28 24 25.3 22.2 23.2 20.4 21.4 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4
Maximum Temperature Coefficient of V(BR) V(BR) %/ C
.057 .057 .061 .061 .065 .065 .068 .068 .073 .073 .075 .075 .078 .078 .081 .081 .084 .084 .086 .086 .088 .088 .090 .090 .092 .092 .094 .094 .096 .096 .097 .097 .098 .098 .099 .099 .100 .100 .101 .101 .101 .101 .102 .102 .103 .103 .104 .104 .104 .104 .105 .105 .105 .105 .106 .106 .106 .106 .107 .107 .107 .107 .107 .107
o
1N5629 thru 1N5665A
Copyright 2002 11-06-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N5629 thru 1N5665A 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
JEDEC Type No.*
1N5661 1N5661A 1N5662 1N5662A 1N5663 1N5663A 1N5664 1N5664A 1N5665 1N5665A
Breakdown Voltage V(BR) @ I(BR) Min. V
135 143 144 152 153 162 162 171 180 190
Breakdown Current I(BR)
Max. V
165 158 176 168 187 179 198 189 220 210
Rated Standoff Voltage VWM V
121 128 130 136 138 145 146 154 162 171
Maximum Standby Current ID @ VWM A
5 5 5 5 5 5 5 5 5 5
Maximum Clamping Voltage VC @ IPP V
215 207 230 219 244 234 258 246 287 274
mA
1 1 1 1 1 1 1 1 1 1
Maximum Peak Pulse Current IPP A
7.0 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5
Maximum Temperature Coefficient of V(BR) V(BR) %/ C
.108 .108 .108 .108 .108 .108 .108 .108 .108 .108
o
WWW . Microsemi .C OM
* No suffix = 10% tolerance, suffix A = 5% tolerance. Suffix A also available in military qualified types with a JAN, JANTX, or JANTXV prefix. NOTES: V(BR) is measured after I(BR) has been applied for < 300ms. Forward voltage VF at 100 amps peak 8.3 ms is 3.5 volts max.
Symbol
VWM V(BR)
VC
SYMBOLS & DEFINITIONS Definition
Standoff Voltage: Applied Reverse Voltage to assure a nonconductive condition. (See Note 1.) Breakdown Voltage: This is the Breakdown Voltage the device will exhibit at 25oC Maximum Clamping Voltage: The maximum peak voltage appearing across the TVS when subjected to the peak pulse current in a one millisecond time interval. The peak pulse voltage is the combination of voltage rise due to both the series resistance and thermal rise and positive temperature coefficient (V(BR)) Peak Pulse Current: The peak current during the impulse (See Figure 2) Peak Pulse Power: The pulse power as determined by the product of VC and IPP Standby Current: The current at the standoff voltage (VWM) Breakdown Current: The current used for measuring Breakdown Voltage (V(BR))
IPP PPP ID I(BR)
NOTE 1: A TVS is normally selected according to the rated "Standoff Voltage" VWM that should be equal to or greater than the dc or continuous peak operating voltage level.
GRAPHS
100
Peak Pulse Power (PPP) in Kw
Exponential wave-form (See FIG. 2) 10
Pulse current (IP) in percent of IPP
1N5629 thru 1N5665A 5629
Peak Value
Square-wave pulse 1.0
IPP
Pulse time duration (tp) is defined as that point where IP decays to 50% of peak value (IPP).
0.1Kw
100ns
1s
10s
100s
1ms
10ms
Pulse Time (tp) FIG. 1 - Non-repetive peak pulse power rating curve NOTE: Peak power defined as peak voltage times peak current
time (t) in milliseconds FIG. 2 Pulse wave form for exponential surge
Copyright 2002 11-06-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
1N5629 thru 1N5665A 1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
Steady-state power dissipation (watts)
WWW . Microsemi .C OM
TL - lead Temperature oC
FIG. 3 Steady-state power derating curve
Peak Pulse Power (PPP) or current I (surge) o in percent of 25 C rating
TA Ambient Temperature C FIG. 4 Derating Curve
o
PACKAGE DIMENSIONS
DIM A B C D E F G
INCHES MIN MAX -.235 .315 .350 1.250 -1.250 --.210 -.090 .026 .035
MILLIMETERS MIN MAX -5.97 8.001 8.890 31.750 -31.750 --5.334 -2.286 .660 .889
1N5629 thru 1N5665A 5629
DO-13 (DO-202AA)
Copyright 2002 11-06-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4


▲Up To Search▲   

 
Price & Availability of 1N5629

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X