Part Number Hot Search : 
STU405D 74004 NRF2401 C1004 ESAC34M JAN2N MAN6750 8C718
Product Description
Full Text Search
 

To Download XN04501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Transistors
XN04501 (XN4501)
Silicon NPN epitaxial planer transistor
For general amplification
2.90+0.20 -0.05 1.90.1 (0.95) (0.95) 4 5 6
1.50+0.25 -0.05 2.8+0.2 -0.3
Unit: mm
0.16+0.10 -0.06
G
3
2
1
(0.65)
0.30+0.10 -0.05 0.50+0.10 -0.05
1.1+0.2 -0.1
I Basic Part Number of Element
G
10
1.1+0.3 -0.1
2SD0601A(2SD601A) x 2 elements
I Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Rating Emitter to base voltage of element Collector current Peak collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PT Tj Tstg
(Ta=25C)
Ratings 60 50 7 100 200 300 150 -55 to +150 Unit V V V mA mA mW C C
1 : Collector (Tr1) 2 : Base (Tr2) 3 : Emitter (Tr2)
4 : Collector (Tr2) 5 : Base (Tr1) 6 : Emitter (Tr1) EIAJ : SC-74 Mini6-G1 Package
Marking Symbol: 5H Internal Connection
6 5 4 Tr1 1 2 3
Tr2
I Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector cutoff current Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol VCBO VCEO VEBO ICBO ICEO hFE VCE(sat) fT Cob Conditions IC = 10A, IE = 0 IC = 2mA, IB = 0 IE = 10A, IC = 0 VCB = 20V, IE = 0 VCE = 10V, IB = 0 VCE = 10V, IC = 2mA IC = 100mA, IB = 10mA VCB = 10V, IE = -2mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz 160 0.1 150 3.5 min 60 50 7 0.1 100 460 0.3 V MHz pF typ max Unit V V V A A
Note) The Part number in the Parenthesis shows conventional part number.
0 to 0.1
5
G
Two elements incorporated into one package. Reduction of the mounting area and assembly cost by one half.
0.40.2
I
Features
1
Composite Transistors
PT -- Ta
500
60 Ta=25C IB=160A
XN04501
IC -- VCE
1200 VCE=10V Ta=25C 1000
IB -- VBE
Total power dissipation PT (mW)
Collector current IC (mA)
400
50
40
Base current IB (A)
140A 120A 100A 30 80A 20 60A 40A 10 20A
800
300
600
200
400
100
200
0 0 40 80 120 160
0 0 2 4 6 8 10
0 0 0.2 0.4 0.6 0.8 1.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
IC -- VBE
240 VCE=10V 200
IC -- I B
240 VCE=10V Ta=25C 200
100
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
IC/IB=10
30 10 3 1 0.3 0.1 0.03 0.01 0.1 25C Ta=75C
Collector current IC (mA)
160
Collector current IC (mA)
160
120 Ta=75C 80
25C
120
-25C
80
40
40
-25C
0 0 0.4 0.8 1.2 1.6 2.0
0 0 200 400 600 800 1000
0.3
1
3
10
30
100
Base to emitter voltage VBE (V)
Base current IB (A)
Collector current IC (mA)
hFE -- IC
600 VCE=10V 300
fT -- I E
240
VCB=10V Ta=25C
NV -- IC
VCE=10V GV=80dB 200 Function=FLAT Ta=25C 160
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
400
Ta=75C 25C
180
Noise voltage NV (mV)
240
300
-25C
120
Rg=100k
120
200
80
22k 4.7k
100
60
40
0 0.1
0.3
1
3
10
30
100
0 -0.1 -0.3
-1
-3
-10
-30
-100
0 10
20 30 50
100
200 300 500 1000
Collector current IC (mA)
Emitter current IE (mA)
Collector current IC (A)
2
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of XN04501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X