|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Composite Transistors XN01113 (XN1113) Silicon PNP epitaxial planer transistor Unit: mm For switching/digital circuits 2.90+0.20 -0.05 1.90.1 (0.95) (0.95) 3 4 5 1.50+0.25 -0.05 2.8+0.2 -0.3 0.16+0.10 -0.06 s Features q q Two elements incorporated into one package. (Emitter-coupled transistors with built-in resistor) Reduction of the mounting area and assembly cost by one half. 2 0.30+0.10 -0.05 10 1 (0.65) 1.1+0.2 -0.1 q UNR1113(UN1113) x 2 elements s Absolute Maximum Ratings Parameter Collector to base voltage Rating Collector to emitter voltage of element Collector current Total power dissipation Overall Junction temperature Storage temperature Symbol VCBO VCEO IC PT Tj Tstg (Ta=25C) Ratings -50 -50 -100 300 150 -55 to +150 Unit V V mA mW C C 1 : Collector (Tr1) 2 : Collector (Tr2) 3 : Base (Tr2) 4 : Emitter 5 : Base (Tr1) EIAJ : SC-74A Mini5-G1 Pakage Marking Symbol: 7L Internal Connection 5 4 3 2 Tr1 1 Tr2 s Electrical Characteristics Parameter Collector to base voltage Collector to emitter voltage Collector cutoff current Emitter cutoff current Forward current transfer ratio Forward current transfer hFE ratio Collector to emitter saturation voltage Output voltage high level Output voltage low level Transition frequency Input resistance Resistance ratio *1 (Ta=25C) Symbol VCBO VCEO ICBO ICEO IEBO hFE hFE (small/large)*1 VCE(sat) VOH VOL fT R1 R1/R2 Conditions IC = -10A, IE = 0 IC = -2mA, IB = 0 VCB = -50V, IE = 0 VCE = -50V, IB = 0 VEB = -6V, IC = 0 VCE = -10V, IC = -5mA VCE = -10V, IC = -5mA IC = -10mA, IB = - 0.3mA VCC = -5V, VB = - 0.5V, RL = 1k VCC = -5V, VB = -3.5V, RL = 1k VCB = -10V, IE = 1mA, f = 200MHz -30% 0.8 80 47 1.0 +30% 1.2 -4.9 - 0.2 80 0.5 0.99 - 0.25 V V V MHz k min -50 -50 - 0.1 - 0.5 - 0.2 typ max Unit V V A A mA Ratio between 2 elements Note) The Part number in the Parenthesis shows conventional part number. 0 to 0.1 1.1+0.3 -0.1 s Basic Part Number of Element 0.40.2 5 1 Composite Transistors PT -- Ta 500 XN01113 Total power dissipation PT (mW) 400 300 200 100 0 0 40 80 120 160 Ambient temperature Ta (C) IC -- VCE -160 IB=-1.0mA -140 VCE(sat) -- IC -100 hFE -- IC IC/IB=10 400 VCE= -10V Ta=25C Collector to emitter saturation voltage VCE(sat) (V) Collector current IC (mA) -120 -100 -80 -60 -40 -20 0 0 -2 -4 -6 -0.9mA -0.8mA -0.7mA -0.6mA -0.5mA -30 -10 -3 -1 -0.3 -0.1 -25C -0.03 -0.01 -0.1 -0.3 Ta=75C Forward current transfer ratio hFE 300 Ta=75C 25C 200 -25C -0.4mA -0.3mA -0.2mA 25C 100 -0.1mA -8 -10 -12 -1 -3 -10 -30 -100 0 -1 -3 -10 -30 -100 -300 -1000 Collector to emitter voltage VCE (V) Collector current IC (mA) Collector current IC (mA) Cob -- VCB 6 IO -- VIN f=1MHz IE=0 Ta=25C -10000 -3000 VO=-5V Ta=25C -100 -30 VIN -- IO VO=-0.2V Ta=25C Collector output capacitance Cob (pF) 5 Output current IO (A) 4 -300 -100 -30 -10 -3 Input voltage VIN (V) -0.6 -0.8 -1.0 -1.2 -1.4 -1000 -10 -3 -1 -0.3 -0.1 -0.03 -0.01 -0.1 -0.3 3 2 1 0 -0.1 -0.3 -1 -3 -10 -30 -100 -1 -0.4 -1 -3 -10 -30 -100 Collector to base voltage VCB (V) Input voltage VIN (V) Output current IO (mA) 2 Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company. Please read the following notes before using the datasheets A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited. 2001 MAR |
Price & Availability of XN01113 |