Part Number Hot Search : 
SG237 07500 CJ303NL 6FL5S02 W30N60 W30N60 MC10113 KRC407
Product Description
Full Text Search
 

To Download TDA8563Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA8563Q 2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
Product specification Supersedes data of 1996 Jan 08 File under Integrated Circuits, IC01 2001 Feb 21
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
FEATURES * Requires very few external components * High output power * 4 and 2 load impedance * Low output offset voltage * Fixed gain * Diagnostic facility (distortion, short-circuit and temperature detection) * Good ripple rejection * Mode select switch (operating, mute and standby) * Load dump protection * Short-circuit safe to ground, to VP and across the load * Low power dissipation in any short-circuit condition QUICK REFERENCE DATA SYMBOL VP IORM Iq(tot) Istb Isw ZI Po SVRR cs Gv Vn(o) PARAMETER operating supply voltage repetitive peak output current total quiescent current standby current switch-on current input impedance output power supply voltage ripple rejection channel separation closed loop voltage gain noise output voltage Rs = 0 RL = 4 ; THD = 10% RL = 2 ; THD = 10% Rs = 0 Rs = 10 k CONDITIONS MIN. 6.0 - - - - 25 - - - - 25 - * Thermally protected * Reverse polarity safe * Electrostatic discharge protection * No switch-on/switch-off plop * Flexible leads * Low thermal resistance. GENERAL DESCRIPTION
TDA8563Q
The TDA8563Q is an integrated class-B output amplifier in a 13-lead single-in-line (SIL) power package. It contains 2 x 40 W/2 amplifiers in a BTL configuration. The device is primarily developed for car radio applications.
TYP. 14.4 - 115 0.1 - 30 25 40 60 50 26 -
MAX. 18 7.5 - 10 40 - - - - - 27 120
UNIT V A mA A A k W W dB dB dB V
ORDERING INFORMATION PACKAGE TYPE NUMBER NAME TDA8563Q DBS13P DESCRIPTION plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm) VERSION SOT141-6
2001 Feb 21
2
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
BLOCK DIAGRAM
V P1 VP2 10
TDA8563Q
handbook, full pagewidth
input 1 1 mute switch Cm
3
TDA8563Q
VA 2.3 k power stage 20.7 k mute switch Cm 4 output 1A
PROTECTIONS Load dump Soar Thermal Short - circuit Reverse polarity
30 k
VA 2.3 k power stage 20.7 k VP
6
output 1B
11 stand-by switch VA 15 k x1 15 k mute reference voltage mute switch Cm mute switch DIAGNOSTIC INTERFACE 12 stand-by reference voltage
mode switch
diagnostic output
input 2
13
VA 2.3 k power stage 20.7 k mute switch Cm
9
output 2B
30 k 2.3 k input reference voltage 2
VA
7
output 2A
power stage 20.7 k 5 GND1 8 GND2
MLB664
ground (signal) power ground (substrate)
Fig.1 Block diagram.
2001 Feb 21
3
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
PINNING SYMBOL IN 1 GND(S) VP1 OUT 1A GND1 OUT 1B OUT 2A GND2 OUT 2B VP2 MODE VDIAG IN 2 PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 DESCRIPTION input 1 signal ground supply voltage 1 output 1A power ground 1 output 1B output 2A power ground 2 output 2B supply voltage 2 mode switch input diagnostic output input 2 Mode select switch (pin 11) * Standby: low supply current * Mute: input signal suppressed * Operating: normal on condition. FUNCTIONAL DESCRIPTION
TDA8563Q
The TDA8563Q contains two identical amplifiers and can be used for bridge applications. The gain of each amplifier is fixed at 26 dB. Special features of the device are as follows.
Since this pin has a very low input current (<40 A), a low cost supply switch can be applied. To avoid switch-on plops, it is advised to keep the amplifier in the mute mode during 100 ms (charging of the input capacitors at pin 1 and pin 13). This can be achieved by: * Microprocessor control * External timing circuit (see Fig.7). Diagnostic output (pin 12) DYNAMIC DISTORTION DETECTOR (DDD)
ndbook, halfpage
IN 1 GND(S) V P1 OUT 1A GND1 OUT 1B OUT 2A GND2 OUT 2B
1 2 3 4 5 6 7 8 9 TDA8563Q
At the onset of clipping of one or more output stages, the dynamic distortion detector becomes active and pin 12 goes LOW. This information can be used to drive a sound processor or DC volume control to attenuate the input signal and thus limit the distortion. The output level of pin 12 is independent of the number of channels that are clipping (see Fig.3).
VP2 10 MODE 11 V DIAG 12 IN 2 13
MLB665
handbook, halfpageVO
MGA721
0
V12 VP 0 t
Fig.2 Pin configuration.
Fig.3 Distortion detector waveform.
2001 Feb 21
4
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
SHORT-CIRCUIT PROTECTION When a short-circuit occurs at one or more outputs to ground or to the supply voltage, the output stages are switched off until the short-circuit is removed and the device is switched on again, with a delay of approximately 20 ms, after removal of the short-circuit. During this short-circuit condition, pin 12 is continuously LOW. When a short-circuit across the load of one or both channels occurs the output stages are switched off during approximately 20 ms. After that time it is checked during approximately 50 s to see whether the short-circuit is still present. Due to this duty cycle of 50 s/20 ms the average current consumption during this short-circuit condition is very low (approximately 40 mA).
TDA8563Q
During this short-circuit condition, pin 12 is LOW for 20 ms and HIGH for 50 s (see Fig.4). The power dissipation in any short-circuit condition is very low. TEMPERATURE DETECTION When the virtual junction temperature Tvj reaches 150 C, pin 12 will become continuously LOW. OPEN COLLECTOR OUTPUT Pin 12 is an open collector output, which allows pin 12 of more devices being tied together.
handbook, full pagewidthcurrent
in output stage
MGA722
V12 VP
short-circuit over the load 20 ms
t
50 s
t
Fig.4 Short-circuit waveform.
2001 Feb 21
5
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VP operating non-operating load dump protection Vpsc Vrp IOSM IORM Ptot Tstg Tamb Tvj AC and DC short-circuit safe voltage reverse polarity non-repetitive peak output current repetitive peak output current total power dissipation storage temperature ambient temperature virtual junction temperature during 50 ms; tr 2.5 ms PARAMETER supply voltage - - - - - - - - -55 -40 - CONDITIONS MIN.
TDA8563Q
MAX. 18 30 45 18 6 10 7.5 60 +150 +85 150 V V V V V A A
UNIT
W C C C
THERMAL CHARACTERISTICS SYMBOL Rth(j-a) Rth(j-c) PARAMETER thermal resistance from junction to ambient in free air thermal resistance from junction to case (see Fig.5) VALUE 40 1.3 UNIT K/W K/W
output 1
handbook, halfpage
output 2
virtual junction
2.2 K/W
2.2 K/W
0.2 K/W
MBA624
case
Fig.5 Equivalent thermal resistance network.
2001 Feb 21
6
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
DC CHARACTERISTICS VP = 14.4 V; Tamb = 25 C; measured in Fig.6; unless otherwise specified. SYMBOL Supply VP Iq V11 I11 VO VOO V11 VO VOO VOO V11 Istb V12 Notes 1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V. 2. At 18 V < VP < 30 V the DC output voltage 12VP. supply voltage quiescent current note 1 RL = 6.0 - 8.5 V11 = 14.4 V note 2 - - - 3.3 note 2 mute/operating - - - 0 - any short-circuit or clipping - PARAMETER CONDITIONS MIN.
TDA8563Q
TYP.
MAX.
UNIT
14.4 115 - 15 7.0 - - 7.0 - - - 0.1 -
18 180
V mA
Operating condition mode switch voltage level mode switch current DC output voltage DC output offset voltage VP 40 - 100 V A V mV
Mute condition mode switch voltage level DC output voltage DC output offset voltage DELTA DC output offset voltage 6.4 - 60 60 V V mV mV
Standby condition mode switch voltage level standby current 2 10 V A V
Diagnostic output diagnostic output voltage 0.6
2001 Feb 21
7
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
AC CHARACTERISTICS VP = 14.4 V; RL = 2 ; f = 1 kHz; Tamb = 25 C; measured in Fig.6; unless otherwise specified. SYMBOL Po PARAMETER output power CONDITIONS THD = 0.5% THD = 10% THD = 30% THD = 10%; VP = 13.2 V THD B fro(l) fro(h) Gv SVRR total harmonic distortion power bandwidth low frequency roll-off high frequency roll-off closed loop voltage gain supply voltage ripple rejection on mute standby Zi Vn(o) input impedance noise output voltage on on mute cs Gv Vo(mute) Notes 1. Dynamic distortion detector active. 2. Frequency response externally fixed. 3. Vripple = Vripple(max) = 2 V (p-p); Rs = 0 . 4. B = 20 Hz to 20 kHz; Rs = 0 . 5. B = 20 Hz to 20 kHz; Rs = 10 k. 6. B = 20 Hz to 20 kHz; independent of Rs. 7. Po = 25 W; Rs = 10 k. 8. Vi = Vi(max) = 1 V (RMS). channel separation channel unbalance output voltage in mute note 8 note 4 note 5 note 6 note 7 - - - 45 - - 85 100 60 - - - note 3 note 3 note 3 50 50 80 25 - - - 30 Po = 1 W V12 0.6 V; note 1 THD = 0.5%; Po = -1 dB with respect to 25 W at -1 dB; note 2 at -1 dB MIN. 25 33 45 - - - - - 20 25 30 40 55 25 35 0.1 10 TYP.
TDA8563Q
MAX. - - - - - - -
UNIT W W W W W % % Hz Hz kHz dB dB dB dB k V V V dB dB mV
THD = 0.5%; VP = 13.2 V -
20 to 20000 - 25 - 26 - - 27 - - - 38 120 - - - 1 2
2001 Feb 21
8
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
AC CHARACTERISTICS VP = 14.4 V; RL = 4 ; f = 1 kHz; Tamb = 25 C; measured in Fig.6; unless otherwise specified. SYMBOL Po output power PARAMETER CONDITIONS THD = 0.5% THD = 10% THD = 30% THD = 10%; VP = 13.2 V THD total harmonic distortion Po = 1 W MIN. 16 21 28 - -
TDA8563Q
TYP. 19 25 35 15 21 0.1
MAX. - - - - - -
UNIT W W W W W %
THD = 0.5%; VP = 13.2 V -
2001 Feb 21
9
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
TEST AND APPLICATION INFORMATION
TDA8563Q
mode switch
handbook, full pagewidth
VP 100 nF
14.4 V 2200 F
11 470 nF input 1
3
10
1 4
30 k 6 VP ground (signal) 2
RL
TDA8563Q
12 reference voltage
10 k (1) diagnostic output
470 nF input 2
13 9
30 k 7
RL
5
8
MLB666
power ground (substrate)
(1) To avoid high energy switching pulses which can feedback to the inputs it is advisable to ensure that the value of the resistor at pin 12 is 10 k.
Fig.6 Stereo BTL test/application diagram.
2001 Feb 21
10
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
Diagnostic output
TDA8563Q
handbook, halfpage
VP
Special care must be taken in the printed-circuit board layout to separate pin 12 from pin 1 and pin 13, to minimize the crosstalk between the diagnostic output and the inputs. Mode select switch
10 k 100
47 F
mode select switch 100 k
To avoid switch-on plops, it is advised to keep the amplifier in the mute mode during >100 ms (charging of the input capacitors at pin 1 and pin 13). The circuit in Fig.7 slowly ramps up the voltage at the mode select switch pin when switching on and results in fast muting when switching off.
MGA708
Fig.7 Mode select switch circuitry.
10 2 handbook, full pagewidth THD (%) 10
MLB667
1 (1)
10 1
(2) (3)
10 2 10 2
10 1
1
10
Po (W)
10 2
(1) f = 10 kHz. (2) f = 1 Hz. (3) f = 100 Hz.
Fig.8 Total harmonic distortion as a function of output power; VP = 14.4 V; RL = 2 .
2001 Feb 21
11
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
TDA8563Q
handbook, full pagewidth P
70 o (W) 60
MGA905
50
(1)
40
(2)
30
(3)
20
10
0 8 (1) THD = 30%. (2) THD = 10%. (3) THD = 0.5%. 10 12 14 16 VP (V) 18
Fig.9 Output power as a function of supply voltage; f = 1 kHz; RL = 2 .
handbook, full pagewidth
33
MLB668
Po (W) 31
29
27
25
23 10
10 2
10 3
10 4
f (Hz)
10 5
Fig.10 Output power as a function of frequency; THD = 0.5%; VP = 14.4 V; RL = 2 .
2001 Feb 21
12
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
TDA8563Q
handbook, full pagewidth
1
MLB669
THD (%)
10 1 (1)
(2) (3)
10 2 10 (1) Po = 0.1 W. (2) Po = 1 W. (3) Po = 10 W.
10 2
10 3
10 4
f (Hz)
10 5
Fig.11 Total harmonic distortion as a function of frequency; VP = 14.4 V; RL = 2 .
handbook, full pagewidth
50
MLB670
SVRR (dB)
60 (1)
(2) 70
80 10 (1) On condition. (2) Mute condition.
10 2
10 3
10 4
f (Hz)
10 5
Fig.12 Ripple rejection as a function of frequency; VP = 14.4 V; Vripple = 2 V (p-p); Rs = 0 .
2001 Feb 21
13
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
TDA8563Q
handbook, full pagewidth
40
MLB671
cs (dB)
50
60
70 10
10 2
10 3
10 4
f (Hz)
10 5
Fig.13 Channel separation as a function of frequency; VP = 14.4 V; Po = 25 W; RL = 2 ; Rs = 10 k.
handbook, full pagewidth
150
MGA909
Iq (mA) 130
110
90
70
50 8 10 12 14 16 VP (V) 18
Fig.14 Quiescent current as a function of supply voltage; RL = .
2001 Feb 21
14
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
PACKAGE OUTLINE DBS13P: plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
TDA8563Q
SOT141-6
non-concave x D Dh
Eh
view B: mounting base side
d
A2
B j E A
L3
L
Q c vM
1 Z e e1 bp wM
13 m e2
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT141-6 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION A 17.0 15.5 A2 4.6 4.4 bp 0.75 0.60 c 0.48 0.38 D (1) 24.0 23.6 d 20.0 19.6 Dh 10 E (1) 12.2 11.8 e 3.4 e1 1.7 e2 5.08 Eh 6 j 3.4 3.1 L 12.4 11.0 L3 2.4 1.6 m 4.3 Q 2.1 1.8 v 0.8 w 0.25 x 0.03 Z (1) 2.00 1.45
ISSUE DATE 97-12-16 99-12-17
2001 Feb 21
15
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
SOLDERING Introduction to soldering through-hole mount packages This text gives a brief insight to wave, dip and manual soldering. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). Wave soldering is the preferred method for mounting of through-hole mount IC packages on a printed-circuit board. Soldering by dipping or by solder wave The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joints for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. Suitability of through-hole mount IC packages for dipping and wave soldering methods SOLDERING METHOD PACKAGE DIPPING DBS, DIP, HDIP, SDIP, SIL Note suitable suitable(1)
TDA8563Q
The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg(max)). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. Manual soldering Apply the soldering iron (24 V or less) to the lead(s) of the package, either below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds.
WAVE
1. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board.
2001 Feb 21
16
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
DATA SHEET STATUS DATA SHEET STATUS Objective specification PRODUCT STATUS Development DEFINITIONS (1)
TDA8563Q
This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Preliminary specification
Qualification
Product specification
Production
Note 1. Please consult the most recently issued data sheet before initiating or completing a design. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2001 Feb 21
17
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
NOTES
TDA8563Q
2001 Feb 21
18
Philips Semiconductors
Product specification
2 x 40 W/2 stereo BTL car radio power amplifier with diagnostic facility
NOTES
TDA8563Q
2001 Feb 21
19
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: Philips Hungary Ltd., H-1119 Budapest, Fehervari ut 84/A, Tel: +36 1 382 1700, Fax: +36 1 382 1800 India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 5F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2451, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 60/14 MOO 11, Bangna Trad Road KM. 3, Bagna, BANGKOK 10260, Tel. +66 2 361 7910, Fax. +66 2 398 3447 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 3341 299, Fax.+381 11 3342 553
For all other countries apply to: Philips Semiconductors, Marketing Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 2001
Internet: http://www.semiconductors.philips.com
SCA 71
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
753503/03/pp20
Date of release: 2001
Feb 21
Document order number:
9397 750 07882


▲Up To Search▲   

 
Price & Availability of TDA8563Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X