Part Number Hot Search : 
EG8306 2A710 60H3A2H SCL5604 E220A AN6612S ACTR433T S00DC13
Product Description
Full Text Search
 

To Download TC14433AEJG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC14433 TC14433A 3-1/2 Digit Analog-to-Digital Converters
FEATURES
s s s s s s s s s s s Accuracy ................... 0.05% of Reading 1 Count Two Voltage Ranges ............. 1.999V and 199.9 mV Up to 25 Conversions Per Second ZIN > 1000M Ohms Single Positive Voltage Reference Auto-Polarity and Auto-Zero Overrange and Underrange Signals Available Operates in Auto-Ranging Circuits Uses On-Chip System Clock or External Clock Wide Supply Range ..................... e.g., 4.5V to 8V Available in 24-Pin DIP, 24-Pin CerDIP, 28-Pin SOIC and 28-Pin PLCC minimizing the number of external components. This dualslope A/D converter provides automatic polarity and zero correction with the addition of two external resistors and two capacitors. The full-scale voltage range of this ratiometric IC extends from 199.9 millivolts to 1.999 volts. The TC14433 can operate over a wide range of power supply voltages, including batteries and standard 5-volt supplies. The TC14433 will interface with the TC7211A LCD display driver. The TC14433A features improved performance over the industry standard TC14433. Rollover, which is the measurement of identical positive and negative signals, is guaranteed to have the same reading within one count for the TC14433A. Power consumption of the TC14433A is typically 4 mW, approximately one-half that of the industry standard TC14433.
APPLICATIONS
s s s s s s s s Portable Instruments Digital Voltmeters Digital Panel Meters Digital Scales Digital Thermometers Remote A/D Sensing Systems MPU Systems See Application Notes 19 and 21
ORDERING INFORMATION
Part No. TC14433AEJG TC14433AELI TC14433AEPG TC14433COG TC14433EJG TC14433ELI TC14433EPG Package 24-Pin CerDIP 28-Pin PLCC 24-Pin Plastic DIP 24-Pin SOIC 24-Pin CerDIP 28-Pin PLCC 24-Pin Plastic DIP Temperature Range - 40C to +85C - 40C to +85C - 40C to +85C 0C to +70C - 40C to +85C - 40C to +85C - 40C to +85C
GENERAL DESCRIPTION
The TC14433 is a low power, high-performance, monolithic CMOS 3-1/2 digit A/D converter. The TC14433 combines both analog and digital circuits on a single IC, thus FUNCTIONAL BLOCK DIAGRAM
20-23 MULTIPLEXER
Q 0 -Q 3 BCD DATA DS 1 -DS 4 DIGIT STROBE
RC 10 CLK1 11 CLK0 CLOCK 1'S
16-19
LATCHES
POLARITY DETECT
10'S
100'S
1,000'S
OVERFLOW 2 1 3 8 CO2 OFFSET
15
OR
OVERRANGE
CONTROL LOGIC 4 R 1 DISPLAY END OF UPDATE 9 14 CONVERSION DU EOC 5 R1 / C1
CMOS ANALOG SUBSYSTEM 6 C 1 7 CO 1
VREF REFERENCE VOLTAGE VAG ANALOG GROUND VX ANALOG INPUT VDD = PIN 24 VSS = PIN 13 VEE = PIN 12
INTEGRATOR
(c) 2001 Microchip Technology Inc.
DS21394A
TC14433/A-6 10/21/96
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD - VEE) ...................... - 0.5V to +18V Voltage on Any Pin, Reference to VEE ........................ - 0.5V to (VDD + 0.5) DC Current, Any Pin ............................................... 10mA Operating Temperature Range ............... - 40C to +85C Power Dissipation (TA < 70C) Plastic PLCC .......................................................1.0W Plastic DIP .......................................................940mW SOIC ................................................................ 940mW CerDIP ...............................................................1.45W Storage Temperature Range ................ - 65C to +160C Lead Temperature (Soldering, 10 sec) ................. +300C
*This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS: VDD = +5V, VEE = - 5V, C1 = 0.1F (mylar), CO = 0.1F, RC = 300k, R1 =
470k @ VREF = 2V, R1 = 27k @ VREF = 200mV, unless otherwise specified.
Symbol Parameter Analog Input
SYE Rollover Error (Positive and Negative Full Scale Symmetry Linearity Output Reading (Note 1) Stability Output Reading (Note 2) Zero Output Reading Bias Current: Analog Input Reference Input Analog Ground Common-Mode Rejection
Test Conditions
200mV Full Scale VIN -VIN = +VIN VREF = 2V VREF = 200mV VX = 1.99V, VREF = 2V VX = 199mV, VREF = 200mV VX = 0V, VREF = 2V
TA = +25C Min Typ Max
-1 -- +1
- 40C < TA < +85C Min Typ Max
-- -- --
Unit
Counts
NL SOR ZOR IIN
- 0.05 - 1 count -- -- -- -- -- -- --
+0.05 -- -- -- 0 20 20 20 65
+0.05 +1 count 2 3 0 100 100 500 --
-- -- -- -- -- -- -- -- --
-- -- -- -- -- -- -- -- --
-- -- -- -- -- -- -- -- --
%rdg LSD LSD pA
CMRR
VX = 1.4V, VREF = 2V, fOC = 32kHz VSS = 0V, "0" Level VSS = - 5V, "0" Level VSS = 0V, "1" Level VSS = - 5V, "1" Level VSS = 0V, VOH = 4.6V Source VSS = - 5V, VOH = 5V Source VSS = 0V, VOL = 0.4V Sink VSS = - 5V, VOL = - 4.5V Sink RC = 300k
dB
Digital
VOL VOH IOH IOL fCLK IDU Output Voltage Pins 14 to 23 (Note 3) Output Voltage Pins 14 to 23 (Note 3) Output Current Pins 14 to 23 Output Current Pins 14 to 23 Clock Frequency Input Current - DU Quiescent Current -- -- 4.95 4.95 - 0.2 - 0.5 0.51 1.3 -- -- 0 -5 5 5 - 0.36 - 0.9 0.88 2.25 66 0.00001 0.05 -4.95 -- -- -- -- -- -- -- 0.3 -- -- 4.95 4.95 - 0.14 - 0.35 0.36 0.9 -- -- -- -- -- -- -- -- -- -- -- -- 0.05 - 4.95 -- -- -- -- -- -- -- 1 V V mA mA kHz A
Power
IQ VDD to VEE, ISS = 0, 14433A: VDD = 5, VEE = - 5 VDD = 8, VEE = -8 VDD to VEE, ISS = 0, 14433: VDD = 5, VEE = - 5 VDD = 8, VEE = -8 VDD to VEE, ISS = 0, VREF = 2V VDD = 5, VEE = - 5 -- -- -- -- -- 0.4 1.4 0.9 1.8 0.5 2 4 2 4 -- -- -- -- -- -- -- -- -- -- -- 3.7 7.4 3.7 7.4 -- mA
PSRR
Supply Rejection
mV/V
TC14433/A-6 10/21/96
2
(c) 2001 Microchip Technology Inc.
DS21394A
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
NOTES: 1. Accuracy -- The accuracy of the meter at full-scale is the accuracy of the setting of the reference voltage. Zero is recalculated during each conversion cycle. The meaningful specification is linearity. In other words, the deviation from correct reading for all inputs other than positive full-scale and zero is defined as the linearity specification. 2. The LSD stability for 200mV scale is defined as the range that the LSD will occupy 95% of the time. 3. Pin numbers refer to 24-pin DIP.
PIN CONFIGURATIONS
VAG 1 VREF 2 VX 3 R1 4
24 VDD 23 Q3 22 Q2
VAG 1 VREF 2 VX 3 R1 4 R1/C1 5 C1 6 CO1 7 CO2 8 DU 9 CLK1 10 CLK0 11 VEE 12
24 VDD 23 Q3 22 Q2 21 Q1 20 Q0 1 TC14433COG (SOIC) 18 DS2 17 DS3 16 DS4 15 OR 14 EOC 13 VSS 19 DS
21 Q1 R1/C1 5 TC14433AEPG 20 Q0 C1 6 TC14433EPG 19 DS 1 TC14433AEJG CO1 7 TC14433EJG 18 DS 2 CO2 8 DU 9 CLK1 10 CLK0 11 VEE 12
(PDIP) (CerDIP)
17 DS3 16 DS4 15 OR 14 EOC 13 VSS
VREF
VAG
VDD
NC
VX
Q3
4
3
2
1
28 27 26 25 Q1 24 Q 0 23 DS
R1 5 R1/C1 6 C1 7 NC 8 CO1 9 CO2 10 DU 11
12 13 14 15 16 17 18
Q2
TC14433AELI TC14433ELI (PLCC)
1
22 NC 21 DS 2 20 DS 19 DS4
3
CLK1
VEE
VSS
(c) 2001 Microchip Technology Inc.
DS21394A
CLK0
3
EOC
OR
NC
TC14433/A-6 10/21/96
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
PIN DESCRIPTIONS
Pin No. Pin No. 24-Pin 24-Pin PDIP/CerDip SOIC 1 1 Pin No. 28-Pin PLCC 2
Symbol VAG
Description This is the analog ground; it has a high input impedance -- This pin determines the reference level for the unknown input voltage (VX) and the reference voltage (VREF). Reference voltage -- Full-scale output is equal to the voltage applied to VREF. Therefore, full-scale voltage of 1.999V requires 2V reference and 199.9 mV full-scale requires a 200 mV reference. VREF functions as system reset also. When switched to VEE, the system is reset to the beginning of the conversion cycle. The unknown input voltage (VX) is measured as a ratio of the reference voltage (VREF) in a ratiometric A/D conversion. These pins are for external components used for the integration function in the dual slope conversion. Typical values are 0.1 F (mylar) capacitor for C1. R1 = 470 kW (resistor) for 2V full-scale. R1 = 27 kW (resistor) for 200 mV full-scale. Clock frequency of 66 kHz gives 250 msec conversion time. See equation below for calculation of integrator component values. These pins are used for connecting the offset correction capacitor. The recommended value is 0.1 F. Display update input pin -- When DU is connected to the EOC output every conversion is displayed. New data will be strobed into the output latches during the conversion cycle if a positive edge is received on DU prior to the ramp-down cycle. When this pin is driven from an external source, the voltage should be referenced to VSS. Clock input pins -- The TC14433 has its own oscillator system clock. Connecting a single resistor between CLK1 and CLK0 sets the clock frequency. A crystal or OC circuit may be inserted in lieu of a resistor for improved CLK1, the clock input, can be driven from an external clock source, which need only have standard CMOS output drive. This pin is referenced to VEE for external clock inputs. A 300 kW resistor yields a clock frequency of about 66 kHz. (See typical characteristic curves; see Figure 9 for alternate circuits.) Negative power current -- Connection pin for the most negative supply. Please note the current for the output drive circuit is returned through VSS. Typical supply current is 0.8 mA. Negative power supply for output circuitry -- This pin sets the low voltage level for the output pins (BCD, Digit Selects, EOC, OR). When connected to analog ground, the output voltage is from analog ground to VDD. If connected to VEE, the output swing is from VEE to VDD. The recommended operating range for VSS is between the VDD -3 volts and VEE. End of conversion output generates a pulse at the end of each conversion cycle. This generated pulse width is equal to one-half the period of the system clock. Overrange pin -- Normally this pin is set high. When VX exceeds VREF the OR pin is low.
2
2
3
VREF
3 4 5 6
3 4 5 6
4 5 6 7
VX R1 R1/C1 C1
7 8 9
7 8 9
9 10 11
CO1 CO2 DU
10 11
10 11
12 13
CLK1 CLK0
12
12
14
VEE
13
13
16
VSS
14
14
17
EOC
15
15
18
OR
TC14433/A-6 10/21/96
4
(c) 2001 Microchip Technology Inc.
DS21394A
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
PIN DESCRIPTIONS (CONT.)
Pin No. 24-Pin PDIP/CerDip 16 17 18 19 20 21 22 23 24 Pin No. 24-Pin SOIC 16 17 18 19 20 21 22 23 24 Pin No. 28-Pin PLCC 19 20 21 23 24 25 26 28 28 8,15, 22
Symbol DS4 DS3 DS2 DS1 Q0 Q1 Q2 Q3 VDD NC
Description Digit select pins -- The digit select output goes high when the respective digit is selected. The MSD (1/2 digit) turns on immediately after an EOC pulse. The remaining digits turn on in sequence from MSD to LSD. To ensure that the BCD data has settled, an inter-digit blanking time of two clock periods is included. Clock frequency divided by 80 equals multiplex rate. For example, a system clock of 60 kHz gives a multiplex rate of 0.8 kHz. See Figure 12 for digit select timing diagram. BCD data output pins -- Multiplexed BCD outputs contain three full digits of information during digit select DS2, DS3, DS4. During DS1, the 1/2 digit, overrange, underrange and polarity information is available. Refer to truth table. Positive power supply -- This is the most positive power supply pin. Not Used.
CIRCUIT DESCRIPTION
The TC14433 CMOS IC becomes a modified dualslope A/D with a minimum of external components. This IC has the customary CMOS digital logic circuitry, as well as CMOS analog circuitry. It provides the user with digital functions (such as counters, latches, multiplexers) and analog functions (such as operational amplifiers and comparators) on a single chip. Features of this system include auto-zero, high input impedances and auto-polarity. Low power consumption and a wide range of power supply voltages are also advantages of this CMOS device. The system's auto-zero function compensates for the offset voltage of the internal amplifiers and comparators. In this "ratiometric system," the output reading is the ratio of the unknown voltage to the reference voltage, where a ratio of 1 is equal to the maximum count of 1999. It takes approximately 16,000 clock periods to complete one conversion cycle. Each conversion cycle may be divided into 6 segments. Figure 7 shows the conversion cycle in 6 segments for both positive and negative inputs. Segment 1 -- The offset capacitor (CO), which compensates for the input offset voltages of the buffer and integrator amplifiers, is charged during this period. However, the integrator capacitor is shorted. This segment requires 4000 clock periods. Segment 2 -- During this segment, the integrator output decreases to the comparator threshold voltage. At this time, a number of counts equivalent to the input offset
(c) 2001 Microchip Technology Inc. DS21394A
voltage of the comparator is stored in the offset latches for later use in the auto-zero process. The time for this segment is variable and less than 800 clock periods.
START TIME SEGMENT NUMBER 1 2 3 4 5 6 VX TYPICAL POSITIVE INPUT VOLTAGE VX TYPICAL NEGATIVE INPUT VOLTAGE END
Figure 7. Integrator Waveforms at Pin 6
C1 BUFFER
-
VX
R1
INTEGRATOR
+
- +
COMPARATOR
+ -
Figure 8. Equivalent Circuit Diagrams of the Analog Section During Segment 4 of the Timing Cycle 5
TC14433/A-6 10/21/96
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
(A) Crystal Oscillator Circuit
10 CLK1 L C
(B) LC Oscillator Circuit
10 CLK1
C 1
18M
TC14433
11 CLK 0 11 C f= 1 2 2/LC
TC14433
CLK 0
47k C2 10 pF < C1 AND C2 < 200 pF
FOR L = 5 mH AND C = 0.01 F, f 32 kHz
Figure 9. Alternate Oscillator Circuits
Segment 3 -- This segment of the conversion cycle is the same as Segment 1. Segment 4 -- Segment 4 is an up-going ramp cycle with the unknown input voltage (VX) as the input to the integrator. Figure 8 shows the equivalent configuration of the analog section of the TC14433. The actual configuration of the analog section is dependent upon the polarity of the input voltage during the previous conversion cycle. Segment 5 -- This segment is a down-going ramp
TC04
+5V 0.1 F 1 3 2 20K
period with the reference voltage as the input to the integrator. Segment 5 of the conversion cycle has a time equal to the number of counts stored in the offset storage latches during Segment 2. As a result, the system zeros automatically. Segment 6 -- This is an extension of Segment 5. The time period for this portion is 4000 clock periods. The results of the A/D conversion cycle are determined in this portion of the conversion cycle.
-5V +5V 0.1F 300k RC 11 10 2 12 24 23 22 21 4 20 5 TC14433 6 13 3 1 * R1 7 8 9 14 15 19 18 17 16 0.1 0.1 F 1 4 2 3 5 -5V +5V +5V SEGMENT RESISTORS 150 (7) 7 6 5 4 3 2 1 -5V -5V 10 11 12 13 14 15 16 MINUS SIGN 200 MPS-A12 PLUS SIGN 110 COMMON ANODE LED DISPLAY 0.1 F MPS-A12 (4) -5V
Vx
16
0.1 F** 0.1 F -5V
9 10 11 12 13 4543B 14 15 867
1413
fgedcba
14013B
-5V 6 5 1 S DQ 3 2 CRQ 4 8 S 13 9 DQ 11 12 CRQ 7 10 14 +5V
-5V 51k +5V
50 F
DS 4 *R 1 = 470k FOR 2V RANGE R 1 = 27k FOR 200mV RANGE **MYLAR CAPACITOR DS 3 DS 2 DS 1
-5V
Figure 10. 3-1/2 Digit Voltmeter Common-Anode Displays, Flashing Overrange
TC14433/A-6 10/21/96
6
(c) 2001 Microchip Technology Inc.
DS21394A
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
0.1 F 470k 0.1 F -V C 14024B R
+V
C0 1 Vx
27k
TC04
20k
R 1/C 1C 1 DS 4 DS 3 VAG DS 2 DS 1 TC14433 Q0 Q1 Q2 VREF Q3 RC V DD V SS V EE EOC DU R C -V 300k 14070B 1/4 +V
C0 2
R1
+V
14013B D CR Q RQ
1/4 14070B 1/2 DIGIT
14013B D C Q Q
PLUS SIGN -V 1/4 14070B MINUS SIGN
BI D C B A Ph LD +V 14543B -V gfedcba
BI D C B A Ph LD 14543B gfedcba
+V +V -V
BI D C B A Ph LD 14543B gfedcba +V -V
R
R
+V
Figure 11. 3-1/2 Digit Voltmeter with LCD Display
EOC
1/2 CLOCK CYCLE
16,400 CLOCK CYCLES
BETWEEN EOC PULSES
DS 1 1/2 DIGIT (MSD) 2 CLOCK CYCLES
18 CLOCK CYCLES
DS2
DS3 DS 4 (LSD)
Figure 12. Digit Select Timing Diagram
(c) 2001 Microchip Technology Inc. DS21394A
7
TC14433/A-6 10/21/96
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
APPLICATIONS INFORMATION
Figure 10 is an example of a 3-1/2 digit voltmeter using the TC14433 with common-anode displays. This system requires a 2.5V reference. Full-scale may be adjusted to 1.999V or 199.9 mV. Input overrange is indicated by flashing a display. This display uses LEDs with common anode digit lines. Power supply for this system is shown as a dual 5V supply; however, the TC14433 will operate over a wide voltage range (see recommended operating conditions, page 2). The circuit in Figure 11 shows a 3-1/2 digit LCD voltmeter. The 14024B provides the low frequency square wave signal drive to the LCD backplane. Dual power supplies are shown here; however, one supply may be used when VSS is connected to VEE. In this case, VAG must be at least 2.8V above VEE. When only segments b and c of the decoder are connected to the 1/2 digit of the display, 4, 0, 7 and 3 appear as 1. The overrange indication (Q3 = 0 and Q0 = 1) occurs when the count is greater than 1999; e.g., 1.999V for a reference of 2V. The underrange indication, useful for autoranging circuits, occurs when the count is less than 180; e.g., 0.180V for a reference of 2V. Figure 14 is an example of a 3-1/2 digit LED voltmeter with a minimum of external components (only 11 additional components). In this circuit, the 14511B provides the segment drive and the 75492 or 1413 provides sink for digit current. Display is blanked during the overrange condition. TRUTH TABLE Coded Condition BCD to 7-Segment of MSD Q3 Q2 Q1 Q0 Decoding
+0 -0 +0 UR -0 UR +1 -1 +1 OR -0 OR 1 1 1 1 0 0 0 0 1 0 1 0 1 0 1 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 Blank Blank Blank Blank Hook up only segments b and c to MSD
4-1 0-1 7-1 3-1
NOTES: Q3 -- 1/2 digit, low for "1", high for "0" Q2 -- Polarity: "1" = positive, "0" = negative Q0 -- Out of range condition exists if Q0 = 1. When used in conjunction with Q3, the type of out of range condition is indicated; i.e., Q3 = 0 AE OR or Q3 = 1 AE UR.
CAUTION If the most significant digit is connected to a display other than a "1" only, such as a full digit display, segments other than b and c must be disconnected. The BCD to 7-segment decoder must blank on BCD inputs 1010 to 1111.
DS 1 DS 2 MULTIPLEXED BCD DS 1 DS 2 DS 3 DS 4
D0 D1 D2 D3 VDD POL 14042B C C
D0 D1 D2 D3 14042B POL Q0 Q1 Q2 Q3 D0 D1 D2 D3 C VDD POL 14175B Q0 Q1 Q2 Q3 C
VDD
D0 D1 D2 D3 POL 14042B Q0 Q1 Q2 Q3 D0 D1 D2 D3 VDD POL 14175B Q0 Q1 Q2 Q3 C VDD C C
D0 D1 D2 D3 14042B POL Q0 Q1 Q2 Q3 D0 D1 D2 D3 POL 14175B Q0 Q1 Q2 Q3 C VDD
Q0 Q1 Q2 Q3 D0 D1 D2 D3 VDD R 14175B
Q0 Q1 Q2 Q3
EOC
Figure 13. Demultiplexing for TC14433 BCD Data
TC14433/A-6 10/21/96
8
(c) 2001 Microchip Technology Inc.
DS21394A
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
470k 0.1F 0.1F
+5V V X 27k TC04
INPUT
100k
R1 R1/C 1 C1 C01 C02 VX CLK1 V CLK0 AG DU OR Q0 EOC Q1 TC14433 VREF Q2 VSS VDD VEE DS 4 DS3 DS 2 DS 1
300k
RESISTOR NETWORK OR INDIVIDUAL RESISTOR* A B1 a b B c C D I4511B d e LT f LE VSS VDDg RDP RM R
+5V
For VREF = 2000V V : 1.999V full scale For VREF = 200 mV V : 199.9 mV full scale (change 470k to R = 27k and decimal point position) Peak digit current for an eight displayed is 7 times the segment current. *To increase segment current capability add two 75491 ICs between 14511B and Resistor Network. The use of the 1413 as digit driver increases digit current capability over the 75492. **V can range between -2.8 and -11V.
VEE** (MINUS)
+5V MINUS CONTROL 75492 OR 1413* DIGIT DRIVERS
COMMON CATHODE LED DISPLAY
ALTERNATE OVERRANGE CIRCUIT WITH SEPARATED LED RR 1/6 75492 OR +5V OR 1/7 1413
Figure 14. 3-1/2 Digit Voltmeter with Low Component Count Using Common Cathode Displays
(c) 2001 Microchip Technology Inc.
DS21394A
9
TC14433/A-6 10/21/96
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
TYPICAL CHARACTERISTICS
ROLLOVER ERROR (IN LSD) AT FULL-SCALE (PLUS COUNT LESS MINUS COUNT) I Q-- QUIESCENT CURRENT (mA)
4 3 2 1 0 -1 -2 -3 -4 -3 -2 -1 0 1 2 3 (IV DD I-IV EE I) -- SUPPLY VOLTAGE SKEW (V) 4 NOTE: ROLLOVER ERROR IS THE DIFFERENCE IN OUTPUT READING FOR THE SAME ANALOG INPUT SWITCHED FROM POSITIVE TO NEGATIVE.
4
3
VEE = -8V VDD = +8V
2
1 VEE = -5V VDD = +5V -40 -20 0 20 40 60 T A -- TEMPERATURE (C) 80 100
0
Figure 1. Typical Rollover Error vs Power Supply Skew
Figure 2. Typical Quiescent Power Supply Current vs Temp.
5 4 3 2 1 0 0 1 2 3 4 5 V DS -- DRAIN TO SOURCE VOLTAGE (Vdc) -40C +25C +85C
ID -- SINK CURRENT (mA) ID -- SINK CURRENT (mA)
-3 -40C -2 -25C -85C -1
0 0 -1 -2 -3 -4 -5 V DS -- DRAIN TO SOURCE VOLTAGE (Vdc)
Figure 3 Typical N-Channel Sink Current at VDD -VSS = 5 Volts
ICLK -- CLOCK FREQUENCY (% CHANGE)
Figure 4. Typical P-Channel Source Current at VDD -VSS = 5 Volts
4 3 2 1 0 -1 -2 -3 -4 -40 -20 0 20 40 60 T A -- TEMPERATURE (C) 80 NORMALIZED AT 25C 8V SUPPLY
ICLK -- CLOCK FREQUENCY (Hz)
5V SUPPLY
1M
NOTE: 5% TYPICAL VARIATION OVER SUPPLY VOLTAGES RANGE OF 4.5V TO 8V.
100k
10k
10 k
100 k 1 M R C -- CLOCK FREQUENCY RESISTOR
Figure 5. Typical Clock Frequency vs Resistor (RC)
Figure 6. Typical % Change of Clock Frequency vs Temperature
CONVERSION RATE = CLOCK FREQUENCY 1.5% 16,400 MULTIPLEX RATE = CLOCK FREQUENCY 80
(c) 2001 Microchip Technology Inc. DS21394A
TC14433/A-6 10/21/96
10
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
PACKAGE DIMENSIONS
24-Pin PDIP (Wide)
PIN 1
.555 (14.10) .530 (13.46)
1.270 (32.26) 1.240 (31.50)
.610 (15.49) .590 (14.99)
.200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92)
.040 (1.02) .020 (0.51)
.015 (0.38) .008 (0.20) .700 (17.78) .610 (15.50)
3 MIN.
.110 (2.79) .090 (2.29)
.070 (1.78) .045 (1.14)
.022 (0.56) .015 (0.38)
24-Pin CDIP (Wide)
PIN 1
.540 (13.72) .510 (12.95)
.098 (2.49) MAX. 1.270 (32.26) 1.240 (31.50) .210 (5.33) .170 (4.32) .200 (5.08) .125 (3.18)
.030 (0.76) MIN. .620 (15.75) .590 (15.00) .060 (1.52) .020 (0.51) .015 (0.38) .008 (0.20) .700 (17.78) .620 (15.75) 3 MIN.
.150 (3.81) MIN.
.110 (2.79) .090 (2.29)
.065 (1.65) .045 (1.14)
.020 (0.51) .016 (0.41)
Dimensions: inches (mm)
(c) 2001 Microchip Technology Inc. DS21394A
11
TC14433/A-6 10/21/96
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
PACKAGE DIMENSIONS (Cont.)
24-Pin SOIC (Wide)
PIN 1
.299 (7.59) .419 (10.65) .291 (7.40) .398 (10.10)
.615 (15.62) .597 (15.16) .104 (2.64) .097 (2.46) .012 (0.30) .004 (0.10)
8 MAX. .050 (1.27) .016 (0.40)
.013 (0.33) .009 (0.23)
.050 (1.27) TYP. .019 (0.48) .014 (0.36)
28-Pin PLCC
PIN 1
.495 (12.58) .485 (12.32) .456 (11.58) .450 (11.43)
.050 (1.27) TYP.
.021 (0.53) .013 (0.33) .032 (0.81) .026 (0.66) .430 (10.92) .390 (9.91)
.456 (11.58) .450 (11.43) .495 (12.58) .485 (12.32)
.020 (0.51) MIN. .120 (3.05) .090 (2.29) .180 (4.57) .165 (4.19)
Dimensions: inches (mm)
TC14433/A-6 10/21/96
12
(c) 2001 Microchip Technology Inc.
DS21394A
3-1/2 Digit Analog-to-Digital Converters TC14433 TC14433A
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: 480-792-7627 Web Address: http://www.microchip.com
New York
150 Motor Parkway, Suite 202 Hauppauge, NY 11788 Tel: 631-273-5305 Fax: 631-273-5335
ASIA/PACIFIC (continued)
Singapore
Microchip Technology Singapore Pte Ltd. 200 Middle Road #07-02 Prime Centre Singapore, 188980 Tel: 65-334-8870 Fax: 65-334-8850
San Jose
Microchip Technology Inc. 2107 North First Street, Suite 590 San Jose, CA 95131 Tel: 408-436-7950 Fax: 408-436-7955
Rocky Mountain
2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7966 Fax: 480-792-7456
Taiwan
Microchip Technology Taiwan 11F-3, No. 207 Tung Hua North Road Taipei, 105, Taiwan Tel: 886-2-2717-7175 Fax: 886-2-2545-0139
Toronto
6285 Northam Drive, Suite 108 Mississauga, Ontario L4V 1X5, Canada Tel: 905-673-0699 Fax: 905-673-6509
Atlanta
500 Sugar Mill Road, Suite 200B Atlanta, GA 30350 Tel: 770-640-0034 Fax: 770-640-0307
ASIA/PACIFIC
China - Beijing
Microchip Technology Beijing Office Unit 915 New China Hong Kong Manhattan Bldg. No. 6 Chaoyangmen Beidajie Beijing, 100027, No. China Tel: 86-10-85282100 Fax: 86-10-85282104
Austin
Analog Product Sales 8303 MoPac Expressway North Suite A-201 Austin, TX 78759 Tel: 512-345-2030 Fax: 512-345-6085
EUROPE
Australia
Microchip Technology Australia Pty Ltd Suite 22, 41 Rawson Street Epping 2121, NSW Australia Tel: 61-2-9868-6733 Fax: 61-2-9868-6755
Boston
2 Lan Drive, Suite 120 Westford, MA 01886 Tel: 978-692-3848 Fax: 978-692-3821
China - Shanghai
Microchip Technology Shanghai Office Room 701, Bldg. B Far East International Plaza No. 317 Xian Xia Road Shanghai, 200051 Tel: 86-21-6275-5700 Fax: 86-21-6275-5060
Denmark
Microchip Technology Denmark ApS Regus Business Centre Lautrup hoj 1-3 Ballerup DK-2750 Denmark Tel: 45 4420 9895 Fax: 45 4420 9910
Boston
Analog Product Sales Unit A-8-1 Millbrook Tarry Condominium 97 Lowell Road Concord, MA 01742 Tel: 978-371-6400 Fax: 978-371-0050
France
Arizona Microchip Technology SARL Parc diActivite du Moulin de Massy 43 Rue du Saule Trapu Batiment A - ler Etage 91300 Massy, France Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79
Hong Kong
Microchip Asia Pacific RM 2101, Tower 2, Metroplaza 223 Hing Fong Road Kwai Fong, N.T., Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431
Chicago
333 Pierce Road, Suite 180 Itasca, IL 60143 Tel: 630-285-0071 Fax: 630-285-0075
Dallas
4570 Westgrove Drive, Suite 160 Addison, TX 75001 Tel: 972-818-7423 Fax: 972-818-2924
India
Microchip Technology Inc. India Liaison Office Divyasree Chambers 1 Floor, Wing A (A3/A4) No. 11, OiShaugnessey Road Bangalore, 560 025, India Tel: 91-80-2290061 Fax: 91-80-2290062
Germany
Arizona Microchip Technology GmbH Gustav-Heinemann Ring 125 D-81739 Munich, Germany Tel: 49-89-627-144 0 Fax: 49-89-627-144-44
Dayton
Two Prestige Place, Suite 130 Miamisburg, OH 45342 Tel: 937-291-1654 Fax: 937-291-9175
Germany
Analog Product Sales Lochhamer Strasse 13 D-82152 Martinsried, Germany Tel: 49-89-895650-0 Fax: 49-89-895650-22
Detroit
Tri-Atria Office Building 32255 Northwestern Highway, Suite 190 Farmington Hills, MI 48334 Tel: 248-538-2250 Fax: 248-538-2260
Japan
Microchip Technology Intl. Inc. Benex S-1 6F 3-18-20, Shinyokohama Kohoku-Ku, Yokohama-shi Kanagawa, 222-0033, Japan Tel: 81-45-471- 6166 Fax: 81-45-471-6122
Italy
Arizona Microchip Technology SRL Centro Direzionale Colleoni Palazzo Taurus 1 V. Le Colleoni 1 20041 Agrate Brianza Milan, Italy Tel: 39-039-65791-1 Fax: 39-039-6899883
Los Angeles
18201 Von Karman, Suite 1090 Irvine, CA 92612 Tel: 949-263-1888 Fax: 949-263-1338
Korea
Microchip Technology Korea 168-1, Youngbo Bldg. 3 Floor Samsung-Dong, Kangnam-Ku Seoul, Korea Tel: 82-2-554-7200 Fax: 82-2-558-5934
United Kingdom
Arizona Microchip Technology Ltd. 505 Eskdale Road Winnersh Triangle Wokingham Berkshire, England RG41 5TU Tel: 44 118 921 5869 Fax: 44-118 921-5820 Printed on recycled paper.
01/09/01
Mountain View
Analog Product Sales 1300 Terra Bella Avenue Mountain View, CA 94043-1836 Tel: 650-968-9241 Fax: 650-967-1590
All rights reserved. (c) 2001 Microchip Technology Incorporated. Printed in the USA. 1/01
Information contained in this publication regarding device applications and the like is intended through suggestion only and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. No representation or warranty is given and no liability is assumed by Microchip Technology Incorporated with respect to the accuracy or use of such information, or infringement of patents or other intellectual property rights arising from such use or otherwise. Use of Microchipis products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, except as maybe explicitly expressed herein, under any intellectual property rights. The Microchip logo and name are registered trademarks of Microchip Technology Inc. in the U.S.A. and other countries. All rights reserved. All other trademarks mentioned herein are the property of their respective companies.
(c) 2001 Microchip Technology Inc.
DS21394A
13
TC14433/A-6 10/21/96


▲Up To Search▲   

 
Price & Availability of TC14433AEJG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X