Part Number Hot Search : 
F20C15 MP1011E KTC3400 PESD5V0 4LC21 02SSL20 A3054SU NTE887M
Product Description
Full Text Search
 

To Download T2500DFPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by T2500DFP/D
Triacs
T2500DFP
ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 400 VOLTS
Silicon Bidirectional Triode Thyristors
. . . designed primarily for full-wave ac control applications, such as solid-state relays, motor controls, heating controls and power supplies; or wherever full-wave silicon gate controlled solid-state devices are needed. Triac type thyristors switch from a blocking to a conducting state for either polarity of applied anode voltage with positive or negative gate triggering. * Blocking Voltage to 400 Volts * All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity and Stability * Small, Rugged, Isolated Construction for Low Thermal Resistance, High Heat Dissipation and Durability
MT2 G
MT1
CASE 221C-02 STYLE 3
MAXIMUM RATINGS (TJ = 25C unless otherwise noted.)
Rating Repetitive Peak Off-State Voltage(1) (TJ = -40 to +100C, Gate Open) On-State RMS Current (TC = +80C )(2) (Full Cycle Sine Wave 50 to 60 Hz) Peak Non-repetitive Surge Current (One Full Cycle, 60 Hz, T C = +80C) Circuit Fusing Considerations (t = 8.3 ms) Peak Gate Power (T C = +80C, Pulse Width = 1 s) Average Gate Power (T C = +80C, t = 8.3 ms) Peak Gate Trigger Current (Pulse Width = 10 s) RMS Isolation Voltage (TA = 25C, Relative Humidity Operating Junction Temperature Range Storage Temperature Range Symbol VDRM 400 IT(RMS) ITSM I2t PGM PG(AV) IGTM VISO TJ Tstg 6 60 40 1 0.2 4 1500 -40 to +100 -40 to +150 Amps Amps A2s Watt Watt Amps Volts C C Value Unit Volts
p 20%)
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case(2) Case to Sink Junction to Ambient Symbol RJC RCS RJA Max 2.7 2.2(typ) 60 Unit C/W
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. 2. The case temperature reference point for all TC measurements is a point on the center lead of the package as close as possible to the plastic body.
Motorola Thyristor Device Data (c) Motorola, Inc. 1999
1
T2500DFP
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Peak Off-State Current (Either Direction) (VD = Rated VDRM, TJ = 100C, Gate Open) Maximum On-State Voltage (Either Direction)* (IT = 30 A Peak) Gate Trigger Current (Continuous dc) (VD = 12 Vdc, RL = 12 Ohms) MT2(+), G(+) MT2(+), G(-) MT2(-), G(-) MT2(-), G(+) Gate Trigger Voltage (Continuous dc) (All Quadrants) (VD = 12 Vdc, RL = 12 Ohms) (VD = VDROM, RL = 125 Ohms, TC = 100C, All Trigger Models) Holding Current (Either Direction) (Main Terminal Voltage = 12 Vdc, Gate Open, Initiating Current = 150 mA, TC = 25C) Gate Controlled Turn-On Time (VD = Rated VDRM, IT = 10 A, IGT = 160 mA, Rise Time 0.1 s) VGT -- 0.2 IH -- 1.25 -- 15 2.5 -- 30 mA Symbol IDRM VTM IGT -- -- -- -- 10 20 15 30 25 60 25 60 Volts Min -- -- Typ -- -- Max 2 2 Unit mA Volts mA
t gt
--
1.6
--
s
p
Critical Rate-of-Rise of Commutation Voltage (VD = Rated VDRM, IT(RMS) = 6 A, Commutating di/dt = 3.2 A/ms, Gate Unenergized, TC = 80C) Critical Rate-of-Rise of Off-State Voltage (VD = Rated VDRM, Exponential Voltage Rise, Gate Open, TC = 100C) *Pulse Test: Pulse Width
dv/dt(c)
--
10
--
V/s
dv/dt
--
100
--
V/s
p 300 s, Duty Cycle p 2%.
Quadrant Definitions MT2(+) Quadrant II MT2(+), G(-) G(-) Quadrant III MT2(-), G(-) MT2(-) Quadrant I MT2(+), G(+) G(+) Quadrant IV MT2(-), G(+)
2
Motorola Thyristor Device Data
T2500DFP
PACKAGE DIMENSIONS
-B- P
-T- F N E C S
SEATING PLANE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. LEAD DIMENSIONS UNCONTROLLED WITHIN DIMENSION Z. DIM A B C D E F G H J K L N P Q R S Z INCHES MIN MAX 0.680 0.700 0.388 0.408 0.175 0.195 0.025 0.040 0.340 0.355 0.140 0.150 0.100 BSC 0.110 0.155 0.018 0.028 0.500 0.550 0.045 0.070 0.049 --- 0.270 0.290 0.480 0.500 0.090 0.120 0.105 0.115 0.070 0.090 MILLIMETERS MIN MAX 17.28 17.78 9.86 10.36 4.45 4.95 0.64 1.01 8.64 9.01 3.56 3.81 2.54 BSC 2.80 3.93 0.46 0.71 12.70 13.97 1.15 1.77 1.25 --- 6.86 7.36 12.20 12.70 2.29 3.04 2.67 2.92 1.78 2.28
H -Y-
Q
123
A
STYLE 3: PIN 1. MT 1 2. MT 2 3. GATE
K Z L G D
3 PL
J R
0.25 (0.010)
M
B
M
Y
CASE 221C-02
Motorola Thyristor Device Data
3
T2500DFP
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. - http://sps.motorola.com/mfax/ 852-26629298 HOME PAGE: http://motorola.com/sps/ JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan. 81-3-5487-8488
4
Motorola Thyristor Device Data T2500DFP/D


▲Up To Search▲   

 
Price & Availability of T2500DFPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X