Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download SXT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP Silicon Switching Transistor
High current gain: 0.1 mA to 500 mA q Low collector-emitter saturation voltage
q
SXT 2907 A
Type SXT 2907 A
Marking 2F
Ordering Code (tape and reel) Q68000-A8300
Pin Configuration 1 2 3 B C E
Package1) SOT-89
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Total power dissipation, TS = 120 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VCE0 VCB0 VEB0 IC Ptot Tj Tstg
Values 60 60 5 600 1 150 - 65 ... + 150
Unit V
mA W C
90 30
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
SXT 2907 A
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 10 mA Collector-base breakdown voltage IC = 10 A Emitter-base breakdown voltage IE = 10 A Collector-base cutoff current VCB = 60 V, IE = 0 VCB = 60 V, IE = 0, TA = 125 C Collector cutoff current VCE = 30 V, VBE = 0.5 V Emitter-base cutoff current VEB = 3 V, IC = 0 Base cutoff current VCE = 30 V, VBE = 3 V DC current gain IC = 100 A, VCE = 10 V IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 150 mA, VCE = 10 V IC = 500 mA, VCE = 10 V Collector-emitter saturation voltage1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Base-emitter saturation voltage1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA V(BR)CE0 V(BR)CB0 V(BR)EB0 ICB0 - - ICEX IEB0 IBL hFE 75 100 100 100 50 VCEsat - - VBEsat - - - - 1.3 2.0 - - 0.4 1.6 - - - - - - - - 300 - V - - - - - - - - 10 10 50 10 50 - nA
A
Values typ. max.
Unit
60 60 5
- - -
- - -
V
nA
1)
Pulse test conditions: t 300 s, D 2 %.
Semiconductor Group
2
SXT 2907 A
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. AC characteristics Transition frequency IC = 50 mA, VCE = 20 V, f = 100 MHz Output capacitance VCB = 10 V, f = 1 MHz Input capacitance VEB = 2 V, f = 1 MHz Switching times VCC = 30 V, VBE = 0.5 V, IC = 150 mA, IB1 = 15 mA VCC = 6 V, IC = 150 mA, IB1 = IB2 = 15 mA Test circuits Delay and rise time fT Cobo Cibo 200 - - - - - - 8 30 MHz pF Values typ. max. Unit
td tr ts tf
- - - -
- - - -
10 40 80 30
ns ns ns ns
Storage and fall time
Semiconductor Group
3
SXT 2907 A
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Collector-base capacitance Ccb = f (VCB) f = 1 MHz
Permissible pulse load Ptot max / Ptot DC = f (tp)
Transition frequency fT = f (IC) VCE = 20 V
Semiconductor Group
4
SXT 2907 A
Saturation voltage IC = f (VBE sat, VCE sat) hFE = 10
Delay time td = f (IC) Rise time tr = f (IC) hFE = 10
Storage time ts = f (IC)
Fall time tf = f (IC)
Semiconductor Group
5
SXT 2907 A
DC current gain hFE = f (IC)
Semiconductor Group
6


▲Up To Search▲   

 
Price & Availability of SXT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X