Part Number Hot Search : 
TC74VCX F5006 95100 AO4476 STP2024 HAL1355 2SD811 1755651
Product Description
Full Text Search
 

To Download SXT2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon Switching Transistor
High current gain: 0.1 mA to 500 mA q Low collector-emitter saturation voltage
q
SXT 2222 A
Type SXT 2222 A
Marking 2P
Ordering Code (tape and reel) Q68000-A8330
Pin Configuration 1 2 3 B C E
Package1) SOT-89
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Total power dissipation, TS = 120 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VCE0 VCB0 VEB0 IC Ptot Tj Tstg
Values 40 75 6 600 1 150 - 65 ... + 150
Unit V
mA W C
90 30
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
SXT 2222 A
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 10 mA Collector-base breakdown voltage IC = 10 A Emitter-base breakdown voltage IE = 10 A Collector-base cutoff current VCB = 60 V, IE = 0 VCB = 60 V, IE = 0, TA = 125 C Collector cutoff current VCE = 30 V, VBE = 0.5 V Emitter-base cutoff current VEB = 3 V, IC = 0 Base cutoff current VCE = 30 V, VBE = - 3 V DC current gain IC = 100 A, VCE = 10 V IC = 1 mA, VCE = 10 V IC = 10 mA, VCE = 10 V IC = 10 mA, VCE = 10 V, TA = - 55 C IC = 150 mA, VCE = 10 V IC = 150 mA, VCE = 1 V IC = 500 mA, VCE = 10 V Collector-emitter saturation voltage1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Base-emitter saturation voltage1) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA V(BR)CE0 V(BR)CB0 V(BR)EB0 ICB0 - - ICEX IEB0 IBL hFE 35 50 75 35 100 50 40 VCEsat - - VBEsat 0.6 - - - 1.2 2.0 - - 0.3 1.0 - - - - - - - - - - - 300 - - V - - - - - - - - 10 10 10 10 20 - nA
A
Values typ. max.
Unit
40 75 6
- - -
- - -
V
nA
1)
Pulse test conditions: t 300 s, D 2 %.
Semiconductor Group
2
SXT 2222 A
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. AC characteristics Transition frequency IC = 50 mA, VCE = 20 V, f = 100 MHz Output capacitance VCB = 10 V, f = 1 MHz Input capacitance VEB = 2 V, f = 1 MHz Input impedance IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 10 mA, VCE = 10 V, f = 1 kHz Voltage feedback ratio IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 10 mA, VCE = 10 V, f = 1 kHz Small-signal current gain IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 10 mA, VCE = 10 V, f = 1 kHz Output admittance IC = 1 mA, VCE = 10 V, f = 1 kHz IC = 10 mA, VCE = 10 V, f = 1 kHz Collector-base time constant IE = 20 mA, VCB = 20 V, f = 31.8 MHz Noise figure IC = 100 A, VCE = 10 V, RS = 1 k, f = 1 kHz Switching times VCC = 30 V, VBE = 0.5 V, IC = 150 mA, IB1 = 15 mA VCC = 30 V, IC = 150 mA, IB1 = IB2 = 15 mA fT Cobo Cibo hie 2 0.25 hre - - hfe 50 75 hoe 5 25 rb'Cc NF - - - - - - 35 200 150 4 ps dB - - 300 375
S
Values typ. max.
Unit
300 - -
- - -
- 8 25
MHz pF
k - - - - 8 1.25 10- 4 8 4 -
td tr ts tf
- - - -
- - - -
10 25 225 60
ns ns ns ns
Semiconductor Group
3
SXT 2222 A
Test circuits Delay and rise time
Storage and fall time
Semiconductor Group
4
SXT 2222 A
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Collector-base capacitance Ccb = f (VCB) f = 1 MHz
Permissible pulse load Ptot max / Ptot DC = f (tp)
Transition frequency fT = f (IC) VCE = 20 V
Semiconductor Group
5
SXT 2222 A
Saturation voltage IC = f (VBE sat, VCE sat) hFE = 10
DC current gain hFE = f (IC) VCE = 10 V
Delay time td = f (IC) Rise time tr = f (IC)
Storage time ts = f (IC) Fall time tf = f (IC)
Semiconductor Group
6


▲Up To Search▲   

 
Price & Availability of SXT2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X