Part Number Hot Search : 
60CDQ040 FX003QE 5KP22 K1500 D2N101LE KTC2018 N5232 2SD24
Product Description
Full Text Search
 

To Download SN5474LS366A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3-STATE HEX BUFFERS
These devices are high speed hex buffers with 3-state outputs. They are organized as single 6-bit or 2-bit / 4-bit, with inverting or non-inverting data (D) paths. The outputs are designed to drive 15 TTL Unit Loads or 60 Low Power Schottky loads when the Enable (E) is LOW. When the Output Enable (E) is HIGH, the outputs are forced to a high impedance "off" state. If the outputs of the 3-state devices are tied together, all but one device must be in the high impedance state to avoid high currents that would exceed the maximum ratings. Designers should ensure that Output Enable signals to 3-state devices whose outputs are tied together are designed so there is no overlap.
SN54/74LS365A SN54/74LS366A SN54/74LS367A SN54/74LS368A
3-STATE HEX BUFFERS
LOW POWER SCHOTTKY
J SUFFIX CERAMIC CASE 620-09
16 1
16 1
N SUFFIX PLASTIC CASE 648-08
16 1
D SUFFIX SOIC CASE 751B-03
ORDERING INFORMATION
SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 1.0 - 2.6 12 24 Unit V C mA mA
FAST AND LS TTL DATA 5-1
SN54/74LS365A * SN54/74LS366A SN54/74LS367A * SN54/74LS368A
SN54 / 74LS365A HEX 3-STATE BUFFER WITH COMMON 2-INPUT NOR ENABLE
VCC 16 E2 15 14 13 12 11 10 9
SN54 / 74LS366A HEX 3-STATE INVERTER BUFFER WITH COMMON 2-INPUT NOR ENABLE
VCC 16 E2 15 14 13 12 11 10 9
1 E1
2
3
4
5
6
7
8 GND
1 E1
2
3
4
5
6
7
8 GND
TRUTH TABLE
INPUTS E1 L L H X E2 L L X H D L H X X L H (Z) (Z) OUTPUT L L H X
TRUTH TABLE
INPUTS E1 E2 L L X H D L H X X H L (Z) (Z) OUTPUT
SN54 / 74LS367A HEX 3-STATE BUFFER SEPARATE 2-BIT AND 4-BIT SECTIONS
VCC 16 E 15 14 13 12 11 10 9
SN54 / 74LS368A HEX 3-STATE INVERTER BUFFER SEPARATE 2-BIT AND 4-BIT SECTIONS
VCC 16 E 15 14 13 12 11 10 9
1 E
2
3
4
5
6
7
8 GND
1 E
2
3
4
5
6
7
8 GND
TRUTH TABLE
INPUTS E L L H D L H X L H (Z) OUTPUT
TRUTH TABLE
INPUTS E L L H D L H X H L (Z) OUTPUT
FAST AND LS TTL DATA 5-2
SN54/74LS365A * SN54/74LS366A SN54/74LS367A * SN54/74LS368A
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol S bl VIH VIL VIK VOH Parameter P Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage 54 Output HIGH Voltage 74 54, 74 VOL IOZH IOZL IIH Output LOW Voltage 74 Output Off Current HIGH Output Off Current LOW Input HIGH Current 0.1 Input LOW Current E Inputs IIL D Inputs - 0.4 - 20 - 0.4 IOS ICC Short Circuit Current (Note 1) Power Supply Current LS365A, 367A LS366A, 368A - 40 - 225 24 21 0.35 0.5 20 - 20 20 V A A A mA mA A mA mA 2.4 3.1 0.25 0.4 V V 2.4 - 0.65 3.4 0.8 - 1.5 V V Min 2.0 0.7 V Typ Max Unit Ui V Test C di i T Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for p g All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH , , or VIL per Truth Table IOL = 12 mA IOL = 24 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VOUT = 2.7 V VCC = MAX, VOUT = 0.4 V VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX, VIN = 0.5 V Either E Input at 2.0 V VCC = MAX, VIN = 0.4 V Both E Inputs at 0.4 V VCC = MAX VCC = MAX
mA
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V)
Limits LS365A / LS367A Symbol S bl tPLH tPHL tPZH tPZL tPHZ tPLZ Parameter P Propagation Delay Output Enable Time Output Disable Time Min Typ 10 9.0 19 24 Max 16 22 35 40 30 35 LS366A / LS368A Min Typ 7.0 12 18 28 Max 15 18 35 45 32 35 Unit Ui ns ns ns Test C di i T Conditions
CL = 45 p , pF, RL = 667
CL = 5.0 pF
FAST AND LS TTL DATA 5-3


▲Up To Search▲   

 
Price & Availability of SN5474LS366A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X