Part Number Hot Search : 
TS972 MV202 28122 MP4PD MSC12 MPS3703 SI1470DH SK9432
Product Description
Full Text Search
 

To Download SFP50N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SemiWell Semiconductor
SFP50N06
N-Channel MOSFET
Features

Low RDS(on) (0.023 )@VGS=10V Low Gate Charge (Typical 39nC) Low Crss (Typical 110pF) Improved dv/dt Capability 100% Avalanche Tested Maximum Junction Temperature Range (175C)
Symbol
2. Drain
1. Gate

3. Source
General Description
This Power MOSFET is produced using SemiWell's advanced planar stripe, DMOS technology. This latest technology has been especially designed to minimize on-state resistance, have a low gate charge with superior switching performance, and rugged avalanche characteristics. This Power MOSFET is well suited for synchronous DC-DC Converters and Power Management in portable and battery operated products.
TO-220
12
3
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGS EAS EAR IAR dv/dt PD TSTG, TJ TL Drain to Source Voltage Continuous Drain Current(@TC = 25C) Continuous Drain Current(@TC = 100C) Drain Current Pulsed Gate to Source Voltage Single Pulsed Avalanche Energy Repetitive Avalanche Energy Avalnche Current Peak Diode Recovery dv/dt Total Power Dissipation(@TC = 25 C) Derating Factor above 25 C Operating Junction Temperature & Storage Temperature Maximum Lead Temperature for soldering purpose, 1/8 from Case for 5 seconds.
(Note 2) (Note 1) (Note 1) (Note 3) (Note 1)
Parameter
Value
60 50 35.2 200
Units
V A A A V mJ mJ A V/ns W W/C C C
20
470 13 50 7 130 0.87 - 55 ~ 175 300
Thermal Characteristics
Symbol
RJC RCS RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Case to Sink Thermal Resistance, Junction-to-Ambient
Value Min.
-
Typ.
0.5 -
Max.
1.15 62.5
Units
C/W C/W C/W
December, 2002. Rev. 1.
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
1/7
SFP50N06
Electrical Characteristics
Symbol Off Characteristics
BVDSS BVDSS/ TJ IDSS Drain-Source Breakdown Voltage Breakdown Voltage Temperature coefficient Drain-Source Leakage Current Gate-Source Leakage, Forward Gate-source Leakage, Reverse VGS = 0V, ID = 250uA ID = 250uA, referenced to 25 C VDS = 60V, VGS = 0V VDS = 48V, TC = 150 C VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V VDS = VGS, ID = 250uA VGS =10 V, ID = 25A 60 0.06 1 10 100 -100 V V/C uA uA nA nA ( TC = 25 C unless otherwise noted )
Parameter
Test Conditions
Min
Typ
Max
Units
IGSS
On Characteristics
VGS(th) RDS(ON) Gate Threshold Voltage Static Drain-Source On-state Resistance 2.0 0.018 4.0 0.023 V
Dynamic Characteristics
Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance VGS =0 V, VDS =25V, f = 1MHz 880 430 110 1140 560 140 pF
Dynamic Characteristics
Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge(Miller Charge) VDS =48V, VGS =10V, ID =50A see fig. 12.
(Note 4, 5)
VDD =30V, ID =25A, RG =50 see fig. 13.
(Note 4, 5)
60 185 75 60 39 9.5 13
130 380 160 130 45 nC ns
-
Source-Drain Diode Ratings and Characteristics
Symbol
IS ISM VSD trr Qrr NOTES
1. Repeativity rating : pulse width limited by junction temperature, <1 2. L = 220uH, IAS =50A, VDD = 25V, RG = 0 , Starting TJ = 25C 3. ISD 50A, di/dt 300A/us, VDD BVDSS, Starting TJ = 25C 4. Pulse Test : Pulse Width 300us, Duty Cycle 2% 5. Essentially independent of operating temperature.
Parameter
Continuous Source Current Pulsed Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Test Conditions
Integral Reverse p-n Junction Diode in the MOSFET IS =50A, VGS =0V IS=50A,VGS=0V,dIF/dt=100A/us
Min.
-
Typ.
54 81
Max.
50 200 1.5 -
Unit.
A V ns nC
2/7
SFP50N06
Fig 1. On-State Characteristics
VGS 15.0 V 10.0 V 8.0 V 7.0 V 6.0 V 5.5 V 5.0 V Bottom : 4.5 V Top :
Fig 2. Transfer Characteristics
10
2
10
2
ID, Drain Current [A]
ID, Drain Current[A]
175 C
10
1
o
10
1
25 C -55 C
o
o
Notes : 1. 250 s Pulse Test 2. TC = 25
Notes : 1. VDS = 30V 2. 250 s Pulse Test
10 -1 10
0
10
0
10
0
10
1
2
4
6
8
10
VDS, Drain-Source Voltage[V]
VGS, Gate-Source Voltage [V]
Fig 3. On Resistance Variation vs. Drain Current and Gate Voltage
70
Fig 4. On State Current vs. Allowable Case Temperature
RDS(ON), Drain to Source on Resistance[m ]
60 50 40 30 20 10 0
10
2
VGS=10V
IDR, Reverse Drain Current[A]
10
1
VGS=20V
175 C
o
25 C
Notes : 1. VGS = 0V 2. 250 s Pulse Test
o
Note TJ = 25 C
o
0
20
40
60
80
100
120
140
160
180
200
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID, Drain Current[ A ]
VSD, Source-Drain voltage[V]
Fig 5. Capacitance Characteristics
3000
Ciss=Cgs+Cgd(Cds=shorted) Coss=Cds+Cgd Crss=Cgd
Fig 6. Gate Charge Characteristics
12
VGS, Gate-Source Voltage [V]
2500
10
VDS = 30V VDS = 48V
Capacitance [pF]
2000
Notes : 1. VGS = 0V 2. f=1MHz
8
1500
6
1000
Ciss Coss
4
500
2
Note : ID = 50A
Crss
0 5 10 15 20 25 30 35
0 0 5 10 15 20 25 30
35
40
45
VDS, Drain-Source Voltage [V]
Qg, Total Gate Charge [nC]
3/7
SFP50N06
Fig 7. Breakdown Voltage Variation vs. Junction Temperature
1.2
3.0
Fig 8. On-Resistance Variation vs. Junction Temperature
BVDSS, (Normalized) Drain-Source Breakdown Voltage
1.1
RDS(ON), (Normalized) Drain-Source On-Resistance
2.5
2.0
1.0
1.5
1.0
0.9
Notes : 1. VGS = 0 V 2. ID = 250 A
0.5
Notes : 1. VGS = 10 V 2. ID = 25 A
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Fig 9. Maximum Safe Operating Area
10
3
Fig 10. Maximum Drain Current vs. Case Temperature
50
Operation in This Area is Limited by R DS(on)
ID, Drain Current [A]
10
2
100 s
40
ID' Drain Current [A]
2
1 ms 10 ms
10
1
30
DC
20
10
0
Notes :
1. TC = 25 C 2. TJ = 150 C 3. Single Pulse
o
o
10
10
-1
10
-1
10
0
10
1
10
0 25
50
75
100
125
o
150
175
VDS, Drain-Source Voltage [V]
TC' Case Temperature [ C]
Fig 11. Transient Thermal Response Curve
10
0
Z JC Thermal Response (t),
D = 0 .5
N o te s : 1 . Z J C = 1 .1 5 /W M a x . (t) 2 . D u ty F a c to r, D = t 1 /t 2 3 . T JM - T C = P D M * Z JC (t)
0 .2
-1
0 .1 0 .0 5 0 .0 2 0 .0 1 s in g le p u ls e
10
10
-2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q u a re W a v e P u ls e D u ra tio n [s e c ]
4/7
SFP50N06
Fig. 12. Gate Charge Test Circuit & Waveforms
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS 10V Qgs Qg
VGS
Qgd
DUT
1mA
Charge
Fig 13. Switching Time Test Circuit & Waveforms
VDS
RL VDD
( 0.5 rated V DS )
VDS
90%
10V V Pulse Generator RG
DUT
Vin
10%
td(on) t on
tr
td(off) t off
tf
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
VDS ID RG
L VDD
BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD BVDSS IAS ID (t)
10V
DUT
VDD
tp
VDS (t) Time
5/7
SFP50N06
Fig. 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
+ VDS _
IS
L
Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * IS controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
IS ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
Vf
VDD
Body Diode Forward Voltage Drop
6/7
SFP50N06
TO-220 Package Dimension
Dim. A B C D E F G H I J K L M N O
Min. 9.7 6.3 9.0 12.8 1.2
mm Typ.
Max. 10.1 6.7 9.47 13.3 1.4
Min. 0.382 0.248 0.354 0.504 0.047
Inch Typ.
Max. 0.398 0.264 0.373 0.524 0.055
1.7 2.5 3.0 1.25 2.4 5.0 2.2 1.25 0.45 0.6 3.6 3.4 1.4 2.7 5.15 2.6 1.55 0.6 1.0 0.118 0.049 0.094 0.197 0.087 0.049 0.018 0.024
0.067 0.098 0.134 0.055 0.106 0.203 0.102 0.061 0.024 0.039 0.142
O
E B
A
H
I
F
C M
G 1 D 2 3
L
1. Gate 2. Drain 3. Source
N O
J K
7/7


▲Up To Search▲   

 
Price & Availability of SFP50N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X