Part Number Hot Search : 
1KA152 1A220 PE6131 5929A 1KA152 ULN20 MAX14532 090663
Product Description
Full Text Search
 

To Download SDA9400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 s
Product Brief
SCARABAEUS SDA 9400
Scanrate Converter Using Embedded Dram Technology Units
Potential Application The SDA 9400 is a new component of the Siemens MEGAVISION(R)IC set for building high end TV sets 100/120 Hz interlaced TV sets 50/60 Hz Progressive Scan TV sets Features Two Input Data Formats - 4:2:2 luminance and chrominance parallel (2 x 8 wires) - ITU-R 656 data format (8 wires) Flexible Compression of the Input Signal - Digital vertical compression of the input signal (1.0, 1.25, 1.5, 1.75, 2.0, 3.0, 4.0) - Digital horizontal compression of the input signal (1.0, 2.0, 4.0) Noise Reduction - Motion adaptive spatial and temporal noise reduction (3DNR) - Flexible programming of the temporal noise reduction parameters - Automatic measurement of the noise level (5 bit value, readable by I 2C Bus) 3-D Motion Detection
SCARABAEUS
- High performance motion detector for scan rate conversion - Global motion detection flag (readable by I 2C Bus) - Movie mode and phase detector (readable by I 2C Bus) Embedded Memory 5 Mbit Embedded DRAM Core for Field Memories, 192 kbit Embedded DRAM Core for Line Memories Flexible Clock and Synchronization Concept Scan Rate Conversion - Motion adaptive 100/120 Hz interlaced scan conversion - Motion adaptive 50/60 Hz progressive scan conversion - Simple static interlaced and progressive conversion modes for 100/120 Hz interlaced or 50/60 Hz progressive scan conversion: e. g. ABAB, AABB, AA*B*B, AAAA, BBBB, AB, AA* - Large area and line flicker reduction Flexible Digital Vertical Expansion of the Output Signal (1.0, ... [1/32]..., 2.0) Flexible Output Sync Controller Signal Manipulations - Insertion of coloured background - Vertical and/or horizontal windowing with four different speed factors - Flash generation (for supervising applications, motion flag readable by I 2C Bus) - Still frame or field - Support for split screen applications (PIP processor necessary) - Still-in-moving picture, Movingin-still picture (PIP processor
http://www.siemens.de/semiconductor/
Technical Data I 2 C Bus control (400 kHz) P-MQFP-64 package 3.3 V 5% supply voltage 0.35 m CMOS technology 4:2:2 processing
Block Diagram SDA 9400
Embedded memory - 5 Mbit embedded DRAM core for field memories - 192 kbit embedded DRAM core for line memories
Availability The SDA 9400 and a complete documentation is available in samples 1998. Mass production is scheduled for 1999. A dedicated engineering support team is there to assist you. Also an application board is available. Please contact your local Siemens office for further
ISC Input sync controller
MC Memory Controller ED eDRAM Interfaces Data buffer Voltage control Test controller
OSC Output sync controller
A
Wien (+43) 1-1707-35611 Richmond (Melbourne), Vic. 3121 (+61) 3-94207111 Brussel/Bruxelles (+32) 2-536 23 48
IRL
Dublin 4 (+353) 1-603 23 48 Tokyo 141-0022 (+81) 3-5449 64 Penang (+60) 4-644 9975 Oslo 5 (+47) 22-63 30 00 Den Haag (+31) 70-333 24 29 Auckland (+64) 9-520 3033 Amadora (+35) 1-4170011 Islamabad (+92) 51-2122 00 Warszawa (+48) 2-670 9151 Taipei (+886) 2-25237990 Seoul 135-080 (+82) 2-527 77 00 Moskva (+7) 095-237-6476, -6911 Kista (+46) 8-703 35 00 Singapore 349 253 (+65) 840 0610 Findikli (Istanbul) (+90) 212-25109 00 Cupertino, CA 95014 (+1) 408-777 45 00 Cupertino, CA 95014 (+1) 408-257 7910 Iselin, NJ 08830-2770 (+1) 732-906 43 00 Beijing (+86) 10-6857 90 -06, -07 Shanghai 200003 (+86) 21-63612618/19 Halfway House 1685 (+27) 11-652 -2000, -2700
AUS
IFC Input format conversion
LDR Vertical, Horizontal decimation Noise reduction and measurement Motion detector
J
HDR Scan rate conversion Vertical interpolation
MAL
OFC output format conversion
B
N BR
Sao Paulo-SP (+55) 11-836 2547
NL
CDN
I 2C I 2C Bus Interface
Motion mode and phase detection LM Line memory
Mississauga, Ontario L5T 1P2 (+1) 905-819 80 00 Zurich (+41) 1-495 3111 Dusseldorf (+49) 211-39915 51 Laatzen (Hannover) (+49) 511-8772706 Nurnberg (+49) 911-65476 22 Stuttgart (+49) 711-137 3314 Munchen (+49) 89-922140 86 Ballerup (+45) 4477-4477
NZ
PLL 1 Clock doubling
PLL 2 Clock doubling LM Line memory
CH
P
D
PK
PL
The SDA 9400 is a single core IC for 100 Hz containing all necessary blocks
RC
The SDA 9400 contains all necessary functional blocks on a single chip: Flexible input sync controller Input format conversion Low data rate processing Memory controller Flexible output sync controller
Application Example
Output format conversion High data rate processing I 2C Bus interface PLL for frequency doubling and in a leading edge technology 5.2 Mbit embedded DRAM for line and field memories.
ROK DK
RUS E
Tres Cantos-Madrid (+34) 1-514 80 00 Saint-Denis CEDEX 2 (+33) 1-4922 3100 Espoo (Helsinki) (+35) 9-51051 Berkshire RG 12 8FZ (+44) 1344-39 60 00 Amaroussio/Athen (+30) 1-686 4111 Hong Kong (+852) 2832 05 00 Milano (+39) 2-6676-1 New Delhi 110 014 (+91) 11-46174 47 Bangalore 560 001 (+91) 80-2279874 Mumbai 18 (+91) 22-496 2199
VRC S
F
FIN
SGP
GB
TR
GR
USA
HK
Y Analog colour decoder + RGB input SDA 9206 ABACUS
YUVIN 8 SDA 9400 SCARABAEUS
Y 8 UV 8 HOUT, VOUT, HREF CLKOUT SDA 9280 Displayprocessor
Y
I
U
HIN1
U
IND
CVBS
V SYNC
VIN1 CLK1=27MHz
V
ZA
How to reach us:
R
G
B
H-Drive
http://www.siemens.de/semiconductor/ address/address.htm
(c) Siemens AG 1998.
CVBS
PIP processor e.g. SDA 9488
SDA 936X Deflection controller
All Rights Reserved.
V-Drive
E/W
Please note that any information contained in this publication may be subject to change. Siemens reserves the right to make changes to or to discontinue any product or service identified in this publication without notice. Please contact our regional offices to receive the latest version of the relevant information to verify, before placing orders, that the information being relied upon is current.
Application of a 100 Hz TV set
Published by Semiconductor Group Siemens Aktiengesellschaft
Ordering No. B110-H7217-X-X-7600 Printed in Germany PS 05983. 1102980029


▲Up To Search▲   

 
Price & Availability of SDA9400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X