Part Number Hot Search : 
D640S 122414 BLS10 M74HCT02 1N4751A 00FFEC BJ22A AD632BH
Product Description
Full Text Search
 

To Download SC16C2552 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Rev. 01 -- 10 September 2002 Product data
1. Description
The SC16C2552 is a two channel Universal Asynchronous Receiver and Transmitter (UART) used for serial data communications. Its principal function is to convert parallel data into serial data, and vice versa. The UART can handle serial data rates up to 1.5 Mbits/s. The SC16C2552 is pin compatible with the PC16C552 and ST16C2552. It will power-up to be functionally equivalent to the 16C2450. The SC16C2552 provides enhanced UART functions with 16 byte FIFOs, modem control interface, DMA mode data transfer and concurrent writes to control registers of both channels. The DMA mode data transfer is controlled by the FIFO trigger levels and the RXRDY and TXRDY signals. On-board status registers provide the user with error indications and operational status. System interrupts and modem control features may be tailored by software to meet specific user requirements. An internal loop-back capability allows on-board diagnostics. Independent programmable baud rate generators are provided to select transmit and receive baud rates. The SC16C2552 operates at 5 V, 3.3 V and 2.5 V, and the Industrial temperature range, and is available in a plastic PLCC44 package.
2. Features
s s s s s s s s s s s s s s Industrial temperature range (-40 C to +85 C) 5 V, 3.3 V and 2.5 V operation Pin-to-pin and functionally compatible to PC16C552, ST16C2552 Software compatible with INS8250, NS16C550 1.5 Mbits/s transmit/receive operation (24 MHz maximum) 16-byte transmit FIFO 16-byte receive FIFO with error flags Independent transmit and receive UART control Four selectable Receive FIFO interrupt trigger levels; fixed XMIT FIFO interrupt trigger level Modem control signals (CTS, RTS, DSR, DTR, RI, CD) DMA operation and DMA monitoring via package I/O pins, TXRDY/RXRDY UART internal register sections A and B may be written to concurrently Multi-function output allows more package functions with fewer I/O pins Programmable character lengths (5, 6, 7, 8), with even, odd, or no parity
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
3. Ordering information
Table 1: Ordering information Package Name SC16C2552IA44 PLCC44 Description plastic leaded chip carrier; 44 leads Version SOT187-2 Type number
4. Block diagram
SC16C2552
TRANSMIT FIFO REGISTERS D0-D7 IOR IOW RESET DATA BUS AND CONTROL LOGIC
TRANSMIT SHIFT REGISTER
TXA, TXB
INTERCONNECT BUS LINES AND CONTROL SIGNALS
RECEIVE FIFO REGISTERS
RECEIVE SHIFT REGISTER
RXA, RXB
A0-A2 CS CHSEL
REGISTER SELECT LOGIC
DTRA, DTRB RTSA, RTSB MFA, MFB
MODEM CONTROL LOGIC INTA, INTB TXRDYA, TXRDYB RXRDYA, RXRDYB INTERRUPT CONTROL LOGIC CLOCK AND BAUD RATE GENERATOR
CTSA, CTSB RIA, RIB CDA, CDB DSRA, DSRB
002aaa123
XTAL1 XTAL2
Fig 1. SC16C2552 block diagram.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
2 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
5. Pinning information
5.1 Pinning
1 TXRDYA
41 DSRA
D5 D6 D7
7 8 9
40 CTSA
42 CDA
44 VCC
43 RIA
6 D4
5 D3
4 D2
3 D1
2 D0
39 RXA 38 TXA 37 DTRA 36 RTSA 35 MFA
A0 10 XTAL1 11 GND 12 XTAL2 13 A1 14 A2 15 CHSEL 16 INTB 17
SC16C2552IA44
34 INTA 33 Vcc 32 TXRDYB 31 RIB 30 CDB 29 DSRB
CS 18
MFB 19
IOW 20
RESET 21
GND 22
RTSB 23
IOR 24
RXB 25
TXB 26
DTRB 27
CTSB 28
002aaa124
Fig 2. PLCC44 pin configuration.
5.2 Pin description
Table 2: Symbol A2-A0 CHSEL Pin description Pin 10, 14, 15 16 Type I I Description Register select. A0-A2 are used during read and write operations to select the UART register to read from or write to. Channel Select. UART channel A or B is selected by the logical state of this pin when the CS is a logic 0. A logic 0 on CHSEL selects the UART channel `B', while a logic 1 selects UART channel `A'. Chip Select (Active-LOW). This function is selects channel `A' or `B', in accordance with the logical state of the CHSEL pin. This allows data to be transferred between the user CPU and the SC16C2552, or the SC16C2552 and the CPU for a channel selected by CHSEL. MF[0] overrides CHSEL while in the write cycle mode, allowing the user to write both channel registers simultaneously with one write cycle. Data bus (bi-directional). These pins are the 8-bit, 3-State data bus for transferring information to or from the controlling CPU. D0 is the least significant bit and the first data bit in a transmit or receive serial data stream. Signal and power ground.
CS
18
I
D0-D7
2-9
I/O
GND
12, 22
I
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
3 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Table 2: Symbol INTA, INTB
Pin description...continued Pin 34, 17 Type O Description Interrupt A, B (Active-HIGH). This function is associated with individual channel interrupts, INTA, INTB. INTA, INTB are enabled when MCR bit 3 is set to a logic 1, interrupts are enabled in the interrupt enable register (IER), and when an interrupt condition exists. Interrupt conditions include: receiver errors, available receiver buffer data, transmit buffer empty, or when a modem status flag is detected. Read strobe (Active-LOW). A logic 0 transition on this pin will load the contents of an internal register defined by address bits A0-A2 onto the SC16C2552 data bus (D0-D7) for access by external CPU. Write strobe (Active-LOW). A logic 0 transition on this pin will transfer the contents of the data bus (D0-D7) from the external CPU to an internal register that is defined by address bits A0-A2. Multi-Function A, B. This function is associated with an individual channel function, `A' or `B'. User programmable bits 1-2 of the Alternate Function Register (AFR), selects a signal function or output on these pins. OP2 (interrupt enable), BAUDOUT, and RXRDY are signal functions that may be selected by the AFR. These signal functions are described as follows: OP2. When OP2 (interrupt output enable function) is selected, the MF pin is a logic 1 when INTA, INTB is set to the 3-State mode (disabled), or a logic 0 when INTA, INTB is enabled. (See MCR[3].) A logic 1 is the default signal condition that is available following a master reset or power-up. BAUDOUT. When BAUDOUT function is selected, the 16x baud rate clock output is available at this pin. RXRDY. RXRDY is primarily intended for monitoring DMA mode 1 transfers for the receive data FIFOs. A logic 0 indicates there is receive data to read/unload, i.e., receive ready status with one or more RX characters available in the FIFO/RHR. This pin is a logic 1 when the FIFO/RHR is empty or when the programmed trigger level has not been reached. This signal can also be used for single mode transfers (DMA mode 0).
IOR
24
I
IOW
20
I
MFA, MFB
35, 19
O
RESET
21
I
Reset (Active-HIGH). A logic 1 on this pin will reset the internal registers and all the outputs. The UART transmitter output and the receiver input will be disabled during reset time. (See Section 7.11 "SC16C2552 external reset conditions" for initialization details.) Transmit Ready A, B (Active-LOW). These outputs provide the TX FIFO/THR status for individual transmit channels (A-B). TXRDYn is primarily intended for monitoring DMA mode 1 transfers for the transmit data FIFOs. An individual channel's TXRDYA, TXRDYB buffer ready status is indicated by logic 0, i.e., at least one location is empty and available in the FIFO or THR. This pin goes to a logic 1 when there are no more empty locations in the FIFO or THR. This signal can also be used for single mode transfers (DMA mode 0). Power supply input. Crystal or external clock input. Functions as a crystal input or as an external clock input. A crystal can be connected between this pin and XTAL2 to form an internal oscillator circuit. Alternatively, an external clock can be connected to this pin to provide custom data rates. (See Section 6.5 "Programmable baud rate generator".) Output of the crystal oscillator or buffered clock. (See also XTAL1.) Crystal oscillator output or buffered clock output. Should be left open if an external clock is connected to XTAL1. Carrier Detect (Active-LOW). These inputs are associated with individual UART channels A through B. A logic 0 on this pin indicates that a carrier has been detected by the modem for that channel.
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
TXRDYA, TXRDYB
1, 32
O
VCC XTAL1
33, 44 11
I I
XTAL2
13
O
CDA, CDB
42, 30
I
9397 750 08936
Product data
Rev. 01 -- 10 September 2002
4 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Table 2: Symbol
Pin description...continued Pin 40, 28 Type I Description Clear to Send (Active-LOW). These inputs are associated with individual UART channels, A through B. A logic 0 on the CTS pin indicates the modem or data set is ready to accept transmit data from the SC16C2552. Status can be tested by reading MSR[4]. Data Set Ready (Active-LOW). These inputs are associated with individual UART channels, A through B. A logic 0 on this pin indicates the modem or data set is powered-on and is ready for data exchange with the UART. Data Terminal Ready (Active-LOW). These outputs are associated with individual UART channels, A through B. A logic 0 on this pin indicates that the SC16C2552 is powered-on and ready. This pin can be controlled via the modem control register. Writing a logic 1 to MCR[0] will set the DTR output to logic 0, enabling the modem. This pin will be a logic 1 after writing a logic 0 to MCR[0], or after a reset. Ring Indicator (Active-LOW). These inputs are associated with individual UART channels, A through B. A logic 0 on this pin indicates the modem has received a ringing signal from the telephone line. A logic 1 transition on this input pin will generate an interrupt. Request to Send (Active-LOW). These outputs are associated with individual UART channels, A through B. A logic 0 on the RTS pin indicates the receiver is ready to receive data. Writing a logic 1 in the modem control register MCR[1] will set this pin to a logic 0, indicating that the receiver is ready to receive data. After a reset this pin will be set to a logic 1. Receive data A, B. These inputs are associated with individual serial channel data to the SC16C2552 receive input circuits, A-B. The RX signal will be a logic 1 during reset, idle (no data), or when the transmitter is disabled. During the local loop-back mode, the RX input pin is disabled and TX data is connected to the UART RX input, internally. Transmit data A, B. These outputs are associated with individual serial transmit channel data from the SC16C2552. The TX signal will be a logic 1 during reset, idle (no data), or when the transmitter is disabled. During the local loop-back mode, the TX output pin is disabled and TX data is internally connected to the UART RX input.
CTSA, CTSB
DSRA, DSRB 41, 29
I
DTRA, DTRB
37, 27
O
RIA, RIB
43, 31
I
RTSA, RTSB
36, 23
O
RXA, RXB
39, 25
I
TXA, TXB
38, 26
O
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
5 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
6. Functional description
The SC16C2552 provides serial asynchronous receive data synchronization, parallel-to-serial and serial-to-parallel data conversions for both the transmitter and receiver sections. These functions are necessary for converting the serial data stream into parallel data that is required with digital data systems. Synchronization for the serial data stream is accomplished by adding start and stop bits to the transmit data to form a data character. Data integrity is insured by attaching a parity bit to the data character. The parity bit is checked by the receiver for any transmission bit errors. The SC16C2552 is fabricated with an advanced CMOS process. The SC16C2552 is an upward solution that provides a dual UART capability with 16 bytes of transmit and receive FIFO memory, instead of none in the 16C450. The SC16C2552 is designed to work with high speed modems and shared network environments that require fast data processing time. Increased performance is realized in the SC16C2552 by the transmit and receive FIFOs. This allows the external processor to handle more networking tasks within a given time. In addition, the four selectable receive FIFO trigger interrupt levels are uniquely provided for maximum data throughput performance especially when operating in a multi-channel environment. The FIFO memory greatly reduces the bandwidth requirement of the external controlling CPU, increases performance, and reduces power consumption. The SC16C2552 is capable of operation to 1.5 Mbits/s with a 24 MHz. With a crystal or external clock input of 7.3728 MHz, the user can select data rates up to 460.8 kbits/s. The rich feature set of the SC16C2552 is available through internal registers. Selectable receive FIFO trigger levels, selectable TX and RX baud rates, and modem interface controls are all standard features.
6.1 UART A-B functions
The UART provides the user with the capability to bi-directionally transfer information between an external CPU, the SC16C2552 package, and an external serial device. A logic 0 on chip select pin CS, and a logic 1 on CHSEL allows the user to configure, send data, and/or receive data via UART channel A. A logic 0 on chip select pin CS and a logic 0 on CHSEL allows the user to configure, send data, and/or receive data via UART channel B. Individual channel select functions are shown in Table 3.
Table 3: CS = 1 CS = 0 Serial port selection Function none UART channel selected as follows: CHSEL = 1: UART Channel A CHSEL = 0: UART Channel B
Chip Select
During a write mode cycle, the setting of AFR[0] to a logic 1 will override the CHSEL selection and allow a simultaneous write to both UART channel sections. This functional capability allow the registers in both UART channels to be modified concurrently, saving individual channel initialization time. Caution should be considered, however, when using this capability. Any in-process serial data transfer may be disrupted by changing an active channel's mode.
9397 750 08936 (c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
6 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
6.2 Internal registers
The SC16C2552 provides two sets of internal registers (A and B) consisting of 12 registers each for monitoring and controlling the functions of each channel of the UART. These registers are shown in Table 4. The UART registers function as data holding registers (THR/RHR), interrupt status and control registers (IER/ISR), a FIFO control register (FCR), line status and control registers (LCR/LSR), modem status and control registers (MCR/MSR), programmable data rate (clock) control registers (DLL/DLM), a user accessible scratchpad register (SPR), and an Alternate Function Register (AFR).
Table 4: A2 0 0 0 0 1 1 1 1 0 0 0
[1] [2]
Internal registers decoding A1 0 0 1 1 0 0 1 1 0 0 1 A0 0 1 0 1 0 1 0 1 0 1 0 Line Status Register Modem Status Register Scratchpad Register LSB of Divisor Latch MSB of Divisor Latch Alternate Function Register Interrupt Status Register READ mode Receive Holding Register WRITE mode Transmit Holding Register Interrupt Enable Register FIFO Control Register Line Control Register Modem Control Register n/a n/a Scratchpad Register LSB of Divisor Latch MSB of Divisor Latch Alternate Function Register
General register set (THR/RHR, IER/ISR, MCR/MSR, FCR, LSR, SPR)[1]
Register set 2
(DLL/DLM/AFR)[2]
The General Register sets are accessible only when CS is a logic 0 and LCR[7] is a logic 0. The Baud Rate register and AFR register sets are accessible only when CS is a logic 0 and LCR[7] is a logic 1 for the register set (A/B) being accessed.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
7 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
6.3 FIFO operation
The 16 byte transmit and receive data FIFOs are enabled by the FIFO Control Register (FCR) bit 0. The user can set the receive trigger level via FCR bits 6-7, but not the transmit trigger level. The transmit interrupt trigger level is set to 16 following a reset. The receiver FIFO section includes a time-out function to ensure data is delivered to the external CPU. An interrupt is generated whenever the Receive Holding Register (RHR) has not been read following the loading of a character or the receive trigger level has not been reached.
6.4 Time-out interrupts
The interrupts are enabled by IER[0-3]. Care must be taken when handling these interrupts. Following a reset the transmitter interrupt is enabled, the SC16C2552 will issue an interrupt to indicate that Transmit Holding Register is empty. This interrupt must be serviced prior to continuing operations. The LSR register provides the current singular highest priority interrupt only. It could be noted that CTS and RTS interrupts have lowest interrupt priority. A condition can exist where a higher priority interrupt may mask the lower priority CTS/RTS interrupt(s). Only after servicing the higher pending interrupt will the lower priority CTS/RTS interrupt(s) be reflected in the status register. Servicing the interrupt without investigating further interrupt conditions can result in data errors. When two interrupt conditions have the same priority, it is important to service these interrupts correctly. Receive Data Ready and Receive Time Out have the same interrupt priority (when enabled by IER[0]). The receiver issues an interrupt after the number of characters have reached the programmed trigger level. In this case, the SC16C2552 FIFO may hold more characters than the programmed trigger level. Following the removal of a data byte, the user should re-check LSR[0] for additional characters. A Receive Time Out will not occur if the receive FIFO is empty. The time-out counter is reset at the center of each stop bit received or each time the receive holding register (RHR) is read. The actual time-out value is 4 character time.
6.5 Programmable baud rate generator
The SC16C2552 supports high speed modem technologies that have increased input data rates by employing data compression schemes. For example, a 33.6 kbit/s modem that employs data compression may require a 115.2 kbit/s input data rate. A 128.0 kbit/s ISDN modem that supports data compression may need an input data rate of 460.8 kbit/s. A baud rate generator is provided for each UART channel, allowing independent TX/RX channel control. The programmable Baud Rate Generator is capable of accepting an input clock up to 24 MHz, as required for supporting a 1.5 Mbits/s data rate. The SC16C2552 can be configured for internal or external clock operation. For internal clock oscillator operation, an industry standard microprocessor crystal (parallel resonant/20-33 pF load) is connected externally between the XTAL1 and XTAL2 pins. Alternatively, an external clock can be connected to the XTAL1 pin to clock the internal baud rate generator for standard or custom rates (see Table 5). The generator divides the input 16x clock by any divisor from 1 to 216 - 1. The SC16C2552 divides the basic external clock by 16. The basic 16x clock provides table rates to support standard and custom applications using the same system
9397 750 08936 (c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
8 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
design. The rate table is configured via the DLL and DLM internal register functions. Customized Baud Rates can be achieved by selecting the proper divisor values for the MSB and LSB sections of baud rate generator. Programming the Baud Rate Generator Registers DLM (MSB) and DLL (LSB) provides a user capability for selecting the desired final baud rate. The example in Table 5 shows the selectable baud rate table available when using a 1.8432 MHz external clock input.
XTAL1
Y1 1.8432 MHz C1 22 pF C2 33 pF
XTAL2
002aaa125
Fig 3. Crystal oscillator connection. Table 5: Output baud rate 50 75 150 300 600 1200 2400 4800 7200 9600 19.2 k 38.4 k 57.6 k 115.2 k Baud rate generator programming table using a 1.8432 MHz clock Output 16x clock divisor (decimal) 2304 1536 768 384 192 96 48 24 16 12 6 3 2 1 User 16x clock divisor (HEX) 900 600 300 180 C0 60 30 18 10 0C 06 03 02 01 DLM program value (HEX) 09 06 03 01 00 00 00 00 00 00 00 00 00 00 DLL program value (HEX) 00 00 00 80 C0 60 30 18 10 0C 06 03 02 01
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
9 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
6.6 DMA operation
The SC16C2552 FIFO trigger level provides additional flexibility to the user for block mode operation. LSR[5,6] provide an indication when the transmitter is empty or has an empty location(s). The user can optionally operate the transmit and receive FIFOs in the DMA mode (FCR[3]). When the transmit and receive FIFOs are enabled and the DMA mode is de-activated (DMA Mode 0), the SC16C2552 activates the interrupt output pin for each data transmit or receive operation. When DMA mode is activated (DMA Mode 1), the user takes the advantage of block mode operation by loading or unloading the FIFO in a block sequence determined by the receive trigger level and the transmit FIFO. In this mode, the SC16C2552 sets the interrupt output pin when characters in the transmit FIFO is below 16, or the characters in the receive FIFOs are above the receive trigger level.
6.7 Loop-back mode
The internal loop-back capability allows on-board diagnostics. In the loop-back mode, the normal modem interface pins are disconnected and reconfigured for loop-back internally. MCR[0-3] register bits are used for controlling loop-back diagnostic testing. In the loop-back mode, INT enable and MCR[2] in the MCR register (bits 2-3) control the modem RI and CD inputs, respectively. MCR signals DTR and RTS (bits 0-1) are used to control the modem CTS and DSR inputs, respectively. The transmitter output (TX) and the receiver input (RX) are disconnected from their associated interface pins, and instead are connected together internally (see Figure 4). The CTS, DSR, CD, and RI are disconnected from their normal modem control inputs pins, and instead are connected internally to DTR, RTS, INT enable, and MCR[2]. Loop-back test data is entered into the transmit holding register via the user data bus interface, D0-D7. The transmit UART serializes the data and passes the serial data to the receive UART via the internal loop-back connection. The receive UART converts the serial data back into parallel data that is then made available at the user data interface D0-D7. The user optionally compares the received data to the initial transmitted data for verifying error-free operation of the UART TX/RX circuits. In this mode, the receiver and transmitter interrupts are fully operational. The Modem Control Interrupts are also operational. However, the interrupts can only be read using lower four bits of the Modem Status Register (MSR[0-3]) instead of the four Modem Status Register bits 4-7. The interrupts are still controlled by the IER.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
10 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
SC16C2552
TRANSMIT FIFO REGISTERS D0-D7 IOR IOW RESET DATA BUS AND CONTROL LOGIC
TRANSMIT SHIFT REGISTER
TXA, TXB
MCR[4] = 1
INTERCONNECT BUS LINES AND CONTROL SIGNALS
RECEIVE FIFO REGISTERS
RECEIVE SHIFT REGISTER
RXA, RXB
A0-A2 CS CHSEL
RTSA, RTSB
REGISTER SELECT LOGIC
DSRA, DSRB DTRA, DTRB
MODEM CONTROL LOGIC
CTSA, CTSB OP1A, OP1B
INTA, INTB TXRDYA, TXRDYB RXRDYA, RXRDYB
INTERRUPT CONTROL LOGIC
CLOCK AND BAUD RATE GENERATOR
RIA, RIB OP2A, OP2B
CDA, CDB
002aaa126
XTAL1 XTAL2
Fig 4. Internal loop-back mode diagram.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
11 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
7. Register descriptions
Table 6 details the assigned bit functions for the SC16C2552 internal registers. The assigned bit functions are further defined in Section 7.1 through Section 7.11.
Table 6: A2 0 0 0 A1 0 0 0 SC16C2552 internal registers A0 0 0 1 Register Set[2] XX XX 00 bit 7 bit 7 0 bit 6 bit 6 0 bit 5 bit 5 0 bit 4 bit 4 0 bit 3 bit 3 modem status interrupt DMA mode select INT priority bit 2 parity enable OP A/B, INT A/B enable framing error CD bit 3 bit 3 bit 11 bit 3 bit 2 bit 2 receive line status interrupt XMIT FIFO reset INT priority bit 1 stop bits bit 1 bit 1 transmit holding register interrupt RCVR FIFO reset INT priority bit 0 word length bit 1 RTS bit 0 bit 0 receive holding register FIFO enable INT status word length bit 0 DTR RHR THR IER Default[1] Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
General Register
0
1
0
FCR
00
RCVR trigger (MSB) FIFOs enabled divisor latch enable 0
RCVR trigger (LSB) FIFOs enabled set break 0
0
0
0
1
0
ISR
01
0
0
0
1
1
LCR
00
set parity even parity 0 loop back break interrupt CTS bit 4 bit 4 bit 12 bit 4
1
0
0
MCR
00
OP1
1
0
1
LSR
60
FIFO data error CD bit 7 bit 7 bit 15 bit 7
THR and THR TSR empty empty RI bit 6 bit 6 bit 14 bit 6 DSR bit 5 bit 5 bit 13 bit 5
parity error RI bit 2 bit 2 bit 10 bit 2
overrun error DSR bit 1 bit 1 bit 9 bit 1
receive data ready CTS bit 0 bit 0 bit 8 bit 0
1 1 0 0 0
[1] [2] [3]
1 1 0 0 1
0 1 0 1 0
MSR SPR Set[3] DLL DLM AFR
X0 FF XX XX 00
Special Register
The value shown in represents the register's initialized HEX value; X = n/a. The General Register sets are accessible only when CS is a logic 0 and LCR[7] is a logic 0. Set A is accessible when CHSEL is a logic 1, and set is accessible when CHSEL is a logic 0. The Baud Rate register and AFR register sets are accessible only when CS is a logic 0 and LCR[7] is a logic 1 for the register set (A/B) being accessed.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
12 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
7.1 Transmit (THR) and Receive (RHR) Holding Registers
The serial transmitter section consists of an 8-bit Transmit Hold Register (THR) and Transmit Shift Register (TSR). The status of the THR is provided in the Line Status Register (LSR). Writing to the THR transfers the contents of the data bus (D7-D0) to the TSR and UART via the THR, providing that the THR is empty. The THR empty flag in the LSR register will be set to a logic 1 when the transmitter is empty or when data is transferred to the TSR. Note that a write operation can be performed when the THR empty flag is set (logic 0 = FIFO full; logic 1 = at least one FIFO location available). The serial receive section also contains an 8-bit Receive Holding Register (RHR) and a Receive Serial Shift Register (RSR). Receive data is removed from the SC16C2552 and receive FIFO by reading the RHR register. The receive section provides a mechanism to prevent false starts. On the falling edge of a start or false start bit, an internal receiver counter starts counting clocks at the 16x clock rate. After 7-12 clocks, the start bit time should be shifted to the center of the start bit. At this time the start bit is sampled, and if it is still a logic 0 it is validated. Evaluating the start bit in this manner prevents the receiver from assembling a false character. Receiver status codes will be posted in the LSR.
7.2 Interrupt Enable Register (IER)
The Interrupt Enable Register (IER) masks the interrupts from receiver ready, transmitter empty, line status and modem status registers. These interrupts would normally be seen on the INTA, INTB output pins.
Table 7: Bit 7-4 3 Interrupt Enable Register bits description Symbol IER[7-4] IER[3] Description Not used; initialized to logic 0. Modem Status Interrupt. This interrupt will be issued whenever there is a modem status change as reflected in MSR[0-3]. Logic 0 = Disable the modem status register interrupt (normal default condition). Logic 1 = Enable the modem status register interrupt. 2 IER[2] Receive Line Status interrupt. This interrupt will be issued whenever a receive data error condition exists as reflected in LSR[1-4]. Logic 0 = Disable the receiver line status interrupt (normal default condition). Logic 1 = Enable the receiver line status interrupt. 1 IER[1] Transmit Holding Register interrupt. In the 16C450 mode, this interrupt will be issued whenever the THR is empty, and is associated with LSR[5]. In the FIFO modes, this interrupt will be issued whenever the FIFO and THR are empty. Logic 0 = Disable the Transmit Holding Register Empty (TXRDY) interrupt (normal default condition). Logic 1 = Enable the TXRDY (ISR level 3) interrupt.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
13 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Interrupt Enable Register bits description...continued Symbol IER[0] Description Receive Holding Register. In the 16C450 mode, this interrupt will be issued when the RHR has data, or is cleared when the RHR is empty. In the FIFO mode, this interrupt will be issued when the FIFO has reached the programmed trigger level or is cleared when the FIFO drops below the trigger level. Logic 0 = Disable the receiver ready (ISR level 2, RXRDY) interrupt (normal default condition). Logic 1 = Enable the RXRDY (ISR level 2) interrupt.
Table 7: Bit 0
7.2.1
IER versus Transmit/Receive FIFO interrupt mode operation When the receive FIFO (FCR[0] = logic 1), and receive interrupts (IER[0] = logic 1) are enabled, the receive interrupts and register status will reflect the following:
* The receive RXRDY interrupt (Level 2 ISR interrupt) is issued to the external CPU
when the receive FIFO has reached the programmed trigger level. It will be cleared when the receive FIFO drops below the programmed trigger level.
* Receive FIFO status will also be reflected in the user accessible ISR register when
the receive FIFO trigger level is reached. Both the ISR register receive status bit and the interrupt will be cleared when the FIFO drops below the trigger level.
* The receive data ready bit (LSR[0]) is set as soon as a character is transferred
from the shift register (RSR) to the receive FIFO. It is reset when the FIFO is empty.
* When the Transmit FIFO and interrupts are enabled, an interrupt is generated
when the transmit FIFO is empty due to the unloading of the data by the TSR and UART for transmission via the transmission media. The interrupt is cleared either by reading the ISR register, or by loading the THR with new data characters. 7.2.2 IER versus Receive/Transmit FIFO polled mode operation When FCR[0] = logic 1, resetting IER[0-3] enables the SC16C2552 in the FIFO polled mode of operation. In this mode, interrupts are not generated and the user must poll the LSR register for TX and/or RX data status. Since the receiver and transmitter have separate bits in the LSR either or both can be used in the polled mode by selecting respective transmit or receive control bit(s).
* * * *
LSR[0] will be a logic 1 as long as there is one byte in the receive FIFO. LSR[1-4] will provide the type of receive errors, or a receive break, if encountered. LSR[5] will indicate when the transmit FIFO is empty. LSR[6] will indicate when both the transmit FIFO and transmit shift register are empty.
* LSR[7] will show if any FIFO data errors occurred.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
14 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
7.3 FIFO Control Register (FCR)
This register is used to enable the FIFOs, clear the FIFOs, set the receive FIFO trigger levels, and select the DMA mode. 7.3.1 DMA mode Mode 0 (FCR bit 3 = 0): Set and enable the interrupt for each single transmit or receive operation, and is similar to the 16C450 mode. Transmit Ready (TXRDY) will go to a logic 0 whenever an empty transmit space is available in the Transmit Holding Register (THR). Receive Ready (RXRDY) at the MF pin will go to a logic 0 whenever the Receive Holding Register (RHR) is loaded with a character and the MF register is set to the RXRDY mode. Mode 1 (FCR bit 3 = 1): Set and enable the interrupt in a block mode operation. The transmit interrupt is set when the transmit FIFO has at least one empty location. TXRDY remains a logic 0 as long as one empty FIFO location is available. The receive interrupt is set when the receive FIFO fills to the programmed trigger level. However, the FIFO continues to fill regardless of the programmed level until the FIFO is full. RXRDY at the MF pin remains a logic 0 as long as the FIFO fill level is above the programmed trigger level, and the MF register is set to the RXRDY mode. 7.3.2 FIFO mode
Table 8: Bit 7-6 FIFO Control Register bits description Symbol FCR[7] (MSB), FCR[6] (LSB) FCR[5-4] FCR[3] Description RCVR trigger. These bits are used to set the trigger level for the receive FIFO interrupt. An interrupt is generated when the number of characters in the FIFO equals the programmed trigger level. However, the FIFO will continue to be loaded until it is full. Refer to Table 9. Not used; initialized to logic 0. DMA mode select. Logic 0 = Set DMA mode `0' (normal default condition). Logic 1 = Set DMA mode `1' Transmit operation in mode `0': When the SC16C2552 is in the 16C450 mode (FIFOs disabled; FCR[0] = logic 0) or in the FIFO mode (FIFOs enabled; FCR[0] = logic 1; FCR[3] = logic 0), and when there are no characters in the transmit FIFO or transmit holding register, the TXRDY pin will be a logic 0. Once active, the TXRDY pin will go to a logic 1 after the first character is loaded into the transmit holding register. Receive operation in mode `0': When the SC16C2552 is in 16C450 mode, or in the FIFO mode (FCR[0] = logic 1; FCR[3] = logic 0) and there is at least one character in the receive FIFO, the RXRDY signal at the MF pin will be a logic 0. Once active, the RXRDY signal at the MF pin will go to a logic 1 when there are no more characters in the receiver. NOTE: The AFR register must be set to the RXRDY mode prior to any possible reading of the RXRDY signal.
5-4 3
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
15 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
FIFO Control Register bits description...continued Symbol Description Transmit operation in mode `1': When the SC16C2552 is in FIFO mode (FCR[0] = logic 1; FCR[3] = logic 1), the TXRDY pin will be a logic 1 when the transmit FIFO is completely full. It will be a logic 0 if one or more FIFO locations are empty. Receive operation in mode `1': When the SC16C2552 is in FIFO mode (FCR[0] = logic 1; FCR[3] = logic 1) and the trigger level has been reached, or a Receive Time-Out has occurred, the RXRDY signal at the MF pin will go to a logic 0. Once activated, it will go to a logic 1 after there are no more characters in the FIFO. NOTE: The AFR register must be set to the RXRDY mode prior to any possible reading of the RXRDY signal.
Table 8: Bit 3 (continued)
2
FCR[2]
XMIT FIFO reset. Logic 0 = No FIFO transmit reset (normal default condition). Logic 1 = Clears the contents of the transmit FIFO and resets the FIFO counter logic (the transmit shift register is not cleared or altered). This bit will return to a logic 0 after clearing the FIFO.
1
FCR[1]
RCVR FIFO reset. Logic 0 = No FIFO receive reset (normal default condition). Logic 1 = Clears the contents of the receive FIFO and resets the FIFO counter logic (the receive shift register is not cleared or altered). This bit will return to a logic 0 after clearing the FIFO.
0
FCR[0]
FIFOs enabled. Logic 0 = Disable the transmit and receive FIFO (normal default condition). Logic 1 = Enable the transmit and receive FIFO. This bit must be a `1' when other FCR bits are written to, or they will not be programmed.
Table 9: FCR[7] 0 0 1 1
RCVR trigger levels FCR[6] 0 1 0 1 RX FIFO trigger level 01 04 08 14
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
16 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
7.4 Interrupt Status Register (ISR)
The SC16C2552 provides four levels of prioritized interrupts to minimize external software interaction. The Interrupt Status Register (ISR) provides the user with four interrupt status bits. Performing a read cycle on the ISR will provide the user with the highest pending interrupt level to be serviced. No other interrupts are acknowledged until the pending interrupt is serviced. Whenever the interrupt status register is read, the interrupt status is cleared. However, it should be noted that only the current pending interrupt is cleared by the read. A lower level interrupt may be seen after re-reading the interrupt status bits. Table 10 "Interrupt source" shows the data values (bits 0-3) for the four prioritized interrupt levels and the interrupt sources associated with each of these interrupt levels.
Table 10: Priority level 1 2 2 3 4 Table 11: Bit 7-6 Interrupt source ISR[3] 0 0 1 0 0 ISR[2] 1 1 1 0 0 ISR[1] 1 0 0 1 0 ISR[0] 0 0 0 0 0 Source of the interrupt LSR (Receiver Line Status Register) RXRDY (Received Data Ready) RXRDY (Receive Data time-out) TXRDY (Transmitter Holding Register Empty) MSR (Modem Status Register)
Interrupt Status Register bits description Symbol ISR[7-6] Description FIFOs enabled. These bits are set to a logic 0 when the FIFOs are not being used in the 16C450 mode. They are set to a logic 1 when the FIFOs are enabled in the SC16C2552 mode. Logic 0 or cleared = default condition. Not used; initialized to a logic 0. Logic 0 or cleared = default condition. INT priority bits 2-0. These bits indicate the source for a pending interrupt at interrupt priority levels 1, 2, and 3 (see Table 10). Logic 0 or cleared = default condition. INT status. Logic 0 = An interrupt is pending and the ISR contents may be used as a pointer to the appropriate interrupt service routine. Logic 1 = No interrupt pending (normal default condition).
5-4 3-1
ISR[5-4] ISR[3-1]
0
ISR[0]
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
17 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
7.5 Line Control Register (LCR)
The Line Control Register is used to specify the asynchronous data communication format. The word length, the number of stop bits, and the parity are selected by writing the appropriate bits in this register.
Table 12: Bit 7 Line Control Register bits description Symbol LCR[7] Description Divisor latch enable. The internal baud rate counter latch and Enhance Feature mode enable. Logic 0 = Divisor latch disabled (normal default condition). Logic 1 = Divisor latch enabled. 6 LCR[6] Set break. When enabled, the Break control bit causes a break condition to be transmitted (the TX output is forced to a logic 0 state). This condition exists until disabled by setting LCR[6] to a logic 0. Logic 0 = no TX break condition (normal default condition) Logic 1 = forces the transmitter output (TX) to a logic 0 for alerting the remote receiver to a line break condition. 5-3 2 LCR[5-3] LCR[2] Programs the parity conditions (see Table 13). Stop bits. The length of stop bit is specified by this bit in conjunction with the programmed word length (see Table 14). Logic 0 or cleared = default condition. 1-0 LCR[1-0] Word length bits 1, 0. These two bits specify the word length to be transmitted or received (see Table 15). Logic 0 or cleared = default condition. Table 13: LCR[5] X X 0 0 1 Table 14: LCR[2] 0 1 1 Table 15: LCR[1] 0 0 1 1
9397 750 08936
LCR[5] parity selection LCR[4] X 0 1 0 1 LCR[3] 0 1 1 1 1 Parity selection no parity ODD parity EVEN parity force parity `1' forced parity `0'
LCR[2] stop bit length Word length 5, 6, 7, 8 5 6, 7, 8 Stop bit length (bit times) 1 1-12 2
LCR[1-0] word length LCR[0] 0 1 0 1 Word length 5 6 7 8
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
18 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
7.6 Modem Control Register (MCR)
This register controls the interface with the modem or a peripheral device.
Table 16: Bit 7-5 4 Modem Control Register bits description Symbol MCR[7-5] MCR[4] Description Not used; initialized to a logic 0. Loop-back. Enable the local loop-back mode (diagnostics). In this mode the transmitter output TX and the receiver input RX, CTS, DSR, CD, and RI are disconnected from the SC16C2552 I/O pins. Internally the modem data and control pins are connected into a loop-back data configuration (see Figure 4). In this mode, the receiver and transmitter interrupts remain fully operational. The Modem Control Interrupts are also operational, but the interrupts' sources are switched to the lower four bits of the Modem Control. Interrupts continue to be controlled by the IER register. Logic 0 = Disable loop-back mode (normal default condition). Logic 1 = Enable local loop-back mode (diagnostics). 3 MCR[3] OP2, INTA/INTB enable. Used to control the modem CD signal in the loop-back mode. Logic 0 = Forces INT (A-B) outputs to the 3-State mode and sets OP2 to a logic 1 (normal default condition). In the loop-back mode, sets CD internally to a logic 1. Logic 1 = Forces the INT (A-B outputs to the active mode and sets OP2 to a logic 0. In the loop-back mode, sets CD internally to a logic 0. 2 MCR[2] OP1. This bit is used in the Loop-back mode only. In the loop-back mode, this bit is used to write the state of the modem RI interface signal. RTS Logic 0 = Force RTS output to a logic 1 (normal default condition). Logic 1 = Force RTS output to a logic 0. 0 MCR[0] DTR Logic 0 = Force DTR output to a logic 1 (normal default condition). Logic 1 = Force DTR output to a logic 0.
1
MCR[1]
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
19 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
7.7 Line Status Register (LSR)
This register provides the status of data transfers between the SC16C2552 and the CPU.
Table 17: Bit 7 Line Status Register bits description Description FIFO data error. Logic 0 = No error (normal default condition). Logic 1 = At least one parity error, framing error or break indication is in the current FIFO data. This bit is cleared when LSR register is read. 6 LSR[6] THR and TSR empty. This bit is the Transmit Empty indicator. This bit is set to a logic 1 whenever the transmit holding register and the transmit shift register are both empty. It is reset to logic 0 whenever either the THR or TSR contains a data character. In the FIFO mode, this bit is set to `1' whenever the transmit FIFO and transmit shift register are both empty. THR empty. This bit is the Transmit Holding Register Empty indicator. This bit indicates that the UART is ready to accept a new character for transmission. In addition, this bit causes the UART to issue an interrupt to CPU when the THR interrupt enable is set. The THR bit is set to a logic 1 when a character is transferred from the transmit holding register into the transmitter shift register. The bit is reset to a logic 0 concurrently with the loading of the transmitter holding register by the CPU. In the FIFO mode, this bit is set when the transmit FIFO is empty; it is cleared when at least 1 byte is written to the transmit FIFO. Break interrupt. Logic 0 = No break condition (normal default condition). Logic 1 = The receiver received a break signal (RX was a logic 0 for one character frame time). In the FIFO mode, only one break character is loaded into the FIFO. 3 LSR[3] Framing error. Logic 0 = No framing error (normal default condition). Logic 1 = Framing error. The receive character did not have a valid stop bit(s). In the FIFO mode, this error is associated with the character at the top of the FIFO. 2 LSR[2] Parity error. Logic 0 = No parity error (normal default condition). Logic 1 = Parity error. The receive character does not have correct parity information and is suspect. In the FIFO mode, this error is associated with the character at the top of the FIFO. 1 LSR[1] Overrun error. Logic 0 = No overrun error (normal default condition). Logic 1 = Overrun error. A data overrun error occurred in the receive shift register. This happens when additional data arrives while the FIFO is full. In this case, the previous data in the shift register is overwritten. Note that under this condition, the data byte in the receive shift register is not transferred into the FIFO, therefore the data in the FIFO is not corrupted by the error.
Symbol LSR[7]
5
LSR[5]
4
LSR[4]
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
20 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Line Status Register bits description...continued Description Receive data ready. Logic 0 = No data in receive holding register or FIFO (normal default condition). Logic 1 = Data has been received and is saved in the receive holding register or FIFO.
Table 17: Bit 0
Symbol LSR[0]
7.8 Modem Status Register (MSR)
This register provides the current state of the control interface signals from the modem, or other peripheral device to which the SC16C2552 is connected. Four bits of this register are used to indicate the changed information. These bits are set to a logic 1 whenever a control input from the modem changes state. These bits are set to a logic 0 whenever the CPU reads this register.
Table 18: Bit 7 Modem Status Register bits description Description Carrier Detect, CD. During normal operation, this bit is the complement of the CD input. Reading this bit in the loop-back mode produces the state of MCR[3] (OPA/OPB). Ring Indicator, RI. During normal operation, this bit is the complement of the RI input. Reading this bit in the loop-back mode produces the state of MCR[2] (OP1). Data Set Ready, DSR. During normal operation, this bit is the complement of the DSR input. During the loop-back mode, this bit is equivalent to MCR[0] (DTR). Clear To Send, CTS. During normal operation, this bit is the complement of the CTS input. During the loop-back mode, this bit is equivalent to MCR[1] (RTS). CD [1] Logic 0 = No CD change (normal default condition). Logic 1 = The CD input to the SC16C2552 has changed state since the last time it was read. A modem Status Interrupt will be generated. 2 MSR[2] RI [1] Logic 0 = No RI change (normal default condition). Logic 1 = The RI input to the SC16C2552 has changed from a logic 0 to a logic 1. A modem Status Interrupt will be generated. 1 MSR[1] DSR [1] Logic 0 = No DSR change (normal default condition). Logic 1 = The DSR input to the SC16C2552 has changed state since the last time it was read. A modem Status Interrupt will be generated. 0 MSR[0] CTS [1] Logic 0 = No CTS change (normal default condition). Logic 1 = The CTS input to the SC16C2552 has changed state since the last time it was read. A modem Status Interrupt will be generated.
[1] Whenever any MSR bit 0-3 is set to logic 1, a Modem Status Interrupt will be generated.
Symbol MSR[7]
6
MSR[6]
5
MSR[5]
4
MSR[4]
3
MSR[3]
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
21 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
7.9 Scratchpad Register (SPR)
The SC16C2552 provides a temporary data register to store 8 bits of user information.
7.10 Alternate Function Register (AFR)
This is a read/write register used to select specific modes of MF operation and to allow both UART register's sets to be written concurrently.
Table 19: Bit 7-3 2-1 Alternate Function Register bits description Symbol AFR[7-3] AFR[2-1] Description Not used. All are initialized to logic 0. Selects a signal function for output on the MFA, MFB pins. These signal functions are described as: OP2 (interrupt enable), BAUDOUT, or TXRDY. Only one signal function can be selected at a time. See Table 20. When this bit is set, CPU can write concurrently to the same register in both UARTs. This function is intended to reduce the dual UART initialization time. It can be used by CPU when both channels are initialized to the same state. The external CPU can set or clear this bit by accessing either register set. When this bit is set, the Channel Select pin still selects the channel to be accessed during read operation. Setting or clearing this bit has no effect on read operations. The user should ensure that LCR[7] of both channels are in the same state before executing a concurrent write to the registers at address 0, 1, or 2. Logic 0 = No concurrent write (normal default condition). Logic 1 = Register set A and B are written concurrently with a single external CPU I/O write operation. Table 20: AFR[2] 0 0 1 1 MFA, MFB function selection AFR[1] 0 1 0 1 MF function OP2 BAUDOUT RXRDY reserved
0
AFR[0]
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
22 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
7.11 SC16C2552 external reset conditions
Table 21: Register IER ISR LCR MCR LSR MSR FCR AFR Table 22: Output TXA, TXB OP2A, OP2B RTSA, RTSB DTRA, DTRB INTA, INTB TXRDYA, TXRDYB Reset state for registers Reset state IER[7-0] = 0 ISR[7-1] = 0; ISR[0] = 1 LCR[7-0] = 0 MCR[7-0] = 0 LSR[7] = 0; LSR[6-5] = 1; LSR[4-0] = 0 MSR[7-4] = input signals; MSR[3-0] = 0 FCR[7-0] = 0 AFR[7-0] = 0 Reset state for outputs Reset state HIGH HIGH HIGH HIGH LOW LOW
8. Limiting values
Table 23: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VCC Vn Tamb Tstg Ptot(pack) Parameter supply voltage voltage at any pin operating temperature storage temperature total power dissipation per package Conditions Min GND - 0.3 -40 -65 Max 7 VCC + 0.3 +85 +150 500 Unit V V C C mW
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
23 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
9. Static characteristics
Table 24: DC electrical characteristics Tamb = -40 C to +85 C; VCC = 3.3 V or 5.0 V 10%, unless otherwise specified. Symbol VIL(CK) VIH(CK) VIL VIH VOL VOH ILIL ICL ICC Ci
[1]
Parameter LOW-level clock input voltage HIGH-level clock input voltage LOW-level input voltage HIGH-level input voltage LOW-level output voltage on all outputs[1] HIGH-level output voltage LOW-level input leakage current clock leakage average power supply current input capacitance
Conditions Min -0.3 2.4 -0.3 2.0 IOL = 5 mA IOL = 4 mA IOH = -5 mA IOH = -1 mA 2.0 f = 5 MHz -
3.3 V Max 0.6 VCC 0.8 0.4 10 30 4.5 5 Min -0.5 3.0 -0.5 2.2 2.4 -
5.0 V Max 0.6 VCC 0.8 VCC 0.4 10 30 4.5 5
Unit V V V V V V V V A A mA pF
Except x2, VOL = 1 V typical.
Table 25: DC electrical characteristics VCC = 2.5 V. Symbol VIL VIH VOL VOH ICC
[1]
Parameter LOW-level input voltage HIGH-level input voltage LOW-level output voltage on all outputs[1] HIGH-level output voltage average power supply current
Conditions Typ 0.7 2.0 IOL = 2.4 mA IOH = -2.4 mA 0.4 2.0 2.0
2.5 V
Unit V V V V mA
Except for x1, VOL = 1 V typically.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
24 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
10. Dynamic characteristics
Table 26: AC electrical characteristics Tamb = -40 C to +85 C; VCC = 3.3 V or 5.0 V 10%, unless otherwise specified. Symbol t1w, t2w t3w t6s t6h t7d t7w t7h t9d t12d t12h t13d t13w t13h t15d t16s t16h t17d t18d t19d t20d t21d t22d t23d t24d t25d t26d t27d t28d tRESET N
[1]
Parameter clock pulse duration oscillator/clock frequency address set-up time address hold time IOR delay from chip select IOR strobe width chip select hold time from IOR read cycle delay delay from IOR to data data disable time IOW delay from chip select IOW strobe width chip select hold time from IOW write cycle delay data set-up time data hold time delay from IOW to output delay to set interrupt from Modem input delay to reset interrupt from IOR delay from stop to set interrupt delay from IOR to reset interrupt delay from start to set interrupt delay from IOW to transmit start delay from IOW to reset interrupt delay from stop to set RXRDY delay from IOR to reset RXRDY delay from IOW to set TXRDY delay from start to reset TXRDY Reset pulse width baud rate divisor
Conditions Min 17 5 0 10 35 0 25 10 20 0
[2]
3.3 V Max 16 35 20 -[1] 50 40 40 1 45 45 24 45 1 45 45 8 216 - 1 0 0 10 30 0 20 10 15 0 20 15 5 8 40 1 Min 17
5.0 V Max 24 30 20 -[1] 40 35 35 1 40 40 24 40 1 40 40 8 216 - 1
Unit ns MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Rclk ns ns Rclk ns Rclk ns ns Rclk ns Rclk
25 20 5
100 pF load 100 pF load 100 pF load 100 pF load
8 40 1
1 IOWstrobe max = ------------------------------------2 ( Baudrate max ) Baudrate max = 1.5 Mbits/s = 333 ns Baudrate max = 460.8 kbits/s = 1 s Baudrate max = 115.2 kbits/s = 4 s
[2]
When in both DMA mode 0 and FIFO enable mode the write cycle delay should be larger than one x1 clock cycle.
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
9397 750 08936
Product data
Rev. 01 -- 10 September 2002
25 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Table 27: AC electrical characteristics VCC = 2.5 V. Symbol t3w t7w t9d t12d t12h t13w t15d
[1]
Parameter oscillator/clock frequency IOR strobe width read cycle delay delay from IOR to data data disable time IOW strobe width write cycle delay
Conditions Typ 16 60 40 60 25
[1] [2]
2.5 V
Unit MHz ns ns ns ns ns ns
60 40
1 IOWstrobe max = ------------------------------------2 ( Baudrate max ) Baudrate max = 1.5 Mbits/s = 333 ns Baudrate max = 460.8 kbits/s = 1 s Baudrate max = 115.2 kbits/s = 4 s
[2]
When in both DMA mode 0 and FIFO enable mode, the write cycle delay should be larger than one x1 clock cycle.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
26 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
10.1 Timing diagrams
t6h
A0-A2
VALID ADDRESS
CHSEL
t6s
t13h
CS
ACTIVE
t13d t13w
t15d
IOW
ACTIVE
t16s
t16h
D0-D7
DATA
002aaa128
Fig 5. General write timing.
t6h
A0-A2
VALID ADDRESS
CHSEL
t6s
t7h
CS
ACTIVE
t7d t7w
t9d
IOR
ACTIVE
t12d
t12h
D0-D7
DATA
002aaa127
Fig 6. General read timing.
9397 750 08936 (c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
27 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
IOW
ACTIVE
t17d
RTS DTR
CHANGE OF STATE
CHANGE OF STATE
CD CTS DSR t18d t18d CHANGE OF STATE CHANGE OF STATE
INT
ACTIVE
ACTIVE
ACTIVE
t19d
IOR
ACTIVE
ACTIVE
ACTIVE
t18d
RI
CHANGE OF STATE
002aaa352
Fig 7. Modem input/output timing.
t2w
t1w
EXTERNAL CLOCK
t3w
002aaa112
Fig 8. External clock timing.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
28 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
START BIT DATA BITS (5-8)
PARITY BIT
STOP BIT
NEXT DATA START BIT
RX
D0
D1
D2
D3
D4
D5
D6
D7
5 DATA BITS
6 DATA BITS t20d 7 DATA BITS INT ACTIVE
t21d
IOR
ACTIVE
16 BAUD RATE CLOCK
002aaa113
Fig 9. Receive timing.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
29 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
START BIT DATA BITS (5-8)
PARITY BIT
STOP BIT
NEXT DATA START BIT
RX
D0
D1
D2
D3
D4
D5
D6
D7
t25d ACTIVE DATA READY t26d
RXRDY
IOR
ACTIVE
002aaa114
Fig 10. Receive ready timing in non-FIFO mode.
START BIT DATA BITS (5-8)
PARITY BIT
STOP BIT
RX
D0
D1
D2
D3
D4
D5
D6
D7
FIRST BYTE THAT REACHES THE TRIGGER LEVEL
t25d ACTIVE DATA READY t26d
RXRDY
IOR
ACTIVE
002aaa115
Fig 11. Receive ready timing in FIFO mode.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
30 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
START BIT DATA BITS (5-8)
PARITY BIT
STOP BIT
NEXT DATA START BIT
TX
D0
D1
D2
D3
D4
D5
D6
D7
5 DATA BITS
6 DATA BITS
7 DATA BITS
INT
ACTIVE TX READY
t22d t23d IOW ACTIVE
t24d
ACTIVE
16 BAUD RATE CLOCK
002aaa116
Fig 12. Transmit timing.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
31 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
START BIT DATA BITS (5-8)
PARITY BIT
STOP BIT
NEXT DATA START BIT
TX
D0
D1
D2
D3
D4
D5
D6
D7
IOW
ACTIVE
TRANSMITTER READY
D0-D7
BYTE #1 t28d t27d ACTIVE TRANSMITTER NOT READY
TXRDY
002aaa345
Fig 13. Transmit ready timing in non-FIFO mode.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
32 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
START BIT DATA BITS (5-8)
PARITY BIT
STOP BIT
TX
D0
D1
D2
D3
D4
D5
D6
D7
5 DATA BITS
6 DATA BITS
7 DATA BITS
IOW
ACTIVE
t28d
D0-D7
BYTE #16
t27d
TXRDY
FIFO FULL
002aaa346
Fig 14. Transmit ready timing in FIFO mode (DMA mode `1').
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
33 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
11. Package outline
PLCC44: plastic leaded chip carrier; 44 leads SOT187-2
eD y X A ZE
eE
39
29 28
bp
40
b1 wM 44 HE A e A4 A1 (A 3) k 7 e D HD 17 ZD B vMB vM A 6 18 Lp detail X
1
pin 1 index
E
0
5 scale
10 mm
DIMENSIONS (mm dimensions are derived from the original inch dimensions) A4 A1 UNIT A A3 D(1) E(1) e eD eE HD bp b1 max. min.
mm inches 4.57 4.19 0.51 0.25 0.01 3.05 0.12 0.53 0.33 0.81 0.66
HE
k
Lp
1.44 1.02
v
0.18
w
0.18
y
0.1
ZD(1) ZE(1) max. max.
2.16 2.16
16.66 16.66 16.00 16.00 17.65 17.65 1.22 1.27 16.51 16.51 14.99 14.99 17.40 17.40 1.07 0.63 0.59 0.63 0.59
45 o
0.180 0.02 0.165
0.021 0.032 0.656 0.656 0.05 0.013 0.026 0.650 0.650
0.695 0.695 0.048 0.057 0.007 0.007 0.004 0.085 0.085 0.685 0.685 0.042 0.040
Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT187-2 REFERENCES IEC 112E10 JEDEC MS-018 JEITA EDR-7319 EUROPEAN PROJECTION
ISSUE DATE 99-12-27 01-11-14
Fig 15. PLCC44 package outline (SOT187-2).
9397 750 08936 (c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
34 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
12. Soldering
12.1 Introduction to soldering surface mount packages
This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our Data Handbook IC26; Integrated Circuit Packages (document order number 9398 652 90011). There is no soldering method that is ideal for all surface mount IC packages. Wave soldering can still be used for certain surface mount ICs, but it is not suitable for fine pitch SMDs. In these situations reflow soldering is recommended.
12.2 Reflow soldering
Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several methods exist for reflowing; for example, convection or convection/infrared heating in a conveyor type oven. Throughput times (preheating, soldering and cooling) vary between 100 and 200 seconds depending on heating method. Typical reflow peak temperatures range from 215 to 250 C. The top-surface temperature of the packages should preferable be kept below 220 C for thick/large packages, and below 235 C small/thin packages.
12.3 Wave soldering
Conventional single wave soldering is not recommended for surface mount devices (SMDs) or printed-circuit boards with a high component density, as solder bridging and non-wetting can present major problems. To overcome these problems the double-wave soldering method was specifically developed. If wave soldering is used the following conditions must be observed for optimal results:
* Use a double-wave soldering method comprising a turbulent wave with high
upward pressure followed by a smooth laminar wave.
* For packages with leads on two sides and a pitch (e):
- larger than or equal to 1.27 mm, the footprint longitudinal axis is preferred to be parallel to the transport direction of the printed-circuit board; - smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves at the downstream end.
* For packages with leads on four sides, the footprint must be placed at a 45 angle
to the transport direction of the printed-circuit board. The footprint must incorporate solder thieves downstream and at the side corners.
9397 750 08936
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
35 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications.
12.4 Manual soldering
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage (24 V or less) soldering iron applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
12.5 Package related soldering information
Table 28: Package[1] BGA, LBGA, LFBGA, SQFP, TFBGA, VFBGA HBCC, HBGA, HLQFP, HSQFP, HSOP, HTQFP, HTSSOP, HVQFN, HVSON, SMS PLCC[4], SO, SOJ LQFP, QFP, TQFP SSOP, TSSOP, VSO
[1] [2]
Suitability of surface mount IC packages for wave and reflow soldering methods Soldering method Wave not suitable not suitable[3] suitable not recommended[4][5] not recommended[6] Reflow[2] suitable suitable suitable suitable suitable
[3]
[4] [5] [6]
For more detailed information on the BGA packages refer to the (LF)BGA Application Note (AN01026); order a copy from your Philips Semiconductors sales office. All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the Data Handbook IC26; Integrated Circuit Packages; Section: Packing Methods. These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the solder cannot penetrate between the printed-circuit board and the heatsink. On versions with the heatsink on the top side, the solder might be deposited on the heatsink surface. If wave soldering is considered, then the package must be placed at a 45 angle to the solder wave direction. The package footprint must incorporate solder thieves downstream and at the side corners. Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm. Wave soldering is suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
13. Revision history
Table 29: Rev Date 01 20020910 Revision history CPCN Description Product data; initial version. Engineering Change Notice 853-2375 28891 (date: 20020910).
9397 750 08936 (c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
36 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
14. Data sheet status
Data sheet status[1] Objective data Preliminary data Product status[2] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] [2]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
15. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
16. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
Contact information
For additional information, please visit http://www.semiconductors.philips.com. For sales office addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com.
9397 750 08936
Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 10 September 2002
37 of 38
Philips Semiconductors
SC16C2552
Dual UART with 16-byte transmit and receive FIFOs
Contents
1 2 3 4 5 5.1 5.2 6 6.1 6.2 6.3 6.4 6.5 6.6 6.7 7 7.1 7.2 7.2.1 7.2.2 7.3 7.3.1 7.3.2 7.4 7.5 7.6 7.7 7.8 7.9 7.10 7.11 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 6 UART A-B functions . . . . . . . . . . . . . . . . . . . . . 6 Internal registers. . . . . . . . . . . . . . . . . . . . . . . . 7 FIFO operation . . . . . . . . . . . . . . . . . . . . . . . . . 8 Time-out interrupts . . . . . . . . . . . . . . . . . . . . . . 8 Programmable baud rate generator . . . . . . . . . 8 DMA operation . . . . . . . . . . . . . . . . . . . . . . . . 10 Loop-back mode . . . . . . . . . . . . . . . . . . . . . . . 10 Register descriptions . . . . . . . . . . . . . . . . . . . 12 Transmit (THR) and Receive (RHR) Holding Registers . . . . . . . . . . . . . . . . . . . . . 13 Interrupt Enable Register (IER) . . . . . . . . . . . 13 IER versus Transmit/Receive FIFO interrupt mode operation . . . . . . . . . . . . . . . . . . . . . . . 14 IER versus Receive/Transmit FIFO polled mode operation . . . . . . . . . . . . . . . . . . . . . . . 14 FIFO Control Register (FCR) . . . . . . . . . . . . . 15 DMA mode . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 FIFO mode . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Interrupt Status Register (ISR) . . . . . . . . . . . . 17 Line Control Register (LCR) . . . . . . . . . . . . . . 18 Modem Control Register (MCR) . . . . . . . . . . . 19 Line Status Register (LSR) . . . . . . . . . . . . . . . 20 Modem Status Register (MSR). . . . . . . . . . . . 21 Scratchpad Register (SPR) . . . . . . . . . . . . . . 22 Alternate Function Register (AFR) . . . . . . . . . 22 SC16C2552 external reset conditions . . . . . . 23 8 9 10 10.1 11 12 12.1 12.2 12.3 12.4 12.5 13 14 15 16 Limiting values . . . . . . . . . . . . . . . . . . . . . . . . Static characteristics . . . . . . . . . . . . . . . . . . . Dynamic characteristics . . . . . . . . . . . . . . . . . Timing diagrams. . . . . . . . . . . . . . . . . . . . . . . Package outline . . . . . . . . . . . . . . . . . . . . . . . . Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Introduction to soldering surface mount packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . Reflow soldering. . . . . . . . . . . . . . . . . . . . . . . Wave soldering. . . . . . . . . . . . . . . . . . . . . . . . Manual soldering . . . . . . . . . . . . . . . . . . . . . . Package related soldering information . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . Data sheet status. . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 24 25 27 34 35 35 35 35 36 36 36 37 37 37
(c) Koninklijke Philips Electronics N.V. 2002. Printed in the U.S.A
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 10 September 2002 Document order number: 9397 750 08936


▲Up To Search▲   

 
Price & Availability of SC16C2552

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X