Part Number Hot Search : 
HT49CA1 ALD4301 30PF03 MV804X ADT7482 ML4823MJ 2SA657 SNC204
Product Description
Full Text Search
 

To Download RT9224PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RT9224
Function Block Diagram
VCC
VSEN
110%
Power-On Reset (POR) + + PGOOD
90%
115% + + OCSET - Over Current Reference 200uA 4.5V Soft Start 10uA SS BOOT UGATE Inhibit Gate Control Logic PHASE Over Voltage OVP
VID0 VID1 VID2 VID3 VID4
TTL D/A Converter (DAC)
DACOUT Error Amplifier
+ -
PWM Comparator + Oscillator PWM
FB
LGATE PGND GND
DS9224-05 March 2004
www.richtek.com 3
RT9224
Functional Pin Description
Pin No. Pin Name 1 VSEN Pin Function Output voltage monitoring input for OVP & PGOOD Over current set pin, sinks 200A through a resistor (ROCS) from this pin to upper N-MOSFET to set the trip point: 2 OCSET
IPEAK =
200uA x ROCS MOSFET - on resistance
An over-current trip cycles the soft-start function 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 SS VID0 VID1 VID2 VID3 VID4 NC FB GND PGOOD PHASE UGATE BOOT PGND LGATE VCC OVP NC Soft start speed is set by internal 10A current source and capacitor from this pin to GND Switching Regulator Output Voltage Setting Switching Regulator Output Voltage Setting Switching Regulator Output Voltage Setting Switching Regulator Output Voltage Setting Switching Regulator Output Voltage Setting No Connection Feedback input pin for the PWM Loop IC Signal Ground Open Drain Logic Output This pin is pulled low when the converter output is not within 10% of the DACOUT reference voltage Current Limit Sense Input High Side Driver Output Driver Power Low Side Driver GND Low Side Driver Output Power Supply Input Over Voltage Protection This pin is pulled high when the VSEN voltage is over 15% of the DACOUT reference voltage No Connection
www.richtek.com 4
DS9224-05 March 2004
RT9224
Table 1 Output Voltage Program
Pin Name VID4 VID3 VID2 VID1 VID0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 Nominal Output Voltage DACOUT 1.30V 1.35V 1.40V 1.45V 1.50V 1.55V 1.60V 1.65V 1.70V 1.75V 1.80V 1.85V 1.90V 1.95V 2.00V 2.05V Pin Name VID4 VID3 VID2 VID1 VID0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 Nominal Output Voltage DACOUT 2.0V 2.1V 2.2V 2.3V 2.4V 2.5V 2.6V 2.7V 2.8V 2.9V 3.0V 3.1V 3.2V 3.3V 3.4V 3.5V
DS9224-05 March 2004
www.richtek.com 5
RT9224
Absolute Maximum Ratings
Supply Voltage ------------------------------------------------------------------------------------------------------- +15V Boot Voltage ---------------------------------------------------------------------------------------------------------- +15V Input, Output or I/O Voltage --------------------------------------------------------------------------------------- GND -0.3V to Vcc + 0.3V Storage Temperature Range --------------------------------------------------------------------------------------- -65C to 150 C Package Thermal Resistance SOP-20,JA ---------------------------------------------------------------------------------------------------------------------------------------------------------- 87 C/W
Recommended Operating Conditions
Supply Voltage, VCC ------------------------------------------------------------------------------------------------------------------------------------------ +12V 10% Ambient Temperature Range -------------------------------------------------------------------------------------- 0 C to 70C Junction Temperature Range -------------------------------------------------------------------------------------- 0 C to 125C
Electrical Characteristics
(TA = 25 C, recommended operating conditions, unless otherwise specified)
Parameter VCC Supply Current Nominal Supply Power-On Reset VCC Rising Threshold VCC Falling Threshold Rising VOCSET Threshold Oscillator Free Running Frequency Ramp Amplitude Reference and DAC DAC (VID0 - VID4) Input Low Voltage DAC (VID0 - VID4) Input High Voltage DACOUT Voltage Accuracy Error Amplifier DC Gain Gate Drivers UGATE Source UGATE Sink LGATE Source LGATE Sink
Symbol
Test Conditions UGATE and LGATE Open
Min ----170
Typ 3 9.5 7.5 1.6 200 1.9 ---65 8 5 500 5
Max ----230 -0.8 -+1.0 ------
Units mA V V V
ICC
VOCSET = 4.5V VOCSET = 4.5V
kHz VP-P V V % dB mA
VOSC
--2.0 -1.0 ------
RUGATE VBOOT - VPHASE = 12V RUGATE VUGATE - VPHASE = 1V ILGATE VCC = 12V, VLGATE = 6V RLGATE VLGATE = 1V
To be continued
www.richtek.com 6
DS9224-05 March 2004
RT9224
Parameter Protection Over-voltage Trip (VSEN/DACOUT) OCSET Current Source OVP Sourcing Current Soft-Start Current Power Good Upper Threshold (VSEN/DACOUT) Lower Threshold (VSEN/DACOUT) Hysteresis (VSEN/DACOUT) PGOOD Voltage Low VSEN Rising VSEN Falling Upper and Lower Threshold VPGOOD IPGOOD = -5mA 106 89 ----2 0.5 114 96 --% % % V IOCSET IOVP ISS VOCSET = 4.5V VSEN = 5.5V, VOVP = 0V VSS = 1.5V -167 60 -115 200 -10 120 233 --% A mA A Symbol Test Conditions Min Typ Max Units
DS9224-05 March 2004
www.richtek.com 7
RT9224
Outline Dimension
A H M
J
B
F
C I D
Symbol A B C D F H I J M
Dimensions In Millimeters Min 12.598 7.391 2.362 0.330 1.194 0.229 0.102 10.008 0.381 Max 13.005 7.595 2.642 0.508 1.346 0.330 0.305 10.643 1.270
Dimensions In Inches Min 0.496 0.291 0.093 0.013 0.047 0.009 0.004 0.394 0.015 Max 0.512 0.299 0.104 0.020 0.053 0.013 0.012 0.419 0.050
20- Lead SOP Plastic Package
RICHTEK TECHNOLOGY CORP.
Headquarter 5F, No. 20, Taiyuen Street, Chupei City Hsinchu, Taiwan, R.O.C. Tel: (8863)5526789 Fax: (8863)5526611
RICHTEK TECHNOLOGY CORP.
Taipei Office (Marketing) 8F-1, No. 137, Lane 235, Paochiao Road, Hsintien City Taipei County, Taiwan, R.O.C. Tel: (8862)89191466 Fax: (8862)89191465 Email: marketing@richtek.com
www.richtek.com 8
DS9224-05 March 2004


▲Up To Search▲   

 
Price & Availability of RT9224PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X